|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Macroblock Features Preliminary Datasheet MBI5026 16-bit Constant Current LED Sink Driver MBI5016CNS MBI5026CNS * 16 constant-current output channels * Constant output current invariant to load voltage change * Excellent output current accuracy: between channels: 3% (max.), and between ICs: 6% (max.) * Output current adjusted through an external resistor * Constant output current range: 5-90 mA * Fast response of output current, OE (min.): 200 ns * 25MHz clock frequency * Schmitt trigger input * 5V supply voltage MBI5016CF MBI5026CF MBI5016CP MBI5026CP Current Accuracy Between Channels Between ICs < 3% < 6% Conditions IOUT = 10 mA ~ 60 mA Product Description MBI5026 is designed for LED displays. As an enhancement of its predecessor, MBI5016, MBI5026 exploits PrecisionDriveTM technology to enhance its output characteristics. MBI5026 contains a serial buffer and data latches which convert serial input data into parallel output format. At MBI5026 output stage, sixteen regulated current ports are designed to provide uniform and constant current sinks for driving LEDs within a large range of Vf variations. MBI5026 provides users with great flexibility and device performance while using MBI5026 in their system design for LED display applications, e.g. LED panels. Users may adjust the output current from 5 mA to 90 mA through an external resistor, Rext, which gives users flexibility in controlling the light intensity of LEDs. MBI5026 guarantees to endure maximum 17V at the output port. The high clock frequency, 25 MHz, also satisfies the system requirements of high volume data transmission. OMacroblock, Inc. 2003 Floor 6-4, No.18, Pu-Ting Rd., Hsinchu, Taiwan 30077, ROC. TEL: +886-3-579-0068, FAX: +886-3-579-7534 E-mail: info@mblock.com.tw -1- MBI5026 Block Diagram OUT0 16-bit Constant Current LED Sink Driver OUT1 OUT14 OUT15 R-EXT VDD IO Regulator OE 16-bit Output Driver 16 LE GND 16-bit Output Latch 16 16-bit Shift Register SDO SDI CLK Terminal Description Pin No. 1 2 3 Pin Configuration Function GND 1 SDI 2 CLK 3 LE 4 OUT0 5 OUT1 6 OUT2 7 OUT3 8 OUT4 9 OUT5 10 OUT6 11 OUT7 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD R-EXT SDO OE OUT15 OUT14 OUT13 OUT12 OUT11 OUT10 OUT9 OUT8 Pin Name GND SDI CLK Ground terminal for control logic and current sink Serial-data input to the shift register Clock input terminal for data shift on rising edge Data strobe input terminal 4 LE Serial data is transferred to the output latch when LE is high. The data is latched when LE goes low. 5~20 OUT0 ~ OUT15 Constant current output terminals Output enable terminal 21 OE When (active) low, the output drivers are enabled; when high, all output drivers are turned OFF (blanked). Serial-data output to the following SDI of next driver IC Input terminal used to connect an external resistor for setting up output current for all output channels 5V supply voltage terminal 22 SDO 23 24 R-EXT VDD -2- April 2003, V0.8-4 MBI5026 16-bit Constant Current LED Sink Driver Equivalent Circuits of Inputs and Outputs OE terminal VDD LE terminal VDD IN IN CLK, SDI terminal VDD SDO terminal VDD IN OUT -3- April 2003, V0.8-4 MBI5026 Timing Diagram N=0 1 2 3 4 5 6 7 16-bit Constant Current LED Sink Driver 8 9 10 11 12 13 14 15 CLK SDI LE OE OUT0 OUT1 OFF ON OFF ON OFF ON OFF OUT2 OUT3 ON OFF OUT15 ON SDO : don't care Truth Table CLK LE H L H X X OE L L L L H SDI Dn Dn+1 Dn+2 Dn+3 Dn+3 OUT0 ... OUT 7 ... OUT15 Dn ..... Dn - 7 .... Dn - 15 No Change Dn + 2 .... Dn - 5 .... Dn - 13 Dn + 2 .... Dn - 5 .... Dn - 13 Off SDO Dn-15 Dn-14 Dn-13 Dn-13 Dn-13 -4- April 2003, V0.8-4 MBI5026 Maximum Ratings Characteristic Supply Voltage Input Voltage Output Current Output Voltage Clock Frequency GND Terminal Current CNS - type Power Dissipation (On PCB, Ta=25C) CF - type CP - type CNS - type Thermal Resistance (On PCB, Ta=25C) Operating Temperature Storage Temperature CF - type CP - type 16-bit Constant Current LED Sink Driver Symbol VDD VIN IOUT VDS FCLK IGND PD Rating 0~7.0 -0.4~VDD + 0.4 +90 -0.5~+20.0 25 1440 1.52 1.30 1.11 82 Rth(j-a) Topr Tstg 96 112 -40~+85 -55~+150 C C C/W W Unit V V mA V MHz mA -5- April 2003, V0.8-4 MBI5026 16-bit Constant Current LED Sink Driver Recommended Operating Conditions Characteristic Supply Voltage Output Voltage Symbol VDD VDS IOUT Output Current IOH IOL Input Voltage VIH VIL LE Pulse Width CLK Pulse Width OE Pulse Width Setup Time for SDI Hold Time for SDI Setup Time for LE Hold Time for LE Clock Frequency tw(L) tw(CLK) tw(OE) VDD=4.5~5.5V tsu(D) th(D) tsu(L) th(L) FCLK Cascade Operation Ta=85C (CNS type) Power Dissipation PD Ta=85C (CF type) Ta=85C (CP type) 5 10 15 15 25.0 0.79 0.67 0.57 W ns ns ns ns MHz Condition OUT0 ~ OUT15 DC Test Circuit SDO SDO CLK, OE , LE and SDI CLK, OE , LE and SDI Min. 4.5 5 0.8VDD -0.3 40 20 200 Typ. 5.0 Max. 5.5 17.0 60 -1.0 1.0 VDD+0.3 0.3VDD Unit V V mA mA mA V V ns ns ns -6- April 2003, V0.8-4 MBI5026 Electrical Characteristics Characteristic Input Voltage "H" level "L" level Symbol VIH VIL IOH VOL VOH IOUT1 dIOUT1 IOUT2 dIOUT2 %/dVDS %/dVDD RIN(up) RIN(down) IDD(off) 1 "OFF" Supply Current "ON" IDD(off) 2 IDD(off) 3 IDD(on) 1 IDD(on) 2 16-bit Constant Current LED Sink Driver Condition Ta = -40~85C Ta = -40~85C VOH=17.0V IOL=+1.0mA IOH=-1.0mA VDS=0.6V IOL=25mA VDS=0.6V VDS=0.8V IOL=50mA VDS=0.8V Rext=720 Rext=720 Rext=360 Rext=360 Min. 0.8VDD GND 4.6 250 250 =Off =Off - Typ. 25.0 1 50.0 1 0.1 1 500 500 9 10 11 10 11 Max. VDD 0.3VDD 0.5 0.4 3 3 800 800 - Unit V V A V V mA % mA % %/V %/V K K Output Leakage Current Output Voltage SDO Output Current 1 Current Skew Output Current 2 Current Skew Output Current vs. Output Voltage Regulation Output Current vs. Supply Voltage Regulation Pull-up Resistor Pull-down Resistor VDS within 1.0V and 3.0V VDD within 4.5V and 5.5V OE LE Rext=Open, Rext=720 , OUT0 ~ OUT15 OUT0 ~ OUT15 Rext=360 , OUT0 ~ OUT15 =Off Rext=720 , Rext=360 , OUT0 ~ OUT15 OUT0 ~ OUT15 mA =On =On Test Circuit for Electrical Characteristics IDD VDD OE IOUT OUT0 IIH,IIL CLK LE SDI R - EXT GND . . . . OUT15 SDO VIH, VIL Iref -7- April 2003, V0.8-4 MBI5026 Switching Characteristics Characteristic CLK - OUTn Propagation Delay Time ("L" to "H") LE - OUTn OE - OUTn CLK - SDO CLK - OUTn Propagation Delay Time ("H" to "L") LE - OUTn OE - OUTn CLK - SDO CLK Pulse Width LE OE Hold Time for LE Setup Time for LE Maximum CLK Rise Time Maximum CLK Fall Time Output Rise Time of Iout Output Fall Time of Iout 16-bit Constant Current LED Sink Driver Symbol tpLH1 tpLH2 tpLH3 tpLH tpHL1 tpHL2 tpHL3 tpHL tw(CLK) tw(L) tw(OE) th(L) tsu(L) tr** tf** tor tof Condition Min. 15 Typ. 50 50 20 20 100 100 50 20 70 40 Max. 100 100 100 150 150 150 500 500 200 120 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns VDD=5.0 V VDS=0.8 V VIH=VDD VIL=GND Rext=300 VL=4.0 V RL=52 CL=10 pF 15 20 20 200 5 5 - If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer between two cascaded devices. Test Circuit for Switching Characteristics IDD VIH, VIL VDD OE CLK LE SDI R - EXT GND IOUT OUT0 Function Generator . . . OUT15 RL SDO CL VL Logic input waveform VIH = 5V VIL = 0V tr = tf = 10 ns Iref CL -8- April 2003, V0.8-4 MBI5026 Timing Waveform tW(CLK) 16-bit Constant Current LED Sink Driver CLK 50% 50% 50% tsu(D) th(D) 50% SDI 50% SDO tpLH, tpHL 50% tW(L) 50% 50% LE th(L) tsu(L) LOW = OUTPUTS ENABLED HIGH = OUTPUT OFF OE OUTn tpLH1, tpHL1 50% LOW = OUTPUT ON tpLH2, tpHL2 tW(OE) OE 50% 50% tpHL3 tpLH3 90% 50% 10% 90% 50% 10% OUTn tof tor -9- April 2003, V0.8-4 MBI5026 Application Information Constant Current 16-bit Constant Current LED Sink Driver To design LED displays, MBI5026 provides nearly no variations in current from channel to channel and from IC to IC. This can be achieved by: 1) The maximum current variation between channels is less than 3%, and that between ICs is less than 6%. 2) In addition, the current characteristic of output stage is flat and users can refer to the figure as shown below. The output current can be kept constant regardless of the variations of LED forward voltages (Vf). This performs as a perfection of load regulation. 100.00 90.00 80.00 70.00 60.00 50.00 40.00 30.00 20.00 10.00 0.00 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 2 2.5 Iout (mA) VDS (V) - 10 - April 2003, V0.8-4 MBI5026 Adjusting Output Current 16-bit Constant Current LED Sink Driver The output current of each channel (IOUT) is set by an external resistor, Rext. The relationship between Iout and Rext is shown in the following figure. IOUT (mA) 100 90 80 70 60 50 40 30 20 10 0 0 500 1000 1500 2000 2500 3000 3500 4000 VDS = 1.0V Resistance of the external resistor, Rext, in Also, the output current in milliamps can be calculated from the equation: IOUT is (625 / Rext) x 28.8, approximately, where Rext, in , is the resistance of the external resistor connected to R-EXT terminal. The magnitude of current (as a function of Rext) is around 50mA at 360 and 25mA at 720. - 11 - April 2003, V0.8-4 MBI5026 Package Power Dissipation (PD) 16-bit Constant Current LED Sink Driver The maximum allowable package power dissipation is determined as P D(max) = (Tj - Ta) / Rth(j-a). When 16 output channels are turned on simultaneously, the actual package power dissipation is PD(act) = (IDD x VDD) + (IOUT x Duty x VDS x 16). Therefore, to keep PD(act) PD(max), the allowable maximum output current as a function of duty cycle is: IOUT = { [ (Tj - Ta) / Rth(j-a) ] - (IDD x VDD) } / VDS / Duty / 16, where Tj = 150C. (A) Iout = 90mA, VDS = 1.0V, 16 output channels active For CNS type package, the thermal resistance is Rth(j-a) = 82 (C/W) Iout vs. Duty Cycle at Rth = 82 (C/W) 100 90 80 70 60 50 40 30 20 10 0 5% 10% 15% Iout (mA) Ta = 25C Ta = 55C Ta = 85C 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 95% 100% 100% Duty Cycle For CF type package, the thermal resistance is Rth(j-a) = 96 (C/W) Iout vs. Duty Cycle at Rth = 96 (C/W) 100 90 80 70 60 50 40 30 20 10 0 5% 10% 15% Iout (mA) Ta = 25 Ta = 55 Ta = 85 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% Duty Cycle - 12 - April 2003, V0.8-4 MBI5026 16-bit Constant Current LED Sink Driver For CP type package, the thermal resistance is Rth(j-a) = 112 (C/W) Iout vs. Duty Cycle at Rth = 112 (C/W) 100 90 80 70 60 50 40 30 20 10 0 5% 10% Iout (mA) Ta = 25C Ta = 55C Ta = 85C 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% Duty Cycle (B) Iout = 60mA, VDS = 0.8V, 16 output channels active For CNS type package, the thermal resistance is Rth(j-a) = 82 (C/W) Iout vs. Duty Cycle at Rth = 82 (C/W) 70 60 50 Iout (mA) 40 30 20 10 0 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% Ta = 25C Ta = 55C Ta = 85C Duty Cycle - 13 - April 2003, V0.8-4 MBI5026 16-bit Constant Current LED Sink Driver For CF type package, the thermal resistance is Rth(j-a) = 96 (C/W) Iout vs. Duty Cycle at Rth = 96 (C/W) 70 60 50 Iout (mA) 40 30 20 10 0 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% Ta = 25C Ta = 55C Ta = 85C Duty Cycle For CP type package, the thermal resistance is Rth(j-a) = 112 (C/W) Iout vs. Duty Cycle at Rth = 112 (C/W) 70 60 50 Iout (mA) 40 30 20 10 0 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% Ta = 25C Ta = 55C Ta = 85C Duty Cycle - 14 - April 2003, V0.8-4 MBI5026 16-bit Constant Current LED Sink Driver The maximum power dissipation, P D(max) = (Tj - Ta) / Rth(j-a), decreases as the ambient temperature increases. Max. Power Dissipation at Various Ambient Temperature 1.6 1.4 Power Dissipation 1.2 1 0.8 0.6 0.4 0.2 0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 CNS Type: Rth = 82 CF Type: Rth = 96 CP Type: Rth = 112 Ambient Temperature Load Supply Voltage (VLED) MBI5026 are designed to operate with V DS ranging from 0.4V to 1.0V considering the package power dissipating limits. VDS may be higher enough to make PD(act) > PD(max) when VLED = 5V and VDS = VLED - Vf, in which VLED is the load supply voltage. In this case, it is recommended to use the lowest possible supply voltage or to set an external voltage reducer, VDROP. A voltage reducer lets VDS = (VLED - Vf) - VDROP. Resistors or Zener diode can be used in the applications as shown in the following figures. VLED VDROP VLED VDROP Vf VDS Vf VDS MBI5026 MBI5026 - 15 - April 2003, V0.8-4 MBI5026 Package Outlines MBI5026CNS Outline Drawing 16-bit Constant Current LED Sink Driver SDIP-24-P-300-1.78 Units: mm Weight: 1.11g (typ) MBI5026CF Outline Drawing SOP-24-P-300-1.00 Units: mm Weight: 0.28g (typ) - 16 - April 2003, V0.8-4 MBI5026 MBI5026CP Outline Drawing 16-bit Constant Current LED Sink Driver SSOP24-P-150-0.64 Units: mm Weight: 0.11g (typ) - 17 - April 2003, V0.8-4 |
Price & Availability of MBI5026CF |