Part Number Hot Search : 
550S2 C2462 STB15100 MC7812C GKCB32PX 2J2501N0 LPX50 CM2500
Product Description
Full Text Search
 

To Download LQ12S41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Under Development
LQ12S41
Features
n n 31 cm [12.1"] SVGA format Built-in long life(30 000 h) backlight
Color TFT-LCD Module for Industrial/POS/Banking terminals
n n
High brightness : 250 cd/m2 Wide viewing angle: L/R 120U/D 90
Specifications
Parameter
Display size Dot format (H x V) Dot pitch (H x V) Active area (H x V) Color Input signal Viewing direction Backlight type 31 [12.1] 800 x RGB x 600 0.1025 x 0.3075 246.0 x 184.5 262 144 6-bit Digital RGB 6:00 2CCFT(E)
Unit
cm [ "] dot mm mm -
Parameter
Unit
Brightness 270 cd/m2 Contrast ratio 300 : 1 Power consumption panel 7.5 W & backlight Outline dimensions (W x H x D) 290.0 x 225.0 x 13.2 mm Weight 990 g Operating temperature 0 to + 50 C Storage temperature -25 to + 60 C
Outline Dimensions
290 2- 3.4
unit : mm
90
ARROW SHOWS 6 O'CLOCK VIEWING ANGLE
110
2-3.4 85.5
90
ACTIVE AREA 246.0X184.5
BEZEL OPENING 249.0X187.5
6.65
225
213
ACTIVE AREA CENTER
4.75
2.5 5.5 13.2
6
149.5 4 283
129.5
171
38
LQ12S41
NOTICE
The intended purpose of this product does not include military vehicles or civilian aircraft cockpit applications. Should any product be used in these applications no warranty or representation is made that the product is free from claims of patent infringement and no indemnification against such claims will be provided.


▲Up To Search▲   

 
Price & Availability of LQ12S41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X