Part Number Hot Search : 
PC410L ATA68 ATA68 SOM06075 ATA68 PCA9605D A4890 BC243
Product Description
Full Text Search
 

To Download LM1085T-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
FEATURES
Low Dropout Voltage 500mV at 3A Output Current Fast Transient Response 0.015% Line Regulation 0.1% Load Regulation Internal Thermal and Current Limiting Adjustable or Fixed Output Voltage(1.5, 2.5, 2.85, 3.0, 3.3, 5.0V) Surface Mount Package SOT-223 & TO-263 (D2 Package) 100% Thermal Limit Burn-in
LM1085
SOT-223 PKG (FRONT VIEW)
1
2
3
PIN FUNCTION 1. Adj/Gnd 2. Vout 3. Vin
TO-263 (D2 PKG, FRONT VIEW)
APPLICATIONS
Battery Charger Adjustable Power Supplies Constant Current Regulators Portable Instrumentation High Efficiency Linear Power Supplies High Efficiency "Green" Computer Systems SMPS Post-Regulator Power PC Supplies Powering VGA & Sound Card
PIN FUNCTION 1. Adj/Gnd 2. Vout 3. Vin
1
2
3
ORDERING INFORMATION
Device & Marking LM1085S-XX LM1085T-XX Package SOT 223 TO263 (D2)
DESCRIPTION
(XX=Vout=1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 5.0V
Adjustable= AD)
The LM1085 is a low dropout three terminal regulator with 3A output current capability. The output voltage is adjustable with the use of a resistor divider. Dropout is guaranteed at a maximum of 500 mV at maximum output current. It's low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications. Internal current and thermal limiting provides protection against any overload condition that would create excessive junction temperature.
TEST & TYPICAL APPLICATION CIRCUIT
VIN 5V + C1 10 RF2 205 1% 3 2
LM1085
1 ADJ VREF RF1 124 1%
VOUT 3.33V VREF=VOUT-VADJ=1.25V(Typ.) VOUT=VREFx(1+RF2/RF1)+IADJxRF2 IADJ=55(Typ.) C2 10 (1) C1 Needed if device is far away from filter capacitors. (2) C2 Required for stability
Adjustable Voltage Regulator
HTC
1
3A LOW DROPOUT VOLTAGE REGULATOR(ADJ)
ABSOULTE MAXIMUM RATINS
CHARACTERISTIC Supply Voltage Operating Junction Temperature Range Storage Temperature Range Thermal Resistance Junction to Case TO-263 Thermal Resistance Junction to Ambient TO-263 Lead Temperature (Soldering) 10 sec. Maximum Output Current SYMBOL Vin Topr Tstg Tjc Tja Tsol Imax
OUT =100,
LM1085
VALUE 7 0~125 -65~150 3 60 300 3
UNIT V C/W C/W A
ELECTRICAL CHARACTERISTICS I
PARAMETER
1.5V Version Output Voltage 2.5V Version Output Voltage 2.85V Version Output Voltage 3.0V Version Output Voltage 3.3V Version Output Voltage 5.0V Version Output Voltage All Voltage Options Reference Voltage (V REF) Min. Load Current(Note 3) Line Regulation (V REF(VIN)) Load Regulation (V REF(VOUT)) Dropout Voltage Current Limit IOUT(MAX) Long Term Stability Thermal Regulation (VOUT(Pwr)) Output Noise, RMS Thermal Resistance
T A=25, unless otherwise specified
MIN TYP MAX UNIT
TEST CONDITIONS
01.485
1.5
1.515
V
02.475
2.5
2.525
V
02.821
2.85
2.878
V
02.97
3
3.03
V
03.267
3.3
3.333
V
0IOUT3A, 5.5VVIN<10V
4.95
5
5.05
V
VIN7V,PPMAX 1.5V(VIN- OUT)5.75V, 10IOUT3A V 1.5V(VIN- OUT)5.75V V 2.75VVIN7V, IOUT=10, TJ=25 10IOUT3A,(VIN-VOUT)=3V,TJ=25 VREF=1% , Iout=3A Vin-Vout=3V 1.4V(VIN-VOUT) Adjustable Only TA=125, 1000Hrs TA=25, 30 pulse 10Hz to 10Khz TA=25 Junction to Tab Junction to Ambient
1.238 1.225
1.25 1.25 5 0.005 0.05 1.1
1.263 1.27 10 0.2 0.3 1.2
V mA % % V A
3.2
4.0 0.3 0.01 1 0.02
% %/W %/Vo
0.003 3 60
/W
HTC
2


▲Up To Search▲   

 
Price & Availability of LM1085T-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X