Part Number Hot Search : 
CSR1225 S20C60CE MTS20 SPIC33 21265 3EDK3 SR1620 SD540S
Product Description
Full Text Search
 

To Download LCP-200A4HSR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
FEATURES
Compliant with SFP Transceiver MSA specification Compliant with Industry Standard RFT Electrical Connector and Cage 1310nm LED Source Technology Single + 3.3V Power Supply and TTL Logic Interface EEPROM with Serial ID Functionality Laser Class 1 Product which comply with the requirements of IEC 60825-1 and IEC 60825-2 Duplex LC Connector interface
Description
The LCP-200A4HSR is a hot pluggable 3.3V Small-Form-Factor transceiver module designed expressly for high-speed communication applications that require rates of up to 200Mbit/sec. It is compliant with the SFP Multi-source Agreement. The LCP-200A4HSR transceivers provide with the LC receptacle that is compatible with the industry standard LC connector. The transceiver is also compatible with industry standard RFT connector and cage. The transmitter section consists of a 1310nm LED in an optical subassembly (OSA) while the receiver consists of InGaAs PIN photodiode mounted together with a trans-impedance preamplifier. The post-amplifier also includes a LOS (Loss Of Signal) circuit that provides a TTL logic-high output when an unusable optical signal level is detected. The LCP-200A4HSR transceiver is a Class 1 eye safety product. The optical power levels, under normal operation, are at eye safe level.
Applications
ESCON SONET OC-3/SDH STM-1 ATM Network Fast Ethernet Switch to Switch interface Switched backplane applications File server interface Data Link up to 2km in 62.5/125um Multi Mode Fiber
1
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
Absolute Maximum Ratings
Parameter Storage Temperature Supply Voltage Symbol Ts VCC Min. -40 0 Typ. Max. 85 5 Unit C V Note
Recommended Operating Conditions
Parameter Case Operating Temperature Supply Voltage
Note 1: See order information
Symbol TC VCC
Min. -5 3.135
Typ.
Max. 70 3.465
Unit C V
Note 1
Electrical Characteristics
(VCC=3.135V to 3.465V) Parameter Total Supply Current Transmitter Transmitter Differential Input Voltage Transmitter Disable Input-High Transmitter Disable Input-Low Transmitter Fault Output-High Transmitter Fault Output-Low Receiver Receiver Differential Output Voltage LOS Output Voltage-High LOS Output Voltage-Low Output Data rise time/ fall time Symbol ICCT VDT VDISH VDISL VTXFH VTXFL VDR VLOSH VLOSL tr/tf Min. 0.5 2 0 2 0 0.35 2 0 Typ. Max. 300 2.4 VCC+0.3 0.8 VCC+0.3 0.8 2 VCC+0.3 0.8 1.5 Unit mA V V V V V V V V ns Note 1 2 2 3 1 1 4
Notes 1. Internally AC coupled and terminated to 100 Ohm differential load. 2. Pull up to VCC with a 4.7K - 10K resistor on host Board 3. Internally AC coupled, but requires a 100 Ohm differential termination at or internal to Serializer/ Deserializer. 4. These are 20%~80% values.
2
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
Optical Characteristics
(VCC=3.135V to 3.465V, Data Rate=200Mb/sec, PRBS=223-1 NRZ, 62.5/125um MMF) Parameter Transmitter Output Optical Power (Avg.) Optical Extinction Ratio Center Wavelength Spectral Width (RMS) Optical rise time/ fall time Relative Intensity Noise Receiver Sensitivity (Avg.) Input Optical Wavelength LOS-Deasserted (Avg.) LOS-Asserted (Avg.) LOS-Hysteresis Overload Symbol PO
C
Min. -20 9
Typ.
Max. -14
Unit dBm dB nm nm ns dB/Hz dBm nm dBm dBm dB dBm
Note
1310 200 3 -117 -31 1600 -31
tr/tf RIN PIN 1100 PA PD PA-PD PO -48 0.5 -14 1310
1
2
Notes: 1. These are unfiltered 10%~90% values 2. The sensitivity is provided at a BER of 1x10-10 or better with an input signal consisting of 200Mb/s, 223-1 PRBS and ER=9dB.
3
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
SFP Transceiver Electrical Pad Layout
Pin Function Definitions
Pin Num. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT Function Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2 Module Definition 1 Module Definition 0 Not Connect Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inv. Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmit Data In Inv. Transmit Data In Transmitter Ground Plug Seq. Notes 1 3 Note 1 Note 2 3 Module disables on high or open 3 Note 3, 2 wire serial ID interface 3 Note 3, 2 wire serial ID interface 3 Note 3, Grounded in Module 3 Function not available 3 Note 4 1 Note 5 1 Note 5 1 Note 5 3 Note 6 3 Note 7 1 Note 5 2 3.3 10%, Note 7 2 3.3 10%, Note 7 1 Note 5 3 Note 8 3 Note 8 1 Note 5
Plug Seq.: Pin engagement sequence during hot plugging.
4
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
Notes: 1) TX Fault is an open collector/drain output, which should be pulled up with a 4.7K - 10K resistor on the host board. Pull up voltage between 2.0V and VccT, R+0.3V. When high, output indicates a laser fault of some kind. Low indicates normal operation. In the low state, the output will be pulled to < 0.8V. 2) TX disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module with a 4.7 - 10 K resistor. Its states are: Low (0 - 0.8V): (>0.8, < 2.0V): High (2.0 - 3.465V): Open: 3) Transmitter on Undefined Transmitter Disabled Transmitter Disabled
Mod-Def 0,1,2. These are the module definition pins. They should be pulled up with a 4.7K - 10Kresistor on the host board. The pull-up voltage shall be VccT or VccR (see Section IV for further details). Mod-Def 0 is grounded by the module to indicate that the module is present Mod-Def 1 is the clock line of two wire serial interface for serial ID Mod-Def 2 is the data line of two wire serial interface for serial ID
4)
LOS (Loss of Signal) is an open collector/drain output, which should be pulled up with a 4.7K - 10K resistor. Pull up voltage between 2.0V and VccT, R+0.3V. When high, this output indicates the received optical power is below the worst-case receiver sensitivity (as defined by the standard in use). Low indicates normal operation. In the low state, the output will be pulled to < 0.8V.
5) 6)
VeeR and VeeT may be internally connected within the SFP module. RD-/+: These are the differential receiver outputs. They are AC coupled 100 differential lines which should be terminated with 100 (differential) at the user SERDES. The AC coupling is done inside the module and is thus not required on the host board. The voltage swing on these lines will be between 370 and 2000 mV differential (185 - 1000 mV single ended) when properly terminated.
7)
VccR and VccT are the receiver and transmitter power supplies. They are defined as 3.3V 10% at the SFP connector pin. Maximum supply current is 300 mA. Recommended host board power supply filtering is shown below. Inductors with DC resistance of less than 1 ohm should be used in order to maintain the required voltage at the SFP input pin with 3.3V supply voltage. When the recommended supply-filtering network is used, hot plugging of the SFP transceiver module will result in an inrush current of no more than 30 mA greater than the steady state value. VccR and VccT may be internally connected within the SFP transceiver module.
8) TD-/+: These are the differential transmitter inputs. They are AC-coupled, differential lines with 100 differential termination inside the module. The AC coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 500 - 2400 mV (250 - 1200 mV single-ended), though it is recommended that values between 500 and 1200 mV differential (250 - 600 mV single-ended) be used for best EMI performance.
5
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
Recommend Circuit Schematic
VCC 3.3V 1uH 1uH 10uF 0.1uF 0.1uF
Protocol Vcc
DELTA SFP Module
VccT
10k Ohms
Tx_Disable
Tx_Disable Tx_Fault TD +
0.01uF 100 Ohms
Laser Driver
Laser Diode
TD -
0.01uF
Protocol IC
SerDes IC
RES1 10uF
VeeT VccR
0.1uF
RD +
100 Ohms*
0.01uF
Preamp & Quantizer
Photo Diode
RD Rx_LOS
3.3V
0.01uF
Rx_LOS VeeR
RES1
RES1
RES1
PLD / PAL
Mod_def 2 Mod_def 1 Mod_def 0
EEPROM
RES1 = 4.7k to 10k Ohms * Depands on SerDes IC used
6
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
Package Outline Drawing for Metal Housing with Bail de-latch
7
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
SFP timing parameters for SFP management
Parameter Symbol Min. Max.
TX_DISABLE Assert time TX_DISABLE Negate time
t_off t_on
10 1 300 100 10 100 100 100
Unit Conditions Time from rising edge of TX_DISABLE to sec when the optical output falls below 10% of nominal Time from falling edge of TX_DISABLE to msec when the modulated optical output rises above 90% of nominal
Unit
Time to initialize, including reset of t_init TX_FAULT TX Fault Assert t_fault Time TX_DISABLE to t_rest reset LOS Assert Time t_loss_on LOS Deassert Time t_loss_off Serial ID Clock Rate f_serial_clock
msec
From power on or negation of TX_Fault using TX Disable.
sec Time from fault to TX fault on.
Time TX Disbale must be held high to reset TX_Fault sec Time from LOS state to Rx LOS assert sec Time from non-LOS state to Rx LOS deassert kHz
sec
LCP-200A4HSR EEPROM Serial ID Memory Contents (2-Wire Address A0h)
00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Hex ASCII 03 04 07 00 80 00 00 00 00 00 00 00 02 00 00 00 00 C8 00 00 44 D 45 E 4C L 54 T 41 A 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 Hex ASCII 20 20 20 20 20 20 20 20 20 20 20 00 00 00 00 4C L 43 C 50 P 2D 32 2 30 0 30 0 41 A 34 4 48 H 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 Hex ASCII 53 S 52 R 20 20 20 20 30 30 30 30 05 1E 00 CS1 Note 1 00 1A 05 05 SN Note 2 SN SN SN SN SN SN 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 Hex ASCII SN SN SN SN SN SN SN SN SN DC Note 3 DC DC DC DC DC DC DC 00 00 00 CS2 Note 4 00 00 00 00 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 Hex ASCII 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 125 126 127 Hex ASCII 00 00 00
Notes:
1) 2) 3) Byte 63(CS1): Check sum of bytes 0-62. Byte 68-83 (SN): Serial number. Byte 84-91 (DC): Date code.
4) Byte 95 (CS2): Check sum of bytes 64-94. 5) Bytes 128-255 had been set hex. 00.
8
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com
Regulatory Compliance
Feature Electromagnetic Interference (EMI) Radio Frequency Electromagnetic Field Electrostatic Discharge to the Duplex LC Receptacle FCC Class B EN 55022 Class B (CISPR 22A) EN 61000-4-3 IEC 1000-4-3 EN 61000-4-2 IEC 1000-4-2 IEC 801.2 Electrostatic Discharge to the Electrical Pins Eye Safety MIL-STD-883E Method 3015.7 US FDA CDRH AEL Class 1 EN 60950: 2000 EN 60825-1: 1994+A11+A2 EN 60825-2: 2000 Component Recognition CDRH File # 0321539-00 TUV Certificate No. R50032471 (1) Satisfied with electrical characteristics of product spec. (2) No physical damage Reference Performance
Underwriters Laboratories and UL File # E239394 Canadian Standards Association Joint Component Recognition for Information Technology Equipment Including Electrical Business Equipment
Ordering information for SFP modules
LCP-200X1X2X3X4X5X6 X1: Fiber A: Multi-mode 1310nm X2: Power Supply Voltage and SD Level 4: 3.3V, TTL SD Level X3: Distance H: 2km X4: Digital Diagnostic Function S: Without digital diagnostic function X5: Housing Type R: RoHS compliant X6: Temperature Blank: -5 to +70 degree C H: -10 to +85 degree C T: -40 to +85 degree C
9
DELTA ELECTRONICS, INC.
Aug., 2006 Rev. 0A
www.deltaww.com


▲Up To Search▲   

 
Price & Availability of LCP-200A4HSR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X