Part Number Hot Search : 
STA408 SE2490 RGL34G DA12P DM74LS08 29LV640 D1212 TLP541
Product Description
Full Text Search
 

To Download LCP-1250RJ3SR-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCP-1250RJ3SR-S
RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
Features
Compatible with specifications for IEEE 802.3z/Gigabit Ethernet Compliant with MSA specifications for Small Form Factor Pluggable (SFP) Ports Hot-Pluggable SFP footprint Compliant with industry standard RFT electrical connector and cage EEPROM with serial ID functionality Auto-Negotiation follows IEEE 802.3u Clause 28 (1000BASE-T) and Cisco SGMII Spec. Compatible with the Cisco specification of SGMII interface. LCP-1250RJ3SR-S supports the SGMII interface without clock on MAC side Gigabit PHY device is integrated internally Internal PHY IC is configurable by host system software via SFP 2-wire-interface
Description
The LCP-1250RJ3SR-S is 3.3V copper small form-factor plug-able (SFP) transceiver. It offers full duplex 1000Mb/s Ethernet by transporting data over standard CAT 5 UTP cable (category 5 unshielded twisted pair), with RJ-45 connection. It takes signals from both CAT 5 UTP cable and the SFP SerDes interface. The system host (MAC) must enable SGMII auto-negotiation while LCP-1250RJ3SR-S is operated to setup the partner linking at one speed of 10/100/1000Mbps by 1000Base-T auto-negotiation. The Gigabit Ethernet SFP ports on host systems can work well plugging with both of Delta fiber SFP transceiver and Delta copper SFP transceiver, so there is no need of software to configure MAC on host system. At enhance, the software can configure the PHY device inner LCP-1250RJ3SR-S via SFP two-wire-interface.
Applications
10/100/1000Mbps Copper LAN Gigabit Ethernet over copper Switch to switch interface Switched backplane applications Gigabit Ethernet Interface of File Server
Performance
LCP-1250RJ3SR-S data link up to 100m on standard CAT 5 UTP
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 1 of 8
www.deltaww.com
LCP-1250RJ3SR-S Product Selection
Part Number Link Indicator on RX_LOS Pin Auto-negotiation on MAC side Enabled by default MAC side Interface Auto-negotiation on copper side Enabled by default Speed Mode Notes: 1. This part supports the 1000 Base-T with SerDes interface by default. It can operate in 10/100/1000 Base-T with SGMII interface by reconfiguration of the PHY within the SFP. 2. This part uses the SFP's Rx-Los pin for link indication and 1000 Base-T auto-negotiation should be disabling on the host system. It can operate in 10/100/1000 Base-T with SGMII interface by reconfiguration of the PHY within the SFP. 3. This part supports the 10/100/1000 Base-T with SGMII interface by default. LCP-1250RJ3SR *note 1 N/A 1000Base-X 1.25Gbps SerDes 1000Base-T 1000Mbps only LCP-1250RJ3SR-L *note 2 Available Yes 1.25Gbps SerDes 1000Base-T 1000Mbps only LCP-1250RJ3SR-S *note 3 N/A SGMII SGMII without clock 1000Base-T 10/100/1000Mbps
Absolute Maximum Ratings
Parameter Storage Temperature Supply Voltage Symbol Ts VCC Min. -40 0 Typ. Max. 85 5 Unit C V Note
Recommended Operating Conditions
Parameter Ambient Operating Temperature Supply Voltage Symbol TA VCC Min. 0 3.135 Typ. Max. 70 3.465 Unit C V Note
Electrical Characteristics
(TA=0 C to 70 C, VCC=3.135V to 3.465V) Parameter Supply Current Transmitter Data Input Differential Voltage Differential Input Impedance Transmitter Disable Input-High Transmitter Disable Input-Low Receiver Data Output Differential Voltage Differential Output Impedance Data Output Rise/Fall Time Symbol ICC VD,TX ZTX VDISH VDISL VD,RX ZRX tr,Rx/ tf,Rx Min. 0.5 80 2.0 0 0.35 80 Typ. 350 100 Max. 400 2.4 120 VCC+0.3 0.8 2 120 Unit mA V Ohm V V V Ohm ps Note 1
3 4
100 180
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 2 of 8
www.deltaww.com
LCP-1250RJ3SR-S
Notes:
1). 2). 3). 4). Internally AC coupled and terminated to 100-Ohm differential load. Pull up to VCC with a 4.7K - 10K Ohm resistor on host Board Internally AC coupled, but requires a 100-Ohm differential termination at MAC side. These are unfiltered 20%~80% values
SFP Transceiver Electrical Pad Layout
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 3 of 8
www.deltaww.com
LCP-1250RJ3SR-S Pin Function Definitions
Pin Num. Name 1 VeeT 2 TX_Fault 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 TX_Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT Function Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2 Module Definition 1 Module Definition 0 Not Connect Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inverse Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground Plug Seq. Notes 1 Note 5 3 Note 1 - Function not available Note 2 - Module disables on high or 3 open 3 Note 3 - Two-wire serial ID interface 3 Note 3 - Two-wire serial ID interface 3 Note 3 - grounded in module 3 Function not available 3 Note 4 - Function not available 1 Note 5 1 Note 5 1 Note 5 3 Note 6 3 Note 6 1 Note 5 2 Note 7 - 3.3V 5% 2 Note 7 - 3.3V 5% 1 Note 5 3 Note 8 3 Note 8 1 Note 5
Plug Seq.: Pin engagement sequence during hot plugging.
Notes:
1) 2) TX_Fault is not supported and tied to ground. TX_Disable is an input that is used to reset the chip of Gigabit Ethernet PHY inside the copper SFP. module with a 4.7 - 10 K resistor. Low (0 - 0.8V): (>0.8, < 2.0V): Transmitter on Undefined It is pulled up within the
High (2.0 - 3.465V): Transmitter Disabled Open: 3) Transmitter Disabled They should be pulled up with a 4.7K - 10K resistor on the host board. The pull-up MOD-DEF 1 and
These are the module definition pins. voltage shall be VccT or VccR.
MOD-DEF 0 is grounded in the module to indicate that the module is present.
MOD-DEF 2 are the clock and data lines of the two-wire serial interface, respectively. 4) 5) 6)
LOS (Loss of Signal) is not available and tied to ground.
VeeR and VeeT are internally connected within the copper SFP. RD+ and RD- are the received differential outputs, and they are AC-coupled 100 differential lines that should be terminated with 100 (differential) at user's SERDES. The AC coupling is done inside the copper SFP and thus not required on the host board.
The differential voltage swing will be between 250mV and 625 mV, while properly terminated. 7) VccR and VccT are the receiver and transmitter power supplies, and they are internally connected within the copper SFP. power rail is defined as 3.3V 5% at the SFP connector pin. 8) TD+ and TD- are the transmitted differential inputs, and they are terminated with 100 differential load inside the module. The The
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 4 of 8
www.deltaww.com
LCP-1250RJ3SR-S
AC coupling is done inside the module, and thus not required on the host board.
Recommend Circuit Schematic
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 5 of 8
www.deltaww.com
LCP-1250RJ3SR-S Package Outline Drawing for Metal Housing
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 6 of 8
www.deltaww.com
Made in CHINA
FS
LCP-1250RJ3SR-S LCP-1250RJ3SR-S EEPROM Serial ID Memory Contents (Two-Wire Address 0xA0)
LCP-1250RJ3SR-S provides 128byte EEPROM, which can be accessed via the 2-wire serial communication protocol per SFP MSA with a device address of 0xA0. It is designed of the Atmel AT24C01A EEPROM.
Address 00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII 03 25 20 50 33 3 75 SN 100 00 125 00 04 26 20 51 53 S 76 SN 101 00 126 00 00 27 20 52 52 R 77 SN 102 00 127 00 00 28 20 53 2D 78 SN 103 00 00 29 20 54 53 S 79 SN 104 00 00 30 20 55 20 80 SN 105 00 08 31 20 56 30 0 81 SN 106 00 00 32 20 57 30 0 82 SN 107 00 00 33 20 58 30 0 83 SN 108 00 00 34 20 59 30 0 84 DC Note 3 109 00 00 35 20 60 00 85 DC 110 00 01 36 00 61 00 86 DC 111 00 0D 37 00 62 00 87 DC 112 00 00 38 00 63 CS1 Note 1 88 DC 113 00 00 39 00 64 00 89 DC 114 00 00 40 4C L 65 12 90 DC 115 00 00 41 43 C 66 00 91 DC 116 00 00 42 50 P 67 00 92 00 117 00 64 43 2D 68 SN Note 2 93 00 118 00 00 44 31 1 69 SN 94 00 119 00 44 D 45 32 2 70 SN 95 CS2 Note 4 120 00 45 E 46 35 5 71 SN 96 00 121 00 4C L 47 30 0 72 SN 97 00 122 00 54 T 48 52 R 73 SN 98 00 123 00 41 A 49 4A J 74 SN 99 00 124 00
Notes:
1) 2) 3) 4) 5) Byte 63: Check sum of bytes 0-62. Byte 68-83 (SN): Serial number. Byte 84-91 (DC): Date code. Byte 95 (CS2): Check sum of bytes 64-94. Byte 128--255 had been set hex. 00.
LCP-1250RJ3SR-S Internal PHY Register (Two-Wire Address 0xAC)
LCP-1250RJ3SR-S is internally designed of physical layer IC (Marvell 88E1111), which can be programmed via two-wire interface with the device address 0xAC. For details of PHY IC registers in 88E1111, see Marvell document "Alaska Ultra 88E1111 Integrated Gigabit Ethernet Transceiver".
Electromagnetic Emission
FCC Class A, CE Class A, VCCI Class A, C-Tick
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 7 of 8
www.deltaww.com
LCP-1250RJ3SR-S Related Product
1. LCP-1250RJ3SR, SFP Copper Transceiver, IEEE 802.3z/Gigabit Ethernet, standard CAT 5 UTP 2. GBIC-1250RJ3SR, GBIC Transceiver, 1250Mb/s, data link up to 100 m on standard CAT 5 UTP. 3. LCP-1250RJ3SR-L, SFP Copper Transceiver with Rx-Los Indicator, IEEE 802.3z/Gigabit Ethernet, standard CAT 5 UTP
References
1. "Small Form-factor Pluggable (SFP) Transceiver MultiSource Agreement (MSA)", September 14, 2000 2. "IEEE Std 802.3, 2002 Edition". IEEE Standards Department, 2002. 3. "AT24C01A/02/04/08/16 2-Wire Serial CMOS EEPROM", Atmel Corporation. www.atmel.com 4. "Alaska Ultra 88E1111 Integrated 10/100/1000 Gigabit Ethernet Transceiver", Marvell Corporation. www.marvell.com 5. "Serial-GMII Specification Revision 1.8", Cisco System Corporation. Www.cisco.com,
Dec. 18. 2006 Rev. 1.01
DELTA ELECTRONICS, INC.
Page 8 of 8
www.deltaww.com


▲Up To Search▲   

 
Price & Availability of LCP-1250RJ3SR-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X