Part Number Hot Search : 
M1MA152W D2000 F120M RGP30K 104KA AS431A BUL39D 80007
Product Description
Full Text Search
 

To Download KST92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KST92/93
KST92/93
High Voltage Transistor
3
2 1
SOT-23
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO Parameter Collector Base Voltage : KST92 : KST93 VCEO Collector-Emitter Voltage : KST92 : KST93 VEBO IC PC TSTG RTH(j-a) Emitter-Base Voltage Collector Current Collector Power Dissipation Storage Temperature Thermal Resistance junction to Ambient
1. Base 2. Emitter 3. Collector
Value -300 -200 -300 -200 -5 -500 350 150 357
Units V V V V V mA mW C C/W
* Refer to KSP92/93 for graphs
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO Parameter Collector-Base Breakdown Voltage : KST92 : KST93 * Collector-Emitter Breakdown Voltage : KST92 : KST93 Emitter-Base Breakdown Voltage Collector Cut-off Current : KST92 : KST93 Emitter Cut-off Current * DC Current Gain Test Condition IC= -100A, IE=0 Min. -300 -200 IC= -1mA, IB=0 -300 -200 IE= -100A, IC=0 VCB= -200V, IE=0 VCB= -160V, IE=0 VEB= -5V, IC=0 VCE= -10V, IC= -1mA VCE= -10V, IC= -10mA VCE= -10V, IC= -30mA IC= -20mA, IB= -2mA IC= -20mA, IB= -2mA VCB= -20V, IE=0 f=1MHz VCE= -20V, IC= -10mA f=100MHz 50 25 40 25 -0.5 -0.9 6 8 V V pF pF MHz -5 -0.25 -0.25 -0.1 V V V A A A Max. Units V V
BVCEO
BVEBO ICBO
IEBO hFE
VCE (sat) VBE (sat) Cob
* Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage Output Capacitance : KST92 : KST93
fT
Current Gain Bandwidth Product
* Pulse Test: PW300s, Duty Cycle2%
(c)2003 Fairchild Semiconductor Corporation
Rev. B2, January 2003
KST92/93
Marking Code
Type Mark Marking KST92 2D KST93 2E
2D
(c)2003 Fairchild Semiconductor Corporation
Rev. B2, January 2003
KST92/93
Package Dimensions
SOT-23
0.20 MIN 2.40
0.10
0.40 0.03
1.30
0.10
0.45~0.60
0.03~0.10 0.38 REF
0.40 0.03 0.96~1.14 2.90 0.10
0.12 -0.023
+0.05
0.95 0.03 0.95 0.03 1.90 0.03 0.508REF
0.97REF
Dimensions in Millimeters
(c)2003 Fairchild Semiconductor Corporation Rev. B2, January 2003
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2003 Fairchild Semiconductor Corporation
Rev. I2


▲Up To Search▲   

 
Price & Availability of KST92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X