Part Number Hot Search : 
D222M TDA7493 G4PH40 BZX84C3 TC713504 02MDD N5194 1206L
Product Description
Full Text Search
 

To Download IRU3038CF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD94250
IRU3038
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PRELIMINARY DATA SHEET
FEATURES
Synchronous Controller in 14-Pin Package Operating with single 5V or 12V supply voltage 200KHz to 400KHz operation set by an external resistor Soft-Start Function Fixed Frequency Voltage Mode 500mA Peak Output Drive Capability Uncommitted Error Amplifier available for DDR voltage tracking application 1.25V Reference Voltage Protects the output when control FET is shorted
DESCRIPTION
The IRU3038 controller IC is designed to provide a low cost synchronous Buck regulator for voltage tracking applications such DDR memory and general purpose on-board DC to DC converter. Modern micro processors combined with DDR memory, need high-speed bandwidth data bus which requires a particular bus termination voltage. This voltage will be tightly regulated to track the half of chipset voltage for best performance. The IRU3038 together with dual N-channel MOSFETs such as IRF7313, provide a low cost solution for such applications. This device features a programmable frequency set from 200KHz to 400KHz, under-voltage lockout for both Vcc and Vc supplies, an external programmable soft-start function as well as output under-voltage detection that latches off the device when an output short is detected.
APPLICATIONS
DDR memory source sink Vtt application Low cost on-board DC to DC such as 5V to 3.3V, 2.5V or 1.8V Graphic Card Hard Disk Drive
TYPICAL APPLICATION
5V 12V VDDQ (2.5V) C1 0.1uF C2 1uF C3 10TPB100M, 100uF, 55mV L1 1uH C4 47uF
DDR Memory
R1 1K R2 1K C5 0.1uF
Vcc VREF VP SS
Vc HDrv D1 BAT54 or 1N4148 Q1 1/2 of IRF7313
L2 Vtt 1.25V @ 3A C6 2x 6TPB150M, 150uF, 55mV
U1 IRU3038
LDrv PGnd Fb Gnd
D03316P-103, 10uH, 3.9A Q2 1/2 of IRF7313
Rt Comp C7 2200pF R3 33K
Figure 1 - Typical application of IRU3038 when Vtt tracks the VDDQ.
PACKAGE ORDER INFORMATION
TA (C) 0 To 70 0 To 70
Rev. 2.0 09/12/02
DEVICE IRU3038CF IRU3038CS
PACKAGE 14-Pin Plastic TSSOP (F) 14-Pin Plastic SOIC NB (S)
www.irf.com
1
IRU3038
ABSOLUTE MAXIMUM RATINGS
Vcc Supply Voltage .................................................. Vc Supply Voltage ..................................................... Storage Temperature Range ...................................... Operating Junction Temperature Range ..................... 25V 30V (not rated for inductive load) -65C To 150C 0C To 125C
PACKAGE INFORMATION
14-PIN PLASTIC TSSOP (F) 14-PIN PLASTIC SOIC (S)
Fb 1 VP 2 VREF 3 Vcc 4 NC 5 LDrv 6 Gnd 7
14 NC 13 SS 12 Comp 11 Rt 10 Vc 9 HDrv 8 PGnd
Fb 1 VP 2 VREF 3 Vcc 4 NC 5 LDrv 6 Gnd 7
14 NC 13 SS 12 Comp 11 Rt 10 Vc 9 HDrv 8 PGnd
uJA=1008C/W
uJA=888C/W
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc=5V, Vc=12V and TA=0 to 70C. Typical values refer to TA=25C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature. PARAMETER Reference Voltage VREF Voltage Fb Voltage Line Regulation UVLO UVLO Threshold - Vcc UVLO Hysteresis - Vcc UVLO Threshold - Vc UVLO Hysteresis - Vc UVLO Threshold - Fb UVLO Hysteresis - Fb Supply Current Vcc Dynamic Supply Current Vc Dynamic Supply Current Vcc Static Supply Current Vc Static Supply Current Soft-Start Section Charge Current SYM
VFB LREG
TEST CONDITION
MIN 1.225
TYP 1.250 0.2 4.2 0.25 3.3 0.2 0.6 0.1 5 7 3.5 1 -20
MAX 1.275 0.35 4.4 3.5 0.8
UNITS V % V V V V V V mA mA mA mA mA
5UVLO Vcc Supply Ramping Up UVLO Vc UVLO Fb
Supply Ramping Up Fb Ramping Down
Dyn Icc Dyn Ic ICCQ ICQ SSIB
Freq=200KHz, CL=1500pF Freq=200KHz, CL=1500pF SS=0V SS=0V SS=0V
2 2 1 0.5 -10
8 10 6 4.5 -30
2
www.irf.com
Rev. 2.0 09/12/02
IRU3038
PARAMETER Error Amp Fb Voltage Input Bias Current Fb Voltage Input Bias Current VP Voltage Range Transconductance Oscillator Frequency Ramp Amplitude Output Drivers Rise Time Fall Time Dead Band Time Max Duty Cycle Min Duty Cycle SYM
IFB1 IFB2
TEST CONDITION SS=3V, Fb=1V SS=0V, Fb=1V
MIN
TYP -0.1 -64
MAX
UNITS mA mA V mmho KHz V ns ns ns % %
gm
Freq VRAMP Tr Tf TDB TON TOFF
0.8 450 Rt=Open Rt=Gnd 180 360 1.225
600 200 400 1.25 50 50 150 90 0
1.5 750 220 440 1.275 100 100 250 95
CLOAD=1500pF CLOAD=1500pF Fb=1V, Freq=200KHz Fb=1.5V 50 85 0
PIN DESCRIPTIONS
PIN# 1 2 3 4 PIN SYMBOL PIN DESCRIPTION Fb This pin is connected directly to the output of the switching regulator via resistor divider to provide feedback to the Error amplifier. VP Non-inverting input of error amplifier. VREF Reference Voltage. Vcc This pin provides biasing for the internal blocks of the IC as well as power for the low side driver. A minimum of 1mF, high frequency capacitor must be connected from this pin to ground to provide peak drive current capability. NC No Connection. LDrv Gnd PGnd Output driver for the synchronous power MOSFET. Analog ground for internal reference and control circuitry. Connect to PGnd with a short trace. This pin serves as the separate ground for MOSFET's drivers and should be connected to system's ground plane. A high frequency capacitor (0.1 to 1mF) must be connected from Vcc and Vc pins to this pin for noise free operation. Output driver for the high side power MOSFET. Connect a diode, such as BAT54 or 1N4148, from this pin to ground for the application when the inductor current goes negative (Source/ Sink), soft-start at no load and for the fast load transient from full load to no load. This pin is connected to a voltage that must be at least 4V higher than the bus voltage of the switcher (assuming 5V threshold MOSFET) and powers the high side output driver. A minimum of 1mF, high frequency capacitor must be connected from this pin to ground to provide peak drive current capability. The switching frequency can be Programmed between 200KHz and 400KHz by connecting a resistor between Rt and Gnd. Floating the pin set the switching frequency to 200KHz and grounding the pin set the switching frequency to 400KHz. Compensation pin of the error amplifier. An external resistor and capacitor network is typically connected from this pin to ground to provide loop compensation. This pin provides soft-start for the switching regulator. An internal current source charges an external capacitor that is connected from this pin to ground which ramps up the output of the switching regulator, preventing it from overshooting as well as limiting the input current. The converter can be shutdown by pulling this pin below 0.5V. www.irf.com
5 14 6 7 8
9
HDrv
10
Vc
11
Rt
12 13
Comp SS
Rev. 2.0 09/12/02
3
IRU3038
BLOCK DIAGRAM
V REF 3 1.25V 4V 3V Vc 20uA 3.5V SS 13 64uA Max Rt Oscillator Ct POR Error Comp 25K VP 2 25K Fb 1 FbLo Comp 0.6V C o m p 12 POR 7 Gnd 8 PGnd Error Amp R Reset Dom 6 LDrv S Q 4 Vcc 9 HDrv 10 V c POR Vcc 0.25V Bias Generator 3V 1.25V
0.2V 11 R t
Figure 2 - Simplified block diagram of the IRU3038.
THEORY OF OPERATION
Introduction The IRU3038 is a fixed frequency, voltage mode synchronous controller and consists of a precision reference voltage, an uncommitted error amplifier, an internal oscillator, a PWM comparator, 0.5A peak gate driver, soft-start and shutdown circuits (see Block Diagram). The output voltage of the synchronous converter is set and controlled by the output of the error amplifier; this is the amplified error signal from the sensed output voltage and the voltage on non-inverting input of error amplifier(VP). This voltage is compared to a fixed frequency linear sawtooth ramp and generates fixed frequency pulses of variable duty-cycle, which drives the two N-channel external MOSFETs. The timing of the IC is provided through an internal oscillator circuit which uses on-chip capacitor. The oscillation frequency is programmable between 200 to 400KHz by using an external resistor. Figure 12 shows switching frequency vs. external resistor (Rt). Soft-Start The IRU3038 has a programmable soft-start to control the output voltage rise and limit the current surge at the start-up. To ensure correct start-up, the soft-start sequence initiates when the Vc and Vcc rise above their threshold (3.3V and 4.2V respectively) and generates the Power On Reset (POR) signal. Soft-start function operates by sourcing an internal current to charge an external capacitor to about 3V. Initially, the soft-start function clamps the E/A's output of the PWM converter. As the charging voltage of the external capacitor ramps up, the PWM signals increase from zero to the point the feedback loop takes control. Short-Circuit Protection The outputs are protected against the short-circuit. The IRU3038 protects the circuit for shorted output by sensing the output voltage (through the external resistor divider). The IRU3038 shuts down the PWM signals, when the output voltage drops below 0.6V. The IRU3038 also protects the output from over-voltaging when the control FET is shorted. This is done by turning on the sync FET with the maximum duty cycle. Under-Voltage Lockout The under-voltage lockout circuit assures that the MOSFET driver outputs remain in the off state whenever the supply voltage drops below set parameters. Lockout occurs if Vc and Vcc fall below 3.3V and 4.2V respectively. Normal operation resumes once Vc and Vcc rise above the set values.
Rev. 2.0 09/12/02
4
www.irf.com
IRU3038
APPLICATION INFORMATION
Design Example: The following example is a typical application for IRU3038, the schematic is Figure 11 on page 12. VIN = 5V VOUT = 2.5V IOUT = 8A DVOUT = 100mV fS = 200KHz Output Voltage Programming Output voltage is programmed by reference voltage and external voltage divider. The Fb pin is the inverting input of the error amplifier, which is referenced to the voltage on non-inverting pin of error amplifier. For this application, this pin (VP) is connected to reference voltage (VREF). The output voltage is defined by using the following equation: R6 VOUT = VP 3 1 + ---(1) R5 Soft-Start Programming The soft-start timing can be programmed by selecting the soft-start capacitance value. The start-up time of the converter can be calculated by using:
tSTART = 753Css (ms)
---(2)
Where CSS is the soft-start capacitor (mF) For a start-up time of 7.5ms, the soft-start capacitor will be 0.1mF. Choose a ceramic capacitor at 0.1mF. Shutdown The converter can be shutdown by pulling the soft-start pin below 0.5V. The control MOSFET turns off and the synchronous MOSFET turns on during shutdown. Boost Supply Vc To drive the high-side switch it is necessary to supply a gate voltage at least 4V greater than the bus voltage. This is achieved by using a charge pump configuration as shown in Figure 11. The capacitor is charged up to approximately twice the bus voltage. A capacitor in the range of 0.1mF to 1mF is generally adequate for most applications. In application, when a separate voltage source is available the boost circuit can be avoided as shown in Figure 1. Input Capacitor Selection The input filter capacitor should be based on how much ripple the supply can tolerate on the DC input line. The ripple current generated during the on time of control MOSFET should be provided by input capacitor. The RMS value of this ripple is expressed by: IRMS = IOUT D3(1-D) ---(3)
(
)
VP = VREF = 1.25V When an external resistor divider is connected to the output as shown in Figure 3.
VOUT
IRU3038
VREF VP Fb
R6 R5
Figure 3 - Typical application of the IRU3038 for programming the output voltage. Equation (1) can be rewritten as: R6 = R5 3
( VOUT - 1) VP
Where: D is the Duty Cycle, D=VOUT/VIN. IRMS is the RMS value of the input capacitor current. IOUT is the output current for each channel. For VIN=5V, IOUT=8A and D=0.5, the IRMS=4A For higher efficiency, a low ESR capacitor is recommended. Choose two Poscap from Sanyo 10TPB100ML (10V, 100mF, 55mV) with a maximum allowable ripple current of 1.9A.
Choose R5 = 1KV This will result to R6 = 1KV If the high value feedback resistors are used, the input bias current of the Fb pin could cause a slight increase in output voltage. The output voltage set point can be more accurate by using precision resistor.
Rev. 2.0 09/12/02
www.irf.com
5
IRU3038
Output Capacitor Selection The criteria to select the output capacitor is normally based on the value of the Effective Series Resistance (ESR). In general, the output capacitor must have low enough ESR to meet output ripple and load transient requirements, yet have high enough ESR to satisfy stability requirements. The ESR of the output capacitor is calculated by the following relationship: ESR [ DVO DIO ---(4) If Di = 30%(IO), then the output inductor will be: L = 2.6mH The Coilcraft DO5022HC series provides a range of inductors in different values, low profile suitable for large currents, 3.3mH, 10A is a good choice for this application. This will result to a ripple approximately 26.5% of output current. Power MOSFET Selection The IRU3038 uses two N-Channel MOSFETs. The selections criteria to meet power transfer requirements is based on maximum drain-source voltage (VDSS), gatesource drive voltage (VGS), maximum output current, Onresistance RDS(ON) and thermal management. The MOSFET must have a maximum operating voltage (VDSS) exceeding the maximum input voltage (VIN). The gate drive requirement is almost the same for both MOSFETs. Logic-level transistor can be used and caution should be taken with devices at very low VGS to prevent undesired turn-on of the complementary MOSFET, which results a shoot-through current. The total power dissipation for MOSFETs includes conduction and switching losses. For the Buck converter, the average inductor current is equal to the DC load current. The conduction loss is defined as: PCOND (Upper Switch) = ILOAD 3 RDS(ON) 3 D 3 q PCOND (Lower Switch) = ILOAD 3 RDS(ON) 3 (1 - D) 3 q q = RDS(ON) Temperature Dependency For the buck converter, the inductor value for desired operating ripple current can be determined using the following relation: Di 1 VOUT ; Dt = D3 ;D= Dt fS VIN VOUT L = (VIN - VOUT)3 ---(5) VIN3Di3fS VIN - VOUT = L3 Where: VIN = Maximum Input Voltage VOUT = Output Voltage i = Inductor Ripple Current fS = Switching Frequency t = Turn On Time D = Duty Cycle The RDS(ON) temperature dependency should be considered for the worst case operation. This is typically given in the MOSFET data sheet. Ensure that the conduction losses and switching losses do not exceed the package ratings or violate the overall thermal budget. Choose IRF7460 for both control MOSFET and synchronous MOSFET. This device provides low on-resistance in a compact SOIC 8-Pin package.
2 2
Where: DVO = Output Voltage Ripple DIO = Output Current DVO=100mV and DIO=4A This results to: ESR=25mV The Sanyo TPC series, Poscap capacitor is a good choice. The 6TPC150M 150mF, 6.3V has an ESR 40mV. Selecting two of these capacitors in parallel, results to an ESR of 20mV which achieves our low ESR goal. The capacitor value must be high enough to absorb the inductor's ripple current. The larger the value of capacitor, the lower will be the output ripple voltage. Inductor Selection The inductor is selected based on output power, operating frequency and efficiency requirements. Low inductor value causes large ripple current, resulting in the smaller size, but poor efficiency and high output noise. Generally, the selection of inductor value can be reduced to desired maximum ripple current in the inductor (i). The optimum point is usually found between 20% and 50% ripple of the output current.
6
www.irf.com
Rev. 2.0 09/12/02
IRU3038
The MOSFET has the following data: IRF7460 VDSS = 20V ID = 10A @ 758C RDS(ON) = 10mV @ VGS=10V q = 1.8 for 1508C (Junction Temperature) The total conduction losses will be: PCON(TOTAL) = 1.152W The switching loss is more difficult to calculate, even though the switching transition is well understood. The reason is the effect of the parasitic components and switching times during the switching procedures such as turn-on / turnoff delays and rise and fall times. With a linear approximation, the total switching loss can be expressed as: VDS(OFF) tr + tf PSW = 3 3 ILOAD ---(6) T 2 Where: VDS(OFF) = Drain to Source Voltage at off time tr = Rise Time tf = Fall Time T = Switching Period ILOAD = Load Current The switching time waveform is shown in Figure 4.
VDS 90%
-1808
Feedback Compensation The IRU3038 is a voltage mode controller; the control loop is a single voltage feedback path including error amplifier and error comparator. To achieve fast transient response and accurate output regulation, a compensation circuit is necessary. The goal of the compensation network is to provide a closed loop transfer function with the highest 0dB crossing frequency and adequate phase margin (greater than 458). The output LC filter introduces a double pole, -40dB/ decade gain slope above its corner resonant frequency, and a total phase lag of 1808 (see Figure 5). The Resonant frequency of the LC filter is expressed as follows: FLC = 1 2p3 LO3CO ---(7)
Figure 5 shows gain and phase of the LC filter. Since we already have 1808 phase shift just from the output filter, the system risks being unstable.
Gain 0dB -40dB/decade Phase 08
FLC Frequency
FLC
Frequency
Figure 5 - Gain and phase of LC filter. The IRU3038's error amplifier is a differential-input transconductance amplifier. The output is available for DC gain control or AC phase compensation.
td(ON) tr td(OFF) tf
10% VGS
Figure 4 - Switching time waveforms. From IRF7460 data sheet we obtain:
tr = 6.9ns tf = 4.3ns
These values are taken under a certain condition test. For more detail please refer to the IRF7460 data sheet. By using equation (6), we can calculate the total switching losses. PSW(TOTAL) = 44.8mW
The E/A can be compensated with or without the use of local feedback. When operated without local feedback, the transconductance properties of the E/A become evident and can be used to cancel one of the output filter poles. This will be accomplished with a series RC circuit from Comp pin to ground as shown in Figure 6.
Rev. 2.0 09/12/02
www.irf.com
7
IRU3038
Note that this method requires that the output capacitor should have enough ESR to satisfy stability requirements. In general, the output capacitor's ESR generates a zero typically at 5KHz to 50KHz which is essential for an acceptable phase margin. The ESR zero of the output capacitor expressed as follows: FESR = 1 2p3ESR3Co ---(8) Where: VIN = Maximum Input Voltage VOSC = Oscillator Ramp Voltage Fo = Crossover Frequency FESR = Zero Frequency of the Output Capacitor FLC = Resonant Frequency of the Output Filter R5 and R6 = Resistor Dividers for Output Voltage Programming gm = Error Amplifier Transconductance For: VIN = 5V VOSC = 1.25V Fo = 30KHz FESR = 26.5KHz FLC = 5KHz R5 = 1K R6 = 1K gm = 600mmho This results to R4=26.52KV. Choose R4=26.1KV To cancel one of the LC filter poles, place the zero before the LC filter resonant frequency pole: FZ 75%FLC
FZ
Frequency
VOUT R6 Fb
R5 Vp=VREF
Gain(dB)
E/A
Comp V e C9 R4
H(s) dB
Figure 6 - Compensation network without local feedback and its asymptotic gain plot. The transfer function (Ve / VOUT) is given by: H(s) = gm3
FZ 0.75 3 For: Lo = 10mH Co = 300mF FZ = 3.8KHz R4 = 26.1KV
1 2p LO 3 CO
---(13)
(
R5 1 + sR4C9 3 R6 + R5 sC9
)
---(9)
Using equations (11) and (13) to calculate C9, we get: The (s) indicates that the transfer function varies as a function of frequency. This configuration introduces a gain and zero, expressed by: R5 |H(s)| = gm 3 3 R4 ---(10) R6 3 R5 FZ = 1 2p 3 R4 3 C9 ---(11) FP = C9 1800pF One more capacitor is sometimes added in parallel with C9 and R4. This introduces one more pole which is mainly used to suppress the switching noise. The additional pole is given by: 1 C9 3 CPOLE 2p 3 R4 3 C9 + CPOLE
The gain is determined by the voltage divider and E/A's transconductance gain. First select the desired zero-crossover frequency (Fo): Fo > FESR and FO [ (1/5 ~ 1/10)3 fS Use the following equation to calculate R4: R4 = 1 VOSC Fo3FESR R5 + R6 3 3 3 VIN FLC2 R5 gm ---(12)
The pole sets to one half of switching frequency which results in the capacitor CPOLE: CPOLE = 1 1 p 3 R4 3 fS
p 3 R4 3 fS - 1 C9 fS for FP << 2
8
www.irf.com
Rev. 2.0 09/12/02
IRU3038
For a general solution for unconditionally stability for ceramic capacitor with very low ESR and any type of output capacitors, in a wide range of ESR values we should implement local feedback with a compensation network. The typically used compensation network for voltage-mode controller is shown in Figure 7.
ZIN C10 R8 R6 Fb R5 Vp=V REF
Gain(dB)
FP1 = 0 FP2 = FP3 = 1 2p3R83C10 1 C123C11 2p3R73 C12+C11 1 2p3R73C11
(
)
1 2p3R73C12
VOUT
C12 R7 C11 Zf
FZ1 =
1 1 FZ2 = 2p3C103(R6 + R8) 2p3C103R6 Cross Over Frequency: VIN 1 FO = R73C103 3 VOSC 2p3Lo3Co Where: VIN = Maximum Input Voltage VOSC = Oscillator Ramp Voltage Lo = Output Inductor Co = Total Output Capacitors
E/A
Comp
V e
---(15)
H(s) dB
FZ1
FZ2
FP2
FP3
Frequency
Figure 7 - Compensation network with local feedback and its asymptotic gain plot. In such configuration, the transfer function is given by: 1Ve = VOUT 1 +
The stability requirement will be satisfied by placing the poles and zeros of the compensation network according to following design rules. The consideration has been taken to satisfy condition (14) regarding transconductance error amplifier. 1) Select the crossover frequency: Fo < FESR and Fo [ (1/10 ~ 1/6)3 fS 2) Select R7, so that R7 >> 2
gmZf gmZIN
The error amplifier gain is independent of the transconductance under the following condition:
gm
gmZf >> 1
and
gmZIN >>1
---(14)
By replacing ZIN and Zf according to Figure 7, the transformer function can be expressed as: H(s) = (1+sR7C11)3[1+sC10(R6+R8)] 1 3 sR6(C12+C11) C12C11 1+sR7 C12+C11 3(1+sR8C10)
3) Place first zero before LC's resonant frequency pole. FZ1 75% FLC 1 C11 = 2p 3 FZ1 3 R7 4) Place third pole at the half of the switching frequency. fS FP3 = 2 1 C12 = 2p 3 R7 3 FP3 C12 > 50pF If not, change R7 selection. 5) Place R7 in equation (15) and calculate C10: C10 [ 2p 3 Lo 3 FO 3 Co VOSC 3 R7 VIN
[
(
)]
As known, transconductance amplifier has high impedance (current source) output, therefore, consider should be taken when loading the E/A output. It may exceed its source/sink output current capability, so that the amplifier will not be able to swing its output voltage over the necessary range. The compensation network has three poles and two zeros and they are expressed as follows:
Rev. 2.0 09/12/02
www.irf.com
9
IRU3038
6) Place second pole at the ESR zero. FP2 = FESR 1 R8 = 2p 3 C10 3 FP2 1 Check if R8 > Layout Consideration The layout is very important when designing high frequency switching converters. Layout will affect noise pickup and can cause a good design to perform with less than expected results. Start to place the power components. Make all the connections in the top layer with wide, copper filled areas. The inductor, output capacitor and the MOSFET should be close to each other as possible. This helps to reduce the EMI radiated by the power traces due to the high switching currents through them. Place input capacitor directly to the drain of the high-side MOSFET. To reduce the ESR, replace the single input capacitor with two parallel units. The feedback part of the system should be kept away from the inductor and other noise sources and be placed close to the IC. In multilayer PCB, use one layer as power ground plane and have a separate control circuit ground (analog ground), to which all signals are referenced. The goal is to localize the high current path to a separate loop that does not interfere with the more sensitive analog control function. These two grounds must be connected together on the PC board layout at a single point.
gm
If R8 is too small, increase R7 and start from step 2. 7) Place second zero around the resonant frequency. FZ2 = FLC R6 = 1 - R8 2p 3 C10 3 FZ2 VREF 3 R6 VOUT - VREF
8) Use equation (1) to calculate R5: R5 =
These design rules will give a crossover frequency approximately one-tenth of the switching frequency. The higher the band width, the potentially faster the load transient speed. The gain margin will be large enough to provide high DC-regulation accuracy (typically -5dB to 12dB). The phase margin should be greater than 458 for overall stability. IC Quiescent Power Dissipation Power dissipation for IC controller is a function of applied voltage, gate driver loads and switching frequency. The IC's maximum power dissipation occurs when the IC operating with single 12V supply voltage (Vcc=12V and Vc24V) at 400KHz switching frequency and maximum gate loads. This IC's power dissipation results to an excessive temperature rise and should be considered when using IRU3038 for such an application.
10
www.irf.com
Rev. 2.0 09/12/02
IRU3038
TYPICAL PERFORMANCE CHARACTERISTICS
IRU3038 Output Voltage
1.3 900
IRU3038 Transconductance (GM)
800
1.28 700
Max
600
micro Mhos
Min
-40C -25C 0C +25C +50C +75C +100C +125C +150C
1.26
Volts
500
400
1.24
300
1.22
200
100 1.2 0 -40C -25C 0C +25C +50C +75C +100C
Output Voltage
Spec Max.
Spec Min.
Transconductance (GM)
Figure 8 - Output voltage of IRU3038.
Figure 9 - Transconductance of IRU3038.
IRU3038 Rise Time / Fall Time CL = 1500pF
50
45
40
35
nano Seconds (ns)
30
25
20
15
10
5
0 -40C -25C 0C +25C +50C +75C +100C
Rise Time
Fall time
Figure 10 - Rise and fall time of IRU3038.
Rev. 2.0 09/12/02
www.irf.com
11
IRU3038
TYPICAL APPLICATION
Single Supply 5V Input
5V D1 BAT54S L1 1uH C2 2x 10TPB100ML, 100uF, 55mV C1 33uF Tantalum
C3 0.1uF
C4 1uF
C5 0.1uF
Vcc VREF VP SS C8 0.1uF Rt C9 1800pF R4 26.1K Comp Gnd
Vc HDrv Q1 IRF7460 L2 D05022P-103, 3.3uH, 10A Q2 IRF7460 2.5V @ 8A C7 2x 6TPC150M, 150uF, 40mV
U1 IRU3038
LDrv PGnd
R6 Fb R5 1K, 1% 1K, 1%
Figure 11 - Typical application of IRU3038 in an on-board DC-DC converter using a single 5V supply.
450 400
Fs (KHz)
350 300 250 200 150 0 50 100 150 200 250
Rt (K V )
Figure 12 - Switching frequency vs. Rt.
12
www.irf.com
Rev. 2.0 09/12/02
IRU3038
TYPICAL APPLICATION
5V C1 0.1uF 12V C2 1uF C3 10TPB100M, 100uF, 55mV L1 1uH 5V C4 47uF
Vcc C6 0.1uF SS
Vc HDrv Q1 1/2 of IRF7313 L2 VDDQ 2.5V @ 3A C7 2x 6TPC150M, 150uF, 40mV
U1 IRU3037
LDrv
D03316P-103, 10uH, 3.9A Q1 1/2 of IRF7313
Comp C8 2200pF R2 33K Fb Gnd R3 1K
R1 1K
5V C9 0.1uF
12V C10 1uF C11 10TPB100M, 100uF, 55mV
R4 1K R5 1K
Vcc VREF VP SS C12 0.15uF
Vc HDrv D1 BAT54 or 1N4148 Q2 1/2 of IRF7313 L3 Vtt (1.25V @ 3A) C13 2x 6TPC150M 150uF, 40mV
U2 IRU3038
LDrv PGnd Fb
D03316P-103, 10uH, 3.9A Q2 1/2 of IRF7313
C14 2200pF R6 33K
Rt Comp Gnd
Figure 13 - Typical application of IRU3038 for DDR memory when the termination voltage tracks the core voltage generated by IRU3037.
Rev. 2.0 09/12/02
www.irf.com
13
IRU3038
DEMO-BOARD APPLICATION
5V to 2.5V @ 8A
5V D1 C18 47uF 70mV VREF C3 1uF R12 Short R13 Open R1 Open R2 Short C4 1uF C5 0.1uF C6 1uF C2 47uF 70mV L1 1uH C1 33uF
Vcc VREF VP SS C8 0.1uF Rt Comp
Vc HDrv Q1 L2 3.3uH C9 470pF R6 4.7V R8 Fb Gnd R11 1K, 1% 1K, 1% 2.5V @ 8A C10 150uF 40mV C11 150uF 40mV C12 1uF Gnd
VDDQ
U1 IRU3038
LDrv PGnd Q2
C15 1800pF
R9 26.1K
Figure 14 - Demo-board application of IRU3038.
Application Parts List Ref Desig Description Q1, Q2 MOSFET U1 Controller D1 Diode L1 L2 C1 C2,C18 C10,C11 C5,C8 C4 C15 C9 C3,C6,C12 R9 R6 R8,R11 Inductor Inductor Cap, Tantalum Cap, Poscap Cap, Poscap Cap, Ceramic Cap, Ceramic Cap, Ceramic Cap, Ceramic Cap, Ceramic Resistor Resistor Resistor Value Qty Part# 20V, 10mV, 12A 2 IRF7460 Synchronous PWM 1 IRU3038 Fast Switching, 1 BAT54S Schottky 1mH, 10A 1 D03316P-102HC 3.3mH, 12A 1 D05022P-332HC 33mF, 16V 1 ECS-T1CD336R 47mF, 16V, 70mV 2 16TPB47M 150mF, 6.3V, 40mV 2 6TPC150M 0.1mF, Y5V, 25V 2 ECJ-2VF1E104Z 1mF, X7R, 25V 1 ECJ-3YB1E105K 1800pF, X7R, 50V 1 ECJ-2VB1H182K 470pF, X7R 1 ECJ-2VB2D471K 1mF, Y5V, 16V 3 ECJ-2VF1C105Z 26.1K, 5% 1 4.7V, 5% 1 1K, 1% 2 Manuf IR IR IR Coilcraft Coilcraft Panasonic Sanyo Sanyo Panasonic Panasonic Panasonic Panasonic Panasonic Web site (www.) irf.com
coilcraft.com maco.panasonic.co.jp sanyo.com/industrial maco.panasonic.co.jp
14
www.irf.com
Rev. 2.0 09/12/02
IRU3038
TYPICAL PERFORMANCE CHARACTERISTICS
94 92
VIN
Efficiency (%)
90 88 86 84 82 80 0 1 2 3 4 5 6 7 8 9
Vss
VOUT
Output Current (A) Figure 15 - Efficiency for IRU3038 Evaluation Board. VIN=5V, VOUT=2.5V
Figure 16 - Start-up time @ IOUT=5A.
Vss
VOUT
IOUT
Figure 17 - Shutdoown the output by pulling down the soft-start.
Figure 18 - 3.3V output voltage ripple @ IOUT=5A.
2A
4A
0A
0A
Figure 19 - Transient response @ IOUT=0 to 2A.
Rev. 2.0 09/12/02
Figure 20 - Transient response @ IOUT=0 to 4A.
www.irf.com
15
IRU3038
(F) TSSOP Package 14-Pin
A L Q
R1 1.0 DIA B C R
E M O PIN NUMBER 1 F D DETAIL A P
N
G J
DETAIL A
H
K
SYMBOL DESIG A B C D E F G H J K L M N O P Q R R1
MIN 4.30 0.19
4.90 --0.85 0.05
08 0.50 0.09 0.09
14-PIN NOM 0.65 BSC 4.40 6.40 BSC --1.00 1.00 5.00 --0.90 --128 REF 128 REF --1.00 REF 0.60 0.20 -----
MAX 4.50 0.30
5.10 1.10 0.95 0.15
88 0.75 -----
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
16
www.irf.com
Rev. 2.0 09/12/02
IRU3038
(S) SOIC Package 14-Pin Surface Mount, Narrow Body
H A B C
E
DETAIL-A PIN NO. 1 D 0.386 0.015 x 458 TF K
L
DETAIL-A
I
G 14-PIN SYMBOL A B C D E F G H I J K L T MIN MAX 8.56 8.74 1.27 BSC 0.51 REF 0.36 0.46 3.81 3.99 1.52 1.72 0.10 0.25 78 BSC 0.19 0.25 5.80 6.20 08 88 0.41 1.27 1.37 1.57
J
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
Rev. 2.0 09/12/02
www.irf.com
17
IRU3038
PACKAGE SHIPMENT METHOD
PKG DESIG F S PACKAGE DESCRIPTION TSSOP Plastic SOIC, Narrow Body PIN COUNT 14 14 PARTS PER TUBE 100 55 PARTS PER REEL 2500 2500 T&R Orientation Fig A Fig B
1
1
1
1
1
1
Feed Direction Figure A
Feed Direction Figure B
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information Data and specifications subject to change without notice. 02/01
18
www.irf.com
Rev. 2.0 09/12/02


▲Up To Search▲   

 
Price & Availability of IRU3038CF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X