Part Number Hot Search : 
364702 BUY70B 1N5333 0YR10MNC SIA443DJ C10E1 M1200 B00008
Product Description
Full Text Search
 

To Download IRF5851 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-93998A
IRF5851
HEXFET(R) Power MOSFET
l l l l l
Ultra Low On-Resistance Dual N and P Channel MOSFET Surface Mount Available in Tape & Reel Low Gate Charge
N-Ch
G1 1 6 D1
P-Ch -20V
S2
2
5
S1
VDSS
20V
G2
3
4
D2
RDS(on) 0.090 0.135
Description
These N and P channel MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications. This Dual TSOP-6 package is ideal for applications where printed circuit board space is at a premium and where maximum functionality is required. With two die per package, the IRF5851 can provide the functionality of two SOT-23 packages in a smaller footprint. Its unique thermal design and RDS(on) reduction enables an increase in current-handling capability.
TSOP-6
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
N-Channel 20 2.7 2.2 11 0.96 0.62 7.7 12 -55 to + 150 P-Channel -20 -2.2 -1.7 -9.0
Units
A
W mW/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Typ.
---
Max.
130
Units
C/W
www.irf.com
1
2/26/02
IRF5851
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter V(BR)DSS Drain-to-Source Breakdown Voltage N-Ch P-Ch N-Ch P-Ch N-Ch RDS(ON) Static Drain-to-Source On-Resistance P-Ch VGS(th) gfs Gate Threshold Voltage Forward Transconductance N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch Min. Typ. Max. 20 -- -- -20 -- -- -- 0.016 -- -- -0.011 -- -- -- 0.090 -- -- 0.120 -- -- 0.135 -- -- 0.220 0.60 -- 1.25 -0.45 -- -1.2 5.2 -- -- 3.5 -- -- -- -- 1.0 -- -- -1.0 -- -- 25 -- -- -25 -- -- 100 -- 4.0 6.0 -- 3.6 5.4 -- 0.95 -- -- 0.66 -- -- 0.83 -- -- 5.7 -- -- 6.6 -- -- 8.3 -- -- 1.2 -- -- 14 -- -- 15 -- -- 31 -- -- 2.4 -- -- 28 -- -- 400 -- -- 320 -- -- 48 -- -- 56 -- -- 32 -- -- 40 -- Units V V/C V S A Conditions VGS = 0V, ID = 250A VGS = 0V, ID = -250A Reference to 25C, ID = 1mA Reference to 25C, ID = -1mA VGS = 4.5V, ID = 2.7A VGS = 2.5V, ID = 2.2A VGS = -4.5V, ID = -2.2A VGS = -2.5V, ID = -1.7A VDS = VGS, ID = 250A VDS = VGS, ID = -250A VDS = 10V, ID = 2.7A VDS = -10V, ID = -2.2A VDS = 16 V, VGS = 0V VDS = -16V, VGS = 0V VDS = 16 V, VGS = 0V, TJ = 70C VDS = -16V, VGS = 0V, TJ = 70C VGS = 12V N-Channel ID = 2.7A, VDS = 10V, VGS = 4.5V P-Channel ID = -2.2A, V DS = -10V, VGS = -4.5V N-Channel VDD = 10V, ID = 1.0A, R G = 6.2, VGS = 4.5V P-Channel VDD = -10V, ID = -1.0A, RG = 6.0, VGS = -4.5V N-Channel VGS = 0V, VDS = 15V, = 1.0MHz P-Channel VGS = 0V, VDS = -15V, = 1.0MHz
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
nC
ns
pF
Source-Drain Ratings and Characteristics
Parameter IS ISM VSD trr Qrr Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch Min. Typ. Max. Units Conditions -- -- 0.96 -- -- -0.96 A -- -- 11 -- -- -9.0 -- -- 1.2 TJ = 25C, I S = 0.96A, VGS = 0V V -- -- -1.2 TJ = 25C, I S = -0.96A, VGS = 0V -- 25 38 N-Channel ns -- 23 35 TJ = 25C, IF = 0.96A, di/dt = 100A/s -- 6.5 9.8 nC P-Channel TJ = 25C, IF = -0.96A, di/dt = -100A/s -- 7.7 12
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 10 & 26 ) Pulse width 400s; duty cycle 2%.
Surface mounted on FR-4 board, t 10sec.
2
www.irf.com
IRF5851
N-Channel
100
VGS 7.5V 4.5V 3.5V 3.0V 2.5V 2.0V 1.75V BOTTOM 1.5V TOP
100
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
VGS 7.5V 4.5V 3.5V 3.0V 2.5V 2.0V 1.75V BOTTOM 1.5V TOP
10
10
1
1
1.50V
1.50V
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 2.7A
I D , Drain-to-Source Current (A)
10
TJ = 25 C TJ = 150 C
1.5
1.0
1
0.5
0.1 1.5
V DS = 15V 20s PULSE WIDTH 2.0 2.5 3.0
VGS , Gate-to-Source Voltage (V)
0.0 -60 -40 -20
VGS = 4.5V
0 20 40 60 80 100 120 140 160
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF5851
N-Channel
600
500
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 2.7A VDS = 16V VDS = 10V
8
C, Capacitance (pF)
400
Ciss
6
300
4
200
100
2
0
Coss Crss
1 10 100
0
0
2
4
6
8
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
I D , Drain Current (A)
10
10 100us
TJ = 150 C
1
1
1ms
TJ = 25 C V GS = 0 V
0.6 0.8 1.0 1.2 1.4
10ms
0.1 0.4
0.1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
N-Channel
3.0
IRF5851
VDS RD
2.5
ID , Drain Current (A)
V GS RG 4.5V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
2.0
- VDD
1.5
1.0
Fig 10a. Switching Time Test Circuit
0.5
VDS
0.0 25 50 75 100 125 150
90%
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
1000
Thermal Response (Z thJA )
100
D = 0.50 0.20 0.10
10
0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 t2
1
0.1 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 10. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF5851
N-Channel
RDS(on) , Drain-to -Source On Resistance ()
0.14
0.12
RDS (on) , Drain-to-Source On Resistance ()
0.30
0.20
0.10
VGS = 2.5V 0.10
0.08
ID = 2.7A
VGS = 4.5V 0.00 0 2 4 6 8 10 12 ID , Drain Current (A)
0.06 2.0 3.0 4.0 5.0 6.0 7.0 8.0
VGS, Gate -to -Source Voltage (V)
Fig 11. Typical On-Resistance Vs. Gate Voltage
Fig 12. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
4.5 V
QGS
QGD
VGS
3mA
D.U.T.
+ V - DS
VG
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF5851
N-Channel
1.2
24
20
VGS(th) , Variace ( V )
1.0
ID = 250A
16
0.8
Power (W)
12
8
0.6
4
0.4 -75 -50 -25 0 25 50 75 100 125 150
0 0.001 0.010 0.100 1.000 10.000
T J , Temperature ( C )
Time (sec)
Fig 14. Threshold Voltage Vs. Temperature
Fig 15. Typical Power Vs. Time
www.irf.com
7
IRF5851
P-Channel
100
VGS -7.0V -5.0V -4.5V -2.5V -2.0V -1.8V -1.5V BOTTOM -1.2V TOP
100
-I D , Drain-to-Source Current (A)
10
-I D , Drain-to-Source Current (A)
VGS -7.0V -5.0V -4.5V -2.5V -2.0V -1.8V -1.5V BOTTOM -1.2V TOP
10
1
1
0.1
-1.2V
0.01 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
-1.2V
0.1 0.1 1
20s PULSE WIDTH TJ = 150 C
10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 16. Typical Output Characteristics
Fig 17. Typical Output Characteristics
10
2.0
TJ = 150 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
TJ = 25 C
ID = -2.2A
-I D , Drain-to-Source Current (A)
1.5
1
1.0
0.5
0.1 1.2
V DS = -15V 20s PULSE WIDTH 1.6 2.0 2.4 2.8
-VGS , Gate-to-Source Voltage (V)
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
TJ , Junction Temperature ( C)
Fig 18. Typical Transfer Characteristics
Fig 19. Normalized On-Resistance Vs. Temperature
8
www.irf.com
IRF5851
P-Channel
500
400
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = -2.2A
VDS =-16V VDS =-10V
8
C, Capacitance (pF)
Ciss
300
6
200
4
100
Coss Crss
2
0 1 10 100
0
0
2
4
6
8
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 20. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 21. Typical Gate Charge Vs. Gate-to-Source Voltage
10
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 150 C
-ID , Drain Current (A) I
10 100us
1
1ms 1 10ms
TJ = 25 C
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2 1.4
0.1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 22. Typical Source-Drain Diode Forward Voltage
Fig 23. Maximum Safe Operating Area
www.irf.com
9
IRF5851
P-Channel
2.5
VDS
2.0
RD
VGS RG
-ID , Drain Current (A)
D.U.T.
+
1.5
VGS
1.0
Pulse Width 1 s Duty Factor 0.1 %
0.5
Fig 25a. Switching Time Test Circuit
td(on) tr t d(off) tf
0.0
VGS
25
50
75
100
125
150
10%
TJ , Junction Temperature (C)
Fig 24. Maximum Drain Current Vs. Junction Temperature
90% VDS
Fig 25b. Switching Time Waveforms
1000
Thermal Response (Z thJA )
100
D = 0.50 0.20 0.10
10
0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 t2
1
0.1 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 26. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
10
www.irf.com
-
VDD
IRF5851
P-Channel
RDS(on) , Drain-to -Source On Resistance ()
0.20
RDS (on) , Drain-to-Source On Resistance ()
0.24
0.40
0.30 VGS = -2.5V 0.20
0.16
0.12
ID = -2.2A
VGS = -4.5V 0.10 0 2 4 6 8 10 -I D , Drain Current (A)
0.08 2.0 3.0 4.0 5.0 6.0 7.0
-V GS, Gate -to -Source Voltage (V)
Fig 27. Typical On-Resistance Vs. Gate Voltage
Fig 28. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
50K
QG QGS VG QGD
12V
.2F .3F
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 29a. Basic Gate Charge Waveform
Fig 29b. Gate Charge Test Circuit
www.irf.com
+
D.U.T.
-
VDS
11
IRF5851
P-Channel
1.0
24
20
-VGS(th) , Variace ( V )
0.8
16
Power (W)
ID = -250A
12
0.6
8
4
0.4 -75 -50 -25 0 25 50 75 100 125 150
0 0.001 0.010 0.100 1.000 10.000
T J , Temperature ( C )
Time (sec)
Fig 30. Threshold Voltage Vs. Temperature
Fig 31. Typical Power Vs. Time
12
www.irf.com
IRF5851
TSOP-6 Package Outline
TSOP-6 Part Marking Information
EXAMPLE: T HIS IS AN SI3443DV WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR YEAR PART NUMBER Y 1 2 3 4 5 6 7 8 9 0 WORK WEEK 01 02 03 04 W A B C D DATE CODE 2001 2002 2003 2004 2005 1996 1997 1998 1999 2000
3A YW
T OP
WAFER LOT NUMBER CODE
XXXX
BOTT OM
24 25 26
X Y Z
PART NUMBER CODE REFERENCE: 3A = SI3443DV 3B = IRF5800 3C = IRF5850 3D = IRF5851 3E = IRF5852 3I = IRF5805 3J = IRF5806 DAT E CODE EXAMPLES : YWW = 9603 = 6C YWW = 9632 = FF
WW = (27-52) IF PRECEDED BY A LET TER YEAR 2001 2002 2003 2004 2005 1996 1997 1998 1999 2000 Y A B C D E F G H J K WORK WEEK 27 28 29 30 W A B C D
50 51
X Y
www.irf.com
13
IRF5851
TSOP-6 Tape & Reel Information
Data and specifications subject to change without notice. This product has been designed and qualified for the consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 2/02
14
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF5851

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X