Part Number Hot Search : 
A3202 CF50603 20M250 4C4256 74ALS373 3PMT28CA 100MR TMP86
Product Description
Full Text Search
 

To Download IRCZ24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.615A
IRCZ24
HEXFET(R) Power MOSFET
l l l l l l
Dynamic dv/dt Rating Current Sense 175C Operating Temperature Fast Switching Ease of Paralleling Simple Drive Requirements
VDSS = 55V RDS(on) = 0.040 ID = 26A
Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device, low on-resistance and cost-effectiveness. The HEXSence device provides an accurate fraction of the drain current through the additional two leads to be used for control or protection of the device. These devices exhibit similar electrical and thermal characteristics as their IRF-series equivalent part numbers. The provision of a kelvin source connection effectively eliminates problems of common source inductance when the HEXSence is used as a fast, high-current switch in non current-sensing applications.
TO-220 HexSense
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting Torque, 6-32 or screw
Max.
17 12 68 60 0.40 20 6.0 4.5 -55 to + 175 300 (1.6mm from case) 10 lbf*in (1.1 N*m)
Units
A W W/C V mJ A C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Min.
-- -- --
Max.
-- 0.50 --
Units
2.5 -- 62 C/W
** When mounted on FR-4 board using minimum recommended footprint. For recommended footprint and soldering techniques refer to application note #AN-994.
C-1
IRCZ24
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(ON) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Current Sensing Ratio Output Capacitance of Sensing Cells Min. 60 --- --- 2.0 5.8 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 740 --- Typ. --- 0.061 --- --- --- --- --- --- --- --- --- --- 12 59 25 38 4.5 7.5 720 360 75 --- 14 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.10 VGS = 10V, ID = 10A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 10A 25 VDS = 60V, VGS = 0V 250 VDS = 48V, VGS = 0V, TJ = 150C 100 VGS = 20V -100 VGS = -20V 24 ID = 17A 6.3 nC VDS = 48V 9.0 VGS = 10V, See Fig. 6 and 13 --- VDD = 30V --- ID = 17A --- RG = 18 --- RD = 1.7, See Fig. 10 --- nH LC Ciss Coss Crss r Coss --- --- --- --- 820 --- Between lead, 6 mm (0.25 in.) from package and center of die contact VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5 ID = 17A, VGS = 10V VGS = 0V, VDS = 25V, = 1.0MHz
IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD
pF --- pF
Source-Drain Ratings and Characteristics
IS
I SM
V SD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units --- --- --- --- 17 A 68 V ns nC
--- --- 1.5 --- 87 180 --- 0.29 0.60
Conditions D MOSFET symbol showing the G integral reverse p-n junction diode. S TJ = 25C, IS = 17A, VGS = 0V TJ = 25C, IF = 17A di/dt = 100A/s
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 17A, di/dt 140A/s, VDD V(BR)DSS,
TJ 175C
VDD = 25V, starting TJ = 25C, L = 0.024mH
RG = 25, IAS = 17A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
C-2
IRCZ24
ID, Drain Current (Amps)
VDS, Drain-to-Source Voltage (Volts) Fig. 1 Typical Output Characteristics, TC=25C
ID, Drain Current (Amps) VDS, Drain-to-Source Voltage (Volts) Fig. 2 Typical Output Characteristics, TC=175C VDS, Gate-to-Source Voltage (Volts) RDS(on), Drain to Source On-Resistance (Normalized)
ID, Drain Current (Amps)
TJ, Junction Temperature (C) Fig. 4 Normalized On-Resistance vs. Temperature
Fig. 3 Typical Transfer Characteristics
C-3
IRCZ24
VDS, Drain-to-Source Voltage (Volts) Fig. 5 Typical Capacitance vs. Drain-toSource Voltage
VGS, Gate-to-Source Voltage (Volts)
Capacitance (pF)
QG, Total Gate Charge (nC) Fig. 6 Typical Gate Charge vs. Gate-toSource Voltage
ISD, Reverse Drain Current (Amps)
VSD, Source-to-Drain Voltage (Volts) Fig. 7 Typical Source-Drain Diode Forward Voltage
ID Drain Current (Amps) VDS, Drain-to-Source Voltage (Volts) Fig. 8 Maximum Safe Operating Area
C-4
IRCZ24
ID, Drain Current (Amps)
TC, Case Temperature (C) Fig. 9 Maximum Drain Current vs. Case Temperature
ID, Drain Current (Amps) Starting TJ, Junction Temperature (C) Fig. 12c Maximum Avalanche Energy vs. Drain Current t1, Rectiangular Pulse Duration (seconds) Fig. 11 Maximum Effective Transient Thermal Impedance, Junction-to-Case
C-5
Thermal Repsonse (ZJC)
IRCZ24
Sense Ratio (r)
TJ, Junction Temperature (C) Fig. 15 Typical HEXSense Ratio vs. Junction Temperature
Sense Ratio (r)
ID, Drain Current (Amps) Fig. 16 Typical HEXSense Ratio vs. Drain Current
Sense Ratio (r)
Fig. 18 HEXSense Ratio Test Circuit
VGS, Gate-to-Source Voltage (Volts) Fig. 17 Typical HEXSense Ratio vs. Gate Voltage Mechanical drawings, Appendix A Part marking information, Appendix B Test Circuit diagrams, Appendix C
C-6
Fig. 19 HEXSense Sensing Cell Output Capacitance Test Circuit


▲Up To Search▲   

 
Price & Availability of IRCZ24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X