Part Number Hot Search : 
DS21372 SML4762 228BT 12001 TBE0306M SZ5226 1N1190 MTP1N50E
Product Description
Full Text Search
 

To Download HMC394LP4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v04.1102
MICROWAVE CORPORATION
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Features
SSB Phase Noise: -153 dBc/Hz @ 100 kHz
Selectable Division from 2 to 32 Parallel 5-Bit Control Wide Input Power Range: -20 to +10 dBm 4mm x 4mm Leadless SMT Package
Typical Applications
Programmable divider for offset synthesizer and variable divide by N applications: * Satellite Communication Systems
10
FREQ. DIVIDER & DETECTORS - SMT
* Pt-Pt and Pt-MPt Radios * LMDS
* SONET
Functional Diagram
General Description
The HMC394LP4 is a low noise GaAs HBT programmable 5-bit counter in a 4mm x 4mm leadless surface mount package. This device allows continuous division from N= 2 to 32 at input frequencies up to 2.2 GHz. The output voltage swing is 800 mV with a duty cycle inversely proportional to N. The low additive SSB phase noise of -153 dBc/Hz at 100 KHz offset makes this counter an excellent choice for low noise synthesizer applications.
Electrical Specifications, TA = +25 C, 50 Ohm System, Vcc= 5V
Parameter Maximum Input Frequency Minimum Input Frequency Input Power Range Output Power SSB Phase Noise Output Transition Time Supply Current (Icc) Sine Wave Input [1] Fin = 0.1 to 2.2 GHz Divide-by-2 Fin = 1 GHz, N = 4 -15 >-20 4 -153 100 194 Conditions Min. 2.2 0.1 +10 Typ. Max. Units GHz GHz dBm dBm dBc/Hz ps mA
1. Divider will operate down to DC for square-wave input signal.
10 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v04.1102
MICROWAVE CORPORATION
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Input Sensitivity Window, 5 major Input Sensitivity Window vs. GaAs MMIC SUB-HARMONICALLY Temperature, MIXER -40 C to +85 C PUMPED N= 16, T= 17 - 25 GHz Divide Ratio States, T= 25 C
20 20
10
10
INPUT POWER (dBm)
0
INPUT POWER (dBm)
Recommended Operating Window
0
-10
-10
10
0 0.5 1 1.5 2 2.5 3 INPUT FREQUENCY (GHz)
-20
-20
-30 0 0.5 1 1.5 2 2.5 3 INPUT FREQUENCY (GHz)
-30
Output Power, 5 Major Divide Ratio States, T= 25 C
10 5
N=2 N=4 N=8 N=16 N=32
SSB Phase Noise Performance, Fin= 1 GHz, N= 4, T= 25 C
-60 -70
-80 -90 -100 -110 -120 -130 -140 -150
0 -5 -10 -15 -20 0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-160 2 10
10
3
10
4
10
5
10
6
10
7
INPUT FREQUENCY (GHz)
OFFSET FREQUENCY (Hz)
Fundamental Feedthru Power, Pin= 0 dBm, T= 25 C
0
Typical Supply Current vs. Vcc
Vcc (V) 4.75 5.0 Icc (mA) 176 194 210
-10
OUTPUT LEVEL (dBm)
-20
5.25
-30
N=2 N=4 N=8 N=16 N=32
Note: Divider will operate over full voltage range shown above.
-40
-50 0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
INPUT FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
10 - 57
FREQ. DIVIDERS & DETECTORS - SMT
SSB PHASE NOISE (dBc/Hz)
Output Power (dBm)
v04.1102
MICROWAVE CORPORATION
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
2nd Harmonic, Pin= 0 dBm, T= 25 C
0
N=4 N=8 N=16 N=32
3rd Harmonic, Pin= 0 dBm, T= 25 C
0
N=2 N=4 N=8 N=16 N=32
OUTPUT LEVEL (dBm)
10
FREQ. DIVIDER & DETECTORS - SMT
-10
OUTPUT LEVEL (dBm)
0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4
-5
-5
-10
-15
-15
-20 0.4
-20 0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
INPUT FREQUENCY (GHz)
INPUT FREQUENCY (GHz)
4th Harmonic, Pin= 0 dBm, T= 25 C
0 -5
N=2 N=8 N=16 N=32
5th Harmonic, Pin= 0 dBm, T= 25 C
0 -5
N=2 N=4 N=8 N=16 N=32
OUTPUT LEVEL (dBm)
-10 -15 -20 -25 -30 0.4
OUTPUT LEVEL (dBm)
0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4
-10 -15 -20 -25 -30 0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
INPUT FREQUENCY (GHz)
INPUT FREQUENCY (GHz)
Output Voltage Wavform, Fin= 1 GHz, N= 2, Pin= 0 dBm, T= 25 C
300 200
Output Voltage Wavform, Fin= 1 GHz, N= 17, Pin= 0 dBm, T= 25 C
500 400
AMPLITUDE (mV)
100 0 -100 -200 -300 38
AMPLITUDE (mV)
38.5 39 39.5 TIME (nS) 40 40.5 41
300 200 100 0 -100 48
50
52
54
56
58
60
62
64
66
68
70
TIME (nS)
10 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v04.1102
MICROWAVE CORPORATION
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Absolute Maximum Ratings
RF Input (Vcc = +5V) Vcc VLogic Maximum Channel Temperature Continuous Pdiss (T = 85 C) (derate 55 mW/C above 85 C) Storage Temperature Operating Temperature +13 dBm +5.5V -1.6 to -1.2 Vcc 135 C 1.155 W -65 to +150 C -55 to +85 C
10
FREQ. DIVIDERS & DETECTORS - SMT
10 - 59
Outline Drawing
NOTES: 1. MATERIAL PACKAGE BODY: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY 3. LEAD AND GROUND PADDLE PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 6. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 7. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 8. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v04.1102
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Pin Description
Pin Number Function Description Interface Schematic
10
FREQ. DIVIDER & DETECTORS - SMT
1-5
AO - A4
CMOS compatible control input bit 0 (LSB) - 4.
6, 9, 10, 11, 12, 15, 18, 19, 20, 21, 22
GND
Ground: Backside of package has exposed metal ground slug which must be connected to ground.
7, 8, 23, 24
VCC
Supply voltage 5V 0.25V must be applied to all four pins.
13
IN
RF input 180 out of phase with pin 14 must be AC ground.
14
IN
RF input must be DC blocked.
16
OUT
Divided output pulse.
17
OUT
Divided output pulse 180 out of phase with pin 16.
10 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v04.1102
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 Programming Truth Table
Function Output Low /2 /3 /4 / 32 (LSB) A0 0 1 0 1 1 A1 0 0 1 1 1 A2 0 0 0 0 1 A3 0 0 0 0 1 A4 0 0 0 0 1
10
FREQ. DIVIDERS & DETECTORS - SMT
10 - 61
Note: A0 through A4 are CMOS compatible logic control inputs.
Application Circuit, (2 GHz - Divide-by-20)
* Note: Mount bypass capacitors as close to pins as possible. For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v04.1102
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Evaluation PCB
10
FREQ. DIVIDER & DETECTORS - SMT
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and backside ground slug should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request. Note: C1 and C3 bypass capacitors are not necessary if power supply trace is short.
HMC394LP4 Evaluation PCB Truth Table
Note: The evaluation PCB for the HMC394LP4 contains 10K Ohm pull up resistors for each of the five control inputs A0 through A4. Programming the 31 distinct division ratios consists of installing or removing jumpers S1 through S5, as shown below.
Function Output Low /2 /3 /4 / 32 S1 0 1 0 1 1 S2 0 0 1 1 1 S3 0 0 0 0 1 S4 0 0 0 0 1 S5 0 0
Evaluation Circuit Board Layout Design Details
Item J1 - J3 C1 - C2* C3 - C4* C5 - C8 R1* 0 0 1 PCB 104435 Eval Board S1 - S6 U1 Jumper (shunt) 2mm HMC394LP4 5-Bit Counter Description PC Mount SMA RF Connector 1.0 F Tantalum Capacitor .01 F Capacitor, 0603 Pkg. 1000 pF Capacitor, 0603 Pkg. Resistor SIP 10 K ohm
Note: 0 = Jumper Installed. 1 = Jumper Not Installed. Install jumper S6 for high power mode.
* Optional components.
10 - 62
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v04.1102
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Applications Information
Simplified Block Diagram
10
FREQ. DIVIDERS & DETECTORS - SMT
10 - 63
Asynchronous Programming
The 5-Bit programmable counter counts-down from the programmed value of the data bits to zero and issues an output pulse at the end of each cycle. Settling time of the programmable 5-Bit counter is defined as the maximum time required for the counter to change the division ratio N to a new value after the data bits have settled. The worst case settling time occurs if the data bits A0 thru A4 are changing during the load cycle. Under this condition, the data bits may potentially be erroneous when they are clocked in and in the worst case could be all 1's, requiring 32 clock cycles until the correct data is re-loaded into the flip flops. The worst case asynchronous settling time can be calculated as follows: TSETTLING MAX = 32/fIN (For Asynchronous Programming) As an example, if the input frequency is 1 GHz, the maximum settling time is 32 nS
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v04.1102
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Synchronous Programming
For applications which can not tolerate a momentary undefined division ratio, which normally occurs while changing the data bits (A0-A4) at random, synchronous programming can be used. Data is loaded into the counter on every rising edge of the clock which occurs while the output (OUT) is "HIGH". The typical minimum setup and hold times are shown in the table below as a function of frequency. For precision applications, the rising edge of the complementary output may be used to latch the new data bits (A0-A4), so that all bits are settled before the next load cycle. TSETTLING MAX = N/fIN (For Synchronous Programming) Where N is the desired division ratio, and fIN = Input Frequency (Hz)
Parameter 0.5 GHz 200 ps 700 ps 1 GHz 200 ps 300 ps 2 GHz 200 ps 120 ps
10
FREQ. DIVIDER & DETECTORS - SMT
tSETUP tHOLD
Programmable Divider Timing Requirements for Synchronous Programming
t
OUT
SU
t
HOLD
OUT
Rising Edge to Clock New Data
A0-A4
CURRENT DATA
NEW DATA
IN
Data Load Rising Edge
10 - 64
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v04.1102
HMC394LP4
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
CMOS/TTL Input Characteristics
Maximum Input Logic "0" Voltage (VIL MAXIMUM) = 1.1V @ 10 uA. Minimum Input Logic "1" Voltage (VIH MINIMUM) = 1.8V @ 500 uA. Input IV characteristics for the logic inputs (A0-A4) are shown below:
0.4
V
0.2 Input Current (mA) 0 -0.2 -0.4 -0.6 -0.8 0
IL MAX
V
IH MIN
10
FREQ. DIVIDERS & DETECTORS - SMT
10 - 65
1
2
3
4
5
Input Voltage (V)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC394LP4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X