Part Number Hot Search : 
03007 67060 HD643 RM1410 82550080 SMA75 CD5521B N4570
Product Description
Full Text Search
 

To Download HF100-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF100-28
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF100-28 is a class A silicon NPN planar transistor, designed for SSB communications. Diffused ballasting provide High VSRW Capability under rated operating conditions.
PACKAGE STYLE .500 4L FLG
.112x45 A L
FEATURES:
* PG = 15 dB min. at 100 W/30 MHz * High linear power output * IMD3 = -30 dBc max. at 100 W(PEP) * OmnigoldTM Metalization System * 28 V CE operation
E
FULL R
C
O.125 NOM.
C B
B
D G F
E
E H
IJ
K
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 20 A 65 V 36 V 4.0 V 270 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 0.65 C/W
DIM A B C D E F G H I J K L
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .125 / 3.18 .245 / 6.22 .720 / 18.28 .125 / 3.18 .970 / 24.64 .495 / 12.57 .003 / 0.08 .090 / 2.29 .150 / 3.81 .980 / 24.89
.230 / 5.84 .255 / 6.48 .7.30 / 18.54 .980 / 24.89 .505 / 12.83 .007 / 0.18 .110 / 2.79 .175 / 4.45 .280 / 7.11 1.050 / 26.67
ORDER CODE: ASI10608
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVCBO BVEBO ICES hFE Cob GP IMD3
TC = 25 C
NONETEST CONDITIONS
IC = 100 mA IC = 100 mA IC = 100 mA IE = 10 mA VCE = 30 V VCE = 5.0 V VCB = 30 V VCE = 28 V PIN = 3.16 W IC = 5.0 A f = 1.0 MHz PPUT = 100 W f2 = 30.001 MHz
MINIMUM TYPICAL MAXIMUM
35 65 65 4.0 15 10 --15 16 -34 -30 200 285
UNITS
V V V mA --pF dB dBc
f1 = 30.000 MHz ICQ = 100 mA
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. D
1/2
HF100-28 ERROR! REFERENCE SOURCE NOT FOUND.
TEST CIRCUIT
SAFE OPERATING AREA
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. D
2/2


▲Up To Search▲   

 
Price & Availability of HF100-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X