Part Number Hot Search : 
MMSZ468 LTC140 GL34AP SZ6515 MAX951 95080 GBPC3510 G478B
Product Description
Full Text Search
 

To Download GP08A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP08A THRU GP08J
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 600 Volts Forward Current - 0.8 Ampere
DO-204AL
*
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 0.8 Ampere operation at TA=55C with no thermal runaway Typical IR less than 0.1A High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
T
E
D
P A T
E
N
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
0.023 (0.58)
for suffix "E" part numbers
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters) encapsulation technique is covered by Patent No.3,996,602 and brazed-lead assembly by Patent No.3,930,306
*Glass-plastic
(R)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
GP08A
GP08B
GP08D
GP08G
GP08J
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA =55C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TA=55C Maximum instantaneous forward voltage at 0.8A Maximum full load reverse current full cycle average 0.375" (9.5mm) lead length at TA=55C Maximum DC reverse current at rated DC blocking voltage Typical reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25C TA=125C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200 0 .8
400 280 400
600 420 600
Volts Volts Volts Amp
IFSM VF IR(AV) IR trr CJ RJA TJ, TSTG
25.0 1.3 30.0 5.0 50.0 2.0 8.0 55.0 -65 to +175
Amps Volts A A s pF C/W C
NOTES: (1) Measure on IF =0.5A, IR =1.0A, Irr = 0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
4/98
RATINGS AND CHARACTERISTIC CURVES GP08A THRU GP08J
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.0 0.8 0.6 0.4 0.2
0.375" (9.5mm) LEAD LENGTH
PEAK FORWARD SURGE CURRENT, AMPERES
60 HZ RESISTIVE OR INDUCTIVE LOAD
25
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
20
15
10
0 20 40 60 80 100 120 140 160 180
AMBIENT TEMPERATURE, C
5.0 0
1
10
NUMBER OF CYCLES AT 60 Hz
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
TJ=100C
1
1
0.1
0.1
TJ=25C
0 0.4
0.01
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
TJ=25C f=1.0 MHZ Vsig=50mVp-p
100
JUNCTION CAPACITANCE, pF
TRANSIENT THERMAL IMPEDANCE (C/W)
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
10
10
1
1 0.1
0.1 0.01
0.1
1
10
100
1
10
100
t, PULSE DURATION, sec
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of GP08A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X