Part Number Hot Search : 
KTC43 APU2470 TMEGA32 BU2730AL K6T1008 KBPC2500 TMG10C80 KTC43
Product Description
Full Text Search
 

To Download FR155G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR151G - FR157G-STR
PRV : 50 - 1000 Volts Io : 1.5 Amperes
FEATURES :
* * * * * * Glass passivated chip High current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
DO - 41
1.00 (25.4) MIN.
0.107 (2.7) 0.080 (2.0)
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Peak Forward Surge Current, 8.3ms Single half sine wave superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 1.5 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C Ta = 55 C
SYMBOL FR151G FR152G FR153G FR154G FR155G FR156G FR157G
FR157G UNIT -STR
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 1.5
600 420 600
800 560 800
1000 700 1000
1000 700 1000
Volts Volts Volts Amps.
IFSM VF IR IR(H)
Trr
60 1.4 5.0 50 150 25 - 65 to + 150 - 65 to + 150 250 500 250
Amps. Volts A A ns pf C C
Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Junction Temperature Range Storage Temperature Range
CJ TJ TSTG
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A. ( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
UPDATE : APRIL 23, 1998
RATING AND CHARACTERISTIC CURVES ( FR151G - FR157G )
FIG.1 - REVERSE RECOVERY TIM E CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 50 Vdc (approx) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 Trr
+
- 1.0 A SET TIME BASE FOR 50/100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
1.5 75
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
8.3 ms SINGLE HALF SINE WAVE 60 Ta = 50 C 45
1.2
0.9
0.6
30
0.3 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
15
0
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS FORWARD CURRENT, AMPERES
20 10 10
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
1.0
TJ = 25 C
REVERSE CURRENT, MICROAMPERES
Pulse Width = 300 s 2% Duty Cycle
TJ = 100 C
1.0
0.1
0.1 TJ = 25 C
0.01 0
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of FR155G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X