Part Number Hot Search : 
QPA1011D EL7563 MAX8858 RGB10PH SG1526BL CSN042A AD790S MIC21
Product Description
Full Text Search
 

To Download FHX06X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FHX04X, FHX05X, FHX06X
GaAs FET & HEMT Chips FEATURES
* * * * Low Noise Figure: 0.75dB (Typ.)@f=12GHz (FHX04) High Associated Gain: 10.5dB (Typ.)@f=12GHz Lg 0.25m, Wg = 200m Gold Gate Metallization for High Reliability
DESCRIPTION
The FHX04X, FHX05X, FHX06X are High Electron Mobility Transistors (HEMT) intended for general purpose, low noise and high gain amplifiers in the 2-18GHz frequency range. The devices are well suited for telecommunication, DBS, TVRO, VSAT or other low noise applications. Eudyna's stringent Quality Assurance Program assures the highest reliability and consistent performance. ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25C)
Item Drain-Source Voltage Gate-Source Voltage Total Power Dissipation Storage Temperature Channel Temperature
*Note: Mounted on Al2O3 board (30 x 30 x 0.65mm) Eudyna recommends the following conditions for the reliable operation of GaAs FETs: 1. The drain-source operating voltage (VDS) should not exceed 2 volts. 2. The forward and reverse gate currents should not exceed 0.2 and -0.05 mA respectively with gate resistance of 4000. 3. The operating channel temperature (Tch) should not exceed 80C.
Symbol VDS VGS Pt* Tstg Tch
Rating 3.5 -3.0 180 -65 to +175 175
Unit V V mW C C
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25C)
Item Saturated Drain Current Transconductance Pinch-off Voltage Gate Source Breakdown Voltage Noise Figure FHX04X Associated Gain Noise Figure FHX05X Associated Gain Noise Figure FHX06X Associated Gain Maximum Available Gain Thermal Resistance Symbol IDSS gm Vp VGSO NF Gas NF Gas NF Gas Ga(max) Same as above, Gain matched Rth Channel to Case Test Conditions VDS = 2V, VGS = 0V VDS = 2V, IDS = 10mA VDS = 2V, IDS = 1mA IGS = -10A Min. 15 35 -0.2 -3.0 9.5 9.5 9.5 11.0 Limit Typ. Max. 30 60 45 -0.7 -1.5 0.75 0.85 10.5 0.9 1.1 10.5 1.1 1.35 10.5 12.0 220 300 Unit mA mS V V dB dB dB dB dB dB dB C/W
VDS = 2V IDS = 10mA f = 12GHz
Note: RF parameter sample size 10pcs. criteria (accept/reject)=(2/3) The chip must be enclosed in a hermetically sealed environment for optimum performance and reliability.
Edition 1.3 October 2004
1
FHX04X, FHX05X, FHX06X
GaAs FET & HEMT Chips
POWER DERATING CURVE 200 Total Power Dissipation (W) 150 DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE 40 Drain Current (mA) 30 VGS = 0V
100
20
-0.2V
50
10
-0.4V -0.6V -0.8V 3
0
0
50
100
150
200
0
1
2
4
Ambient Temperature (C)
Drain-Source Voltage (V)
NF & Gas vs. IDS 3 Noise Figure (dB) f=12GHz VDS=2V 2 Gas 12 Associated Gain (dB) 11 10 9 1 NF 8 7 0 10 20 Drain Current (mA) 30 Output Power (dBm)
OUTPUT POWER vs. INPUT POWER f=12GHz VDS=2V 10
Noise Figure Matched IDS=10mA Gain Matched IDS=15mA
5
0
-10
-5
0
5
Input Power (dBm)
2
FHX04X, FHX05X, FHX06X
GaAs FET & HEMT Chips
+j50 +j100 +j25
12
S11 S22
+90
S21 S12
+j250 +j10
4 2 1 6
8
10
14 22 16 20 18 20 18 22 16 14 810 6 1 0.1 GHZ
0
10 22
25
50
100 201816
SCALE FOR |S12|
-j10
20 18 16 14 12
22
8 141210
1 0.1 GHZ 1 2 4 2 6
5 0.1 GHZ 180
4
3 0.1 GHZ
2
1 .02 .04 .06 .08
0
SCALE FOR |S21|
-j250
4
10
8
6
-j25 -j50
-j100
FREQUENCY (MHZ)
100 500 1000 2000 4000 6000 8000 10000 12000 14000 16000 18000 20000
S11 MAG
1.000 .999 .996 .983 .928 .877 .811 .748 .694 .649 .614 .588 .570
ANG
-0.9 -4.7 -9.5 -18.8 -37.0 -54.0 -59.3 -84.5 -98.2 -111.1 -123.2 -134.6 -145.4
S-PARAMETERS VDS = 2V, IDS = 10mA S21 S12 MAG ANG MAG ANG
3.721 3.717 3.705 3.658 3.489 3.255 2.999 2.750 2.521 2.319 2.142 1.988 1.853 179.2 176.0 172.0 164.1 149.0 135.1 122.5 111.2 101.1 92.0 83.5 75.9 68.8 .001 .007 .013 .026 .049 .068 .082 .093 .101 .108 .114 .121 .130 89.5 87.7 86.4 81.0 72.3 66.0 60.3 57.3 55.2 54.6 55.0 56.2 57.8
-90
S22 MAG
.606 .605 .604 .598 .576 .547 .516 .485 .457 .432 .410 .391 .373
ANG
-0.4 -2.1 -4.2 -8.3 -16.0 -22.9 -28.9 -34.2 -39.1 -43.7 -48.4 -53.2 -58.4
NOTE:* The data includes bonding wires. n: number of wires Gate n=2 (0.3mm length, 20um Dia Au wire) Drain n=2 (0.3mm length, 20um Dia Au wire) Source n=4 (0.3mm length, 20um Dia Au wire)
Ga (max) & |S21|2 vs. FREQUENCY 15 VDS=2V IDS=10mA 10 Gain (dB)
Ga (max)
NOISE PARAMETERS VDS=2V, IDS=10mA Freq. (GHz) 2 4 6 8 10 12 14 16 18 20 opt (MAG) (ANG) 0.80 0.74 0.68 0.63 0.58 0.52 0.47 0.42 0.38 0.33 16 31 46 61 75 89 102 114 126 137 NFmin (dB) 0.33 0.35 0.44 0.53 0.63 0.72 0.84 0.97 1.09 1.22 Rn/50 0.50 0.45 0.40 0.30 0.23 0.18 0.14 0.12 0.10 0.09
|S21|2
5
4
6
8 10 12 Frequency (GHz)
20
30
3
FHX04X, FHX05X, FHX06X
GaAs FET & HEMT Chips
CHIP OUTLINE
50 90 (Unit: m)
75
154
75
50
90 45020
Die Thickness: 10020m
For further information please contact:
CAUTION
Eudyna Devices Inc. products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures:
Eudyna Devices USA Inc.
2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. TEL: (408) 232-9500 FAX: (408) 428-9111
www.us.eudyna.com
* Do not put this product into the mouth. * Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. * Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Eudyna Devices Europe Ltd.
Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte Ltd. Hong Kong Branch
Rm. 1101, Ocean Centre, 5 Canton Rd. Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-2377-0227 FAX: +852-2377-3921
Eudyna Devices Inc. reserves the right to change products and specifications without notice. The information does not convey any license under rights of Eudyna Devices Inc. or others.
(c) 2004 Eudyna Devices USA Inc. Printed in U.S.A.
Eudyna Devices Inc.
Sales Division 1, Kanai-cho, Sakae-ku Yokohama, 244-0845, Japan TEL: +81-45-853-8156 FAX: +81-45-853-8170
4
75
35020


▲Up To Search▲   

 
Price & Availability of FHX06X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X