Part Number Hot Search : 
SNC725 MD5021T BYV79EB BFXXXX PAS6167 HY5DU568 MAX38 1N5923B
Product Description
Full Text Search
 

To Download EXB100-48S1V8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EXB100 Series
DC/DC CONVERTERS * * * * * * *
Single output
54-100W DC/DC Isolated Converters NEW Product 1
Ultra wide trim range, 60% to 110% (1.08V to 5.5V) High efficiency, 91.5% @ 5V, 90.5% @ 3.3V, 87.5% @ 1.8V Basic insulation (input to output) Industry standard half-brick pin-out No minimum load Over-voltage and over-temperature protection Remote ON/OFF
The EXB100 series of 100W single output isolated DC/DC converters are specially designed to meet the power needs of low voltage silicon. Housed in an open-frame package with standard footprint, these latest generation converters offer efficiencies as high as 91.5% (typical on 5V at 20A). The series comprises three 48V input models with 5V, 3.3V and 1.8V outputs. All models feature a wide input range, trimmable output voltage and 30A output (5V is limited to 20A). Remote sense and remote ON/OFF facilities are included as standard, and the converters are comprehensively protected against over-current, over-voltage and over-temperature conditions.
TUV
2 YEAR WARRANTY All specifications are typical at nominal input, full load at 25C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS Voltage adjustability Output setpoint accuracy Line regulation Load regulation Total error band Minimum load Overshoot Undershoot Ripple and noise 5Hz to 20MHz Transient response (See Note 2) (See Note 1) Deviation At turn-on and turn-off Low line to high line Full load to min. load 60% to 110% 1.5% 0.2% max. 0.4% max. 3.0% 0% None None 100mV pk-pk 50mV rms 150mV 300s recovery to within total error band
EMC CHARACTERISTICS Conducted emissions Radiated emissions Immunity: ESD air ESD contact Radiated field enclosure Conducted (DC power) Conducted (signal) Input transients EN55022 (See Note 7) EN55022 (See Note 7) EN55022 (See Long Form Data Sheet) EN61000-4-2 8kV, 15kV EN61000-4-2 6kV, 8kV EN61000-4-3 10V/m EN61000-4-6 10V EN61000-4-6 10V ETS 300 132-2, ETR 283 Level A Level B Level A
(See Note 5)
GENERAL SPECIFICATIONS Efficiency Basic insulation Switching frequency (Fixed) Approvals and standards (See Note 8) Input/output 5V 3.3V, 1.8V See table 1500VDC 300kHz typ. 220kHz typ. TUV Product Service UL/cUL60950 UL94V-0 45g (1.59oz) MIL-HDBK-217F 115,000 hours 1V8 @ 48Vin, 40C 100% load, ground benign BELLCORE 332 591,000 hours
INPUT SPECIFICATIONS Input voltage range Input current Input current (max.) Input reflected ripple Remote ON/OFF Logic compatibility ON OFF Under-voltage lockout Start-up time (See Note 6) Power up Power down Power up Remote ON/OFF No load Remote OFF (See Note 3) (See Note 4) 36 to 75VDC 150mA 20mA 3.15A max. @ Io max. and Vin = 36 to 75V 60mA (pk-pk) (See Note 5) Open collector ref to -input >2VDC <1.2VDC 36V 30V 40ms 35ms
Material flammability Weight MTBF Representative model:
ENVIRONMENTAL SPECIFICATIONS Thermal performance Altitude derating (above sea level) Operating ambient. temperature Non-operating 3,000m 10,000m -40C to +90C -40C to +125C 20% 50%
File Name: EXB100S.PDF Rev: 29 March 2002
EXB100 Series
DC/DC CONVERTERS
OUTPUT POWER (MAX.) 100W 100W 54W Notes
1 2 3 4 5 6 7 8 9
Single output
54-100W DC/DC Isolated Converters NEW Product 2
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
INPUT VOLTAGE 36-75VDC 36-75VDC 36-75VDC
OVP 6.0VDC 3.9VDC 2.2VDC
OUTPUT VOLTAGE 5.0V 3.3V 1.8V
OUTPUT CURRENT (MIN.) 0A 0A 0A
OUTPUT CURRENT (MAX.) 20A 30A 30A
EFFICIENCY (TYP.) 91.5% 90.5% 87.5%
REGULATION LINE 0.2% 0.2% 0.2% LOAD 0.4% 0.4% 0.4%
MODEL NUMBER (9) EXB100-48S05 EXB100-48S3V3 EXB100-48S1V8
PROTECTION Short circuit protection Overvoltage protection TELECOM SPECIFICATION Central office interface A ETS300-132-2 input voltage and current requirements Continuous Non-latching clamp
Measured as per recommended set-up. See Application Note 129 for details. di/dt = 0.1A/s, Vin = 48VDC, Tc = 25C, load change = 0.5 lo max. to 0.75 lo max. and 0.75 lo max. to 0.5 lo max. Recommended input fusing is a 5A HRC 200V rated fuse. Measured with external filter. See Application Note 129 for details. Signal line assumed <3m in length. Start-up into resistive load. The EXB100 meets levels A and B conducted emissions with external components. See Application Note 129 for details. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. Negative remote ON/OFF option also available. Add suffix `-R' to part number, for example EXB100-48S3V3-R.
CAUTION: Hazardous internal voltages and high temperatures. Ensure that unit is not user accessible.
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 9 FUNCTION -Vin No Pin Remote ON/OFF +Vin +Vout +Sense Trim
0.500 (12.70) Max open-frame converter height 0.394 (10.00) Max
seating plane O0.040 0.002 (O1.02 0.05) 6 Places O0.080 0.002 (O2.03 0.05) Minimum clearance from 2 Places seating plane to underside components All dimensions in inches (mm) General tolerance 0.01in (0.25mm) except where specified otherwise 2.2800.02 (57.910.5) 0.138 (3.50) 0.161 (4.09) 0.400 (10.16) 0.700 0.500 (17.78) (12.70) 1.000 (25.40) 1.400 (35.56) 0.012 (0.3) Min
-Sense -Vout
2.4000.02 (60.960.5)
Vin-
VoSenseTrim Sense+
1.400 (35.56)
Remote ON/OFF Vin+
1.000 (25.40)
Vo+
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950 File No. E174104
1.900 (48.26)
Bottom View
TUV
TUV Product Service. Certificate No. B 02 02 38572 031
Data Sheet (c) Artesyn Technologies(R) 2002 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
Application Note
Longform Data Sheet
www.artesyn.com
File Name: EXB100S.PDF Rev: 29 March 2002


▲Up To Search▲   

 
Price & Availability of EXB100-48S1V8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X