Part Number Hot Search : 
FS800 43U02 P80C52X2 SCA24CA KMM532 1N3296A NDC652P 2SD1118
Product Description
Full Text Search
 

To Download BY9212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D350
BY9200 series Ultra fast high-voltage soft-recovery controlled avalanche rectifier
Product specification 1998 Dec 04
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
FEATURES * Plastic package * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * 40% overvoltage allowed during 5 sec * Guaranteed avalanche energy absorption capability * Very low reverse recovery time * Soft-recovery switching characteristics * Compact construction. APPLICATIONS * Colour television and monitors up to 130 kHz (indication) * High-voltage applications for: - multipliers - diode-split-transformers (FBT's) MARKING Cathode band colour codes TYPE NUMBER BY9206 BY9208 BY9210 BY9212 PACKAGE CODE SOD118A SOD118A SOD118B SOD118B DESCRIPTION Plastic package, using glass passivation and a high temperature alloyed construction. This package is hermetically sealed and fatigue free as coefficients of
BY9200 series
expansion of all used parts are matched. The package should be used in an insulating medium such as resin, oil or SF6 gas.
k handbook, halfpage
Fig.1 Simplified outline (SOD118A; SOD118B) and symbol.

a
MAM402
INNER BAND green red violet orange
OUTER BAND light blue light blue light blue light blue
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM1 BY9206 BY9208 BY9210 BY9212 VRRM2 repetitive peak reverse voltage BY9206 BY9208 BY9210 BY9212 max. 5 sec. - - - - 8.4 11.2 14.0 16.8 kV kV kV kV PARAMETER repetitive peak reverse voltage - - - - 6 8 10 12 kV kV kV kV CONDITIONS MIN. MAX. UNIT
1998 Dec 04
2
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
SYMBOL IF(AV) BY9206 BY9208 BY9210 BY9212 IFRM Tstg Tj repetitive peak forward current storage temperature junction temperature BY9206 BY9208 BY9210 BY9212 Note 1. Withstands peak currents during flash-over in a picture tube. ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF BY9206 BY9208 BY9210 BY9212 IR trr reverse current reverse recovery time VR = VRRM1; Tj = 120 C when switched from IF = 2 mA to IR = 4 mA; measured at IR = 1 mA; see Fig 10 VR = 0 ; f = 1 MHz PARAMETER forward voltage CONDITIONS IF = 10 mA; see Figs 6, 7, 8 and 9 - - - - - - note 1 PARAMETER average forward current CONDITIONS averaged over any 20 ms period; see Figs 2, 3, 4 and 5
BY9200 series
MIN. - - - - - -65 -65 -65 -65 -65
MAX. 10 5 5 5 500 +175 +160 +155 +150 +145
UNIT mA mA mA mA mA C C C C C
TYP.
MAX. 18 22 28 36 3 < 35 V V V V
UNIT
A ns
Cd
diode capacitance BY9206 BY9208 BY9210 BY9212
0.34 0.29 0.27 0.23
- - - -
pF pF pF pF
1998 Dec 04
3
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
GRAPHICAL DATA
MDA853
BY9200 series
handbook, halfpage
10
handbook, halfpage
5
MDA854
IF(AV)
IF(AV)
(mA) 8
(mA) 4
a = 6.32 6 a = 6.32 4 1.57 2 3
1.57
2
1
0 0 40 80 120 160 200 Tamb (C)
0 0 40 80 120 160 200 Tamb (C)
BY9206. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 6.32: line output transformer application; see Fig 11. a = 1.57: half-sinewave.
BY9208. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 6.32: line output transformer application; see Fig 11. a = 1.57: half-sinewave.
Fig.2
Maximum permissible average forward current as a function of ambient temperature.
Fig.3
Maximum permissible average forward current as a function of ambient temperature.
handbook, halfpage
5
MDA859
IF(AV) (mA) 4
handbook, halfpage
5
MDA860
IF(AV)
(mA) 4 a = 6.32 1.57 a = 6.32 1.57
3
3
2
2
1
1
0 0 40 80 120 160 200 Tamb (C)
0 0 40 80 120 160 200 Tamb (C)
BY9210. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. (1) a = 6.32; line output transformer application; see Fig 11. (2) a = 1.57; half-sinewave.
BY9212. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 6.32: line output transformer application; see Fig 11. a = 1.57: half-sinewave.
Fig.4
Maximum permissible average forward current as a function of ambient temperature.
Fig.5
Maximum permissible average forward current as a function of ambient temperature.
1998 Dec 04
4
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
BY9200 series
handbook, halfpage
200 IF
MDA857
handbook, halfpage
200 IF
MDA858
(mA) 160
(mA) 160
120
120
80
80
40
40
0 0 10 20 30 40 VF (V) 50
0 0 20 40 VF (V) 60
BY9206. Dotted line: Tj = Tj max. Solid line: Tj = 25 C.
BY9208. Dotted line: Tj = Tj max. Solid line: Tj = 25 C.
Fig.6
Forward current as a function of forward voltage; typical values.
Fig.7
Forward current as a function of forward voltage; typical values.
handbook, halfpage
200 IF
MDA855
handbook, halfpage
200 IF
MDA856
(mA) 160
(mA) 160
120
120
80
80
40
40
0 0 20 40 60 VF (V) 80
0 0 20 40 60 VF (V) 80
BY9210. Dotted line: Tj = Tj max. Solid line: Tj = 25 C.
BY9212. Dotted line: Tj = Tj max. Solid line: Tj = 25 C.
Fig.8
Forward current as a function of forward voltage; typical values.
Fig.9
Forward current as a function of forward voltage; typical values.
1998 Dec 04
5
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
BY9200 series
handbook, full pagewidth
IF (mA) 2 trr 2 mA 50 0 1 IR (mA) 4
MBH420
0.1 F
t
Rise time oscilloscope: tr < 7 ns. Generator pulse width: 1 s.
Fig.10 Test circuit and reverse recovery time waveform and definition.
APPLICATION INFORMATION
handbook, full pagewidth
VR VR Vo V RRM
DUT VI
Io
VRW
Tnom
t
MAM105 - 1
Fig.11 Typical operation circuit and voltage waveform.
1998 Dec 04
6
Philips Semiconductors
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
PACKAGE OUTLINES
Hermetically sealed plastic package; axial leaded; 2 leads
D
DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 6.7 6.3 L min. 31

(1)
Product specification
BY9200 series
SOD118A
k
a
b
L
G
L
0
2.5 scale
5 mm
Note 1. The marking bands indicate the cathode. OUTLINE VERSION SOD118A REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-05-28
1998 Dec 04
7
Philips Semiconductors
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
Hermetically sealed plastic package; axial leaded; 2 leads
k
D
DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 10.5 9.5 L min. 29
Note 1. The marking bands indicate the cathode. OUTLINE VERSION SOD118B
IEC

(1)
Product specification
BY9200 series
SOD118B
a
b
L
G
L
0
2.5 scale
5 mm
REFERENCES
JEDEC
EIAJ
EUROPEAN PROJECTION
ISSUE DATE 98-05-28
1998 Dec 04
8
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BY9200 series
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Dec 04
9
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
NOTES
BY9200 series
1998 Dec 04
10
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery controlled avalanche rectifier
NOTES
BY9200 series
1998 Dec 04
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA60
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
135106/00/01/pp12
Date of release: 1998 Dec 04
Document order number:
9397 750 04806


▲Up To Search▲   

 
Price & Availability of BY9212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X