Part Number Hot Search : 
5S105 OP02N 12C5A DT72V EL5524 D1857 2SD1643 1SMA10
Product Description
Full Text Search
 

To Download BCM5703S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5703S
(R)
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
FEATURES SUMMARY OF BENEFITS
* Single-chip solution for LAN on Motherboard (LOM) and
*
*
*
*
*
* * 300-pin HBGA package * 3.3V I/Os (5V tolerant) * JTAG
network interface card (NIC) applications * Integrated SerDes interface * 10/100/1000 Mbps triple-speed media access controller (MAC) * Host interfaces - PCI v2.2, 32/64-bit, 33/66 MHz - PCI-X v1.0 64-bit, 66/100/133 MHz * Ultra-deep 96 KB, on-chip packet buffer * Dual high-speed RISC cores with 16-KB caches Programmable, in-line packet classification * SMBus controller * On-chip power circuit controller and Wake on LAN power switching circuit Performance features * TCP, IP, UDP checksum * TCP segmentation * CPU task offload * Adaptive interrupts * Ultra-deep 96 KB packet buffer Robust manageability * PXE 2.0 remote boot * Alert Standard Format (ASF 1.0 support) * Wake on LAN * Statistics gathering: SNMP MIB II, Ethernet-like MIB, Ethernet MIB (802.3x, Clause 30) * Comprehensive diagnostic and configuration software suite * ACPI 1.1a compliant (multiple power modes) Advanced network features * Priority queuing (802.1p layer 2 priority encoding; support for four priority queues) * Virtual LANs (802.1q VLAN tagging; support for up to 64 VLANs) * Jumbo frames (9 KB) * 802.3x flow control Advanced server features * Link aggregation: 802.3ad, GEC/FEC, Smart Load BalancingTM (supports heterogeneous teams) * Heterogeneous mixed-speed failover * Hot-Plug PCI support Low power, 0.13-m CMOS design
* Industry's smallest 10/100/1000 MAC/PHY solution (power * * *
and space optimized for LOM and low-profile NIC applications) Integrated 1.25-Gbps SerDes * IEEE 802.3z compliant * For fiber on backplane applications Futureproof * PCI-X interface, on-chip programmable CPUs, ASF support Performance focused (optimized for throughput and CPU utilization) * Adaptive interrupts * PCI-X(R) eliminates PCI bottlenecks * Ultra-deep 96-KB packet buffer lowers CPU utilization and averts PCI congestion * CPU task offloads reduce CPU utilization level Robust and highly manageable * PXE 2.0, ACPI 1.1, Wake on LAN, ASF 1.0, IPMI 1.5 * Broadcom EyeOpener(R) adaptive equilization technology (allows longer backplane lengths and robust signal integrity) Advanced features * VLAN, priority queuing, jumbo frames * RISC processors for advanced packet classification Server-class reliability, availability, and performance features * Link aggregation and load balancing - Switch-dependent * 802.3ad (LACP), generic trunking (GEC/FEC) - Switch- and NIC-independent * Smart Load BalancingTM (unique technology that supports heterogeneous teams, and can operate with any switch) * Failover - Smart Load Balancing allows heterogeneous failover * Hot-Plug PCI support Low power for zero airflow implementations * 0.13-m CMOS design * Advanced power management Space savings for LOM * 300-pin HBGA package * No external memory * Integrated power circuitry
*
* *
* *
BCM5703S OVERVIEW
SerDes Interface
1.25-Gbps SerDes
Buffer Memory Memory Controller
Dual Processor
PCI/PCI-X PLL 32-KB Memory EEPROM Control PCI/PCI-X Bus
LED Control
SMBus
PLL
PCI CLK
LED Signals
SMB Interface EEPROM Interface
The BCM5703S 10/100/1000BASE-T Gigabit Ethernet media access control and serializer/deserializer (SerDes) is a fully integrated interface solution for high-performance network applications. The BCM5703S is a highly-integrated solution combining a triple-speed IEEE 802.3compliant media access controller (MAC), PCI and PCI-X bus interfaces, an on-chip buffer memory, and an integrated SerDes transceiver in a single device. The BCM5703S is fabricated in a lowvoltage 0.13-m CMOS process, providing a low-power system solution. By itself the BCM5703S provides a complete single-chip Gigabit Ethernet NIC or LOM solution. Support for the following 802.3 functions is featured in the MAC: VLAN tagging, layer 2 priority encoding, link aggregation, and full-duplex flow control. The BCM5703S provides both PCI v2.2 and PCI-X v1.0 bus interfaces. It also provides large on-chip buffer memory for stand-alone operation. Dual, on-chip, high-performance processors enable custom frame processing features, including TCP segmentation. Along with complying with the IEEE 802.3z specification, several enhancements, such as ultra-low jitter technology, have been added to make designs even more robust.
Target Applications of the BCM5703S
Network Interface Cards (NIC) designs LAN on Motherboard (LOM) designs
Single Port
1000 BASE-SX 1000 BASE-LX 10/1000 BASE-SX PCI 2.2 Adapters PCI-X v1.0 Adapters PCI 2.2 Adapters PCI-X v1.0 Adapters
Single Port
1000 BASE-SX 1000 BASE-SX PCI 2.2 LOM PCI-X v1.0 LOM PCI 2.2 LOM PCI-X v1.0 LOM
Dual Port
Dual Port
PCI 2.2 Adapters
Gigabit Ethernet Network Interface Cards (NICs) and LAN-on Motherboard (LOM) applications for Desktop and Mobile PCs.
BCM5703S Operating Systems * * * * * * * * Microsoft(R) Windows(R) 98, NT(R)4.0, 2000, XP, NT64 Linux(R) 2.2, 2.4 Linux64(R) NetWare(R) 4.x, 5.x, 6.x PXE 2.0 SolarisTM x86 UnixWare(R) 7.0 OpenServerTM 5.0
Broadcom(R), the pulse logo, Connecting everything(R), Smart Load BalancingTM, and EyeOpener(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5703S-PB05-R 01/05/05
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5703S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X