Part Number Hot Search : 
R127047 RL821 10ZF3M 2SJ551S 00159 NCP5359A MCR10 RL821
Product Description
Full Text Search
 

To Download BCM2037 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM2037
(R)
BLUETOOTH(R) 2.0 EDR WIRELESS AUDIO PROCESSOR
FEATURES SUMMARY OF BENEFITS
* Single-chip Bluetooth 2.0 transceiver supporting enhanced
data rate (EDR) backward compatibility with Bluetooth 1.2 and Bluetooth 1.1 * High-performance ARM7TDMI(R) processor with 120 KB of on-chip SRAM eliminating need for separate DSP * Low-power 2.0V operation
* Bluetooth 2.0 EDR enables:
* Lower power consumption * Multilink stereo * Increasingly complex Bluetooth systems * Lower latency * Improved robustness * 2.0V operation: * Longer play and talk time * High quality: * Near CD quality streaming stereo * Choice of best-in-class stereo codecs * Low cost: * Single-chip Bluetooth transceiver * Integrated RF, battery monitor, and charging controls Time-to-market: * HW reference designs for common wireless audio applications * Includes ZSound software suite
* On-chip support for battery monitoring and charging control * Fully configurable pulse code modulation (PCM) and I2S
interfaces with on-chip phase-locked loop (PLL) to interface with a variety of high-quality audio codecs * Up to 27 fully configurable GPIOs to address applications with sophisticated user interfaces * ZSoundTM audio software package including application, upper layer stack with profiles, and lower layer stack * Available in 7 mm x 7 mm BGA, RoHS compliant package with integrated RF
APPLICATIONS
* * * * * *
Flash
Wireless headphones (stereo) Wireless stereo headsets (stereo plus mono) Wireless mono headsets Wireless stereo adapters Portable audio devices Embedded Bluetooth application
BCM2037 Block Diagram
BCM2037
MAC ARM7 TDMI CPU Bridge Interrupt Controller LC Radio UART USB I2S PCM ADC PDM SPI GPIO
I RAM Boot ROM
DMA Controller
LPO MPLL
BRAM Timer
Dual LDO Codec PLL
OVERVIEW
AV-enabled Cellular Phone
Stereo Headset Solution
8 Mb Flash
AV-enabled PC or USB Adapter
The BCM2037 wireless audio processor supports the Bluetooth 2.0 specification, with EDR technology enabling peak data rates of 3 Mbps, while providing full backward compatibility to Bluetooth 1.2 and Bluetooth 1.1 specifications. High integration with low-power operation make this family of chips ideal for incorporation into high volume, battery-operated wireless stereo and wireless mono consumer audio applications. Used in conjunction with a high quality external stereo codec, the BCM2037 solution delivers end-to-end streaming digital stereo at near CD audio quality. In addition, support for the remote control profile (AVRCP) allows a stereo headset to control a variety of remote music sources. The BCM2037 is capable of transmitting using EDR permitting lower power, increased robustness, and lower latency as compared to Bluetooth 1.2-based audio solutions. Additional bandwidth of EDR enables complex Bluetooth environments with multiple active Bluetooth devices and provides support for multiple simultaneous stereo links. A stereo headset combining mono and stereo functions can be accomplished by combining the BCM2037 with a codec that has stereo output and MIC input. An audio gateway can be implemented by combining the BCM2037 with a codec that has stereo outputs and stereo
Broadcom(R), the pulse logo, Connecting everything(R), and the Connecting everything logo are among the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries and/or the EU. Bluetooth(R) is a trademark of the Bluetooth SIG. Any other trademarks or trade names mentioned are the property of their respective owners.
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2006 by BROADCOM CORPORATION. All rights reserved. 2037-PB02-R 09/25/06
ll Ca g HS in no am re Mo St eo er St
2.0V
g in am tre S
I Vo
P
eo er St
Button Controls Battery Management
Stereo Codec
BCM2037
MIC
Stereo Headset Solution
inputs. A USB plug-and-play adapter can be implemented without using a codec by using the built-in USB interface on the BCM2037. The BCM2037 has sufficient processing performance to simultaneously manage the user interface, maintain full Bluetooth protocol stack operation, and execute key audio algorithms. This high performance is enabled by a 32-bit ARM7(R) CPU with high-peak clock speeds and deep on-chip memory, allowing zero-wait-state execution of computationally intensive audio algorithms. Key algorithms are supported by application-specific hardware accelerators, further increasing BCM2037 computational capabilities, while reducing system power consumption. These powerful features eliminate the need for a separate external DSP, reducing the bill of materials, power consumption, and total footprint. The BCM2037 can be bundled with ZSound, a complete productionready, qualified software package including starting applications, Bluetooth profiles, and protocol stack that facilitates time-to-market. This complete solution makes the BCM2037 an excellent choice for a wide variety of wireless audio applications.
(R)
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM2037

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X