Part Number Hot Search : 
C1210 340102 MAX1402 2N4123 ATMEGA88 P9803 CSU14155 ZTB456E
Product Description
Full Text Search
 

To Download ATA6662-TAQY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * * * * *
Operating Range from 5V to 27V Baud Rate up to 20 Kbaud Improved Slew Rate Control According to LIN Specification 2.0 and SAEJ2602-2 Fully Compatible with 3.3V and 5V Devices Dominant Time-out Function at Transmit Data (TXD) Normal and Sleep Mode Wake-up Capability via LIN Bus (90 s Dominant) External Wake-up via WAKE Pin (35 s Low Level) Control of External Voltage Regulator via INH Pin Very Low Standby Current During Sleep Mode (10 A) Wake-up Source Recognition Bus Pin Short-circuit Protected versus GND and Battery LIN Input Current Typically 5 A if VBAT Is Disconnected Overtemperature Protection High EMC Level Interference and Damage Protection According to ISO/CD 7637 ESD HBM 6 kV at LIN Bus Pin and Supply VS Pin
LIN Transceiver ATA6662 Preliminary
1. Description
The ATA6662 is a fully integrated LIN transceiver complying with the LIN specification 2.0 and SAEJ2602-2. It interfaces the LIN protocol handler and the physical layer. The device is designed to handle the low-speed data communication in vehicles, for example, in convenience electronics. Improved slope control at the LIN bus ensures secure data communication up to 20 Kbaud with an RC oscillator for protocol handling. Sleep mode guarantees minimal current consumption. The ATA6662 has advanced EMI and ESD performance. Figure 1-1. Block Diagram
7 Receiver RXD 1 VS
Filter
6
LIN
Wake-up bus timer
Short circuit and overtemperature protection
TXD
4
TXD time-out timer VS
Slew rate control
VS Control unit Wake-up timer Standby mode 5 GND
WAKE
3
2 EN
8 INH
4916E-AUTO-02/07
2. Pin Configuration
Figure 2-1. Pinning SO8
RXD EN WAKE TXD 1 2 3 4 8 7 6 5 INH VS LIN GND
Table 2-1.
Pin 1 2 3 4 5 6 7 8
Pin Description
Symbol RXD EN WAKE TXD GND LIN VS INH Function Receive data output (open drain) Enables normal mode; when the input is open or low, the device is in sleep mode High voltage input for local wake-up request Transmit data input; active low output (strong pull-down) after a local wake-up request Ground, heat sink LIN bus line input/output Battery supply Battery-related inhibit output for controlling an external voltage regulator; active high after a wake-up request
2
ATA6662 [Preliminary]
4916E-AUTO-02/07
ATA6662 [Preliminary]
3. Functional Description
3.1 Supply Pin (VS)
Undervoltage detection is implemented to disable transmission if VS falls to a value below 5V in order to avoid false bus messages. After switching on VS, the IC switches to pre-normal mode and INHIBIT is switched on. The supply current in sleep mode is typically 10 A.
3.2
Ground Pin (GND)
The ATA6662 is neutral on the LIN pin in the case of a GND disconnection. It is able to handle a ground shift up to 11.5% of VS.
3.3
Bus Pin (LIN)
A low-side driver with internal current limitation and thermal shutdown and an internal pull-up resistor are implemented as specified for LIN 2.0. The voltage range is from -27V to +40V. This pin exhibits no reverse current from the LIN bus to VS, even in the case of a GND shift or VBatt disconnection. The LIN receiver thresholds are compatible to the LIN protocol specification.The fall time (from recessive to dominant) and the rise time (from dominant to recessive) are slope controlled. The output has a self-adapting short circuit limitation; that is, during current limitation, as the chip temperature increases, the current is reduced.
3.4
Input Pin (TXD)
This pin is the microcontroller interface to control the state of the LIN output. TXD is low to bring LIN low. If TXD is high, the LIN output transistor is turned off. Then, the bus is in recessive mode via the internal pull-up resistor. The TXD pin is compatible to both a 3.3V or 5V supply.
3.5
TXD Dominant Time-out Function
The TXD input has an internal pull-down resistor. An internal timer prevents the bus line from being driven permanently in dominant state. If TXD is forced low longer than tdom > 6 ms, the pin LIN will be switched off (recessive mode). To reset this mode, switch TXD to high (>10 s) before switching LIN to dominant again.
3.6
Output Pin (RXD)
This pin reports to the microcontroller the state of the LIN bus. LIN high (recessive) is reported by a high level at RXD, LIN low (dominant) is reported by a low voltage at RXD. The output is an open drain, therefore, it is compatible to a 3.3V or 5V power supply. The AC characteristics are defined with a pull-up resistor of 5 k to 5V and a load capacitor of 20 pF. The output is short-current protected. In unpowered mode (VS = 0V), RXD is switched off. For ESD protection a Zener diode is integrated, with VZ = 6.1V.
3
4916E-AUTO-02/07
3.7
Enable Input Pin (EN)
This pin controls the operation mode of the interface. If EN = 1, the interface is in normal mode, with the transmission path from TXD to LIN and from LIN to Rx both active. A falling edge on EN while TXD is already set to high, the device is switched to sleep mode and no transmission is possible. In sleep mode, the LIN bus pin is connected to VS with a weak pull-up current source. The device can transmit only after being woken up (see Section 3.8, "Inhibit Output Pin (INH)" ). During sleep mode the device is still supplied from the battery voltage. The supply current is typically 10 A. The pin EN provides a pull-down resistor in order to force the transceiver into sleep mode in case the pin is disconnected.
3.8
Inhibit Output Pin (INH)
This pin is used to control an external switchable voltage regulator having a wake-up input. The inhibit pin provides an internal switch towards pin VS. If the device is in normal mode, the inhibit high-side switch is turned on and the external voltage regulator is activated. When the device is in sleep mode, the inhibit switch is turned off and disables the voltage regulator. A wake-up event on the LIN bus or at pin WAKE will switch the INH pin to the VS level. After a system power-up (VS rises from zero), the pin INH switches automatically to the VS level. The RDSon of the high-side output is < 1 k.
3.9
Wake-up Input Pin (WAKE)
This pin is a high-voltage input used to wake the device up from sleep mode. It is usually connected to an external switch in the application to generate a local wake-up. If you do not need a local wake-up in your application, connect pin WAKE directly to pin VS. A pull-up current source with typically -10 A is implemented. The voltage threshold for a wake-up signal is 3V below the VS voltage with an output current of typically -3 A. Wake-up events from sleep mode: * LIN bus * EN pin * WAKE pin Figure 3-1 on page 6, Figure 3-2 on page 7 and Figure 3-3 on page 7 show details of wake-up operations.
4
ATA6662 [Preliminary]
4916E-AUTO-02/07
ATA6662 [Preliminary]
3.10 Operation Modes
1. Normal mode This is the normal transmitting and receiving mode. All features are available. 2. Sleep mode In this mode the transmission path is disabled and the device is in low power mode. Supply current from VBatt is typically 10 A. A wake-up signal from the LIN bus or via pin WAKE will be detected and will switch the device to pre-normal mode. If EN then switches to high, normal mode is activated. Input debounce timers at pin WAKE (TWAKE), LIN (TBUS) and EN (Tsleep,Tnom) prevent unwanted wake-up events due to automotive transients or EMI. In sleep mode the INH pin is left floating. The internal termination between pin LIN and pin VS is disabled to minimize the power dissipation in case pin LIN is short-circuited to GND. Only a weak pull-up current (typical 10 A) between pin LIN and pin VS is present. The sleep mode can be activated independently from the actual level on pin LIN or WAKE, guaranteeing that the lowest power consumption is achievable even in the case of a continuous dominant level on pin LIN or a continuous LOW on pin WAKE. 3. Pre-normal mode At system power-up, the device automatically switches to pre-normal mode. It switches the INH pin to a high state, to the VS level. The microcontroller of the application will then confirm the normal mode by setting the EN pin to high.
3.11
Remote Wake-up via Dominant Bus State
A voltage less than the LIN pre-wake detection VLINL at pin LIN activates the internal LIN transceiver. A falling edge at pin LIN, followed by a dominant bus level VBUSdom maintained for a certain time period (TBUS) and a rising edge at pin LIN results in a remote wake-up request. The device switches to pre-normal mode. Pin INH is activated (switches to VS) and the internal termination resistor is switched on. The remote wake-up request is indicated by a low level at pin RXD to interrupt the microcontroller (see Figure 3-2 on page 7).
3.12
Local Wake-up via Pin WAKE
A falling edge at pin WAKE, followed by a low level maintained for a certain time period (TWAKE), results in a local wake-up request. The wake-up time (TWAKE) ensures that no transient, according to ISO7637, creates a wake-up. The device switches to pre-normal mode. Pin INH is activated (switches to VS) and the internal termination resistor is switched on. The local wake-up request is indicated by a low level at pin RXD to interrupt the microcontroller and a strong pull-down at pin TXD (see Figure 3-3 on page 7). The voltage threshold for a wake-up signal is 3V below the VS voltage with an output current of typical -3 A. Even in the case of a continuous low at pin WAKE it is possible to switch the IC into sleep mode via a low at pin EN. The IC will stay in sleep mode for an unlimited time. To generate a new wake up at pin WAKE it needs first a high signal > 6 s before a negative edge starts the wake-up filtering time again.
5
4916E-AUTO-02/07
3.13
Wake-up Source Recognition
The device can distinguish between a local wake-up request (pin WAKE) and a remote wake-up request (dominant LIN bus). The wake-up source can be read on pin TXD in pre-normal mode. If an external pull-up resistor (typically 5 k) has been added on pin TXD to the power supply of the microcontroller, a high level indicates a remote wake-up request (weak pull-down at pin TXD) and a low level indicates a local wake-up request (strong pull-down at pin TXD). The wake-up request flag (signalled on pin RXD) as well as the wake-up source flag (signalled on pin TXD) are reset immediately if the microcontroller sets pin EN to high (see Figure 3-2 on page 7 and Figure 3-3 on page 7). Figure 3-1. Mode of Operation
Unpowered Mode VBatt = 0V a: VS > 5V b: VS < 5V c: Bus wake-up event d: Wake-up from wake switch
b
a
Pre-normal Mode INH: high (INH internal high-side switch ON) Communication: OFF b
b
c EN = 1 d Go to sleep command EN = 0; after 1 0 while TXD = 1 Normal Mode INH: high (INH HS switch ON) Communication: ON Local wake-up event EN = 1 Sleep Mode INH: high impedance (INH HS switch OFF) Communication: OFF
3.14
Fail-safe Features
* There are now reverse currents < 15 A at pin LIN during loss of VBAT or GND; this is optimal behavior for bus systems where some slave nodes are supplied from battery or ignition. * Pin EN provides a pull-down resistor to force the transceiver into sleep mode if EN is disconnected. * Pin RXD is set floating if VBAT is disconnected. * Pin TXD provides a pull-down resistor to provide a static low if TXD is disconnected. * The LIN output driver has a current limitation, and if the junction temperature Tj exceeds the thermal shut-down temperature Toff, the output driver switches off. * The implemented hysteresis, Thys, enables the LIN output again after the temperature has been decreased.
6
ATA6662 [Preliminary]
4916E-AUTO-02/07
ATA6662 [Preliminary]
Figure 3-2. LIN Wake-up Waveform Diagram
Bus wake-up filtering time (TBUS) LIN bus
INH Low or floating
High
RXD
High or floating Low
External voltage regulator
Off state Regulator wake-up time delay Normal Mode EN High Node in sleep state Microcontroller start-up delay time
RXD
Figure 3-3.
Wake-up from Wake-up Switch
Wake pin State change
INH
Low or floating
High
RXD
High or floating Low High
TXD
TXD weak pull-down resistor Wake filtering time TWAKE
TXD strong pull-down
Weak pull-down
Voltage regulator
On state Off state Node in operation EN High Node in sleep state Microcontroller start-up delay time
Regulator wake-up time delay EN
7
4916E-AUTO-02/07
4. Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Parameters VS - Continuous supply voltage Wake DC and transient voltage (with 33-k serial resistor) - Transient voltage due to ISO7637 (coupling 1 nF) Logic pins (RXD, TXD, EN) LIN - DC voltage - Transient voltage due to ISO7637 (coupling 1 nF) INH - DC voltage According to IBEE LIN EMC Test specification 1.0 following IEC 61000-4-2 - Pin VS, LIN to GND - Pin WAKE (33 k serial resistor) ESD HBM following STM5.1 with 1.5 k/100 pF - Pin VS, LIN, WAKE to GND - Pin INH to GND HBM ESD ANSI/ESD-STM5.1 JESD22-A114 AEC-Q100 (002) CDM ESD STM 5.3.1 Junction temperature Storage temperature Thermal shutdown Thermal shutdown hysteresis Note: Tj Tstg Toff Thys Symbol Min. -0.3 -1 -150 -0.3 -27 -150 -0.3 Typ. Max. +40 +40 +100 +5.5 +40 +100 +40 Unit V V V V V V V
6 5
KV KV
8 6 3
KV KV KV
750 -40 -55 150 5 165 10 +150 +150 180 20
V C C C C
1. Equivalent to discharge a 100-pF capacitor through a 1.5-k resistor.
5. Thermal Resistance
Parameters Thermal resistance junction ambient Special heat sink at GND (pin 5) on PCB (fused lead frame to pin 5) Symbol RthJA RthJA 80 Min. Typ. Max. 145 Unit K/W K/W
8
ATA6662 [Preliminary]
4916E-AUTO-02/07
ATA6662 [Preliminary]
6. Electrical Characteristics
5V < VS < 27V, Tj = -40C to +150C No. 1 1.1 1.2 1.3 1.4 1.5 1.6 2 2.1 2.2 2.3 2.4 3 3.1 3.2 3.3 3.4 3.5 4 4.1 4.2 4.3 4.4 5 5.1 5.2 6 6.1 6.2 6.3 6.4 Supply current in normal mode VS undervoltage threshold VS undervoltage threshold hysteresis RXD Output Pin (Open Drain) Low-level input current RXD saturation voltage High-level leakage current ESD zener diode TXD Input Pin Low-level voltage input High-level voltage input Pull-down resistor Low-level leakage current Low-level input current at local wake-up request EN Input Pin Low-level voltage input High-level voltage input Pull-down resistor Low-level input current INH Output Pin High-level voltage High-level leakage current WAKE Pin High-level input voltage Low-level input voltage Wake pull-up current High-level leakage current IWAKE = Typically -3 A VS < 27V VS = 27V, VWAKE = 27V 3 3 3 3 VWAKEH VWAKEL IWAKE IWAKE VS - 1V -1V -30 -5 -10 +5 VS + 0.3V VS - 3V V V A A A A A A Normal mode IINH = -200 A Sleep mode VINH = 27V, VBatt = 27V 8 8 VINHH IINHL VS - 0.8 -3 VS +3 V A A A VEN = 5V VEN = 0V 2 2 2 2 VENL VENH REN IEN -0.3 2 125 -3 250 +0.8 7 600 +3 V V k A A A A A VTXD = 5V VTXD = 0V Pre-normal mode VLIN = VBAT; VWAKE = 0V 4 4 4 4 4 VTXDL VTXDH RTXD ITXD ITXDwake -0.3 2 125 -3 1.3 2.5 250 +0.8 7 600 +3 8 V V k A mA A A A A A Normal mode VLIN = 0V, VRXD = 0.4V 5-k pull-up resistor to 5V Normal mode VLIN = VBAT, VRXD = 5V IRXD = 100 A 1 1 1 1 IRXDL VsatRXD IRXDH VZRXD -3 5.8 1.3 2.5 8 0.4 +3 8.6 mA V A V A A A A 7 Parameters VS Pin DC voltage range nominal Supply current in sleep mode Sleep mode Vlin > VBatt - 0.5V VBatt < 14V Bus recessive Bus dominant Total bus load > 500 7 7 7 7 VS IVSstby IVSrec IVSdom VSth VSth_hys 4 5 13.5 10 1.6 1.6 4.6 0.2 27 20 3 3 5 V A mA mA V V A A A A A A Test Conditions Pin Symbol Min. Typ. Max. Unit Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
9
4916E-AUTO-02/07
6. Electrical Characteristics (Continued)
5V < VS < 27V, Tj = -40C to +150C No. 7 7.1 7.2 7.3 7.4 7.5 7.6 7.7 Parameters LIN Bus Driver Driver recessive output voltage Driver dominant voltage VBUSdom_DRV_LoSUP Driver dominant voltage VBUSdom_DRV_HiSUP Driver dominant voltage VBUSdom_DRV_LoSUP Driver dominant voltage VBUSdom_DRV_HiSUP Pull-up resistor to VS LIN current limitation VBUS = VBAT_max Input leakage current at the receiver, including pull-up resistor as specified Input leakage current Driver off VBUS = 0V, VBatt = 12V Driver off 8V < VBAT < 18V 8V < VBUS < 18V VBUS VBAT RLOAD = 500 / 1 k VVS = 7V, Rload = 500 VVS = 18V, Rload = 500 VVS = 7V, Rload = 1000 VVS = 18V, Rload = 1000 The serial diode is mandatory 6 6 6 6 6 6 6 VBUSrec V_LoSUP V_HiSUP V_LoSUP_1k V_HiSUP_1k_ RLIN IBUS_LIM IBUS_PAS_dom 0.6 0.8 20 40 30 120 60 200 0.9 x VS VS 1.2 2 V V V V V k mA A A A A A A A Test Conditions Pin Symbol Min. Typ. Max. Unit Type*
7.8
6
-1
mA
A
7.9
Leakage current LIN recessive
6
IBUS_PAS_rec
15
20
A
A
7.10
Leakage current at ground loss; Control unit disconnected from GNDDevice = VS VBAT =12V ground; Loss of local ground must not affect communication in 0V < VBUS < 18V the residual network Node has to sustain the current that can flow under this condition; Bus must remain operational under this condition LIN Bus Receiver Center of receiver threshold Receiver dominant state Receiver recessive state Receiver input hysteresis Pre-wake detection LIN High-level input voltage Pre-wake detection LIN Low-level input voltage Switches the LIN receiver on VBUS_CNT = (Vth_dom + Vth_rec) / 2 VEN = 5V VEN = 5V VHYS = Vth_rec - Vth_dom VBAT disconnected VSUP_Device = GND 0V < VBUS < 18V
6
IBUS_NO_gnd
-10
+0.5
+10
A
A
7.11
6
IBUS
5
15
A
A
8 8.1 8.2 8.3 8.4 8.5 8.6
6 6 6 6 6 6
VBUS_CNT VBUSdom VBUSrec VBUShys VLINH VLINL
0.475 x VS -27 0.6 x VS 0.028 x VS VS - 1V -27V
0.5 x VS
0.525 x VS 0.4 x VS 40
V V V V V V
A A A A A A
0.1 x VS
0.175 x VS VS + 0.3V VS - 3.3V
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
10
ATA6662 [Preliminary]
4916E-AUTO-02/07
ATA6662 [Preliminary]
6. Electrical Characteristics (Continued)
5V < VS < 27V, Tj = -40C to +150C No. 9 9.1 9.2 Parameters Internal Timers Dominant time for wake-up via LIN bus Time of low pulse for wake-up via pin WAKE VLIN = 0V VWAKE = 0V 6 3 TBUS TWAKE Tnorm 30 7 90 35 150 50 s s A A Test Conditions Pin Symbol Min. Typ. Max. Unit Type*
9.3
Time delay for mode change from pre-normal mode to normal VEN = 5V mode via pin EN Time delay for mode change from normal mode into sleep mode via pin EN TXD dominant time out timer Power-up delay between VS = 5V until INH switches to high VEN = 0V VTXD = 0V VVS = 5V
2
2
7
15
s
A
9.4 9.5 9.6
2 4
Tsleep Tdom TVS
2 6
7 9
12 20 200
s ms s
A A A
10
LIN Bus Driver (see Figure 6-1 on page 12) Bus load conditions: Load1, small, 1 nF 1 k; Load2, big, 10 nF 500; RRXD = 5 k; CRXD = 20 pF; The following two rows specify the timing parameters for proper operation at 20.0 kBits/s. THRec(max) = 0.744 x VS THDom(max) = 0.581 x VS VS = 7.0V to 18V tBit = 50 s D1 = tbus_rec(min) / (2 x tBit) THRec(min) = 0.422 x VS THDom(min) = 0.284 x VS VS = 7.0V to 18V tBit = 50 s D2 = tbus_rec(max) / (2 x tBit) THRec(max) = 0.778 x VS THDom(max) = 0.616 x VS VS = 7.0V to 18V tBit = 96 s D3 = tbus_rec(min) / (2 x tBit) THRec(max) = 0.389 x VS THDom(max) = 0.251 x VS VS = 7.0V to 18V tBit = 96 s D4 = tbus_rec(min) / (2 x tBit)
10.1
Duty cycle 1
D1
0.396
A
10.2
Duty cycle 2
D2
0.581
A
10.3
Duty cycle 3
LIN
D3
0.417
A
10.4
Duty cycle 4
LIN
D4
0.590
A
11 11.1
Receiver Electrical AC Parameters of the LIN Physical Layer LIN receiver, RXD load conditions (CRXD): 20 pF, Rpull-up = 5 k Propagation delay of receiver (see Figure 6-1 on page 12) Symmetry of receiver propagation delay rising edge minus falling edge trec_pd = max(trx_pdr, trx_pdf) VS = 7.0V to 18V trx_sym = trx_pdr - trx_pdf VS = 7.0V to 18V trx_pd trx_sym -2 6 s A
11.2
+2
s
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
11
4916E-AUTO-02/07
Figure 6-1.
Definition of Bus Timing Parameter
tBit tBit tBit
TXD (Input to transmitting node)
tBus_dom(max)
tBus_rec(min)
THRec(max) VS (Transceiver supply of transmitting node) THDom(max) LIN Bus Signal THRec(min) THDom(min)
Thresholds of receiving node 1
Thresholds of receiving node 2
tBus_dom(min) RXD (Output of receiving node 1) trx_pdf(1)
tBus_rec(max)
trx_pdr(1)
RXD (Output of receiving node 2) trx_pdr(2) trx_pdf(2)
12
ATA6662 [Preliminary]
4916E-AUTO-02/07
ATA6662 [Preliminary]
Figure 6-2. Application Circuit
Master node pull-up
VBATTERY
22 F
100 nF 12V 5V 1k
VDD Microcontroller
5 k
ATA6662
1 Receiver
VS
RXD
SCI
Filter
6 LIN
Wake-up bus timer 4 TXD IO VS 10 k 33 k External switch WAKE 3 Wake-up timer TXD Time-out timer Slew rate control
Short circuit and overtemperature protection 220 pF
VS Control unit Standby mode 5 GND 2 EN 8 INH
LIN sub bus
7
13
4916E-AUTO-02/07
7. Ordering Information
Extended Type Number ATA6662-TAQY Package SO8 Remarks LIN transceiver, Pb-free
8. Package Information
Package SO8
Dimensions in mm
5.00 4.85 1.4 0.4 1.27 3.81 8 5 0.25 0.10 0.2 3.8 6.15 5.85 5.2 4.8 3.7
technical drawings according to DIN specifications
1
4
14
ATA6662 [Preliminary]
4916E-AUTO-02/07
ATA6662 [Preliminary]
9. Revision History
Please note that the following page numbers referred to in this section refer to the specific revision mentioned, not to this document. Revision No. 4916E-AUTO-02/07 History * Section 4 "Absolute Maximum Ratings" on page 8 changed * Section 2 "Electrical Characteristics" on pages 9 to 11 changed * * * * * * * * * * Features on page 1 changed Section 1 "Description" on page 1 changed Table 2-1 "Pin Description" on page 2 changed Section 3.2 "Ground Pin (GND) on page 3 changed Section 3.7 "Enable Input Pin (EN)" on page 4 changed Section 3.11 "Remote Wake-up via Dominat Bus State" on page 5 changed Figure 3-1 "Mode of Operation" on page 6 changed Section 3-14 "Fail-safe Features" on page 6 changed Section 4 "Absolute Maximum Ratings" on page 8 changed Section 6 "Electrical Characteristics" on pages 9 to 11 changed
4916D-AUTO-02/07
15
4916E-AUTO-02/07
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-47-50 Fax: (33) 4-76-58-47-60
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, Everywhere You Are(R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
4916E-AUTO-02/07


▲Up To Search▲   

 
Price & Availability of ATA6662-TAQY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X