Part Number Hot Search : 
BA895 SN74S558 TICP106D 03515 74LCX16 GRM21BR C30662E TPCA8131
Product Description
Full Text Search
 

To Download AM27X1024-90PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FINAL
Am27X1024
1 Megabit (64 K x 16-Bit) CMOS ExpressROM Device
DISTINCTIVE CHARACTERISTICS
s As an OTP EPROM alternative: -- Factory optimized programming -- Fully tested and guaranteed s As a Mask ROM alternative: -- Shorter leadtime -- Lower volume per code s Fast access time -- 70 ns s Single +5 V power supply s Compatible with JEDEC-approved EPROM pinout s 10% power supply tolerance s High noise immunity s Low power dissipation -- 20 A maximum CMOS standby current s Available in Plastic Dual-In-line Package (PDIP) and Plastic Leaded Chip Carrier (PLCC) s Latch-up protected to 100 mA from -1 V to VCC + 1 V s Versatile features for simple interfacing -- Both CMOS and TTL input/output compatibility -- Two line control functions
GENERAL DESCRIPTION
The Am27X1024 is a factory programmed and tested OTP EPROM. It is programmed after packaging prior to final test. Every device is rigorously tested under AC and DC operating conditions to your stable code. It is organized as 64 Kwords by 16 bits per word and is available in plastic dual in-line packages (PDIP), as well as plastic leaded chip carrier (PLCC) packages. ExpressROM devices provide a board-ready memory solution for medium to high volume codes with short leadtimes. This offers manufacturers a cost-effective and flexible alternative to OTP EPROMs and mask programmed ROMs. Data can be accessed as fast as 70 ns, allowing high-performance microprocessors to operate with reduced WAIT states. The device offers separate Output Enable (OE#) and Chip Enable (CE#) controls, thus eliminating bus contention in a multiple bus microprocessor system. AMD's CMOS process technology provides high speed, low power, and high noise immunity. Typical power consumption is only 125 mW in active mode, and 100 W in standby mode.
BLOCK DIAGRAM
VCC VSS OE# CE# Output Enable Chip Enable and Prog Logic Y Decoder A0-A15 Address Inputs Output Buffers Data Outputs DQ0-DQ15
Y Gating
X Decoder
1,048,576 Bit Cell Matrix
12079F-1
Publication# 12079 Rev: F Amendment/0 Issue Date: May 1998
PRODUCT SELECTOR GUIDE
Family Part Number Speed Options Max Access Time (ns) CE# (E#) Access (ns) OE# (G#) Access (ns) VCC = 5.0 V 5% VCC = 5.0 V 10% -70 70 70 70 -90 90 90 45 -120 120 120 50 -150 150 150 65 -200 200 200 75 250 250 75 Am27X1024 -255
CONNECTION DIAGRAMS
DIP
VPP CE# (E#) DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 VSS DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0 OE# (G#) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VCC VPP PGM# (P#) NC A15 A14 A13 A12 A11 A10 A9 VSS A8 A7 A6 A5 A4 A3 A2 A1 A0
12079F-2
PLCC
DU (Note 2) PGM# (P#)
CE (E)
DQ13
DQ14
DQ15
VCC
A15
6 DQ12 DQ11 DQ10 DQ9 DQ8 VSS NC DQ7 DQ6 DQ5 DQ4 7 8 9 10 11 12 13 14 15 16
5
4
3
2
1 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 A13 A12 A11 A10 A9 VSS NC A8 A7 A6 A5
29 17 18 19 20 21 22 23 24 25 26 27 28 DQ3 DQ2 DQ1 DQ0 OE# (G#) A0 A1 A2 A3 DU (Note 2) A4
A14
12079F-3
Notes: 1. JEDEC nomenclature is in parenthesis. 2. Don't use (DU) for PLCC.
PIN DESIGNATIONS
A0-A15 CE# (E#) = Address Inputs = Chip Enable Input
LOGIC SYMBOL
16 A0-A15 DQ0-DQ15 CE# (E#) 16
DQ0-DQ15 = Data Input/Outputs OE# (G#) PGM# (P#) VCC VPP VSS NC = Output Enable Input = Program Enable Input = VCC Supply Voltage = Program Voltage Input = Ground = No Internal Connection
OE# (G#)
12079F-4
2
Am27X1024
NC
ORDERING INFORMATION Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following:
AM27X1024
-70
J
C
XXXXX
CODE DESIGNATION Assigned by AMD TEMPERATURE RANGE C = Commercial (0C to +70C) I = Industrial (-40C to +85C) PACKAGE TYPE P = 40-Pin Plastic Dual In-Line Package (PD 040) J = 44-Pin Plastic Leaded Chip Carrier (PL 044) SPEED OPTION See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION Am27X1024 1 Megabit (64 K x 16-Bit) CMOS ExpressROM Device
Valid Combinations AM27X1024-70 AM27X1024-90 AM27X1024-120 AM27X1024-150 AM27X1024-200 AM27X1024-255 VCC = 5.0 V 5% PC, JC, PI, JI
Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations.
Am27X1024
3
FUNCTIONAL DESCRIPTION Read Mode
To obtain data at the device outputs, Chip Enable (CE#) and Output Enable (OE#) must be driven low. CE# controls the power to the device and is typically used to select the device. OE# enables the device to output data, independent of device selection. Addresses must be stable for at least t ACC -t OE. Refer to the Switching Waveforms section for the timing diagram.
CE# should be decoded and used as the primary device-selecting function, while OE# be made a common connection to all devices in the array and connected to the READ line from the system control bus. This assures that all deselected memory devices are in their low-power standby mode and that the output pins are only active when data is desired from a particular memory device.
Standby Mode
The device enters the CMOS standby mode when CE# is at VCC 0.3 V. Maximum VCC current is reduced to 100 A. The device enters the TTL-standby mode when CE# is at VIH. Maximum VCC current is reduced to 1.0 mA. When in either standby mode, the device places its outputs in a high-impedance state, independent of the OE# input.
System Applications
During the switch between active and standby conditions, transient current peaks are produced on the rising and falling edges of Chip Enable. The magnitude of these transient current peaks is dependent on the output capacitance loading of the device. At a minimum, a 0.1 F ceramic capacitor (high frequency, low inherent inductance) should be used on each device between VCC and VSS to minimize transient effects. In addition, to overcome the voltage drop caused by the inductive effects of the printed circuit board traces on ExpressROM device arrays, a 4.7 F bulk electrolytic capacitor should be used between VCC and VSS for each eight devices. The location of the capacitor should be close to where the power supply is connected to the array.
Output OR-Tieing
To accommodate multiple memory connections, a two-line control function provides: s Low memory power dissipation, and s Assurance that output bus contention will not occur.
MODE SELECT TABLE
Mode Read Output Disable Standby (TTL) Standby (CMOS) CE# VIL X VIH VCC 0.3 V OE# VIL VIH X X PGM# X X X X VPP X X X X Outputs DOUT High Z High Z High Z
Note: X = Either VIH or VIL.
4
Am27X1024
ABSOLUTE MAXIMUM RATINGS
Storage Temperature OTP Products. . . . . . . . . . . . . . . . . . -65C to +125C Ambient Temperature with Power Applied. . . . . . . . . . . . . . -55C to +125C Voltage with Respect to VSS All pins except VCC . . . . . . . . . -0.6 V to VCC + 0.6 V VCC (Note 1). . . . . . . . . . . . . . . . . . . . . -0.6 V to 7.0 V
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) . . . . . . . . . . .0C to +70C Industrial (I) Devices Ambient Temperature (TA) . . . . . . . . .-40C to +85C Supply Read Voltages VCC for 5% devices . . . . . . . . . . +4.75 V to +5.25 V VCC for 10% devices . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
Note:
1. Minimum DC voltage on input or I/O pins -0.5 V. During voltage transitions, the input may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC voltage on input and I/O pins is VCC + 5 V. During voltage transitions, input and I/O pins may overshoot to VCC + 2.0 V for periods up to 20 ns. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure of the device to absolute maximum ratings for extended periods may affect device reliability.
Am27X1024
5
DC CHARACTERISTICS over operating range (unless otherwise specified)
Parameter Symbol VOH VOL VIH VIL ILI ILO ICC1 ICC2 ICC3 Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Output Leakage Current VCC Active Current (Note 2) VCC TTL Standby Current VCC CMOS Standby Current VIN = 0 V to VCC VOUT = 0 V to VCC CE# = VIL, f = 10 MHz, IOUT = 0 mA CE# = VIH CE# = VCC 0.3 V Test Conditions IOH = -400 A IOL = 2.1 mA 2.0 -0.5 Min 2.4 0.45 VCC + 0.5 +0.8 1.0 1.0 50 1.0 100 Max Unit V V V V A A mA mA A
Caution: The device must not be removed from (or inserted into) a socket when VCC or VPP is applied. Notes: 1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.. 2. ICC1 is tested with OE# = VIH to simulate open outputs. 3. Minimum DC Input Voltage is -0.5 V. During transitions, the inputs may overshoot to -2.0 V for periods less than 20 ns. Maximum DC Voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods less than 20 ns.
40 35 30 25 20 1 2 3 4 5 6 7 Frequency in MHz 8 9 10
40 35 30 25 20 -75 -50 -55 0 25 50 75 100 125 150 Temperature in C
12079F-6
Supply Current in mA
12079F-5
Figure 1.
Typical Supply Current vs. Frequency VCC = 5.5 V, T = 25C
Figure 2. Typical Supply Current vs. Temperature VCC = 5.5 V, f = 10 MHz
6
Am27X1024
Supply Current in mA
TEST CONDITIONS
5.0 V
Table 1.
Test Specifications
All Unit
Test Condition Device Under Test CL 6.2 k Input Rise and Fall Times Input Pulse Levels Input timing measurement reference levels 2.7 k Output Load Output Load Capacitance, CL (including jig capacitance)
1 TTL gate 100 20 0.45-2.4 0.8, 2.0 0.8, 2.0 pF ns V V V
Note: Diodes are IN3064 or equivalents.
12079F-7
Output timing measurement reference levels
Figure 3.
Test Setup
SWITCHING TEST WAVEFORM
2.4 V 2.0 V Test Points 0.8 V 0.45 V Input Output 0.8 V 2.0 V
Note: For CL = 100 pF.
12079F-8
KEY TO SWITCHING WAVEFORMS
WAVEFORM INPUTS Steady Changing from H to L Changing from L to H Don't Care, Any Change Permitted Does Not Apply Changing, State Unknown Center Line is High Impedance State (High Z) OUTPUTS
KS000010-PAL
Am27X1024
7
AC CHARACTERISTICS
Parameter Symbols JEDEC tAVQV tELQV tGLQV tEHQZ tGHQZ Standard tACC tCE tOE tDF (Note 2) Description Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay Chip Enable High or Output Enable High to Output High Z, Whichever Occurs First Output Hold Time from Addresses, CE# or OE#, Whichever Occurs First Test Setup CE#, Max OE# = VIL OE# = VIL Max CE# = VIL Max -70 70 70 40 -90 90 90 45 Am27X1024 -120 120 120 50 -150 150 150 65 -200 200 200 75 -255 250 250 75 Unit ns ns ns
Max
30
40
50
50
50
50
ns
tAXQX
tOH
Min
0
0
0
0
0
0
ns
Caution: Do not remove the device from (or insert it into) a socket or board that has VPP or VCC applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP. 2. This parameter is sampled and not 100% tested. 3. Switching characteristics are over operating range, unless otherwise specified. 4. See Figure 3 and Table 1 for test specifications.
SWITCHING WAVEFORMS
2.4 Addresses 0.45 CE# tCE OE# tOE High Z tACC (Note 1) tOH Valid Output High Z
12079F-9
2.0 0.8
Addresses Valid
2.0 0.8
tDF (Note 2)
Output
Notes: 1. OE# may be delayed up to tACC - tOE after the falling edge of the addresses without impact on tACC. 2. tDF is specified from OE# or CE#, whichever occurs first.
PACKAGE CAPACITANCE
Parameter Symbol CIN COUT PD 040 Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 0 VOUT = 0 Typ 7 11 Max 12 14 PL 044 Typ 8 11 Max 10 14 Unit pF pF
Notes: 1. This parameter is only sampled and not 100% tested. 2. TA = +25C, f = 1 MHz.
8
Am27X1024
PHYSICAL DIMENSIONS PD 040--40-Pin Plastic Dual In-Line Package (measured in inches)
2.040 2.080 40 21 .530 .580 20 .045 .065 .140 .225 .005 MIN 0 10 .630 .700 .008 .015
.600 .625
Pin 1 I.D.
SEATING PLANE .120 .160 .090 .110 .014 .022 .015 .060
16-038-SC_AF PD 040 DG76 2-28-95 ae
PL 044--44-Pin Plastic Leaded Chip Carrier (measured in inches)
.062 .083
.685 .695
.650 .656
.042 .056
Pin 1 I.D. .685 .695 .650 .656 .500 .590 REF .630
.013 .021
.026 .032
.050 REF
.009 .015
.090 .120 .165 .180
SEATING PLANE
TOP VIEW
SIDE VIEW
16-038-SQ PL 044 EC80 11.3.97 lv
Am27X1024
9
REVISION SUMMARY FOR AM27X1024 Revision F Global
Changed formatting to match current data sheets.
Trademarks Copyright (c) 1998 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc. Flashrite is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
10
Am27X1024


▲Up To Search▲   

 
Price & Availability of AM27X1024-90PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X