|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter General Description The AAT2511 is a member of AnalogicTech's Total Power Management ICTM (TPMICTM) product family. It is comprised of two 1MHz step-down converters designed to minimize external component size and cost. The input voltage ranges from 2.7V to 5.5V. The output voltage ranges from 0.6V to the maximum applied input voltage and is externally adjustable. Peak current mode control with internal compensation provides a stable converter with low ESR ceramic output capacitors for extremely low output ripple. Each channel has a low 25A quiescent operating current, which is critical for maintaining high efficiency at light load. For maximum battery life, each converter's highside P-channel MOSFET conducts continuously when the input voltage approaches dropout (100% duty cycle operation). Both regulators have independent input and enable inputs. The AAT2511 is available in a Pb-free, thermallyenhanced 12-pin TDFN33 package, and is rated over the -40C to +85C temperature range. Features * * * * * * * * * * * * * * * * * SystemPowerTM Up to 97% Efficiency 25A Quiescent Current Per Channel VIN Range: 2.7V to 5.5V VOUT Range: 0.6V to VIN Output Current: 600mA Low RDS(ON) 0.4 Integrated Power Switches Low Drop Out 100% Duty Cycle 1.0MHz Switching Frequency Shutdown Current <1A Current Mode Operation Internal Reference Soft Start Short-Circuit Protection Fast Turn-On (100s Typical) Over-Temperature Protection 3mm x 3mm, < 1mm high TDFN33-12 Package -40C to +85C Temperature Range Applications * * * * * * Cellular Phones Digital Cameras Handheld Instruments Microprocessor/DSP Core/IO Power PDAs and Handheld Computers Portable Media Players Typical Application AAT2511 Efficiency (VIN = 3.3V) VIN C3 10F 12 100 U1 AAT2511 VIN1 EN1 LX1 FB1 SGND1 GND1 VIN2 EN2 LX2 FB2 SGND2 GND2 9 1 4 8 5 6 7 C8 0.1F 2.5V L2 10H R3 187k 95 1.8V L1 4.7H R1 118k C1 10F R2 59.0k 11 2 3 10 Efficiency (%) 90 85 80 75 70 65 60 0.1 1 10 100 1000 2.5V 1.8V R4 59.0k C2 10F Load Current (mA) 2511.2006.02.1.2 1 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Pin Descriptions Pin # 1, 4 Symbol EN1, EN2 Function Converter enable input. A logic high enables the converter channel. A logic low forces the channel into shutdown mode, reducing the channel supply current to less than 1A. This pin should not be left floating. When not actively controlled, this pin can be tied directly to the source voltage (VIN1, VIN2). Feedback input pin. An external resistive divider ties to this point and programs the output voltage to the desired value. Signal ground. Return the feedback resistive divider to this ground. See section on PCB layout guidelines and evaluation board layout diagram. Main power ground return. Connect to the input and output capacitor return. See section on PCB layout guidelines and evaluation board layout diagram. Output switching node that connects to the respective output inductor. Input supply voltage. Must be closely decoupled to the respective power gnd. Exposed paddle (bottom). Use properly sized vias for thermal coupling to the ground plane. See section on PCB layout guidelines. 2, 5 3, 6 7, 10 8, 11 9, 12 EP FB1, FB2 SGND1, SGND2 GND2, GND1 LX2, LX1 VIN2, VIN1 Pin Configuration TDFN33-12 (Top View) EN1 FB1 SGND1 EN2 FB2 SGND2 1 2 3 4 5 6 12 11 10 9 8 7 VIN1 LX1 GND1 VIN2 LX2 GND2 2 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Absolute Maximum Ratings1 Symbol VIN VLX VFB VEN TJ TLEAD Description VIN1, VIN2 to SGND1, SGND2, GND1, and GND2 LX1, LX2 to GND1, GND2 FB1 and FB2 to SGND1, SGND2, GND1, and GND2 EN1 and EN2 to SGND1, SGND2, GND1, and GND2 Operating Junction Temperature Range Maximum Soldering Temperature (at leads, 10 sec) Value 6.0 -0.3 to VP + 0.3 -0.3 to VP + 0.3 -0.3 to 6.0 -40 to 150 300 Units V V V V C C Thermal Information Symbol PD JA Description Maximum Power Dissipation Thermal Resistance2 Value 2 50 Units W C/W 1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board with exposed paddle connected to ground plane. 2511.2006.02.1.2 3 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Electrical Characteristics1 TA = -40C to 85C, unless otherwise noted. Typical values are TA = 25C, VIN = 3.6V. Symbol VIN VUVLO VOUT VOUT IQ ISHDN ILIM RDS(ON)H RDS(ON)L ILXLK VLinereg VFB TS FOSC TSD THYS EN Description Input Voltage UVLO Threshold Output Voltage Tolerance Output Voltage Range Quiescent Current Shutdown Current P-Channel Current Limit High Side Switch On Resistance Low Side Switch On Resistance LX Leakage Current Line Regulation FB Threshold Voltage Accuracy Start-Up Time Oscillator Frequency Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Enable Threshold Low Enable Threshold High Input Low Current Conditions Min 2.7 Typ Max 5.5 2.6 Units V V mV V % V A A mA A %/V mV s MHz C C Step-Down Converter Channels VIN Rising Hysteresis VIN Falling IOUT = 0 to 400mA, VIN = 2.7 - 5.5V No Load, 0.6V Adjustable Version, Per Channel EN = SGND = GND 100 1.8 -3.0 0.6 25 +3.0 4.0 50 1.0 600 0.45 0.4 VIN = 5.5V, VLX = 0 to VIN, EN = SGND = GND VIN = 2.7V to 5.5V 0.6V Output, No Load, TA = 25C From Enable to Output Regulation TA = 25C 1 0.2 615 1.5 597 0.7 600 100 1.0 140 15 VEN(L) VEN(H) IEN 0.6 VIN = VFB = 5.5V 1.4 -1.0 1.0 V V A 1. The AAT2511 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls. 2. For adjustable version with higher than 2.5V output, please consult your AnalogicTech representative. 4 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Typical Channel Characteristics Efficiency vs. Load (VOUT = 3.3V; L = 10H) 100 3.0 2.0 1.0 0.0 -1.0 -2.0 -3.0 (VOUT = 3.3V; L = 10H) DC Regulation Efficiency (%) 90 VIN = 3.9V VIN = 4.2V 80 Output Error (%) VIN = 4.2V 70 VIN = 3.9V 60 0.1 1 10 100 1000 0.1 1 10 100 1000 Output Current (mA) Output Current (mA) Efficiency vs. Load (VOUT = 2.5V; L = 10H) 100 (VOUT = 2.5V; L = 10H) 3.0 DC Regulation VIN = 3.3V Output Error (%) VIN = 3.0V VIN = 3.6V 2.0 1.0 0.0 -1.0 -2.0 -3.0 0.1 VIN = 3.3V VIN = 3.6V Efficiency (%) 90 80 VIN = 3.0V 70 60 0.1 1 10 100 1000 1 10 100 1000 Output Current (mA) Output Current (mA) Efficiency vs. Load (VOUT = 1.5V; L = 4.7H) VIN = 3.6V Output Error (%) 100 90 3.0 (VOUT = 1.5V; L = 4.7H) DC Regulation VIN = 2.7V 2.0 1.0 0.0 -1.0 -2.0 -3.0 VIN = 4.2V VIN = 3.6V Efficiency (%) 80 70 60 50 VIN = 4.2V VIN = 2.7V 0.1 1 10 100 1000 0.1 1 10 100 1000 Output Current (mA) Output Current (mA) 2511.2006.02.1.2 5 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Typical Channel Characteristics Frequency vs. Input Voltage (VOUT = 1.8V) 1.0 2.0 1.5 Output Voltage Error vs. Temperature (VIN = 3.6V; VO = 2.5V) Frequency Variation (%) Output Error (%) 0.5 0.0 -0.5 -1.0 -1.5 -2.0 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 1.0 0.5 0.0 -0.5 -1.0 -1.5 -2.0 -40 -20 0 20 40 60 80 100 Input Voltage (V) Temperature (C) Switching Frequency vs. Temperature (VIN = 3.6V; VO = 1.5V) 0.20 35 Quiescent Current vs. Input Voltage (VO = 1.8V) 85C 30 Variation (%) 0.10 Supply Current (A) 25C 25 0.00 -0.10 20 -0.20 -40 15 -20 0 20 40 60 80 100 2.5 -40C 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Temperature (C) Input Voltage (V) P-Channel RDS(ON) vs. Input Voltage 750 700 650 750 700 650 N-Channel RDS(ON) vs. Input Voltage RDS(ON) (m) RDS(ON) (m) 120C 100C 120C 600 550 500 450 400 350 300 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 25C 85C 600 550 500 450 400 350 300 2.5 3.0 3.5 25C 85C 100C 4.0 4.5 5.0 5.5 6.0 Input Voltage (V) Input Voltage (V) 6 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Typical Channel Characteristics Load Transient Response (30mA - 300mA; VIN = 3.6V; VOUT = 1.5V; C1 = 22F) 1.65 1.60 1.55 1.50 1.45 1.40 1.35 1.30 1.25 1.20 1.15 1.10 1.05 1.00 (30mA - 300mA; VIN = 3.6V; VOUT = 2.5V; C1 = 22F) 2.65 2.55 Load Transient Response Load and Inductor Current (200mA/div) (bottom) Load and Inductor Current (200mA/div) (bottom) 1.5 1.3 300mA 30mA 1.1 0.9 0.7 0.5 0.3 0.1 -0.1 1.5 1.3 300mA 30mA 1.1 0.9 0.7 0.5 0.3 0.1 -0.1 Output Voltage (top) (V) Output Voltage (top) (V) 2.45 2.35 2.25 2.15 2.05 Time (25s/div) Time (25s/div) Line Transient (VOUT = 2.5V @ 500mA) 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 7.0 6.5 2 1.5 Line Regulation (VOUT = 1.5V) Output Voltage (top) (V) Accuracy (%) 6.0 5.5 5.0 4.5 4.0 3.5 3.0 Input Voltage (bottom) (V) 1 0.5 0 -0.5 -1 2.5 3 IOUT = 600mA IOUT = 100mA IOUT = 10mA Time (25s/div) 3.5 4 4.5 5 5.5 6 Input Voltage (V) Output Ripple (VIN = 3.6V; VOUT = 1.8V; 400mA) Output Voltage (AC Coupled) (top) (mV) Enable and Output Voltage (top) (V) 40 20 0 -20 -40 -60 -80 -100 -120 0.9 0.8 4.0 3.0 2.0 1.0 0.0 -1.0 -2.0 -3.0 -4.0 (VIN = 3.6V; VOUT = 1.5V; L = 4.7H) 3.5 3.0 Soft Start Inductor Current (bottom) (A) Inductor Current (bottom) (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 2.5 2.0 1.5 1.0 0.5 0.0 -0.5 Time (250ns/div) Time (50s/div) 2511.2006.02.1.2 7 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Functional Block Diagram FB1 VIN1 Err. Amp. Comp. DH Logic Voltage Reference LX1 DL EN1 Control Logic GND1 SGND1 See Note VIN2 FB2 Err. Amp. Comp. DH LX2 Logic DL Voltage Reference EN2 See Note Control Logic GND2 SGND2 Note: Internal resistor divider included for 1.2V versions. For low voltage versions, the feedback pin is tied directly to the error amplifier input. Operation Device Summary The AAT2511 is a constant frequency peak current mode PWM converter with internal compensation. Each channel has independent input, enable, feedback, and ground pins with non-synchronized 1MHz clocks. Both converters are designed to operate with an input voltage range of 2.7V to 5.5V. The output voltage ranges from 0.6V to the input voltage. The 0.6V fixed model shown in Figure 1 is also the adjustable version and is externally programmable with a resistive divider as shown in Figure 2. The converter MOSFET power stage is sized for 600mA load capability with up to 97% efficiency. Light load efficiency exceeds 80% at a 500A load. 8 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter VIN C3 10F 12 U1 AAT2511 VIN1 EN1 LX1 FB1 SGND1 GND1 VIN2 EN2 LX2 FB2 SGND2 GND2 9 1 4 8 5 6 7 C8 0.1F 2.5V L2 10H C5 100pF R3 187k C2 10F 1.8V L1 C4 100pF R1 118k 4.7H 11 2 3 10 C1 10F R2 59.0k R4 59.0k Figure 1: AAT2511 Adjustable Output with Enhanced Transient Response. Soft Start The AAT2511 soft-start control prevents output voltage overshoot and limits inrush current when either the input power or the enable input is applied. When pulled low, the enable input forces the converter into a low-power, non-switching state with a bias current of less than 1A. MOSFET is turned on continuously for 100% duty cycle. At 100% duty cycle, the output voltage tracks the input voltage minus the I*R drop of the high side P-channel MOSFET RDS(ON). Low Supply The under-voltage lockout (UVLO) feature guarantees sufficient VIN bias and proper operation of all internal circuitry prior to activation. Low Dropout Operation For conditions where the input voltage drops to the output voltage level, the converter duty cycle increases to 100%. As 100% duty cycle is approached, the minimum off-time initially forces the high side on-time to exceed the 1MHz clock cycle and reduce the effective switching frequency. Once the input drops below the level where the output can be regulated, the high side P-channel Fault Protection For overload conditions, the peak inductor current is limited. Thermal protection disables switching when the internal dissipation or ambient temperature becomes excessive. The junction over-temperature threshold is 140C with 15C of hysteresis. 2511.2006.02.1.2 9 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Applications Information Inductor Selection The step-down converter uses peak current mode control with slope compensation to maintain stability for duty cycles greater than 50%. The output inductor value must be selected so the inductor current down slope meets the internal slope compensation requirements. The internal slope compensation for the adjustable and low-voltage fixed versions of the AAT2511 is 0.24A/sec. This equates to a slope compensation that is 75% of the inductor current down slope for a 1.5V output and 4.7H inductor. Manufacturer's specifications list both the inductor DC current rating, which is a thermal limitation, and the peak current rating, which is determined by the saturation characteristics. The inductor should not show any appreciable saturation under normal load conditions. Some inductors may meet the peak and average current ratings yet result in excessive losses due to a high DCR. Always consider the losses associated with the DCR and its effect on the total converter efficiency when selecting an inductor. The 4.7H CDRH3D16 series inductor selected from Sumida has a 105m DCR and a 900mA DC current rating. At full load, the inductor DC loss is 38mW for a 600mA 1.5V output. m= 0.75 VO 0.75 1.5V A = = 0.24 L 4.7H sec Input Capacitor Select a 4.7F to 10F X7R or X5R ceramic capacitor for the input. To estimate the required input capacitor size, determine the acceptable input ripple level (VPP) and solve for C. The calculated value varies with input voltage and is a maximum when VIN is double the output voltage. V VO 1- O VIN VIN VPP - ESR FS IO This is the internal slope compensation for the adjustable (0.6V) version or low-voltage fixed version. When externally programming the 0.6V version to a 2.5V output, the calculated inductance would be 7.5H. L= 0.75V 0.75 VO sec 3 A VO = m 0.24A /sec sec 2.5V = 7.5H A CIN = =3 In this case, a standard 10H value is selected. This equation provides an estimate for the input capacitor required for a single channel. Configuration 0.6V Adjustable With External Resistive Divider Output Voltage 0.6V to 2.0V 2.5V Inductor 4.7H 10H Slope Compensation 0.24A/sec 0.24A/sec Table 1: Inductor Values. 10 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter The equation below solves for input capacitor size for both channels. It makes the worst-case assumptions that both converters are operating at 50% duty cycle and are synchronized. 1 VPP - ESR * 4 * FS IO1 + IO2 capacitor RMS current ripple are a maximum at 50% duty cycle. The input capacitor provides a low impedance loop for the edges of pulsed current drawn by the AAT2511. Low ESR/ESL X7R and X5R ceramic capacitors are ideal for this function. To minimize the stray inductance, the capacitor should be placed as closely as possible to the IC. This keeps the high frequency content of the input current localized, minimizing EMI and input voltage ripple. The proper placement of the input capacitor (C3 and C8) can be seen in the evaluation board layout in Figure 4. Since decoupling must be as close to the input pins as possible, it is necessary to use two decoupling capacitors. C3 provides the bulk capacitance required for both converters, while C8 is a high frequency bypass capacitor for the second channel (see C3 and C8 placement in Figure 4). A laboratory test set-up typically consists of two long wires running from the bench power supply to the evaluation board input voltage pins. The inductance of these wires, along with the low ESR ceramic input capacitor, can create a high Q network that may affect converter performance. This problem often becomes apparent in the form of excessive ringing in the output voltage during load transients. Errors in the loop phase and gain measurements can also result. Since the inductance of a short printed circuit board trace feeding the input voltage is significantly lower than the power leads from the bench power supply, most applications do not exhibit this problem. In applications where the input power source lead inductance cannot be reduced to a level that does not affect converter performance, a high ESR tantalum or aluminum electrolytic capacitor should be placed in parallel with the low ESR, ESL bypass ceramic capacitor. This dampens the high Q network and stabilizes the system. CIN = Because the AAT2511 channels will generally operate at different duty cycles and are not synchronized, the actual ripple will vary and be less than the ripple (VPP) used to solve for the input capacitor in the equation above. Always examine the ceramic capacitor DC voltage coefficient characteristics when selecting the proper value. For example, the capacitance of a 10F 6.3V X5R ceramic capacitor with 5V DC applied is actually about 6F. The maximum input capacitor RMS current is: IRMS = IO1 * VO1 V * 1 - O1 + IO2 * VIN VIN VO2 V * 1 - O2 VIN VIN The input capacitor RMS ripple current varies with the input and output voltage and will always be less than or equal to half of the total DC load current of both converters combined. IRMS(MAX) = IO1(MAX) + IO2(MAX) 2 This equation also makes the worst-case assumption that both converters are operating at 50% duty cycle and are synchronized. Since the converters are not synchronized and are not both operating at 50% duty cycle, the actual RMS current will always be less than this. Losses associated with the input ceramic capacitor are typically minimal. The term VIN * 1 - VIN appears in both the input voltage ripple and input capacitor RMS current equations. It is a maximum when VO is twice VIN. This is why the input voltage ripple and the input VO VO Output Capacitor The output capacitor limits the output ripple and provides holdup during large load transitions. A 4.7F to 10F X5R or X7R ceramic capacitor typically provides sufficient bulk capacitance to stabi- 2511.2006.02.1.2 11 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter lize the output during large load transitions and has the ESR and ESL characteristics necessary for low output ripple. The output voltage droop due to a load transient is dominated by the capacitance of the ceramic output capacitor. During a step increase in load current the ceramic output capacitor alone supplies the load current until the loop responds. As the loop responds, the inductor current increases to match the load current demand. This typically takes two to three switching cycles and can be estimated by: 3 * ILOAD VDROOP * FS Adjustable Output Resistor Selection For applications requiring an adjustable output voltage, the 0.6V version can be programmed externally. Resistors R1 through R4 of Figure 1 program the output to regulate at a voltage higher than 0.6V. To limit the bias current required for the external feedback resistor string, the minimum suggested value for R2 and R4 is 59k. Although a larger value will reduce the quiescent current, it will also increase the impedance of the feedback node, making it more sensitive to external noise and interference. Table 2 summarizes the resistor values for various output voltages with R2 and R4 set to either 59k for good noise immunity or 221k for reduced no load input current. VOUT 1.5V R1 = V -1 * R2 = 0.6V - 1 * 59k = 88.5k REF COUT = Once the average inductor current increases to the DC load level, the output voltage recovers. The above equation establishes a limit on the minimum value for the output capacitor with respect to load transients. The internal voltage loop compensation also limits the minimum output capacitor value to 4.7F. This is due to its effect on the loop crossover frequency (bandwidth), phase margin, and gain margin. Increased output capacitance will reduce the crossover frequency with greater phase margin. The maximum output capacitor RMS ripple current is given by: V * (VIN(MAX) - VOUT) IRMS(MAX) = * OUT L * F * VIN(MAX) 2* 3 1 The adjustable version of the AAT2511 in combination with an external feedforward capacitor (C4 and C5 of Figure 1) delivers enhanced transient response for extreme pulsed load applications. The addition of the feedforward capacitor typically requires a larger output capacitor (C1 and C2) for stability. R2, R4 = 59k VOUT (V) 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.8 1.85 2.0 2.5 R2, R4 = 221k R1, R3 (k) 75 113 150 187 221 261 301 332 442 464 523 715 R1, R3 (k) 19.6 29.4 39.2 49.9 59.0 68.1 78.7 88.7 118 124 137 187 Dissipation due to the RMS current in the ceramic output capacitor ESR is typically minimal, resulting in less than a few degrees rise in hot spot temperature. Table 2: Adjustable Resistor Values For Use With 0.6V Version. 12 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Thermal Calculations There are three types of losses associated with the AAT2511 converter: switching losses, conduction losses, and quiescent current losses. Conduction losses are associated with the RDS(ON) characteristics of the power output switching devices. Switching losses are dominated by the gate charge of the power output switching devices. At full load, assuming continuous conduction mode (CCM), a simplified form of the dual converter losses is given by: Given the total losses, the maximum junction temperature can be derived from the JA for the TDFN33-12 package which is 50C/W. TJ(MAX) = PTOTAL * JA + TAMB PCB Layout The following guidelines should be used to insure a proper layout. PTOTAL = IO12 * (RDSON(HS) * VO1 + RDSON(LS) * [VIN -VO1]) VIN IO22 * (RDSON(HS) * VO2 + RDSON(LS) * [VIN -VO2]) VIN + + (tsw * F * [IO1 + IO2] + 2 * IQ) * VIN IQ is the AAT2511 quiescent current for one channel and tsw is used to estimate the full load switching losses. For the condition where channel one is in dropout at 100% duty cycle, the total device dissipation reduces to: PTOTAL = IO12 * RDSON(HS) IO22 * (RDSON(HS) * VO2 + RDSON(LS) * [VIN -VO2]) VIN + + (tsw * F * IO2 + 2 * IQ) * VIN Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input voltage range. 1. Due to the pin placement of VIN for both converters, proper decoupling is not possible with just one input capacitor. The large input capacitor C3 should connect as closely as possible to VP and GND, as shown in Figure 3. The additional input bypass capacitor C8 is necessary for proper high frequency decoupling of the second converter. 2. The output capacitor and inductor should be connected as closely as possible. The connection of the inductor to the LX pin should also be as short as possible. 3. The feedback trace should be separate from any power trace and connect as closely as possible to the load point. Sensing along a high-current load trace will degrade DC load regulation. If external feedback resistors are used, they should be placed as closely as possible to the FB pin. This prevents noise from being coupled into the high impedance feedback node. 4. The resistance of the trace from the load return to GND should be kept to a minimum. This will help to minimize any error in DC regulation due to differences in the potential of the internal signal ground and the power ground. 5. For good thermal coupling, PCB vias are required from the pad for the TDFN paddle to the ground plane. The via diameter should be 0.3mm to 0.33mm and positioned on a 1.2 mm grid. 2511.2006.02.1.2 13 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Design Example Specifications VO1 = 2.5V @ 600mA (adjustable using 0.6V version), pulsed load ILOAD = 300mA VO2 = 1.8V @ 600mA (adjustable using 0.6V version), pulsed load ILOAD = 300mA VIN FS = 2.7V to 4.2V (3.6V nominal) = 1.0 MHz TAMB = 85C 2.5V VO1 Output Inductor L1 = 3 sec sec VO1 = 3 2.5V = 7.5H A A (see Table 1) For Sumida inductor CDRH3D16, 10H, DCR = 210m. 2.5V VO V 2.5V 1 - O1 = 1 = 100mA L1 F VIN 10H 1.0MHz 4.2V I1 = IPK1 = IO1 + I1 = 0.6A + 0.05A = 0.65A 2 PL1 = IO12 DCR = (0.4A)2 210m = 76mW 1.8V VO2 Output Inductor L2 = 3 sec sec VO2 = 3 1.8V = 5.4H (see Table 1) A A For Sumida inductor CDRH3D16, 4.7H, DCR = 105m. 1.8V VO2 V 1.8V 1 - O2 = 1= 218mA LF VIN 4.7H 1.0MHz 4.2V I2 = IPK2 = IO2 + I2 = 0.6A + 0.11A = 0.71A 2 PL2 = IO22 DCR = (0.6A)2 105m = 38mW 14 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter 2.5V Output Capacitor COUT = 3 * ILOAD 3 * 0.6A = = 9F VDROOP * FS 0.2V * 1MHz (VOUT) * (VIN(MAX) - VOUT) 1 2.5V * (4.2V - 2.5V) * = 29mArms = L * F * VIN(MAX) 2 * 3 10H * 1MHz * 4.2V 2* 3 1 * IRMS(MAX) = Pesr = esr * IRMS2 = 5m * (29mA)2 = 4.2W 1.8V Output Capacitor COUT = 3 * ILOAD 3 * 0.6A = = 9F 0.2V * 1MHz VDROOP * FS (VOUT) * (VIN(MAX) - VOUT) 1 1.8V * (4.2V - 1.8V) * = 63mArms = L * F * VIN(MAX) 2 * 3 4.7H * 1.0MHz * 4.2V 2* 3 1 * IRMS(MAX) = Pesr = esr * IRMS2 = 5m * (63mA)2 = 20W Input Capacitor Input Ripple VPP = 25mV. 1 VPP - ESR * 4 * FS IO1 + IO2 CIN = = 1 = 15.78F 25mV - 5m * 4 * 1MHz 1.2A IRMS(MAX) = IO1 + IO2 = 6Arms 2 P = esr * IRMS2 = 5m * (0.6A)2 = 1.8mW 2511.2006.02.1.2 15 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter AAT2511 Losses The maximum dissipation occurs at dropout where VIN = 2.7V. All values assume an ambient temperature of 85C and a junction temperature of 120C. PTOTAL = IO12 * (RDSON(HS) * VO1 + RDSON(LS) * (VIN -VO1)) + IO22 * (RDSON(HS) * VO2 + RDSON(LS) * (VIN -VO2)) VIN + (tsw * F * IO2 + 2 * IQ) * VIN = 0.62 * (0.725 * 2.5V + 0.7 * (2.7V - 2.5V)) + 0.62 * (0.725 * 1.8V + 0.7 * (2.7V - 1.8V)) 2.7V + 5ns * 1MHz * 0.6A + 60A) * 2.7V = 527mW TJ(MAX) = TAMB + JA * PLOSS = 85C + (50C/W) * 527mW = 111C Output 1 Enable VIN 123 C41 R1 see Table 3 U1 AAT2511 1 2 3 LX1 12 11 10 9 8 7 EN1 FB1 SGND1 EN2 FB2 SGND2 VIN1 LX1 GND1 VIN2 LX2 GND2 L1 see Table 3 C3 LX2 10F L2 see Table 3 C11 4.7F C7 0.01F C21 4.7F GND C6 0.01F VO2 VO1 C51 R3 see Table 3 4 5 6 R4 59.0k GND R2 59.0k C8 0.1F 321 Output 2 Enable Figure 2: AAT2511 Evaluation Board Schematic. 1. For enhanced transient configuration C5, C4 = 100pF and C1, C2 = 10F. 16 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Adjustable Version (0.6V device) VOUT (V) 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.8 1.85 2.0 2.5 R2, R4 = 59k R1, R3 (k) 19.6 29.4 39.2 49.9 59.0 68.1 78.7 88.7 118 124 137 187 R2, R4 = 221k1 R1, R3 (k) 75.0 113 150 187 221 261 301 332 442 464 523 715 L1, L2 (H) 4.7 4.7 4.7 4.7 4.7 4.7 4.7 4.7 4.7 4.7 4.7 or 6.8 10 Table 3: Evaluation Board Component Values. Figure 3: AAT2511 Evaluation Board Top Side. Figure 4: AAT2511 Evaluation Board Bottom Side. 1. For reduced quiescent current, R2 and R4 = 221k. 2511.2006.02.1.2 17 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Manufacturer Sumida Sumida MuRata MuRata MuRata Coilcraft Coilcraft Coiltronics Coiltronics Coiltronics Coiltronics Part Number CDRH3D16-4R7 CDRH3D16-100 LQH32CN4R7M23 LQH32CN4R7M33 LQH32CN4R7M53 LPO6610-472 LPO3310-472 SDRC10-4R7 SDR10-4R7 SD3118-4R7 SD18-4R7 Inductance (H) 4.7 10 4.7 4.7 4.7 4.7 4.7 4.7 4.7 4.7 4.7 Max DC Current (A) 0.90 0.55 0.45 0.65 0.65 1.10 0.80 1.53 1.30 0.98 1.77 DCR () 0.11 0.21 0.20 0.15 0.15 0.20 0.27 0.117 0.122 0.122 0.082 Size (mm) LxWxH 3.8x3.8x1.8 3.8x3.8x1.8 2.5x3.2x2.0 2.5x3.2x2.0 2.5x3.2x1.55 5.5x6.6x1.0 3.3x3.3x1.0 4.5x3.6x1.0 5.7x4.4x1.0 3.1x3.1x1.85 5.2x5.2x1.8 Type Shielded Shielded Non-Shielded Non-Shielded Non-Shielded 1mm 1mm 1mm Shielded 1mm Shielded Shielded Shielded Table 4: Typical Surface Mount Inductors. Manufacturer MuRata MuRata MuRata Part Number GRM219R61A475KE19 GRM21BR60J106KE19 GRM21BR60J226ME39 Value 4.7F 10uF 22uF Voltage 10V 6.3V 6.3V Temp. Co. X5R X5R X5R Case 0805 0805 0805 Table 5: Surface Mount Capacitors. 18 2511.2006.02.1.2 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Ordering Information Package TDFN33-12 Voltage Channel 1 Channel 2 Marking1 QRXYY Part Number (Tape and Reel)2 AAT2511IWP-AA-T1 0.6V 0.6V All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree. Legend Voltage Adjustable (0.6V) 1.2 1.5 1.6 1.8 1.9 2.5 2.6 2.7 2.8 2.85 2.9 3.0 3.3 Code A E G H I Y N O P Q R S T W 1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD. 2511.2006.02.1.2 19 AAT2511 Dual 600mA, 1MHz Step-Down DC/DC Converter Package Information TDFN33-12 Index Area (D/2 x E/2) Detail "B" 3.00 0.05 2.40 0.05 0.3 0.10 0.16 0.375 0.125 0.075 0.075 0.1 REF Detail "A" Top View Bottom View Pin 1 Indicator (optional) 7.5 7.5 + 0.05 0.8 -0.20 0.229 0.051 Detail "B" Option A: C0.30 (4x) max Chamfered corner Option B: R0.30 (4x) max Round corner 0.05 0.05 Side View Detail "A" All dimensions in millimeters. (c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. Advanced Analogic Technologies, Inc. 830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611 20 2511.2006.02.1.2 0.23 0.05 0.45 0.05 3.00 0.05 1.70 0.05 |
Price & Availability of AAT2511 |