Part Number Hot Search : 
00022 100HS 68HC7 FR902 AD9648 7C102 ELECTRON MAX5805
Product Description
Full Text Search
 

To Download 51992 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 51992
CURRENT DRIVER DSCC DWG #5962-87617
(Replacement for DH0006)
Mii
HYBRID MICROELECTRONICS PRODUCTS DIVISION
Features: * * * * * Operation from a Single +10V to +45V Power Supply Low Standby Power Dissipation of only 35mW for 28V Power Supply 1.5A, 50ms on, 1 sec off, Pulse Capability Meets MIL-PRF-38534 Class H Requirements Environmentally Screened per MIL-STD-883
Applications: * * * * * Military / High Reliability Systems Aircraft Engine Environment Controls - High Current Pulse Applications Lamp Driver
DESCRIPTION The 51992 is a high voltage current driver with DTL compatible TTL logic levels and drive a load up to 400 mA at 28V. Should additional gating be required, AND inputs are provided along with an Expander connection. The addition of an external capacitor provides control of the rise and fall times of the output in order to decrease cold lamp surges or to minimize electromagnetic interference if long lines are driven. Device can be gated On and Off at normal inputs or at pin 8. Since one side of the load is normally grounded there is less likelihood of false turn-on due to an inadvertent short in the drive line. Meets the requirements of SMD 5962-87617. ABSOLUTE MAXIMUM RATINGS Peak Power Supply Voltage (for less than 0.1s) ................................................................................................................... 60V Continuous Supply Voltage .................................................................................................................................................... 45V Input Voltage .........................................................................................................................................5.5V Input Expander Current ......................................................................................................................................................5.0mA Peak Output Current (50ms On 1 sec. Off)........................................................................................................................... 1.5A Continuous Output Current ................................................................................................................................................... 0.4A Operating Temperature ......................................................................................................................................-55C to +125C Storage Temperature .........................................................................................................................................-65C to +150C
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 12/18/01
1
51992 CURRENT DRIVER
ELECTRICAL CHARACTERISTICS
(-55C Ta +125C) PARAMETER CONDITIONS MIN MAX UNITS
Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Output Voltage
10V Vcc 45V 10V Vcc 45V Vcc = 10V, Vin = 2V, Iout = 150mA Vcc = 28V, Vin = 2V, RL = 82 Vcc = 45V, Vin = 0.8, RL = 1K Vcc = 45V, Vin = 2.4V Vcc = 45V, Vin = 5.5V Vcc = 45V, Vin = 0.4V Vcc = 45V, Vin = 0.8V Vcc = 45V, Vin = 2V, Iout = 0mA Vcc = 28V, Vin = 5V, RL = 82 Vcc = 28V, Vin = 5V, RL = 82 Vcc = 28V, Vin = 5V, RL = 82 Vcc = 28V, Vin = 5V, RL = 82
2.0 0.8 8.8 26.5 10 5.0 100 -1.0 2.0 8.0 300 1.5 1.0 5.2
V V V V mV A A mA mA mA ns s s s
Logical "0" Output Voltage Logical "1" Input Current
Logical "0" Input Current "Off" Power Supply Current "On" Power Supply Current Rise Time Fall Time Turn on Time Turn off Time
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 12/18/01
2
51992 CURRENT DRIVER
Schematic and Connection Diagrams
1 R2 R4 R5 Q2 CR2 R3 10 Q5 R6 1K OHM Q3 9 8
CR1 2 3 4
Q4
6
OUTPUT VCC 10 1 9
RESPONSE TIME CONTROL 8
INPUT 2
INPUT 3 4
E 6 5 N.C.
7 N.C.
EXPANDER INPUT
GROUND
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 12/18/01
3


▲Up To Search▲   

 
Price & Availability of 51992

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X