Part Number Hot Search : 
TS358 INTER SED1566 ST12LP ST12LP AC03D X9C503DM A3064
Product Description
Full Text Search
 

To Download 2SK2340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power F-MOS FETs
2SK2340
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed q High-speed switching q Low ON-resistance q No secondary breakdown
unit: mm
4.60.2 3.20.1 9.90.3 2.90.2
s Applications
q Contactless relay q Diving circuit for a solenoid q Driving circuit for a motor q Control equipment q Switching power supply
15.00.3
4.10.2 8.00.2 Solder Dip
3.00.2
s Absolute Maximum Ratings (TC = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP EAS* PD Tch Tstg Ratings 900 30 5 10 45 50 2 150 -55 to +150 Unit V
13.7-0.2
+0.5
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
7
V A A mJ W C C
1: Gate 2: Drain 3: Source TO-220E Package
Avalanche energy capacity Allowable power dissipation Channel temperature Storage temperature
*
TC = 25C Ta = 25C
L = 3.6mH, IL = 5A, 1 pulse
s Electrical Characteristics (TC = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Diode forward voltage Symbol IDSS IGSS VDSS Vth RDS(on) | Yfs | VDSF Coss td(on) tr tf td(off) Rth(ch-c) Rth(ch-a) VDD = 200V, ID = 3A VGS = 10V, RL = 66.6 Conditions VDS = 720V, VGS = 0 VGS = 30V, VDS = 0 ID = 1mA, VGS = 0 VDS = 25V, ID = 1mA VGS = 10V, ID = 3A VDS = 25V, ID = 3A IDR = 5A, VGS = 0 1400 VDS = 20V, VGS = 0, f = 1MHz 140 60 30 60 60 170 2.5 62.5 1.5 900 2 2 3.5 -1.6 5 2.8 min typ max 100 1 Unit A A V V S V pF pF pF ns ns ns ns C/W C/W
Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Turn-on time (delay time) Rise time Fall time Turn-off time (delay time) Thermal resistance between channel and case Thermal resistance between channel and atmosphere
1
Power F-MOS FETs
Area of safe operation (ASO)
100 60
2SK2340
PD Ta
Allowable power dissipation PD (W)
(1) TC=Ta (2) Without heat sink (PD=2W) 100
IAS L-load
TC=25C
Non repetitive pulse TC=25C IDP ID 1ms 1 10ms t=100ms
Drain current ID (A)
10
40
Avalanche current IAS (A)
50
30
10
30
(1)
3
45mJ
20
1
0.1
DC
10 (2)
0.3
0.01 1 10 100 1000
0 0 20 40 60 80 100 120 140 160
0.1 0.1
0.3
1
3
10
Drain to source voltage VDS (V)
Ambient temperature Ta (C)
L-load (mH)
ID VGS
10 VDS=25V TC=25C 8 6
Vth TC
50 VDS=25V ID=1mA 5
VDS VGS
TC=25C
Drain to source voltage VDS (V)
Gate threshold voltage Vth (V)
40 ID=10A 30
Drain current ID (A)
4
6
3
4
20
2
2
1
10
5A 2.5A
0 0 1 2 3 4 5 6 7
0 0 25 50 75 100 125 150
0 0 5 10 15 20 25 30
Gate to source voltage VGS (V)
Case temperature TC (C)
Gate to source voltage VGS (V)
RDS(on) ID
Drain to source ON-resistance RDS(on) ()
6 6
| Yfs | ID
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
10000
Ciss, Coss, Crss VDS
VDS=25V TC=25C f=1MHz TC=25C
5
Forward transfer admittance |Yfs| (S)
TC=25C
5
1000
Ciss
4
4
3 VGS=10V 2 15V 1
3
100 Coss Crss 10
2
1
0 0 2 4 6 8 10
0 0 1 2 3 4 5 6 7 8
1 0 40 80 120 160 200
Drain current ID (A)
Drain current ID (A)
Drain to source voltage VDS (V)
2
Power F-MOS FETs
VDS, VGS Qg
600 12 100
2SK2340
Rth(t) t
Notes: Rth was measured at Ta=25C and under natural convection. (1) without heat sink (2) with a 50 x 50 x 2mm Al heat sink 10 (1)
500 VDS 400 VGS 300
10
Thermal resistance Rth(t) (C/W)
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
(2)
8
6
1
200
4
0.1
100
2
0 0 10 20 30 40 50
0 60
0.01 10-4
10-3
10-2
10-1
1
10
102
103
Gate charge amount Qg (nC)
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SK2340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X