Part Number Hot Search : 
74HCT5 B70N6U AD8574AR P00EC M51995 MN101 AD842 72F7AD
Product Description
Full Text Search
 

To Download 2N7368JAN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/622 Devices 2N7368 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation @ TC = 250C (1) Operating & Storage Junction Temperature Range
Symbol
VCEO VCBO VEBO IB IC PT TJ, Tstg Symbol RJC
0
Value
80 80 7.0 4.0 10 115 -65 to +200 Max. 1.5
Units
Vdc Vdc Vdc Adc Adc W 0 C Unit 0 C/W
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case
TO-254*
1) Derate linearly 0.657 W/ C for TC > 25 C
*See appendix A for package outline
0
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 0.2 Adc Collector-Emitter Cutoff Current VCE = 70 Vdc Collector-Emitter Cutoff Current VCE = 80 Vdc, VBE = 1.5 Vdc Emitter-Base Cutoff Current VEB = 7.0 Vdc VCEO(sus) ICES ICEX IEBO 80 1.0 1.0 1.0 Vdc mAdc mAdc mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N7368 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 2.0 Vdc IC = 3.0 Adc, VCE = 2.0 Vdc Collector-Emitter Saturation Voltage IC = 5.0 Adc, IB = 0.5 Adc Base-Emitter Saturation Voltage IC = 5.0 Adc, IB = 0.5 Adc hFE 50 30 175 140 1.0 1.5 Vdc Vdc
VCE(sat) VBE(sat)
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz Output Capacitance VCB =10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe Cobo 4.0 20 500 pF
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t 1.0 s Test 1 VCE = 11.5 Vdc, IC = 10 Adc Test 2 VCE = 45 Vdc, IC = 2.5 Adc Test 3 VCE = 60 Vdc, IC = 0.9 Adc (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2N7368JAN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X