Part Number Hot Search : 
APM4542K E005264 20020 ZC0805P KSL0M911 SBU10G 2SK531 C431PC
Product Description
Full Text Search
 

To Download 25CTQ045S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20242 rev. B 07/03
25CTQ... 25CTQ...S 25CTQ.. -1
SCHOTTKY RECTIFIER 30 Amp
IF(AV) = 30Amp VR = 35 to 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 15 Apk, TJ=125C (per leg) range
Description/ Features Units
A The 25CTQ center tap Schottky rectifier series has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-220 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
25CTQ
30
35 to 45 990 0.50
V A V
- 55 to 150
C
Case Styles 25CTQ... 25CTQ... S 25CTQ... -1
Base Common Cathode
2
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
TO-220 www.irf.com
D2PAK
TO-262 1
25CTQ... Series
Bulletin PD-20242 rev. B 07/03
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
25CTQ035
35
25CTQ040
40
25CTQ045
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 990 250 20 3 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, IAS = 3 Amps, L = 4.40 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
25CTQ Units
30 A
Conditions
50% duty cycle @ TC = 102 C, rectangular wave form
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
25CTQ Units
0.56 0.71 0.50 0.64 V V V V mA mA pF nH V/ s @ 15A @ 30A @ 15A @ 30A
Conditions
TJ = 25 C TJ = 125 C VR = rated V R
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
1.75 70 900 8.0 10000
TJ = 25 C TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
25CTQ Units
-55 to 150 -55 to 150 3.25 1.63 0.50 C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Min. Max.
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased
2.0 (0.07) g (oz.) 6 (5) 12 (10) Kg-cm (Ibf-in)
2
www.irf.com
25CTQ... Series
Bulletin PD-20242 rev. B 07/03
10 00
10 00 10 0 R v rs C rr n - I (m ) ee e u e t A R 1 0 1 .1 .0 1 .0 1 0 0 T =1 0 C 5 J 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
In ta ta e u F rw rdC rre t - IF (A s n nos o a un )
5
11223344 05050505 R v rs V lta e- V (V ee e o g R)
1 0 T =1 0C 5 J
J n tio C p c n e- C (p ) u c n a a ita c F T
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 00
T =1 5C 2 J T= 2 5C J 1
T =2 5C J
.1 0
.2
.4
.6
.8
1
1 .2 1 .4 1 .6 1 .8
2
10 0 0
1 0
2 0
3 0
4 0
5 0
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T e a Im e a c - Zth C( /W h rm l p d n e C) J D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0 .1
F rw rdV lta eD p- V (V oa o g ro ) F M
R v rs V lta e- V (V ee e o g R)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
PM D
t 1 t 2 N te : os 1 D tyfa to D= t / t .u cr 12 S g P ls in le u e (T e a R s ta c ) h rm l e is n e 2 P a T =P xZ . ek +T JD M th C C J .0 1 .1 1 1 0 10 0
.0 1
.0 1 0 .0 0 1 00
.0 0 01
.0 1 0
t , R c n u r P ls D ra n(S c n s e ta g la u e u tio eod) 1
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
25CTQ... Series
Bulletin PD-20242 rev. B 07/03
10 6 A w b C s T m e tu - ( ) llo a le a e e p ra re C 10 5 10 4 10 3 10 2 10 1 10 0 0 D C 2CQ 5T R J (D ) =3 5 C .2 /W th C C 1 2 D=0 8 .0 D=0 7 .1 1 0 D=0 5 .2 D=0 3 .3 .5 8 D=0 0 6 4 2 0 0 2 4 6 81 1 1 1 1 2 2 0246802 A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
A e g P w r L s - (W tts v ra e o e o s a)
R SL it M im
D C
5
1 0
1 5
2 0
5 2
A e g F rw rdC rre t - IF V (A v ra e o a un (A ) )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
FSM
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
(A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FR EE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F Rg = 25 ohm
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
25CTQ... Series
Bulletin PD-20242 rev. B 07/03
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.89 (0.11) 2.64 (0.10) 0.10 (0.004)
1 2 3 ANODE COMMON ANODE CATHODE 1 2
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2
BASE COMMON CATHODE 2
1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
BASE COMMON CATHODE 2
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
1 2 3 ANODE COMMON ANODE CATHODE 1 2
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08)
Conform to JEDEC outline D Pak (SMD-220) Dimensions in millimeters and (inches)
2
2X
2.54 (0.10) 2X
www.irf.com
5
25CTQ... Series
Bulletin PD-20242 rev. B 07/03
Outline Table
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
Marking Information
EXAMPLE: THIS IS A 25CTQ045 LOT CODE 1789 ASSEMBLED ON WW 19, 1998 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 7 = 1998 WEEK 19 LINE C
6
www.irf.com
25CTQ... Series
Bulletin PD-20242 rev. B 07/03
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069)
24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532) 12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
360 (14.173) DIA. MAX.
60 (2.362) DIA . MIN.
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR.
Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
25
1 1 2 3 4 5 6 6 -
C
2
T
3
Q
4
045
5
-1
6
Essential Part Number Common Cathode T = TO-220 Q = Schottky Q Series Voltage Rating S = D 2Pak -1 = TO-262 035 = 35V 040 = 40V 045 = 45V
www.irf.com
7
25CTQ... Series
Bulletin PD-20242 rev. B 07/03
25CTQ045 ******************************************** * This model has been developed by * * Wizard SPICE MODEL GENERATOR (1999) * * (International Rectifier Corporation * * Contain Proprietary Information * ******************************************** * SPICE Model Diode is composed by a * * simple diode plus paralled VCG2T * ******************************************** .SUBCKT 25CTQ045 ANO CAT D1 ANO 1 DMOD (0.07089) *Define diode model .MODEL DMOD D(IS=1.72789623043916E-04A,N=1.16449261507669,BV=52V, + IBV=0.347382965330896A,RS= 0.000623832,CJO=2.01681525450576E-08, + VJ=1.79426113441105,XTI=2, EG=0.778356513713514) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=30.866905105089) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-2.873853E-03/30.86691)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*5.486216E-02*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS 25CTQ045
Thermal Model Subcircuit .SUBCKT 25CTQ045 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 4.04E-01 2.01E+00 8.32E+00 3.80E+02 1.62E+00 1.22E+00 3.50E-01 4.34E-02
.ENDS 25CTQ045
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/03
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 25CTQ045S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X