|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Fixed Inductors for Digital Audio Amplifier EAW30S Inductance: 10Hx2 DIMENSIONS Recommended patterns 10.2Max. 13.3Max. 3.0 10.8Max. 8.0 3.0 2.2 4.2 2.2 (Unit: mm) (Unit: mm) FEATURES Tight space by "2 in 1 unit" Structure. High sound quality. Low distortion. A magnetically shielded structure prevents radiation noise. * RoHS compliant * * * * * * * * * SELECTION GUIDE FOR STANDARD COILS TYPE EAW30S TOKO Part Number 1107EH-0001 Inductance (1) L (H) 10x2 Tolerance (%) 20 DC Resistance (2) (m) Max. 26 Inductance Decrease Current(3) (A) Min. 6.5 Temperature Rise Current(4) (A) Min. 3.2 (1) Inductance is measured with a LCR meter 4284A or equivalent. (2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) Inductance Decrease Current based upon10% inductance reduction from the initial value. (4) Temperature Rise Current based upon 40C temperature rise. (Reference ambient temperature 20C) : Agilent Technologies : Agilent Technologies |
Price & Availability of 1107EH-0001 |