Part Number Hot Search : 
02F5F MLX16303 ISL6225 T0805DM E006461 S6698FD L272AD2 BAV16W
Product Description
Full Text Search
 

To Download 1036FB-3R3M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Inductors for Cellular Phone
D3313FB
Inductance Range: 1.0~33H
DIMENSIONS
Recommended patterns
1.3 Max.
3.3 0.5
3.5 Max.
0.5 1.9
0.4
0.8
(Unit: mm)
Resist Zone
1.5 3.9 (Unit: mm)
FEATURES
* Low profile (3.5mm Max. square and 1.3mm Max. height). * Features an open magnetic circuit, but its thin dimensions result in minimum leakage flux and result in minimum electromagnetic interference generated. * Suitable as Inductors for Cellular phones. * RoHS compliant.
* * *
*
SELECTION GUIDE FOR STANDARD COILS
TYPE D3313FB (Quantity/reel; 3,000 PCS)
TOKO Part Number 1036FB-1R0N 1036FB-2R2M 1036FB-3R3M 1036FB-4R7M 1036FB-100M 1036FB-150M 1036FB-220M 1036FB-270M 1036FB-330M Inductance (1) (H) 1.0 2.2 3.3 4.7 10.0 15.0 22.0 27.0 33.0 Tolerance (%) 30 20 20 20 20 20 20 20 20 DC Resistance (2) () Max. (Typ.) 0.25 (0.21) 0.30 (0.25) 0.42 (0.35) 0.50 (0.42) 0.79 (0.66) 1.01 (0.84) 1.46 (1.22) 1.98 (1.65) 2.26 (1.88) Inductance Decrease Current(3) Temperature Rise Current(3) (A) Max. (Typ.) T=40C L L L =10% L =30% (A) Max. (Typ.) 1.21 (1.66) 1.09 (1.45) 0.86 (1.14) 0.71 (0.94) 0.50 (0.66) 0.43 (0.57) 0.35 (0.46) 0.32 (0.42) 0.29 (0.39) 1.31 (1.74) 1.22 (1.63) 0.95 (1.26) 0.77 (1.03) 0.56 (0.74) 0.49 (0.65) 0.41 (0.54) 0.38 (0.50) 0.33 (0.44) 0.70 (0.82) 0.61 (0.72) 0.53 (0.63) 0.50 (0.59) 0.44 (0.52) 0.41 (0.48) 0.36 (0.43) 0.30 (0.35) 0.25 (0.30)
(1) Inductance is measured with a LCR meter 4284A * or equivalent. Test frequency at 100KHz (2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) Maximum allowable DC current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40C, whichever is smaller. (Reference ambient temperature 20C )
*Agilent Technologies *Agilent Technologies
0.6
1.6 3.3


▲Up To Search▲   

 
Price & Availability of 1036FB-3R3M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X