|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VIPER20A-E SMPS primary I.C. General features Type VIPER20A-E VIPer20ASP-E VIPer20ADIP-E VDSS 700V 700V 700V In 0.5A 0.5A 0.5A RDS(on) 18 18 18 10 PENTAWATT HV DIP-8 Adjustable switching frequency up to 200 kHz Current mode control Soft start and shutdown control Automatic burst mode operation in stand-by condition able to meet "blue angel" norm (<1w total power consumption) Internally trimmed zener reference Undervoltage lock-out with hysteresis Integrated start-up supply Over-temperature protection Low stand-by current Adjustable current limitation PENTAWATT HV (022Y) 1 POWERSO-10TM Description All the devices are made using VIPower M0 Technology, combines on the same silicon chip a state-of-the-art PWM circuit together with an optimized, high voltage, Vertical Power MOSFET (700V/ 0.5A). Typical applications cover offline power supplies with a secondary power capability of 10W in wide range condition and 20W in single range or with doubler configuration. It is compatible from both primary or secondary regulation loop despite using around 50% less components when compared with a discrete solution. Burst mode operation is an additional feature of this device, offering the ability to operate in stand-by mode without extra components. OSC DRAIN Block diagram ON/OFF OSCILLATOR SECURITY LATCH VDD UVLO LOGIC R/S FF S Q PWM LATCH R1 S FF R2 R3 Q OVERTEMP. DETECTOR 0.5 V + _ 1.7 s delay 250 ns Blanking + _ + 0.5V _ 6 V/A CURRENT AMPLIFIER _ 13 V + ERROR AMPLIFIER 4.5 V COMP SOURCE June 2006 Rev 2 FC00491 1/34 www.st.com 34 Contents VIPER20A-E Contents 1 Electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 1.1 1.2 Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2 3 Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 3.1 3.2 3.3 3.4 3.5 Drain pin (Integrated Power MOSFET drain): . . . . . . . . . . . . . . . . . . . . . . . . . 8 Source pin: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 VDD pin (power supply): . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Compensation pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 OSC pin (oscillator frequency): . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 5 Typical circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Operation description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 Current mode topology: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Stand-by mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 High voltage start-up current suorce . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Transconductance error amplifier . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 External clock synchronization: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Primary peak current limitation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Over-temperature protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Operation pictures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 2/34 VIPER20A-E Contents 6 Electrical over stress . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 6.1 Electrical over stress ruggedness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 7 Layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 7.1 Layout considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 8 9 10 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Order code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 3/34 Electrical data VIPER20A-E 1 1.1 Table 1. Electrical data Maximum rating Absolute maximum rating Parameter Continuous Drain-Source Voltage (TJ = 25 to 125C) Maximum Current Supply Voltage Voltage Range Input Voltage Range Input Maximum Continuous Current Electrostatic Discharge (R = 1.5k; C = 100pF) Avalanche Drain-Source Current, Repetitive or Not Repetitive (TC = 100C; Pulse width limited by TJ max; < 1%) Power Dissipation at TC= 25C Junction Operating Temperature Storage Temperature Value -0.3 to 700 Internally limited 0 to 15 0 to VDD 0 to 5 2 4000 0.4 57 Internally limited -65 to 150 Unit V A V V V mA V A W C C Symbol VDS ID VDD VOSC VCOMP ICOMP VESD ID(AR) PTOT TJ TSTG 4/34 VIPER20A-E Electrical data 1.2 Electrical characteristics TJ = 25C; VDD = 13V, unless otherwise specified Table 2. Symbol BVDS IDSS Power section Parameter Drain-Source Voltage Off-State Drain Current Static Drain-Source On Resistance Fall Time Rise Time Output Capacitance Test conditions ID = 1mA; VCOMP = 0V VCOMP = 0V; Tj = 125C VDS = 700V ID = 0.4A ID = 0.4A; TJ= 100C ID = 0.2A; VIN =300V (1) Figure 7 ID = 0.4A; VIN = 300V (1) Figure 7 VDS = 25V 100 50 90 15.5 1.0 18 32 mA ns ns pF Min 700 Typ Max Unit V RDS(on) tf tr Coss (1) On Inductive Load, Clamped. Table 3. Symbol IDDch IDD0 IDD1 IDD2 VDDoff VDDon VDDhyst Supply section Parameter Start-Up Charging Current Test conditions VDD = 5V; VDS = 35V Figure 6, Figure 11 Operating Supply Current VDD = 12V; FSW = 0kHz Figure 6 Operating Supply Current Operating Supply Current Undervoltage Shutdown Undervoltage Reset Hysteresis Start-up VDD = 12V; Fsw = 100kHz VDD = 12V; Fsw = 200kHz Figure 6 Figure 6 Figure 6 2.4 7.5 Min Typ -2 Max Unit mA 12 13 14 8 11 3 16 mA mA mA 9 12 V V V Table 4. Symbol Oscillator section Parameter Test conditions RT=8.2K; CT=2.4nF Min Typ Max Unit FSW Oscillator Frequency Total Variation VDD=9 to 15V; with RT 1%; CT 5% (see Figure )(see Figure 14) 90 100 110 KHz VOSCIH VOSCIL Oscillator Peak Voltage Oscillator Valley Voltage 7.1 3.7 V V 5/34 Electrical data VIPER20A-E Table 5. Symbol VDDREG VDDreg Error amplifier section Parameter VDD Regulation Point Total Variation Test conditions ICOMP=0mA (see Figure 5) TJ = 0 to 100C From Input =VDD to Min 12.6 Typ 13 2 Max 13.4 Unit V % GBW Unity Gain Bandwidth Output = VCOMP COMP pin is open Figure 15 COMP pin is open Figure 15 VCOMP=2.5V(see Figure 5) ICOMP=-400A; VDD=14V ICOMP=400A; VDD=12V 45 1.1 150 KHz AVOL Gm Open Loop Voltage Gain DC Transconductance 52 1.5 0.2 4.5 -600 600 1.9 dB mA/V V V A A VCOMPLO Output Low Level VCOMPHI ICOMPLO ICOMPHI Output High Level Output Low Current Capability VCOMP=2.5V; VDD=14V Output High Current Capability VCOMP=2.5V; VDD=12V Table 6. Symbol HID VCOMPoff IDpeak td tb ton(min) PWM comparator section Parameter VCOMP / IDPEAK VCOMP Offset Peak Current Limitation Current Sense Delay to TurnOff Blanking Time Minimum On Time Test conditions VCOMP = 1 to 3 V IDPEAK = 10mA VDD = 12V; COMP pin open ID = 1A 0.5 Min 4.2 Typ 6 0.5 0.67 250 250 350 360 1200 0.9 Max 7.8 Unit V/A V A ns ns ns Table 7. Symbol VCOMPth tDISsu Ttsd Thyst Shutdown and overtemperature section Parameter Restart Threshold Disable Set Up Time Thermal Shutdown Temperature Test conditions (see Figure 8) (see Figure 8) (see Figure 8) 140 Min Typ 0.5 1.7 170 40 5 190 Max Unit V s C C Thermal Shutdown Hysteresis (see Figure 8) 6/34 VIPER20A-E Thermal data 2 Thermal data Table 8. Symbol RthJA RthJC RthJC Thermal data Parameter Thermal Resistance Junction-pin Thermal Resistance Junction-case Thermal Resistance Ambient-case Max Max Max 2.0 70 2.0 60 35 (2) PENTAWATT PowerSO-10TM(1) DIP-8 20 Unit C/W C/W C/W 1. When mounted using the minimum recommended pad size on FR-4 board. 2. On multylayer PCB. 7/34 Pin description VIPER20A-E 3 3.1 Pin description Drain pin (Integrated Power MOSFET drain): Integrated Power MOSFET drain pin. It provides internal bias current during start-up via an integrated high voltage current source which is switched off during normal operation. The device is able to handle an unclamped current during its normal operation, assuring self protection against voltage surges, PCB stray inductance, and allowing a snubberless operation for low output power. 3.2 Source pin: Power MOSFET source pin. Primary side circuit common ground connection. 3.3 VDD pin (power supply): This pin provides two functions : It corresponds to the low voltage supply of the control part of the circuit. If VDD goes below 8V, the start-up current source is activated and the output power MOSFET is switched off until the VDD voltage reaches 11V. During this phase, the internal current consumption is reduced, the VDD pin is sourcing a current of about 2mA and the COMP pin is shorted to ground. After that, the current source is shut down, and the device tries to start up by switching again. This pin is also connected to the error amplifier, in order to allow primary as well as secondary regulation configurations. In case of primary regulation, an internal 13V trimmed reference voltage is used to maintain VDD at 13V. For secondary regulation, a voltage between 8.5V and 12.5V will be put on VDD pin by transformer design, in order to stuck the output of the transconductance amplifier to the high state. The COMP pin behaves as a constant current source, and can easily be connected to the output of an optocoupler. Note that any overvoltage due to regulation loop failure is still detected by the error amplifier through the VDD voltage, which cannot overpass 13V. The output voltage will be somewhat higher than the nominal one, but still under control. 3.4 Compensation pin This pin provides two functions : It is the output of the error transconductance amplifier, and allows for the connection of a compensation network to provide the desired transfer function of the regulation loop. Its bandwidth can be easily adjusted to the needed value with usual components value. As stated above, secondary regulation configurations are also implemented through the COMP pin. When the COMP voltage is going below 0.5V, the shut-down of the circuit occurs, with a zero duty cycle for the power MOSFET. This feature can be used to switch off the converter, and is automatically activated by the regulation loop (no matter what the configuration is) to provide a burst mode operation in case of negligible output power or open load condition. 8/34 VIPER20A-E Pin description 3.5 OSC pin (oscillator frequency): An Rt-Ct network must be connected on that to define the switching frequency. Note that despite the connection of Rt to VDD, no significant frequency change occurs for VDD varying from 8V to 15V. It provides also a synchronisation capability, when connected to an external frequency source. Figure 1. Connection diagrams (top view) PENTAWATT HV PENTAWATT HV (022Y) DIP-8 PowerSO-10TM Figure 2. Current and voltage convention IDD ID IOSC OSC VDD DRAIN 13V + COMP SOURCE VDD VDS ICOMP VOSC VCOMP FC00020 9/34 Typical circuit VIPER20A-E 4 Figure 3. Typical circuit Offline power supply with auxiliary supply feedback F1 TR2 BR1 TR1 D1 C2 R1 C3 D3 C10 R7 C4 GND C1 AC IN D2 L2 +Vcc R9 C7 C9 R2 VDD OSC DRAIN 13V + COMP SOURCE C6 R3 VIPer20 C5 C11 FC00401 Figure 4. Offline power supply with optocoupler feedback F1 TR2 BR1 TR1 D1 C2 R1 C3 D3 C10 R7 C4 G ND C7 C9 D2 L2 +Vcc C1 AC IN R9 R2 VDD OSC DRAIN 13V + COM P S OURCE VIPer20 C5 C11 C6 R3 ISO1 R6 R4 C8 U2 R5 FC00411 10/34 VIPER20A-E Operation description 5 5.1 Operation description Current mode topology: The current mode control method, like the one integrated in the devices, uses two control loops - an inner current control loop and an outer loop for voltage control. When the Power MOSFET output transistor is on, the inductor current (primary side of the transformer) is monitored with a SenseFET technique and converted into a voltage VS proportional to this current. When VS reaches VCOMP (the amplified output voltage error) the power switch is switched off. Thus, the outer voltage control loop defines the level at which the inner loop regulates peak current through the power switch and the primary winding of the transformer. Excellent open loop D.C. and dynamic line regulation is ensured due to the inherent input voltage feedforward characteristic of the current mode control. This results in improved line regulation, instantaneous correction to line changes, and better stability for the voltage regulation loop. Current mode topology also ensures good limitation in case there is a short circuit. During the first phase the output current increases slowly following the dynamic of the regulation loop. Then it reaches the maximum limitation current internally set and finally stops because the power supply on VDD is no longer correct. For specific applications the maximum peak current internally set can be overridden by externally limiting the voltage excursion on the COMP pin. An integrated blanking filter inhibits the PWM comparator output for a short time after the integrated Power MOSFET is switched on. This function prevents anomalous or premature termination of the switching pulse in case there are current spikes caused by primary side capacitance or secondary side rectifier reverse recovery time. 5.2 Stand-by mode Stand-by operation in nearly open load conditions automatically leads to a burst mode operation allowing voltage regulation on the secondary side. The transition from normal operation to burst mode operation happens for a power PSTBY given by : Where: 1 2 F P STBY = -- L P I STBY SW 2 LP is the primary inductance of the transformer. FSW is the normal switching frequency. ISTBY is the minimum controllable current, corresponding to the minimum on time that the device is able to provide in normal operation. This current can be computed as : ( t b + t d )V IN I STBY = ----------------------------Lp tb + td is the sum of the blanking time and of the propagation time of the internal current sense and comparator, and represents roughly the minimum on time of the device. Note: that PSTBY may be affected by the efficiency of the converter at low load, and must include the power drawn on the primary auxiliary voltage. 11/34 Operation description VIPER20A-E As soon as the power goes below this limit, the auxiliary secondary voltage starts to increase above the 13V regulation level, forcing the output voltage of the transconductance amplifier to low state (VCOMP < VCOMPth). This situation leads to the shutdown mode where the power switch is maintained in the Off state, resulting in missing cycles and zero duty cycle. As soon as VDD gets back to the regulation level and the VCOMPth threshold is reached, the device operates again. The above cycle repeats indefinitely, providing a burst mode of which the effective duty cycle is much lower than the minimum one when in normal operation. The equivalent switching frequency is also lower than the normal one, leading to a reduced consumption on the input main supply lines. This mode of operation allows the VIPER20A-E to meet the new German "Blue Angel" Norm with less than 1W total power consumption for the system when working in stand-by mode. The output voltage remains regulated around the normal level, with a low frequency ripple corresponding to the burst mode. The amplitude of this ripple is low, because of the output capacitors and low output current drawn in such conditions.The normal operation resumes automatically when the power gets back to higher levels than PSTBY. 5.3 High voltage start-up current suorce An integrated high voltage current source provides a bias current from the DRAIN pin during the start-up phase. This current is partially absorbed by internal control circuits which are placed into a standby mode with reduced consumption and also provided to the external capacitor connected to the VDD pin. As soon as the voltage on this pin reaches the high voltage threshold VDDon of the UVLO logic, the device becomes active mode and starts switching. The start-up current generator is switched off, and the converter should normally provide the needed current on the VDD pin through the auxiliary winding of the transformer, as shown on (see Figure 11). In case there are abnormal conditions where the auxiliary winding is unable to provide the low voltage supply current to the VDD pin (i.e. short circuit on the output of the converter), the external capacitor discharges to the low threshold voltage VDDoff of the UVLO logic, and the device goes back to the inactive state where the internal circuits are in standby mode and the start-up current source is activated. The converter enters a endless start-up cycle, with a startup duty cycle defined by the ratio of charging current towards discharging when the VIPer20-E tries to start. This ratio is fixed by design to 2A to 15A, which gives a 12% start-up duty cycle while the power dissipation at start-up is approximately 0.6W, for a 230Vrms input voltage. This low value start-up duty cycle prevents the application of stress to the output rectifiers as well as the transformer when a short circuit occurs. The external capacitor CVDD on the VDD pin must be sized according to the time needed by the converter to start up, when the device starts switching. This time tSS depends on many parameters, among which transformer design, output capacitors, soft start feature, and compensation network implemented on the COMP pin. The following formula can be used for defining the minimum capacitor needed: It DD SS C VDD > -------------------V DDhyst where: IDD is the consumption current on the VDD pin when switching. Refer to specified IDD1 and IDD2 values. tSS is the start up time of the converter when the device begins to switch. Worst case is generally at full load. VDDhyst is the voltage hysteresis of the UVLO logic (refer to the minimum specified value). 12/34 VIPER20A-E Operation description The soft start feature can be implemented on the COMP pin through a simple capacitor which will be also used as the compensation network. In this case, the regulation loop bandwidth is rather low, because of the large value of this capacitor. In case a large regulation loop bandwidth is mandatory, the schematics of (see Figure 17) can be used. It mixes a high performance compensation network together with a separate high value soft start capacitor. Both soft start time and regulation loop bandwidth can be adjusted separately. If the device is intentionally shut down by tying the COMP pin to ground, the device is also performing start-up cycles, and the VDD voltage is oscillating between VDDon and VDDoff. This voltage can be used for supplying external functions, provided that their consumption does not exceed 0.5mA. (see Figure 18) shows a typical application of this function, with a latched shutdown. Once the "Shutdown" signal has been activated, the device remains in the Off state until the input voltage is removed. 5.4 Transconductance error amplifier The VIPER20A-E includes a transconductance error amplifier. Transconductance Gm is the change in output current (ICOMP) versus change in input voltage (VDD). Thus: l COMP G m = -----------------V DD The output impedance ZCOMP at the output of this amplifier (COMP pin) can be defined as: COMP 1 - COMP Z COMP = -------------------- = ------- x -----------------------I Gm V DD COMP V V This last equation shows that the open loop gain AVOL can be related to Gm and ZCOMP: AVOL = Gm x ZCOMP where Gm value for VIPER20A-E is 1.5 mA/V typically. Gm is defined by specification, but ZCOMP and therefore AVOL are subject to large tolerances. An impedance Z can be connected between the COMP pin and ground in order to define the transfer function F of the error amplifier more accurately, according to the following equation (very similar to the one above): F(S) = Gm x Z(S) The error amplifier frequency response is reported in for different values of a simple resistance connected on the COMP pin. The unloaded transconductance error amplifier shows an internal ZCOMP of about 330K More complex impedance can be connected on the COMP pin to . achieve different compensation level. A capacitor will provide an integrator function, thus eliminating the DC static error, and a resistance in series leads to a flat gain at higher frequency, insuring a correct phase margin. This configuration is illustrated in Figure 20 As shown in Figure 19 an additional noise filtering capacitor of 2.2nF is generally needed to avoid any high frequency interference. Is also possible to implement a slope compensation when working in continuous mode with duty cycle higher than 50%. Figure 21 shows such a configuration. Note: R1 and C2 build the classical compensation network, and Q1 is injecting the slope compensation with the correct polarity from the oscillator sawtooth. 13/34 Operation description VIPER20A-E 5.5 External clock synchronization: The OSC pin provides a synchronisation capability when connected to an external frequency source. Figure 21 shows one possible schematic to be adapted, depending the specific needs. If the proposed schematic is used, the pulse duration must be kept at a low value (500ns is sufficient) for minimizing consumption. The optocoupler must be able to provide 20mA through the optotransistor. 5.6 Primary peak current limitation The primary IDPEAK current and, consequently, the output power can be limited using the simple circuit shown in Figure 22 . The circuit based on Q1, R1 and R2 clamps the voltage on the COMP pin in order to limit the primary peak current of the device to a value: V COMP - 0.5 I DPEAK = ------------------------------H ID where: R1 + R2 V COMP = 0.6 x -----------------R2 . The suggested value for R1+R2 is in the range of 220K 5.7 Over-temperature protection Over-temperature protection is based on chip temperature sensing. The minimum junction temperature at which over-temperature cut-out occurs is 140C, while the typical value is 170C. The device is automatically restarted when the junction temperature decreases to the restart temperature threshold that is typically 40C below the shutdown value (see Figure 13) 14/34 VIPER20A-E Operation description 5.8 Operation pictures VDD Regulation point Slope = G in m m A/V Figure 5. Figure 6. Undervoltage lockout ICOMP ICOMPHI IDD IDD0 VDD 0 ICOMPLO VDDreg FC00150 VDDhyst VDDoff IDDch VDS= 35 V Fsw = 0 VDDon VDD FC00170 Figure 7. Transition time ID Figure 8. Shutdown action VOSC t 10% Ipeak t VCOMP VDS tDISsu 90% VD VCOMPth t 10% VD t tf tr FC00160 ID t ENABLE ENABLE DISABLE FC00060 Figure 9. Breakdown voltage vs temperature 1.15 FC00180 Figure 10. Typical frequency variation (%) 1 0 -1 -2 -3 FC00190 BVDSS (Normalized) 1.1 1.05 1 -4 -5 0 20 40 60 80 100 120 Temperature (C) 0.95 0 20 40 60 80 100 120 140 Temperature (C) 15/34 Operation description VIPER20A-E Figure 11. Behaviour of the high voltage current source at start-up VDD VDDon VDDoff 2 mA 15 mA CVDD VDD 1 mA 15 mA 3 mA DRAIN Ref. t Auxiliary primary winding UNDERVOLTAGE LOCK OUT LOGIC VIPer20 SOURCE Start up duty cycle ~ 12% FC00101A Figure 12. Start-up waveforms 16/34 VIPER20A-E Figure 13. Over-temperature protection Operation description T T ts c J T t s d -T h y s t t Vdd V dd on V dd off t Id t V co m p t SC 1 0 1 9 1 17/34 Operation description VIPER20A-E Figure 14. Oscillator For Rt > 1.2k and Ct 40KHz Rt OSC VDD CLK Ct ~360 FC00050 Ct Forbidden area Ct(nF) = 22nF 15nF 880 Fsw(kHz) Forbidden area 40kHz Fsw FC00030 Oscillator frequency vs Rt and Ct 1,000 Ct = 1.5 nF 500 Ct = 2.7 nF Frequency (kHz) 300 200 Ct = 4.7 nF Ct = 10 nF 100 50 30 1 2 3 5 10 20 30 50 Rt (k) 18/34 VIPER20A-E Figure 15. Error amplifier frequency response FC00200 Operation description 60 RCOMP = + RCOMP = 270k Voltage Gain (dB) 40 RCOMP = 82k RCOMP = 27k 20 RCOMP = 12k 0 (20) 0.001 0.01 0.1 1 10 Frequency (kHz) 100 1,000 Figure 16. Error amplifier phase response FC00210 200 RCOMP = + 150 Phase () 100 50 0 (50) 0.001 RCOMP = 270k RCOMP = 82k RCOMP = 27k RCOMP = 12k 0.01 0.1 1 10 Frequency (kHz) 100 1,000 19/34 Operation description VIPER20A-E Figure 17. Mixed soft start and compensation D2 Figure 18. Latched shut down VIPer20 VDD OSC 13V DRAIN D3 R1 VDD VIPer20 DRAIN + COMP SOURCE R3 D1 Q2 OSC 13V + COMP SOURCE AUXILIARY WINDING R2 R3 R2 C4 R1 R4 Shutdown + C3 C1 + C2 Q1 D1 FC00431 FC00440 Figure 19. Typical compensation network VIPer20 VDD OSC 13V DRAIN Figure 20. Slope compensation + COMP SOURCE R2 R1 VIPer20 VDD OSC 13V DRAIN + COMP SOURCE C2 R1 C1 C1 Q1 C2 C3 R3 FC00451 FC00461 Figure 21. External clock sinchronisation Figure 22. Current limitation circuit example VIPer20 VDD DRAIN VIPer20 VDD OSC DRAIN OSC 13V + COMP SOURCE 13V + COMP SOURCE 10 k R1 Q1 FC00470 R2 FC00480 20/34 VIPER20A-E Electrical over stress 6 6.1 Electrical over stress Electrical over stress ruggedness The VIPer may be submitted to electrical over-stress, caused by violent input voltage surges or lightning. Following the Layout Considerations is sufficient to prevent catastrophic damages most of the time. However in some cases, the voltage surges coupled through the transformer auxiliary winding can exceed the VDD pin absolute maximum rating voltage value. Such events may trigger the VDD internal protection circuitry which could be damaged by the strong discharge current of the VDD bulk capacitor. The simple RC filter shown in Figure 23 can be implemented to improve the application immunity to such surges. Figure 23. Input voltage surges protection R1 (Optional) R2 39R D1 Auxilliary winding C2 22nF OSC 13V VIPerXX0 VDD + DRAIN C1 Bulk capacitor COMP SOURCE 21/34 Layout VIPER20A-E 7 7.1 Layout Layout considerations Some simple rules insure a correct running of switching power supplies. They may be classified into two categories: - Minimizing power loops: The switched power current must be carefully analysed and the corresponding paths must be as small an inner loop area as possible. This avoids radiated EMC noises, conducted EMC noises by magnetic coupling, and provides a better efficiency by eliminating parasitic inductances, especially on secondary side. Using different tracks for low level and power signals: Interference due to mixing of signal and power may result in instabilities and/or anomalous behaviour of the device in case of violent power surge (Input overvoltages, output short circuits...). Loops C1-T1-U1, C5-D2-T1, and C7-D1-T1 must be minimized. C6 must be as close as possible to T1. Signal components C2, ISO1, C3, and C4 are using a dedicated track connected directly to the power source of the device. - In case of VIPer, these rules apply as shown on (see Figure 24). - - - Figure 24. Recommended layout T1 D1 D2 C7 To secondary filtering and load R1 VDD DRAIN C1 OSC 13V + COMP SOURCE C5 From input diodes bridge U1 VIPerXX0 R2 C2 C3 ISO1 C4 C6 FC00500 22/34 VIPER20A-E Package mechanical data 8 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. 23/34 Package mechanical data VIPER20A-E Table 9. Dim Pentawatt HV Mechanical data mm. Min Typ Max 4.80 1.37 2.80 0.55 0.80 5.21 7.80 9.70 10.40 10.05 15.60 14.60 21.20 22.20 2.60 15.10 6 2.50 4.50 0.50 90 3.65 3.85 0.144 0.152 10.40 17.30 15.22 21.85 22.82 3 15.80 6.60 3.10 5.60 6.14 0.575 0.835 0.874 0.102 0.594 0.236 0.098 0.177 0.02 0.396 Min 0.169 0.046 0.094 0.014 0.024 0.193 0.295 0.366 inch Typ Max 0.189 0.054 0.11 0.022 0.031 0.205 0.307 0.382 0.409 0.409 0.681 0.599 0.860 0.898 0.118 0.622 0.260 0.122 0.220 A C D E F G1 G2 H1 H2 H3 L L1 L2 L3 L5 L6 L7 M M1 R V4 Diam 4.30 1.17 2.40 0.35 0.60 4.91 7.49 9.30 Figure 25. Package dimension P023H3 24/34 VIPER20A-E Table 10. Dim Min A C D E F G1 G2 H1 H2 H3 L L1 L3 L5 L6 L7 M M1 R V4 Diam 3.65 10.05 16.42 14.60 20.52 2.60 15.10 6.00 2.50 5.00 0.50 90 3.85 0.144 4.30 1.17 2.40 0.35 0.60 4.91 7.49 9.30 Typ Max 4.80 1.37 2.80 0.55 0.80 5.21 7.80 9.70 10.40 10.40 17.42 15.22 21.52 3.00 15.80 6.60 3.10 5.70 0.396 0.646 0.575 0.808 0.102 0.594 0.236 0.098 0.197 0.02 Min 0.169 0.046 0.094 0.014 0.024 0.193 0.295 0.366 Package mechanical data Pentawatt HV 022Y ( Vertical High Pitch ) Mechanical data mm. inch Typ Max 0.189 0.054 0.110 0.022 0.031 0.205 0.307 0.382 0.409 0.409 0.686 0.599 0.847 0.118 0.622 0.260 0.122 0.224 0.020 90 0.154 Figure 26. Package dimension L L1 E M1 G2 G1 A M D C R Resin between leads L6 L7 V4 H1 H3 H2 F DIA L3 L5 25/34 Package mechanical data VIPER20A-E Table 11. Dim. DIP-8 Mechanical data mm Min Typ 3.32 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.18 3.81 1.52 0.125 1.65 0.55 0.304 10.92 9.75 0.313 0.100 0.300 0.300 0.260 0.200 0.150 0.060 0.020 0.045 0.014 0.008 0.065 0.022 0.012 0.430 0.384 Max Min Inch Typ 0.131 Max A a1 B b b1 D E e e3 e4 F I L Z Figure 27. Package dimensions 26/34 VIPER20A-E Package mechanical data Table 12. Dim. PowerSO-10 mechanical data mm Min Typ Max 3.65 0.10 0.60 0.55 9.60 7.60 1.27 9.30 7.20 7.20 6.10 5.90 1.25 0.50 13.80 1.20 1.70 0o 8o 14.40 1.80 0.543 0.047 0.067 9.50 7.40 7.60 6.35 6.10 1.35 0.366 0.283 0.283 0.240 0.232 0.049 0.002 0.567 0.071 Min 0.132 0.000 0.016 0.013 0.370 0.291 0.050 0.374 0.291 0.300 0.250 0.240 0.053 Inch Typ Max 0.144 0.004 0.024 0.022 0.378 0.300 A A1 B C D D1 e E E1 E2 E3 E4 F h H L q 3.35 0.00 0.40 0.35 9.40 7.40 Figure 28. Package dimension 27/34 Package mechanical data VIPER20A-E Figure 29. Power Pad layout Figure 30. Tube shipment Table 13. Tube shipment Base Q.ty Bulk Q.ty 1000 1000 Tube length ( 0.5) 532 532 A 10.4 4.9 B 16.4 17.2 C ( 0.1) 0.8 0.8 50 50 Casablanca Muar 28/34 VIPER20A-E Figure 31. Reel shipment Package mechanical data Table 14. Reel dimension Base Q.ty Bulk Q.ty A (max) B (min) C ( 0.2) F G ( 0.2) N (min) T (max) 600 600 330 1.5 13 20.2 24.4 60 30.4 Note: All dimensoin are in mm. 29/34 Package mechanical data VIPER20A-E Figure 32. Tape shipment Table 15. Tape dimension Tape width Tape Hole Spacing Component Spacing Hole Diameter Hole Diameter Hole Position Compartment Depth Hole Spacing W P0 ( 0.1) P D ( 0.1/-0) D1 (min) F ( 0.05) K (max) P1 ( 0.1) 24 4 24 1.5 1.5 11.5 6.5 2 Note: All dimensions are in mm. 30/34 VIPER20A-E Figure 33. Pentawatt HV tube shipment ( no suffix ) Package mechanical data Table 16. Tube dimension 50 1000 532 18 33.1 1 Base Q.ty Bulk Q.ty Tube length ( 0.5 ) A B C ( 0.1) Note: All dimensions are in mm. Figure 34. Dip-8 Tube shipment (no suffix) Table 17. Tube dimension 20 1000 532 8.4 11.2 0.8 Base Q.ty Bulk Q.ty Tube length ( 0.5 ) A B C ( 0.1) Note: All dimensions are in mm. 31/34 Order code VIPER20A-E 9 Order code Table 18. Order code Part number VIPER20A-E VIPer20A-22-E VIPer20ADIP-E VIPer20ASP-E Package PENTAWATT HV PENTAWATT HV (022Y) DIP-8 PowerSO-10 32/34 VIPER20A-E Revision history 10 Revision history Table 19. Date 28-Sep-2005 21-Jun-2006 Revision history Revision 1 2 Initial release. New template, few updates Changes 33/34 VIPER20A-E Please Read Carefully: Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST. ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 34/34 |
Price & Availability of VIPER20A-E |