Part Number Hot Search : 
CZRB2082 L6926 H7805ANE 1N6517 ZMM5224 MCH6603 GPS60B WM872504
Product Description
Full Text Search
 

To Download VENUSLKGQP1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Obsolescence Notice
This product is obsolete. This information is available for your convenience only. For more information on Zarlink's obsolete products and replacement product lists, please visit
http://products.zarlink.com/obsolete_products/
VP7615
Colour Digital Video Camera Decoder IC Advance Information
Supersedes February 1997 edition, DS4602 - 2.4 DS4602 - 3.1 August 1997
The VP7615 iCamHostTM Processor chip can decode the signals from a variety of iVisionTM compatible digital video cameras (such as Silicon Vision's iCamTM) and process them for use in a host computer system. Digital cameras can offer real cost and performance gains in applications which require a digital video input, and iVision technology realises both these benefits. In a typical analog camera the digitised output from the CCD imager is normally encoded into an analog composite video signal which then has to be redigitised at the input to the host system. By employing the iVision approach the output from the camera is maintained as a digital signal, but in a format which allows for a low cost 9wire connection to the host. Eliminating the unnecessary conversion to an analog signal and back again not only saves cost, but also avoids any possible degradation of image quality. Other benefits include direct control of the camera from the host and the ability to power the camera from the host system so saving the cost of a separate power supply. The VP7615 supports two software selectable CamPortTM interface ports, either of which can receive the digital video from an iVisionTM compatible digital video camera. The output is a standard colour digital video signal, similar to standard composite analog-digital decoder chips such as the Philips SAA7110 and SAA7111. All iCamHostTM operating modes are controlled by the host PC via an I2C interface. Hardware I/O controls include output enable and I2C address offset. NOTE: iCamTM, CamPortTM and iCamHostTM are trademarks of Silicon Vision, Inc., Fremont, CA
FEATURES
I Accommodates different camera configurations based on a variety of CCD imager resolutions I Requires only a small, low-cost 9 pin mini-DIN to connect to camera I Receives the image signal from the camera in digital form at a frame rate determined by the host I Decodes all necessary synchronisation and clock signals from the digital data stream I Programmable gamma correction curve in RGB colourspace I Programmable colour-separation matrix I Collects image status data within user-defined rectangular gated zone of CCD sensor I Programmable horizontal and vertical aperture correction I Pin-strap selectable output format in 16 bit YUV 4:2:2 or 8 bit CCIR 656 YUV 4:2:2 I Test pattern generator for SMPTE colourbars I Bypass mode to output unprocessed 8 bit CCD pixel samples in the luminance channel I Dual iCamPortTM camera input ports, software selectable I Completely iVisionTM Compatible I Eight general purpose I/O pins for board level configuration control and/or status I Programmable polarity for HSYNC, VSYNC, HACT & VACT control outputs I Chip pinout is backwards compatible with VP7610
ORDERING INFORMATION
VP7615 CG FP1N
VP7615
3 ADDRESS OFFSET I2C CLK,DATA CAMPORT A CAMPORT B 5 SERIAL BUS CONTROLLER 2 5 DEMUX & SYNC RECOVERY CLK1X, CLK2X CTRL
RAM CONTROL CMYG PIXEL SEPARATOR
TWO HORIZONTAL LINE DELAY FIFO RAM
CTRL
COLOUR MATRIX CONVERTER RGB
APERTURE CORRECTION
CTRL
TO SERIAL BUS CONTROLLER MODULE
GAMMA CORRECTION
CTRL
COLOURSPACE CONVERSION CHROMINANCE & LUMINANCE METRICS Y UV
CTRL
CHRO MINANCE SUB-SAMPLING AND FILTERING
CTRL
OUTPUT ENA BLE
OUTPUT FORMATTER
CTRL
BFLAG, FIELD
8 BIT CCIR656/ VSYNC,HSYNC, 16 BIT CCIR601 VACT, HACT
Fig.1 Functional Block Diagram
2
VP7615
THEORY OF OPERATION
General Overview The VP7615 iCamHostTM is a fully synchronous real-time pipeline pixel processor for converting digitized CCD photosite samples into co-sited, colour calibrated, gamma corrected and aperture corrected digital video in an industryconventional format similar to analog video decoders. The VP7615 supports the full iVisionTM Command Set for control of camera head functions such as frame rate, resolution, exposure and colour depth via the CamPortTM Interface. 2 Access to all registers and functions is provided by an I C state machine. Demux and sync recovery The incoming CCD photosite bytes come in a single nibble at a time in a "big-endian" fashion from one of two CamPortTMs. These nibbles are clocked in via a separate pixel clock signal. The formatting signals such as start of active video, end of active video, and start of new frame are all encoded into the nibble stream. The output is an 8 bit byte of CCD sample for each pixel clock, as well as separate horizontal and vertical sync signals. RAM control & 2H line delay FIFO RAM Since the iCamHostTM assumes an interlaced scanning CCD with a CMYG colour mosaic format, the colour content is derived from different locations around where the output video pixel is desired. Specifically, the first line from the CCD contains "red-like" colour content, alternating with the following line containing "blue-like" colour content. The third line is real-time, and the first opportunity to output properly cosited luminance and chrominance as though the colour pixels were superimposed upon themselves, all on the second line. Pixel separator Since the colourspace converter requires the 3 most recent lines of CCD data, this block handles the shuffling of either the 2 red and 1 blue line, or 2 blue and 1 red line of data. Colour matrix converter The input to this converter is derived from the relative sums and differences of the above 3 lines of sample data, and processes them through a programmable 3x3 matrix multiplier. The output is colour-separated and calibrated RGB samples. Gamma corrector Since CRT monitors have a non-linear RGB intensity response to input signal, gamma correction must be performed in RGB space as well to prevent cross-coupling errors between luminance and chrominance. This block is a programmable 16 line-segment curve generator to provide not only gamma correction, but any arbitrary contiguous curve of positive slope, with end points at any level to adjust contrast and range. Colourspace converter Since the output of the processor is to be YUV and not RGB, a fixed-coefficient 3x3 matrix converter is used. Chrominance sub-sampling & filtering Spatial sub-sampling and filtering is performed since the output sampling format must be reduced from 4:4:4 to 4:2:2 because most video systems do not require more chrominance data for video camera input. Output formatter Devices taking digital video input such as capture, graphics and compression chips usually require the YUV to be formatted either in CCIR601 16 bit mode (YU then YV) or CCIR656 8 bit mode(U then Y then V then Y). The output mode (8 vs 16 bit) CCIR601 is pin-strap selectable. Additional control register bits may be used to swap the luma and chroma data or to swap the order of U and V data to support the video input requirements of a variety of bus master or graphics chip video interfaces without external glue logic. The polarity of VSYNC, HSYNC, VACT and HACT is also programmable. An output enable input signal may be used when "bussing" the output with other video decoders. Other useful signals such as field and colour flags are also provided. Timing diagrams illustrating the function of the video outputs at different time scales are given in figures 5 to 8. Aperture corrector Since both the luminance and chrominance are derived from spatially spread pixels and the ideal output would be as though all the pixels were superimposed upon one another, a programmable vertical and horizontal aperture correction can be applied to either "soften" or "sharpen" the image. Scene-sensing luminance and chrominance metrics There are no hard-wired closed-loop control circuits in the processor. To achieve great flexibility in control over the behavior of the camera head and processor system, a userdefined region of interest is programmed which provides statistical information about the field of video only within that region. Peak luminance, total luminance, total red chrominance and total blue chrominance are provided and updated after each field. Serial bus control To provide read-write control over the registers within the processor, a standard I2C state-machine is provided. Its address may be offset by 3 bits to preclude address conflicts.
3
VP7615
PERFORMANCE
PARAMETER CCD Resolution Field Rate Video Sample Rate Video Sample Quantisation Control Signals Configuration Inputs Gamma Correction Output Format Output Colourspace Output Signals Power Consumption MAXIMUM VALUE OR SPECIFICATION Up to 768 pixels per line Up to 60 fields per second 30 MHz. max. input clock rate, 15MHz. max. output clock rate 8 bit samples in 2 nibbles of 4 bits each Standard I2C protocol I2C address offset, output enable Programmable via 16 arbitrary connected line segments CCIR601 compliant 4:2:2 digital video, pixels per line=CCD pixels YCrCb luminance & chrominance 16 bit digital video, H & V sync, 1X & 2X clock, field ID, chroma ID 950mW
STATUS REGISTERS
FUNCTION Gated Luminance Sum Gated Luminance Peak Gate Red Chrominance Sum Gated Blue Chrominance Sum SIZE 32 bits 8 bits 32 bits 32 bits DESCRIPTION Sum of luminance values within gated zone Value of peak luminance pixel(s) within gated zone Sum of red chrominance values within gated zone Sum of blue chrominance values within gated zone
CONTROL REGISTERS
FUNCTION Colour Calibration Matrix Gating Zone Start Pixel Gating Zone End Pixel Gamma Correction Horiz. Aperture Correction Vert. Aperture Correction Processor bypass CamPortTM select Test pattern generator SIZE 78 bit 16 bits 16 bits 128 bit 4 bits 4 bits 2 bits 1 bit 1 bits DESCRIPTION 9x9 bit signed coefficients converting CMYG to RGB 8 bits for column # and for row #, in 4 pixel increments 8 bits for column # and for row #, in 4 pixel increments Locus of 16 points of 8 bits each forms many curves 00H = 0%, 40H = +100%, 70H = +175%, F0H= -175% 00H = 0%, 40H = + 50%, 70H = + 87%, F0H= - 87% 0=normal, 1=pass raw 8 bit samples to Y output pins 0=port A, 1=port B 0=live video, 1=colourbars
4
VP7615
SIGNALS & PINOUT
Pin # 60 54 55 56 59 88 84 85 86 87 91 I/O In* In* In* In* In* In* In* In* In* In* Out Name CPCKA CPDA3 CPDA2 CPDA1 CPDA0 CPCKB CPDB3 CPDB2 CPDB1 CPDB0 CPSEL Description Clock - This input receives the clock from the CamPortTM camera on port A. CamPortTM Data Bit 3 - This bus receives the data from the CamPortTM camera on port A. CamPortTM Data Bit 2 - Port A CamPortTM Data Bit 1 - Port A CamPortTM Data Bit 0 - Port A CamPortTM B Clock - This input receives the clock from the CamPortTM camera on port B. CamPortTM B Data Bit 3 - This bus receives the data from the CamPortTM camera on port B. CamPortTM B Data Bit 2 CamPortTM B Data Bit 1 CamPortTM B Data Bit 0 CamPortTM Select Status - When this output is low, the data from CamPortTM A is being used, when this output is high, the data from CamPortTM B is being used. This pin is controlled by Bit 3 of the Configuration Register (sub-address = 0x00). Reset Not - When this Schmidtt trigger input is low, the chip is placed into a known state. When this input is high, the chip can operate. Luminance Out bit 7 - When CCSEL is low this bus carries the luminance data. When CCSEL is high this bus carries multiplexed luminance and chrominance data Luminance Out bit 6 Luminance Out bit 5 Luminance Out bit 4 Luminance Out bit 3 Luminance Out bit 2 Luminance Out bit 1 Luminance Out bit 0 Chrominance Out bit 7 - When CCSEL is low this bus carries the chrominance data. When CCSEL is high this bus carries a constant value of 0x80 (128). Chrominance Out bit 6 Chrominance Out bit 5 Chrominance Out bit 4 Chrominance Out bit 3 Chrominance Out bit 2 Chrominance Out bit 1 Chrominance Out bit 0 Clock Out 2X - This clock runs at twice the pixel rate Clock Out 1X - This clock runs at the pixel rate. Output Enable - When this input is low, the signals YY[7..0], UV[7..0], HSYNC, VSYNC, CLK2, CLK1, HACT, VACT, FIELD and BFLAG are driven. When this input is high, these signals are high-impedance.
44 11 10 9 6 5 4 3 2 23 22 21 20 17 16 15 14 24 27 34
In Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out In
RSTN YY7 YY6 YY5 YY4 YY3 YY2 YY1 YY0 UV7 UV6 UV5 UV4 UV3 UV2 UV1 UV0 CLK2 CLK1 OUTEN
* CamPort inputs are TTL levels. All other inputs are CMOS. See Static Electrical Characteristics table.
5
VP7615
12 Out VSYNC Vertical Sync - This signal goes active for 3 horizontal lines to mark the beginning of each field. In Odd fields, it starts and ends when HSYNC and HACT are low. In Even fields, it starts and ends when HSYNC and HACT are active. This signal's polarity is programmable, but defaults to active low on reset. Horizontal Sync - This signal goes active and returns inactive in the horizontal blanking interval to mark the beginning of each line. This signal's polarity is programmable, but defaults to active low on reset. Horizontal Active - This signal is active when there is valid video data on the luminance and chrominance busses. Data is valid only when this signal and VACT are active. HACT can be programmed to only go active on active lines (HACT = HACT AND VACT), but defaults at reset to active on all lines. This signal's polarity is also programmable, but defaults to active high on reset. Vertical Active - This signal is active when there is valid video data on the luminance and chrominance busses. Data is valid only when this signal and HACT are active. VACT can be programmed to only go active on active lines during active pixels (VACT = HACT AND VACT), but defaults at reset to active for entire lines only. This signal's polarity is also programmable, but defaults to active high on reset. Field Flag - This signal indicates the field. When it is low, the field is odd. When it is high, the field is even. Blue Flag - This signal indicates when Blue chrominance data is on the chrominance bus. CCIR 656 Select - When this input is high, the YY[7..0] bus carries multiplexed luminance and chrominance data in conformance with CCIR 656. When this signal is low, the YY[7..0] bus carries only luminance data. Register Clock - This input clocks the control circuitry in the chip and must be running in order to access the registers via the I2C bus. The frequency on this input should be between 10 and 33 MHz. Inverter In - This CMOS Schmidt trigger input controls the INVO output. This inverter can be used to form an RC oscillator to drive the input RCLK. It is typically connected through a resistor to INVO and through a capacitor to GND. This oscillator has a period roughly equal to the time constant R*C. Inverter Out - This signal outputs the opposite level from that applied to INVI. If this inverter is used to form an RC oscillator, this pin would be connected to RCLK. Oscillator Crystal Input - The crystal oscillator is another way to produce a clock for the input RCLK. A crystal is connected between this input and OSXO. Oscillator Crystal Output - A crystal is connected between this output and OSXI. Oscillator Output - If the crystal oscillator is used to produce the register clock, this CMOS output drives the RCLK input. I2C Address Select Bit 3 - The IAD[3..1] inputs select the I2C address that the chip will respond to. The address is 0x60 + 8 * IAD3 + 4 * IAD2 + 2 * IAD1. I2C Address Select Bit 2 I2C Address Select Bit 1 Serial Data In - This input is connected to the I2C Data line. It may be connected through a filter to reduce noise susceptibility. Serial Data Out - This open-drain output connects directly to the I2C Data line. Serial Data Monitor - This output is low when the SDAO output is driving low. This output is high when the SDAO output is high impedance. Serial Clock In - This input is connected to the I2C Clock line. It may be connected through a filter to reduce noise susceptibility.
13
Out
HSYNC
28
Out
HACT
29
Out
VACT
30 31 35
Out Out In
FIELD BFLAG CCSEL
36
In
RCLK
38
In
INVI
37 42 41 39 45 43 40 48 47 46 49
Out In Out Out In In In In Out Out In
INVO OSXI OSXO OSCO IAD3 IAD2 IAD1 SDAI SDAO SDMN SCLI
6
VP7615
89 Out SCLOA Serial Clock Out Port A - This output drives the level on the SCLI input when the CamPortTM A is selected. When the CamPortTM B is selected this output is driven high. This is not an open-drain output. Serial Clock Out Port B - This output drives the level on the SCLI input when the CamPortTM B is selected. When the CamPortTM A is selected this output is driven high. This is not an open-drain output. General Purpose I/O Bit 7 - This bus represents eight general purpose I/O pins. Each bit may programmed to be an input or an ouput; on reset, all GPIO pins default to high impedance (tri-state) inputs. General Purpose I/O Bit 6 General Purpose I/O Bit 5 General Purpose I/O Bit 4 General Purpose I/O Bit 3 General Purpose I/O Bit 2 General Purpose I/O Bit 1 General Purpose I/O Bit 0 Test Pin - This pin should be tied low. Test Pin - This pin should be tied low. Test Pin - This pin should be tied low. Test Pin - This pin should be tied low. Test Pin - This pin should be tied low. Test Output Enable - This pin should be tied high. Test Outputs - These pins should be unconnected.
90
Out
SCLOB
99
Out
GPIO7
98 97 96 95 94 93 92 52 53 61 62 63 71
Out Out Out Out Out Out Out In In In In In In
GPIO6 GPIO5 GPIO4 GPIO3 GPIO2 GPIO1 GPIO0 TST0 TST1 TST2 TST3 TST4 TSTOE TOUT
64, 65, 66, Out 67, 70, 72, 73, 74, 77, 78, 79, 80, 81, 1, 7, 19, 25, 32, 51, 57, 69, 75, 82, 8, 18, 26, 33, 50, 58, 68, 76, 83, 100 In
GND
Power
In
VDD
Power
7
VP7615
REGISTER DESCRIPTIONS
The VP7615 iCamHostTM processor station address is strap-configurable to any even location between 0x60 and 0x6E inclusive. Since most iCam cameras currently built use the Station Address 0x68, it is recommended that the iCamHostTM be strapped to a different address. The register addresses shown below are the sub-addresses written to the iCamHostTM immediately after the Station Address. The 7 LSBs of the sub-address must match the specified address. The MSB of the sub-address controls the auto-increment feature of the iCamHostTM. If the MSB of the sub-address is a `1', (sub-addresses 0x80 through 0xFF), the sub-address register in the iCamHostTM is incremented to the next address immediately after the data register is read or written. If the MSB of the sub-address is a `0', (sub-addresses 0x00 through 0x7F), the sub-address register in the iCamHostTM remains constant regardless of any reads or writes to the data register. All registers default to 0x00 following chip reset unless otherwise noted. Address 0x00 Configuration Control Register Read/Write
7 0
6 0
Bits 7 - 4 Bit 3
5 0
4 0
3 Cfg3
2 Cfg2
1 Cfg1
0 Cfg0
Always read as `0' Cfg3 - Camera Input Port Enable `1' CamPortTM `B' is source `0' CamPortTM `A' is source Cfg2 - Colour Bar Enable `1' Colour Bar Test Pattern Output `0' Normal Video Output Cfg1 - RGB to YUV Converter Bypass `1' Green + BnR Pattern Output `0' Normal YUV Output Cfg0 - Separator Bypass `1' Sum = CCD Data, Diff = 0 `0' Normal Separator Output
Bit 2
Bit 1
Bit 0
Address 0x01 RESERVED Address 0x02 Peak Luma Filter Control Register Read/Write
7 0
6 0
Bits 7 - 3 Bits 2 - 0
5 0
4 0
3 0
2 PLF2
1 PLF1
0 PLF0
Always read as `0' Peak Luma Filter Control `000' - PLF K = 1, No Luma Filter `001' - PLF K = 1/2, Fast Luma Filter `010' - PLF K = 1/4, Med Fast Luma Filter `011' - PLF K = 1/8, Med Slow Luma Filter `1XX' - PLF K = 1/16, Slow Luma Filter
Address 0x03 RESERVED Address 0x04 Horizontal Start Register Read/Write
7 HStrt7
6 HStrt6
5 HStrt5
4 HStrt4
3
2
1
0
HStrt3 HStrt2
HStrt1 HStrt0
Bits 7 - 0
Horizontal Start Register Four times the value of this register is the Horizontal starting pixel for the Metrics window.
8
VP7615
Address 0x05 Horizontal Stop Register Read/Write
7
6
5
4
3
2
1
0
HStop7 HStop6 HStop5 HStop4 HStop3 HStop2 HStop1 HStop0
Bits 7 - 0 Horizontal Stop Register Four times the value of this register is the Horizontal ending pixel for the Metrics window. Read/Write
Address 0x06 Vertical Start Register
7 VStrt7
6 VStrt6
5 VStrt5
4 VStrt4
3 VStrt3
2 VStrt2
1 VStrt1
0 VStrt0
Bits 7 - 0
Vertical Start Register Four times the value of this register is the Vertical starting line (in the frame) for the Metrics window (two times in the field). Read/Write
Address 0x07 Vertical Stop Register
7
6
5
4
3
2
1
0
VStop7 VStop6 VStop5 VStop4 VStop3 VStop2 VStop1 VStop0
Bits 7 - 0 Vertical Stop Register Four times the value of this register is the Vertical ending line (in the frame) for the Metrics window (two times in the field). Read/Write
Address 0x08 Horizontal Aperture Control Register
7 HApt7
6 HApt6
5 HApt5
4 HApt4
3 0
2 0
1 0
0 0
Bits 7
Horizontal Aperture Sign Bit `1' Correction is negative (blurring) `0' Correction is positive (sharpening) Horizontal Aperture Control Value `000' - No Aperture Correction | `111' - Maximum Aperture Correction Always read as `0' Read/Write
Bits 6 - 4
Bits 3 - 0
Address 0x09 Vertical Aperture Control Register
7 VApt7
6 VApt6
5 VApt5
4 VApt4
3 0
2 0
1 0
0 0
Bits 7
Vertical Aperture Sign Bit `1' Correction is negative (blurring) `0' Correction is positive (sharpening) Vertical Aperture Control Value `000' - No Aperture Correction | `111' - Maximum Aperture Correction Always read as `0'
Bits 6 - 4
Bits 3 - 0
9
VP7615
Address 0x0A GPIO Output Control Register Read/Write
7
6
5
4
3
2
1
0
GPOE7 GPOE6 GPOE5 GPOE4 GPOE3 GPOE2 GPOE1 GPOE0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 GPIO7 Output Enable GPIO6 Output Enable GPIO5 Output Enable GPIO4 Output Enable GPIO3 Output Enable GPIO2 Output Enable GPIO1 Output Enable GPIO0 Output Enable `0' = Corresponding GPIO pin is tristated/not driven. `1' = Corresponding GPIO pin is driven to level of corresponding bit in GPIO Output Register. Write Only
Address 0x0B GPIO Output Register
7 GPO7
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
6 GPO6
5 GPO5
4 GPO4
3 GPO3
2 GPO2
1 GPO1
0 GPO0
GPIO7 Output Level GPIO6 Output Level GPIO5 Output Level GPIO4 Output Level GPIO3 Output Level GPIO2 Output Level GPIO1 Output Level GPIO0 Output Level `0' = If corresponding GPIO Output Enable bit is `1', then drive the appropriate GPIO pin to `0' `1' = If corresponding GPIO Output Enable bit is `1', then drive the appropriate GPIO pin to `1' `X' = If the corresponding GPIO Output Enable bit it `0', then tri-state the appropriate GPIO pin. Read Only
Address 0x0B GPIO Input Register
7 GPI7
6 GPI6
5 GPI5
4 GPI4
3 GPI3
2 GPI2
1 GPI1
0 GPI0
Bits 7 - 0
GPIO Input Register This register represents the level on the corresponding GPIO pins.
10
VP7615
Address 0x0C Output Sense Control Register Read/Write
7
6
5
VAG
4
HAG
3
VAS
2
HAS
1
VSS
0
HSS
SWPYUV SWPUV Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SWPYUV - YY and UV Swap `0' = Normal: YY and UV are in proper positions CCIR601 output mode: YY data on YY bus; UV data on UV bus CCIR656 output mode: UYVY `1' = Swapped: YY and UV in each other's positions CCIR601 output mode: UV data on YY bus; YY data on UV bus CCIR656 output mode: YUYV . SWPUV - UV Swap `0' = Normal: U and V are in position for CCIR601/656: U before V `1' = Swapped: U and V are swapped in time: V before U VAG - VACT Gate `1' = Gated: VACT active gated by HACT `0' = Normal: VACT active during Active Lines HAG - HACT Gate `1' = Gated: HACT active gated by VACT `0' = Normal: HACT active during Active Pixels VAS - VACT Sense `1' = Active High: VACT = 1 during Active Lines `0' = Active Low: VACT = 0 during Active Lines HAS - HACT Sense `1' = Active High: HACT = 1 during Active Pixels `0' = Active Low: HACT = 0 during Active Pixels VSS - VSYNC Sense `1' = Active High: VSYNC = 1 during Vertical Sync `0' = Active Low: VSYNC = 0 during Vertical Sync HSS - HSYNC Sense `1' = Active High: HSYNC = 1 during Horizontal Sync `0' = Active Low: HSYNC = 0 during Horizontal Sync
This register defaults on chip reset to 0x0C. Address 0x0D VACT Control Register Read/Write
7 VAFIX
Bit 7
6 0
5
4
3
2
1
0
VFCnt5 VFCnt4 VFCnt3 VFCnt2 VFCnt1 VFCnt0
VAFIX - VACT Control This bit provides backward compatibility for certain iCam cameras. `0' = Disabled: VACT controlled by camera timing `1' = Enabled: VACT is inactive during a fixed number of lines during Vertical Blanking. This only effects the end, and not the beginning, of Vertical Blanking. Always read as `0' VFCnt5 - VFCnt0 This field modifies the end of Vertical Blanking if VAFIX is `1' by setting the number of lines that VACT will be inactive during Vertical Blanking.
Bit 6 Bits 5 - 0
This register defaults on chip reset to 0x3F.
11
VP7615
Address 0x0E Hardware Version Register Read Only
7 HVer7
6 HVer6
5 HVer5
4 HVer4
3 HVer3
2 HVer2
1 HVer1
0 HVer0
Bits 7 - 0
Hardware Version Register 0x10 - VP7600 0x11 - VP7610 0x12 - VP7615 Read Only
Address 0x0F Timing Status Register
7 FCnt5
6 FCnt4
5 FCnt3
4 FCnt2
3 FCnt1
2 FCnt0
1 Fld
0 VBlk
Bits 7 - 2
Field Count A number between 0 and 63 which increments at the beginning of every Vertical Blanking Interval Field Bit `1' Even Field - Digital Field 2 `0' Odd Field - Digital Field 1 Vertical Blanking `1' Vertical Blanking Interval `0' Vertical Active Interval
Bit 1
Bit 0
12
VP7615
Address 0x10 Lower Byte Red Chroma Register Read Only This register contains Bits 07 - 00 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x11 Lower Middle Byte Red Chroma Register Read Only This register contains Bits 15 - 08 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x12 Upper Middle Byte Red Chroma Register Read Only This register contains Bits 23 - 16 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x13 Upper Byte Red Chroma Register Read Only This register contains Bits 31 - 24 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x14 Lower Byte Blue Chroma Register Read Only This register contains Bits 07 - 00 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x15 Lower Middle Byte Blue Chroma Register Read Only This register contains Bits 15 - 08 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x16 Upper Middle Byte Blue Chroma Register Read Only This register contains Bits 23 - 16 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x17 Upper Byte Blue Chroma Register Read Only This register contains Bits 31 - 24 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x18 Lower Byte Luminance Register This register contains Bits 07 - 00 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x19 Lower Middle Byte Luminance Register This register contains Bits 15 - 08 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x1A Upper Middle Byte Luminance Register This register contains Bits 23 - 16 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x1B Upper Byte Luminance Register This register contains Bits 31 - 24 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x1C Peak Luminance Register This register contains the peak value of the filtered Luminance of the pixels within the Metrics window. Read Only
Read Only
Read Only
Read Only
Read Only
Address 0x20 Sum to Red Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Red signal from the Sum signal. Address 0x21 AmB to Red Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Red signal from the AmB signal. Address 0x22 CmD to Red Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Red signal from the CmD signal.
13
VP7615
Address 0x23 Red Coefficients Sign Register Read/Write
7 0
Bit 1 Bit 0
6 0
5 0
4 0
3 0
2 0
1
0
RCmD RAmB
Sign for CmD to Red Coefficient Sign for AmB to Red Coefficient `1' Coefficient is negative `0' Coefficient is positive
Address 0x24 Sum to Green Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Green signal from the Sum signal. Address 0x25 AmB to Green Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Green signal from the AmB signal. Address 0x26 CmD to Green Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Green signal from the CmD signal. Address 0x27 Green Coefficients Sign Register Read/Write
7 0
Bit 1 Bit 0
6 0
5 0
4 0
3 0
2 0
1
0
GCmD GAmB
Sign for CmD to Green Coefficient Sign for AmB to Green Coefficient `1' Coefficient is negative `0' Coefficient is positive
Address 0x28 Sum to Blue Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Blue signal from the Sum signal. Address 0x29 AmB to Blue Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Blue signal from the AmB signal. Address 0x2A CmD to Blue Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Blue signal from the CmD signal. Address 0x2B Blue Coefficients Sign Register Read/Write
7 0
Bit 1 Bit 0
6 0
5 0
4 0
3 0
2 0
1
0
BCmD BAmB
Sign for CmD to Blue Coefficient Sign for AmB to Blue Coefficient `1' Coefficient is negative `0' Coefficient is positive
14
VP7615
Addresses 0x30 - 0x3F Gamma Values Write Register Write The 16 values that are written to these registers determine the breakpoints in the Gamma correction circuit. The lower four bits of the address are ignored on writes, and the data values are pushed on to an internal shift register. The writes should start with the lowest value and end with the highest value. The last 16 values written generate the Gamma curve, so all 16 values must be written. It is recommended that all 16 writes occur to address 0x30 with auto-increment disabled. All sixteen Gamma registers default on chip reset to 0x00.
Addresses 0x30 - 0x3F Gamma Values Read Register Read The breakpoints in the Gamma correction circuit are read from these registers.
15
VP7615
Signal Timing The clock source for the VP7615 is the clock input of the selected CamPort. Since there are two CamPort inputs, the selected clock is brought out as an output, namely CLK2. Since the frequency of this clock is twice the pixel rate, another output, CLK1, is provided which runs at the pixel rate. It is anticipated that the VP7615 user would use one or both of these clocks to clock the data and timing outputs into another device. In order to assure hold times into any device, the clock outputs CLK1 and CLK2 were inverted inside the VP7615 so that the data and timing outputs would change near the falling edge of these clocks, and would be stable at their rising edges. The timing specifications characterize the delay from the falling edges of CLK1 and CLK2 to the edges of the data and timing outputs. It is left to the system designer to calculate the available setup and hold times based on these timing specifications, the period of CLK1 and CLK2 and their duty cycles.
OUTEN CLK1, CLK2 VSYNC, HSYNC, VACT, HACT BFLAG, FIELD YY[7:0], UV[7:0] CPCKA or CPCKB
tdis High Impedance toen
CLK1
tcqCPX tcpCK1f
VSYNC, HSYNC VACT, HACT BFLAG, FIELD YY[7:0] UV[7:0] CCSEL = Low
CPCKA or CPCKB
tpdCK2 tpdCK2 tcqCPX
CLK2
CLK1 VSYNC, HSYNC VACT, HACT BFLAG, FIELD
tcpCK2f
tcpCK2f
YY[7:0] CCSEL = High
LUMA
CHROMA
LUMA
CHROMA
Fig.2 Video Interface Timing Diagram
16
VP7615
SCL
tpdSCL tpdSCL
CPSEL
tpdSCL
SCLOA
tpdSCL
SCLOB
tWRSTN
RSTN
tRCK
RCLK CPSEL SDMN
tcqRCLK tcqRCLK
High Impedance
SDAO
Fig.3 I2C Timing Diagram
INVI
tpdINV tpdINV
INVO
thiCPX tCPX
CPCKA or CPCKB fCPX = 1/tCPX dcCPX = thiCPX/tCPX
CPDA or CPDB
thCPDX tsuCPDX
Fig.4 Clock Timing Diagram
17
VP7615
CLK2
CLK1
HACT
BFLAG 16 BIT OUTPUT MODE (CCSEL = 0): YY(7:0) 10 Y0 Y1 Y2 Y3
UV(7:0)
80 CCIR-656 OUTPUT MODE (CCSEL = 1):
CB0
CR0
CB2
CR2
YY(7:0)
80
10
80
10
FF
00
00
SAV
CB0
Y0
CR0
YI
CB2
Y2
CR2
Y3
Fig.5 Start of Active Video
HBlank HACT HBlank/8 HSYNC
HBlank/2
BFLAG
Fig.6 Horizontal Sync Timing
HACT H VACT 2.5H FIELD VSYNC
Fig.7 Even Field Timing
18
VP7615
HACT H VACT
FIELD VSYNC
3.0H
Fig.8 Odd Field Timing
TIMING REQUIREMENTS
Name fCPX tCPX dcCPX tsuCPDX frequency CPCKA or CPCKB period CPCKA or CPCKB duty cycle CPCKA or CPCKB setup time, CPDA [3..0] to CPCKA or CPDB [3..0] to CPCKB thCPDX hold time, CPDA [3..0] to CPCKA or CPDB [3..0] to CPCKB fRCK twRSTN frequency RCLK pulse width of RSTN 4 10 110 33 ns MHz ns 4 ns Description 0 33 40 Value Min. Max. 30 60 MHz ns % Unit
TIMING CHARACTERISTICS
Name tcqRCLK tcpCPX tcqCK2f tcpCK1f tpdCK2 tpdINV tpdSCL tdis toen Description Min. RCLK to output (CPSEL, SDAO, SDMN) rising edge of CPCKA or CPCKB to output (YY[7..0], UV[7..0], CLK1, VSYNC, HSYNC,VACT, HACT, BFLAG) falling edge of CLK2 to output (YY[7..0], UV[7..0], CLK1, VSYNC, HSYNC, VACT, HACT, BFLAG) falling edge of CLK1 to output (YY[7..0], UV[7..0],VSYNC, HSYNC, VACT, HACT, BFLAG) propagation delay from CPCKA or CPCKB to CK2 propagation delay from INVI to INVO propagation delay from SCLI to SCLOA or SCLOB rising edge of OUTEN to outputs tri-state (CLK1, CLK2, VSYNC, HSYNC, VACT, HACT, BFLAG, FIELD, YY[7:0], UV[7:0]) falling edge of OUTEN to outputs (CLK1, CLK2, VSYNC, HSYNC, VACT, HACT, BFLAG, FIELD, YY[7:0], UV[7:0]) 30 ns -3 5 12 11 15 30 ns ns ns ns ns -2 7 ns 21 ns Value Max. 20 Unit ns
19
VP7615
ABSOLUTE MAXIMUM RATINGS [See Notes]
Supply voltage VDD -0.5V to 7.0V Input voltage VIN -0.5V to VDD + 0.5V Output voltage VOUT -0.5V to VDD + 0.5V Clamp diode current per pin IK (see note 2) 18mA Static discharge voltage (HBM) 500V -55C to 150C Storage temperature TS Ambient temperature with power applied TAMB 0C to 70C Junction temperature 125C Package power dissipation 1000mW NOTES ON MAXIMUM RATINGS 1. Exceeding these ratings may cause permanent damage. Functional operation under these conditions is not implied. 2. Maximum dissipation for 1 second should not be exceeded, only one output to be tested at any one time. 3. Exposure to absolute maximum ratings for extended periods may affect device reliablity. 4. Current is defined as negative into the device.
STATIC ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise stated) Tamb = 0C to +70C VDD = 5.0v 10% Value Characteristic Symbol Min. Output high voltage Output low voltage Input high voltage (CMOS input) Input low voltage (CMOS input) Input high voltage (TTL input) Input low voltage (TTL input) Input leakage current Input capacitance Output leakage current Output S/C current VOH VOL VIHC VILC VIHT VILT IIN CIN IOZ ISC 0.8VDD 0.7VDD 2.0 -1 10 -1 10 +1 300 Typ. Max. 0.4 0.2VDD 0.8 +1 V V V V V V A pF A mA IOH = 4mA IOL = -4mA Units Conditions
GND < VIN < VDD GND < VOUT < VDD VDD = Max
20
VP7615
21
VP7615
22
VP7615
23
VP7615
PACKAGE DETAILS
Dimensions are shown thus: mm (in). For further package information, please contact your local Customer Service Centre.
0 - 7 0*20 (0*008) MAX.
1*35 /1*45 (0*053/0*057)
13*80/14*20 (0*543/0*559) SQ.
12*00 (0*472) NOM.
15*80/16*20 (0*622/0*638)
1*60 (0*063) MAX.
PIN 100
INDEX
0*45/0*75 (0*018/0*030)
PIN 1 0*17/0*27 (0*007/0*011) 100 LEADS AT 0*50 (0*020) NOM. SPACING 0*05/0*15 (0*002/0*006)
NOTES 1. Controlling dimensions are millimetres. 2. Pin 1 indicator may be a corner chamfer, dot or both. 3. This package outline diagram is for guidance only. Please contact your Mitel Semiconductor Customer Service Centre for further information.
100-LEAD FINE PITCH PLASTIC QUAD FLATPACK - FPD100
Purchase of Mitel Semiconductor I2C components conveys a licence under the Philips I2C Patent rights to use these components in an I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips
HEADQUARTERS OPERATIONS MITEL SEMICONDUCTOR Cheney Manor, Swindon, Wiltshire SN2 2QW, United Kingdom. Tel: (01793) 518000 Fax: (01793) 518411 MITEL SEMICONDUCTOR 1500 Green Hills Road, Scotts Valley, California 95066-4922 United States of America. Tel (408) 438 2900 Fax: (408) 438 5576/6231
Internet: http://www.gpsemi.com CUSTOMER SERVICE CENTRES G FRANCE & BENELUX Les Ulis Cedex Tel: (1) 69 18 90 00 Fax : (1) 64 46 06 07 G GERMANY Munich Tel: (089) 419508-20 Fax : (089) 419508-55 G ITALY Milan Tel: (02) 6607151 Fax: (02) 66040993 G JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510 G KOREA Seoul Tel: (2) 5668141 Fax: (2) 5697933 G NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 5576/6231 G SOUTH EAST ASIA Singapore Tel:(65) 3827708 Fax: (65) 3828872 G SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36 G TAIWAN, ROC Taipei Tel: 886 2 25461260 Fax: 886 2 27190260 G UK, EIRE, DENMARK, FINLAND & NORWAY Swindon Tel: (01793) 726666 Fax : (01793) 518582 These are supported by Agents and Distributors in major countries world-wide. (c) Mitel Corporation 1998 Publication No. DS4602 Issue No. 3.1 August 1997 TECHNICAL DOCUMENTATION - NOT FOR RESALE. PRINTED IN UNITED KINGDOM
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request. All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
24
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of VENUSLKGQP1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X