Part Number Hot Search : 
53640 BD721 BDW84C CP210 FJB5555 FJB5555 1N524 M67M67C
Product Description
Full Text Search
 

To Download UT138FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD ZD2.4 THRU ZD36
ZD2.4 THRU ZD36 ZENER DIODES
FEATURES
*Compact, 2-pin(SOD-323) and 3-pin(SOT-23) mini-mold types for high-density mounting. *High demand voltage range (2.4V~36V) is manufactured on high-efficient non-wire bonding production line.
ZENER DIODE
3 1 SOT-23 2 1 SOD-323
2
*Pb-free plating product number: ZDxxL
ORDERING INFORMATION
Order Number Normal Lead Free Plating ZDxx-AE3-R ZDxxL-AE3-R ZDxx-CL2-R ZDxxL-CL2-R Package SOT-23 SOD-323 1 Pin 2 3 N Packing Tape Reel Tape Reel
+ +
-
Note:1.Pin assignment: +: Anode -: Cathode N: No Connection 2.xx: Zenar Voltage, refer to Marking Information.
ZDxxL-AE3-R (1)Packing Type (2)Package Type (3)Lead Plating (4)Zenar Voltage (1) R: Tape Reel (2) AE3: SOT-23, CL2: SOD-323 (3) L: Lead Free Plating, Blank: Pb/Sn (4) refer to Marking Information
MARKING INFORMATION
PACKAGE 2.4 2.5 3.3 3.9 4.3 4.7 5.1 5.6 VOLTAGE CODE 6.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 25 27 30 33 36 MARKING
SOT-23
XX
Voltage Code
SOD-323
XX
Voltage Code
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 3
QW-R601-006,A
ZD2.4 THRU ZD36
ABSOLUTE MAXIMUM RATING (Ta=25C , unless otherwise specified)
PARAMETER Total Power Dissipation (Ta=25 ) Derating above 25 SYMBOL
ZENER DIODE
RATINGS UNIT 225 mW PD mW/ 1.8 /W Thermal Resistance Junction-Ambient JA 417 Junction Temperature TJ +150 Storage Temperature TSTG -40 ~ +150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
(VF = 0.9V Max @ IF = 10mA for all types.) Test Current Device Marking Code IZT(mA) ZD2.4 2.4 5 ZD2.5 2.5 5 ZD3.3 3.3 5 ZD3.9 3.9 5 ZD4.3 4.3 5 ZD4.7 4.7 5 ZD5.1 5.1 5 ZD5.6 5.6 5 ZD6.0 6.0 5 ZD6.2 6.2 5 ZD6.8 6.8 5 ZD7.5 7.5 5 ZD8.2 8.2 5 ZD9.1 9.1 5 ZD10 10 5 ZD11 11 5 ZD12 12 5 ZD13 13 5 ZD15 15 5 ZD16 16 5 ZD18 18 5 ZD20 20 5 ZD22 22 5 ZD24 24 5 ZD25 25 5 ZD27 27 5 ZD30 30 5 ZD33 33 5 ZD36 36 5 Zener Voltage VZ (V) 2.42.5% 2.52.5% 3.32.5% 3.92.5% 4.32.5% 4.72.5% 5.12.5% 5.62.5% 6.02.5% 6.22.5% 6.82.5% 7.52.5% 8.22.5% 9.12.5% 102.5% 112.5% 122.5% 132.5% 152.5% 162.5% 182.5% 202.5% 222.5% 242.5% 252.5% 272.5% 302.5% 332.5% 362.5% ZZK () Max IZ(mA) 2000 1.0 2000 1.0 1000 1.0 1000 1.0 1000 1.0 800 0.5 500 0.5 200 0.5 100 0.5 100 0.5 60 0.5 60 0.5 60 0.5 60 0.5 60 0.5 60 0.5 80 0.5 80 0.5 80 0.5 80 0.5 80 0.5 100 0.5 100 0.5 120 0.5 130 0.5 150 0.5 200 0.5 250 0.5 300 0.5 ZZT() Max IZ(mA) 100 5 100 5 100 5 100 5 100 5 100 5 80 5 60 5 60 5 60 5 40 5 30 5 30 5 30 5 30 5 30 5 30 5 37 5 42 5 50 5 65 5 85 5 100 5 120 5 130 5 150 5 200 5 250 5 300 5 IR (A) Max @VR (V) 20.0 1.0 20.0 1.0 10.0 1.0 5.0 1.0 5.0 1.0 2.0 1.0 2.0 1.5 1.0 2.5 1.0 2.5 1.0 3.0 0.5 3.5 0.5 4.0 0.5 5.0 0.5 6.0 0.1 7.0 0.1 8.0 0.1 9.0 0.1 10.0 0.1 11.0 0.1 12.0 0.1 13.0 0.1 15.0 0.1 17.0 0.1 19.0 0.1 19.0 0.1 21.0 0.1 23.0 0.1 25.0 0.1 27.0
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R601-006,A
ZD2.4 THRU ZD36
TYPICAL CHARACTERISTIC CURVES
3.9 2.4 2.5 3.3 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 100m 10m 1m 100 10 1 100n 0 5 10 15 20 25 30
ZENER DIODE
16
15
18
20
22
24
25
27
30
ZENER CURRENT, IZ (A)
6.0
4.7 4.3
33
36 40
35
ZENER VOLTAGE, VZ (V)
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 3
QW-R601-006,A


▲Up To Search▲   

 
Price & Availability of UT138FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X