Part Number Hot Search : 
101M1 GP1S73 P2805 Q6704 100AXC MAX11135 23T1A PE4352
Product Description
Full Text Search
 

To Download UPG2310TK-E2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs INTEGRATED CIRCUIT
PG2310TK
GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO
DESCRIPTION
The PG2310TK is a GaAs MMIC LNA for SDARS (Satellite Digital Audio Radio Services). High Gain and Low Distortion suit to driver stage amplifier for Satellite Radio Antenna.
FEATURES
* High gain * Low distortion : GP = 27.0 dB TYP. : OIP3 = +28.5 dBm TYP.
* 6-pin lead-less minimold package (1.5 x 1.1 x 0.55 mm)
APPLICATION
* Satellite Radio Antenna etc.
ORDERING INFORMATION
Part Number Order Number Package 6-pin lead-less minimold (1511 PKG) (Pb-Free)
Note
Marking G4W
Supplying Form * Embossed tape 8 mm wide * Pin 1, 6 face the perforation side of the tape * Qty 5 kpcs/reel
PG2310TK-E2
PG2310TK-E2-A
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact your nearby sales office. Remark To order evaluation samples, contact your nearby sales office. Part number for sample order: PG2310TK-A
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
Document No. PG10576EJ01V0DS (1st edition) Date Published August 2005 CP(K)
PG2310TK
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No. Pin Name VCC2/OUT GND VCC1 IN GND
GND
(Top View)
(Top View)
(Bottom View)
1
G4W
Parameter Parameter
1 2 3
6 5 4
1 2 3
6 5 4
6 5 4
1 2 3
2 3 4 5
6
ABSOLUTE MAXIMUM RATINGS (TA = +25C, unless otherwise specified)
Symbol VCC1, VCC2 Pin Ptot TA Tstg Ratings +5.0 -10 300
Note
Unit V dBm mW C C
Supply Voltage Input Power Total Power Dissipation Operating Ambient Temperature Storage Temperature
-45 to +85 -55 to +150
Note Mounted on double-sided copper-clad 50 x 50 x 1.6 mm epoxy glass PWB, TA = +85C
RECOMMENDED OPERATING RANGE
Symbol fopt VCC1, VCC2 TA MIN. 2 320 +2.7 -45 TYP. 2 340 +3.0 +25 MAX. 2 360 +3.3 +85 Unit MHz V C
Operating Frequency Supply Voltage Operating Ambient Temperature
2
Data Sheet PG10576EJ01V0DS
PG2310TK
ELECTRICAL CHARACTERISTICS (TA = +25C, VCC1 = VCC2 = +3.0 V, ZO = 50 , unless otherwise specified)
Parameter Power Gain Noise Figure Input Return Loss Output Return Loss Output 3rd Order Distortion Intercept Point Circuit Current
Note
Symbol GP NF RLin RLout OIP3
Test Conditions f = 2 340 MHz, Pin = -30 dBm f = 2 340 MHz f = 2 340 MHz, Pin = -30 dBm f = 2 340 MHz, Pin = -30 dBm f1 = 2 340 MHz, f2 = 2 340.1 MHz f = 2 340 MHz, Pin = -30 dBm
MIN. 25.0 - - - +26.5 -
TYP. 27.0 1.8 13 15 +28.5
MAX. - 2.0 - - -
Unit dB dB dB dB dBm
ICC
30
35
mA
Note Please refer to following chart.
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
40
Circuit Current ICC (mA)
35
30
25
20
15 2.5 2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5
Supply Voltage VCC (V)
Remark
The graph indicates nominal characteristics.
Data Sheet PG10576EJ01V0DS
3
PG2310TK
TEST CIRCUIT
4 IN L1 2.2 nH
3
C2 0.1 F VCC1
5
2 L3 68 nH C3 0.1 F
VCC2
GND 6
1 GND OUT C1 5.0 pF L2 3.3 nH
GND
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
4
Data Sheet PG10576EJ01V0DS
PG2310TK
TYPICAL CHARACTERISTICS (TA = +25C, unless otherwise specified)
Output Power (2 tones) Pout (dBm) 3rd Order Intermodulation Distortion (2 tones) IM3 (dBm)
OUTPUT POWER (2 tones), IM3 (2 tones), ICC vs. INPUT POWER (2 tones)
40 30 20 10 0 -10 -20 -30 -40 -50 -60 -70 -30 -20
ICC IM3 Pout
39 38 36 35 34 33 32 31 30 VCC1 = VCC2 = +3.0 V 29 f1 = 2 340 MHz f2 = 2 340.1 MHz 28 -10 0 10
Circuit Current ICC (mA)
37
Input Power (2 tones) Pin (dBm)
Remark The graph indicates nominal characteristics.
Data Sheet PG10576EJ01V0DS
5
PG2310TK
PACKAGE DIMENSIONS 6-PIN LEAD-LESS MINIMOLD (1511 PKG) (UNIT: mm)
(Top View) (Bottom View)
0.480.05 0.480.05
1.50.1
1.10.1
0.20.1
0.160.05
0.90.1
1.30.05
6
0.550.03
Data Sheet PG10576EJ01V0DS
0.11+0.1 -0.05
PG2310TK
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions. methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method Infrared Reflow Soldering Conditions Peak temperature (package surface temperature) Time at peak temperature Time at temperature of 220C or higher Preheating time at 120 to 180C Maximum number of reflow processes Maximum chlorine content of rosin flux (% mass) Wave Soldering Peak temperature (molten solder temperature) Time at peak temperature Maximum number of flow processes Maximum chlorine content of rosin flux (% mass) Partial Heating Peak temperature (terminal temperature) Soldering time (per side of device) Maximum chlorine content of rosin flux (% mass) : 260C or below : 10 seconds or less : 60 seconds or less : 12030 seconds : 3 times : 0.2%(Wt.) or below : 260C or below : 10 seconds or less : 1 time : 0.2%(Wt.) or below : 350C or below : 3 seconds or less : 0.2%(Wt.) or below HS350 WS260 Condition Symbol IR260
For soldering
Preheating temperature (package surface temperature) : 120C or below
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet PG10576EJ01V0DS
7
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of UPG2310TK-E2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X