Part Number Hot Search : 
S71XXF ST8050 10R0J SGM8521 ADM1170 OP602 AJT006 DTB123Y
Product Description
Full Text Search
 

To Download UPA1917TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA1917
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
DESCRIPTION
The PA1917 is a switching device which can be driven directly by a 1.8 V power source. This device features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.
PACKAGE DRAWING (Unit : mm)
0.32 +0.1 -0.05
0.65-0.15
+0.1
0.16+0.1 -0.06
2.8 0.2
6
5
4
1.5
FEATURES
* 1.8 V drive available * Low on-state resistance RDS(on)1 = 53 m MAX. (VGS = -4.5 V, ID = -3.0 A) RDS(on)2 = 70 m MAX. (VGS = -2.5 V, ID = -3.0 A) RDS(on)3 = 107 m MAX. (VGS = -1.8 V, ID = -1.5 A)
0 to 0.1
1 2 3
0.95
0.95
0.65 0.9 to 1.1
1.9 2.9 0.2
ORDERING INFORMATION
PART NUMBER PACKAGE SC-95 (Mini Mold Thin Type)
1, 2, 5, 6 : Drain 3 : Gate 4 : Source
PA1917TE
Marking : TR
EQUIVALENT CIRCUIT
Drain
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TA = 25C) Drain Current (pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg
-20 m8.0 m6.0 m24 0.2 2.0 150 -55 to +150
V V A A W W C C
Gate Gate Protection Diode
Body Diode
Total Power Dissipation Total Power Dissipation Channel Temperature Storage Temperature Notes 1. PW 10 s, Duty Cycle 1% 2. Mounted on FR-4 board, t 5 sec. Remark
Note2
Source
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. G15925EJ1V0DS00 (1st edition) Date Published June 2002 NS CP(K) Printed in Japan
(c)
2002
PA1917
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate to Source Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 RDS(on)3 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Diode Forward Voltage Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) VDD = -16 V VGS = -4.0 V ID = -6.0 A IF = 6.0 A, VGS = 0 V TEST CONDITIONS VDS = -20 V, VGS = 0 V VGS = m8.0 V, VDS = 0 V VDS = -10 V, ID = -1.0 mA VDS = -10 V, ID = -3.0 A VGS = -4.5 V, ID = -3.0 A VGS = -2.5 V, ID = -3.0 A VGS = -1.8 V, ID = -1.5 A VDS = -10 V VGS = 0 V f = 1.0 MHz VDD = -10 V, ID = -3.0 A VGS = -4.0 V RG = 10 -0.45 5.0 -0.75 10.4 42 52 64 835 170 99 16 64 78 108 8.1 1.3 2.8 0.94 53 70 107 MIN. TYP. MAX. -10 UNIT
A A
V S m m m pF pF pF ns ns ns ns nC nC nC V
m10
-1.5
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
D.U.T.
D.U.T. RL VGS PG. RG
Wave Form
VGS(-)
0 10% VGS 90%
IG = -2 mA 50
RL VDD
VDD
PG.
90%
VDS(-)
90% 10% 10%
VGS(-) 0 = 1 s Duty Cycle 1%
VDS
VDS
Wave Form
0 td(on) ton
tr
td(off) toff
tf
2
Data Sheet G15925EJ1V0DS
PA1917
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR FORWARD BIAS SAFE OPERATING AREA
120
2.4
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
dT - Percentage of Rated Power - %
PT - Total Power Dissipation - W
100
2
80
1.6
60
1.2
40
0.8
0.4
20
0
0 0 25 50 75 100 125 150 175
0
25
50
75
100
125
150
175
TA - Ambient Temperature - C FORWARD BIAS SAFE OPERATING AREA
- 100
RDS(on) Limited (VGS = -4.5 V)
TA - Ambient Temperature - C
ID(pulse)
PW = 100 s
- 10
ID - Drain Current - A
ID(DC)
1 ms
-1
10 ms 100 ms
- 0.1
Single Pulse Mounted on FR-4 board of 50 mmx50 mmx1.6 mm
5s
- 0.01 - 0.1
-1
- 10
- 100
VDS - Drain to Source Voltage - V TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH rth(ch-A) - Transient Thermal Resistance - C/W
1000 Single Pulse Without board
100
10
Mounted on FR-4 board of 50 mm x 50 mm x 1.6 mm
1
0.1 1m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
Data Sheet G15925EJ1V0DS
3
PA1917
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
- 20 Pulsed - 16 VGS = - 4.5 V
FORWARD TRANSFER CHARACTERISTICS
-100 -10
ID - Drain Current - A
- 2.5 V
ID - Drain Current - A
-1 -0.1 -0.01 -0.001 -0.0001 TA = 125C 75C 25C -25C
- 12
-8
-1.8 V
-4
0 0 -0.2 -0.4 -0.6 -0.8 -1
-0.00001 0 -1 -2
Pulsed VDS = -10 V -3
VDS - Drain to Source Voltage - V GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE
-1.3 100
VGS - Gate to Source Voltage - V FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT | yfs | - Forward Transfer Admittance - S
TA = -25C 25C 75C 125C Pulsed VDS = -10 V
VGS(off) - Gate Cut-off Voltage - V
VDS = -10 V ID = -1 mA
10
-0.8
1
0.1
-0.3 -50
0
50
100
150
0.01 -0.01
-0.1
-1
-10
-100
Tch - Channel Temperature - C DRAIN TO SOURCE ON-STATE RESISTANCE vs DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance - m RDS(on) - Drain to Source On-state Resistance - m
140 120 100 80 60 40 20 -0.01 Pulsed VGS = - 4.5 V 140 120 100 80 60 40 20 -0.01
ID - Drain Current - A DRAIN TO SOURCE ON-STATE RESISTANCE vs.DRAIN CURRENT
Pulsed VGS = -2.5 V TA = 125C
75C 25C -25C
TA = 125C 75C 25C -25C
-0.1
-1
-10
-100
-0.1
-1
-10
-100
ID - Drain Current - A
ID - Drain Current - A
4
Data Sheet G15925EJ1V0DS
PA1917
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance - m
Pulsed VGS = -1.8 V 120
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE RDS(on) - Drain to Source On-state Resistance - m
100 Pulsed ID = -3.0 A 80
140
100 TA = 125C 80 75C 25C 60 -25C
60
40
40
20 -0.01
20 0 -2 -4 -6 -8 - 10
-0.1
-1
-10
ID - Drain Current - A DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE RDS(on) - Drain to Source On-state Resistance - m
100 Pulsed ID = -3.0 A 80 -2.5 V -4.5 V VGS = -1.8 V (ID = -1.5 A)
VGS - Gate to Source Voltage - V CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
10000 f = 1MHz VGS = 0 V
Ciss, Coss, Crss - Capacitance - pF
1000
Ciss
60
100
Coss Crss
40
20 -50
0
50
100
150
10 -0.1
-1
-10
-100
Tch - Channel Temperrature - C SWITCHING CHARACTERISTICS
1000
VDS - Drain to Source Voltage - V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
-5
td(on), tr, td(off), tf - Switching Time - ns
VGS - Gate to Source Voltage - V
VDD = -15 V VGS = -4.0 V RG = 10 tf
ID = - 6.0 A -4 VDD = - 4 V -10 V -16 V
100 tr td(off)
-3
-2
10
td(on)
-1
1 -0.1
0
-1
-10
0
2
4
6
8
ID - Drain Current - A
Data Sheet G15925EJ1V0DS
QG - Gate Charge - nC
5
PA1917
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
100 Pulsed
IF - Diode Forward Current - A
10
1
0.1
0.01 0.4 0.6 0.8 1 1.2 1.4 1.6
VF(S-D) - Source to Drain Voltage - V
6
Data Sheet G15925EJ1V0DS
PA1917
[MEMO]
Data Sheet G15925EJ1V0DS
7
PA1917
* The information in this document is current as of June, 2002. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of UPA1917TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X