Part Number Hot Search : 
A2108 GBPC35 14S16 0SC695 IW1692 FR16B02 C2900 G3U1085
Product Description
Full Text Search
 

To Download UM66TXXL-T92-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD UM66TXXL
MELODY INTEGRATED CIRCUIT
DESCRIPTION
The UTC UM66TXXL series are CMOS LSI designed for using in door bell, telephone and toy application. It is an on-chip ROM programmed for musical performance. Produced by CMOS technology, the device results in very low power consumption. Since the UTC UM66TXXL series include oscillation circuits a compact melody module can be constructed with only a few additional components.
CMOS IC
1
TO-92
FEATURES
*64-Note Rom memory *1.5V ~ 4.5V power supply and low power consumption *Dynamic speaker can be driven with external NPN transistor *OSC resistor hold mode *Power on reset: melody begins from the first note *Built in level hold mode
*Pb-free plating product number: UM66TxxLK
ORDERING INFORMATION
Order Number Normal Lead Free Plating UM66TxxL-T92-B UM66TxxLK-T92-B UM66TXXL-T92-K UM66TxxLK-T92-K UM66TxxL-T92-R UM66TxxLK-T92-R Package TO-92 TO-92 TO-92 Pin Assignment 1 2 3 VSS VDD O/P VSS VDD O/P VSS VDD O/P Packing Tape Box Bulk Tape Reel
UM66TxxLK-T92-B (1)Packing Type (2)Package Type (3)Lead Plating (4)Song Series (1) B: Tape Box, K: Bulk, R: Tape Reel (2) T92: TO-92 (3) K: Lead Free Plating Blank: Pb/Sn , (4) xx: refer to SONG SERIES LIST
SONG SERIES LIST
P/N UTC UM66T05L UTC UM66T08L UTC UM66T11L UTC UM66T19L UTC UM66T32L SONG NAME Home Sweet Home Happy Birthday Love Me Tender For Alice COO COO waltz
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R502-042,F
UM66TXXL
CMOS IC
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified.)
PARAMETER SYMBOL RATINGS UNIT DC Supply Voltage VDD 1.5 ~ 4.5 V Operating Temperature TOPR -10 ~ +60 C Storage Temperature TSTG -55 ~ +125 C Notes: Stress above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only. Functional operations of this device at these or any other conditions above those indicated in the operational section of this specification is not implied and exposure to absolute maximum ratings conditions for extended periods may affect device reliably
ELECTRICAL CHARACTERISTICS (Vss=0V, Fosc=65536Hz, TJ=25 , unless otherwise specified)
PARAMETER Operating Voltage Operating Current O/P Drive Current O/P Sink Current Frequency Deviation Deviation Per Lot Frequency Stability SYMBOL VDD IDD IO(DRIVE) IO(SINK) TEST CONDITIONS VDD=1.5V, O/P open VDD=1.5V,O/P=0.8V VDD=1.5V, O/P=0.5V open VDD=1.5V
Fosc(1.6V) - Fosc(1.5V)
MIN 1.5 400 350
TYP
MAX 4.5 60
600 450 -12 10
UNIT V A A A % %
F/F F/F
Fosc(1.5V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R502-042,F
UM66TXXL
FUNCTIONAL DESCRIPTION OSCILLATOR CIRCUIT
CMOS IC
The oscillator frequency is used as a time for tone and beat generators. Its accuracy affects the quality of the music.
TONE GENERATOR
Tone Frequencies are oscillator frequencies-M, where m is any even number from 64 to 256. Within a melody 14C scales can be selected including Pause code and End code. The tone generator is a programmed divider, The Range of Scales is from "C4" to "C6" and range of frequency varies from 258Hz to 23768Hz.
RHYTHM GENERATOR
The rhythm generator is also programmed dividers. It contain 15 available rhythms as follows:1/4,1/2,3/4,1,1-1/4,1-1/2,1-/3/4,2,2-1/4,2-1/2,2-/3/4,3,3-1/4,3-1/2,3-/3/4.Four rhythms can be selected from these.
MELODY ROM
The Mask Rom can memorize 64 notes with 6 bit.4 bits are used for controlling the scale code and 2 bits are used for controlling the rhythm code.
TEMPO GENERATOR
There are 15 available tempos in the UTC UM66T series. The 15 tempos are:128,137,148,160,175,192,213, 240 , 274, 320,480,640,960,1920 J/minute.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R502-042,F
UM66TXXL
APPLICATION CIRCUITS
CMOS IC
Fig.1
Fig.2
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R502-042,F


▲Up To Search▲   

 
Price & Availability of UM66TXXL-T92-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X