Part Number Hot Search : 
XBXXX 600ETTT 20001 SN54LS15 SMBJ33A D1556 74LCX CFD1264P
Product Description
Full Text Search
 

To Download UK2996L-TF3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD UK2996
600V SILICON N-CHANNEL POWER MOSFET
DESCRIPTION
The UK2996 is an N-channel enhancement mode field-effect power transistor. Intended for use in high voltage, high speed switching applications in power supplies, DC-DC converter, relay drive and PWM motor drive controls.
MOSFET
1 TO-220
FEATURES
* Fast switching times * Improved inductive ruggedness * High forward transfer admittance * Low on resistance * Low leakage current * Lower input capacitance
1
TO-220F
*Pb-free plating product number: UK2996L
SYMBOL
2. Drain
1. Gate
3. Source
ORDERING INFORMATION
Order Number Normal Lead Free Plating UK2996-TA3-T UK2996L-TA3-T UK2996-TF3-T UK2996L-TF3-T Note: Pin Assignment: G: Gate D: Drain S: Source
UK2996L-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube (2) TA3: TO-220, TF3: TO-220F (3) L: Lead Free Plating Blank: Pb/Sn ,
Package TO-220 TO-220F
Pin Assignment 1 2 3 G D S G D S
Packing Tube Tube
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 6
QW-R502-063 ,A
UK2996
ABSOLUTE MAXIMUM RATING
PARAMETER Drain to Source Voltage Continuous Drain Current Pulsed Drain Current Drain to Gate Voltage (RGS = 20 k) Gate to Source Voltage Avalanche Current Single Pulsed Avalanche energy (Note 2) Repetitive Avalanche Energy (Note 3) Total Power Dissipation (Tc = 25 ) Operating Temperature Range SYMBOL VDSS ID IDM VDGR VGSS IAR EAS EAR PD TJ RATINGS 600 10 30 600 30 10 252 4.5 45 -55 ~ +150
MOSFET
UNIT V A A V V A mJ mJ W
Storage Temperature TSTG -55 ~ +150 Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. L = 4.41 mH, IAR = 10 A, VDD = 90 V, RG = 25 , starting TJ = 25C. 3. Pulse width and frequency is limited by TJ.
THERMAL DATA
CHARACTERISTICS Thermal Resistance, Channel to Ambient Thermal Resistance, Channel to Case SYMBOL JA JC RATINGS 62.5 2.78 UNIT /W /W
ELECTRICAL CHARACTERISTICS (Ta = 25C)
PARAMETER SYMBOL TEST CONDITIONS Gate-Source Breakdown Voltage BVGSS VDS = 0V, IG = 10A Drain-Source Breakdown Voltage BVDSS VGS = 0V, ID = 10mA Gate Threshold Voltage VGS(TH) VDS = 10V, ID = 1mA Gate Source Leakage Current IGSS VGS = 25V, VDS = 0V Drain Source Leakage Current IDSS VDS = 600V, VGS = 0V Static Drain-Source ON Resistance RDS (ON) VGS = 10V, ID = 5A Forward Transconductance gFS VDS = 10V, ID = 5A Input Capacitance Reverse Transfer Capacitance Output Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time CISS CRSS COSS QG QGS QGD tON tR tOFF ID = 10A, VDD 400V, VGS = 10V VDS = 20V, VGS = 0V, f = 1MHz MIN TYP MAX UNIT 30 V 600 V 2.0 4.0 V 10 A 100 A 0.74 1. 0 3.4 6.8 S 1500 13 140 38 21 17 55 15 145 nC pF
RL =60
ID=5A VOUT
Switching Time Turn-off Fall Time tF
10V VGS 0V 50 VDD 300V tP=10 s, Duty 1%
27
ns
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 6
QW-R502-063 ,A
UK2996
SOURCE-DRAIN DIODE CHARACTERISTICS (Ta = 25C)
PARAMETER SYMBOL TEST CONDITIONS Diode Forward Voltage VSD VGS = 0V, IS = 10A Continuous Source Current (body diode) IS Integral Reverse p-n Junction
Diode in the MOSFET
MOSFET
MIN
TYP MAX UNIT -1.7 V 10 A
Drain
Pulse Source Current (body diode)
ISM
30
A
Gate Source
Reverse Recovery Time Reverse Recovery Charge tRR QRR VGS = 0V, IS = 10A, dIF/dt = 100 A/s 1600 17 ns C
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 6
QW-R502-063 ,A
UK2996
TEST CIRCUIT AND WAVE FORM
VDS LL ID BVDSS I AR VDD DUT tP tP VDD ID (t)
MOSFET
RG +15V -15V
VDS (t) Time
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 6
QW-R502-063 ,A
UK2996
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source Voltage
COMMON SOURCE TC=25 8 PULSE TEST
MOSFET
5.5V 5.25V
Drain-Source on Resistance, RDS (ON) ( )
10
2.2 2 1.8 1.6 1.4 1.2 1.0 0.8 0.6
Drain-Source on Resistance vs. Drain Current
COMMON SOURCE TC=25 PULSE TEST
Drain Current, ID (A)
6 4 2 0
5V
4.75V 4.5V VGS=4V 0 4 8 12 16 20
VGS=10V
0.4 0.2 0 0.3 0.5
Drain-Source Voltage, VDS (V)
1 35 10 Drain Current, ID (A)
30
12 10
Drain Current, ID (A)
Drain Current vs. Gate-Source Voltage
Drain-Source Voltage, VDS (V)
COMMON SOURCE VDS =10V PULSE TEST
16
Drain-Source Voltage vs. Gate-Source Voltage
COMMON SOURCE TC=25 PULSE TEST
12
8 6 100 4 2 0 0 25 T C=-55
I D=10A 8 I D=5A ID=2.5A 0
4
12 2 4 6 8 10 Gate-Source Voltage, VGS (V)
16
0
4 8 12 16 Gate-Source Voltage, VGS (V)
20
30
Continuous Source Current, I S (A)
Continuous Source Current vs. DrainSource Voltage COMMON SOURCE TC=25 PULSE TEST
10 5 3 1 0.5 0.3 0.1
10 3 VGS =0V
1
0
-0.4 -0.8 Drain-Source Voltage, VDS (V)
-1.2
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 6
QW-R502-063 ,A
UK2996
MOSFET
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 6
QW-R502-063 ,A


▲Up To Search▲   

 
Price & Availability of UK2996L-TF3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X