Part Number Hot Search : 
PMT4128 1000M M108B VEC2305 B1001 1N471 L6911ETR ZMM5226B
Product Description
Full Text Search
 

To Download U74AHCT1G125-AL5-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD U74AHCT1G125
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
3 2 1
CMOS IC
5
DESCRIPTION
The U74AHCT1G125 is a single bus buffer gate with 3-state output controlled by enable input ( OE ), When OE is HIGH, the output is disabled.
2 1
4
SOT-25
3
FEATURES
* Operation Voltage Range: 4.5~5.5V * Low Power Dissipation: 10uA(Max) * Inputs are TTL-Voltage Compatible
5 4
SOT-353
*Pb-free plating product number: U74AHCT1G125L
ORDERING INFORMATION
Order Number Normal Lead Free Plating U74AHCT1G125-AF5-R U74AHCT1G125L-AF5-R U74AHCT1G125-AL5-R U74AHCT1G125L-AL5-R Package SOT-25 SOT-353 Packing Tape Reel Tape Reel
U74AHCT1G125L-AF5-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AF5: SOT-25, AL5: SOT-353 (3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
3 2 UL5 Lead Plating 4 5 1
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 5
QW-R502-093,A
U74AHCT1G125
PIN CONFIGURATION
GND 3 A 2
OE
CMOS IC
1
4 Y
5 VCC
FUNCTION TABLE (each gate)
INPUT OE L L H A L H X OUTPUT Y L H Z
LOGIC DIAGRAM (positive logic)
1 2 4 Y OE A 1 2 OE 4
OE A
Y
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 5
QW-R502-093,A
U74AHCT1G125
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)(Note 1)
CMOS IC
PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~7 V Input Voltage VIN -0.5~7 V Output Voltage VOUT -0.5~VCC+0.5 V Input Clamp Current IIK -20 mA Output Clamp Current IOK 20 mA Output Current IOUT 25 mA VCC or GND Current ICC 50 mA Storage Temperature TSTG -65 ~ +150 Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER Supply Voltage Input Voltage Output Voltage Input Transition Rise or Fall Rate Operating Temperature PARAMETER High-Level Input Voltage Low-Level High-Level Output Voltage Low-Level Input Leakage Current Output Current, OFF-state Quiescent Supply Current Additional Quiescent Supply Current Input Capacitance Output Capacitance PARAMETER SYMBOL VCC VIN VOUT t/v TA CONDITIONS MIN 4.5 0 0 -40 MIN 2 4.4 3.94 TYP TYP MAX 5.5 5.5 VCC 20 85 MAX 0.8 4.5 0.1 0.36 0.1 0.25 1 1.35 4 10 MIN TYP 3.8 3.8 3.6 3.6 4.6 4.6 5.3 5.3 5.1 5.1 6.1 6.1 10 UNIT V V V ns/V
VCC=5.0+0.5V
STATIC CHARACTERISTICS (TA=25 )
SYMBOL TEST CONDITIONS VIH VCC=4.5V~5.5V VCC=4.5V~5.5V VIL VCC=4.5V, IOH=-50A VOH VCC=4.5V, IOH=-8mA VCC=4.5V, IOL=50A VOL VCC=4.5V, IOH=8mA II(LEAK) VCC=0V~5.5V, VIN=VCC or GND IOZ VCC=5.5V, VOUT=VCC or GND IQ VCC=5.5V, VIN=VCC or GND, IOUT=0 VCC=5.5V, One input at 3.4V, Other ICC input at VCC or GND CIN VCC=5V, VIN=VCC or GND COUT VCC=5V, VOUT=VCC or GND TEST CONDITIONS VCC =5V0.5V, CL=15pF VCC =5V0.5V, CL=15pF VCC =5V0.5V, CL=15pF VCC =5V0.5V, CL=50pF VCC =5V0.5V, CL=50pF VCC =5V0.5V, CL=50pF No load, f=1MHz, VCC=5 UNIT V V V V A A A mA pF pF UNIT ns ns ns ns ns ns pF 3 of 5
QW-R502-093,A
DYNAMIC CHARACTERISTICS (TA=25 , Input: tR, tF3ns; PRR1MHz)
SYMBOL tPLH Propagation Delay From A to Y tPHL tPZH Turn-On Time OE to Y tPZL tPHZ Turn-Off Time OE to Y tPLZ tPLH Propagation Delay From A to Y tPHL tPZH Turn-On Time OE to Y tPZL tPHZ Turn-Off Time OE to Y tPLZ OPERATING CHARACTERISTICS Power Dissipation Capacitance Cpd MAX 5.5 5.5 5.1 5.1 6.8 6.8 7.5 7.5 7.1 7.1 8.8 8.8 14
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
U74AHCT1G125
TEST CIRCUIT AND WAVEFORMS
LOW
CMOS IC
OE A Y
Vi
Vo
CL
3V Vi 1.5V tPLH 1.5V tPHL GND
Vo
1/2 * VCC
1/2 * VCC
Note: CL includes probe and jig capacitance. Fig-1 Propagation delay from A to Y
TEST GND TPHZ /TPZH OE Vi A Y VCC TPLZ /TPZL 1K RL Vo
VoE
TEST TPHZ /TPZH VCC TPLZ /TPZL GND
CL
Turn-ON
Turn-OFF
Turn-ON 3V
VoE
1.5V
1.5V GND
tPHZ VOH-0.3V Vo tPZH 1/2 * VCC
Vo
tPLZ VOL+0.3V
tPZL
1/2 * VCC
Fig-2 The turn-on and turn-off times.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 5
QW-R502-093,A
U74AHCT1G125
CMOS IC
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 5
QW-R502-093,A


▲Up To Search▲   

 
Price & Availability of U74AHCT1G125-AL5-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X