Part Number Hot Search : 
W29N102C TB210F A1250 MX29L 00225 CXT4033 TMG3C80F EPR1033
Product Description
Full Text Search
 

To Download T2096L-TM3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD T2096
HIGH VOLTAGE TRANSISTOR
NPN SILICON TRANSISTOR
DESCRIPTION
The T2096 is a NPN Silicon Planar Transistors in TO-251 package. It is intended for high voltage, switching power supply and industrial applications.
FEATURES
* Pb-free package is available * Collector-Emitter voltage: VCEO = 400V * Pulse collector current to 4A
*Pb-free plating product number: T2096L
ORDERING INFORMATION
Order Number Normal Lead Free Plating T2096-TM3-T T2096L-TM3-T Package TO-251 Pin Assignment 1 2 3 B C E Packing Tube
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R213-017,A
T2096
ABSOLUATE MAXIUM RATINGS (Ta = 25)
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Base Current DC Collector Current Pulse Collector Current (Note 2)
NPN SILICON TRANSISTOR
SYMBOL VCBO VCES VCEO VEBO IB IC ICP
RATINGS UNIT 800 V 800 V 400 V 8 V 1 A 2 A 4 A Ta=25 1 Collector Dissipation PC W Tc=25 15 C Junction Temperature TJ 150 C Storage Temperature TSTG -55 ~ +150 Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Pulse Test: Pulse Width 300S, Duty Cycle10%
ELECTRICAL CHARACTERISTICS (Ta= 25, unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current Gain-Bandwidth Product Output Capacitance Turn-on Time Storage Time Fall Time SYMBOL BVCBO BVCEO BVEBO VCE(SAT) VBE(SAT) ICBO IEBO hFE 1 hFE 2 fT Cob tON tSTG tF TEST CONDITIONS IC =1mA, IE =0 IC =5mA, RBE= IE =1mA, IC =0 IC =1A, IB =0.2A IC =1A, IB =0.2A VCB =400V, IE =0 VEB =5V, IC =0 VCE =5V, IC =1mA VCE =5V, IC =0.2A VCE =10V, IC =0.2A VCB =10V, f =1MHz IC =1.0A, IB1 =0.05A IB2 = -0.5A, RL =200 VCC=200V MIN 800 400 8 TYP MAX UNIT V V V V V A A
0.8 1.5 10 10 45 120 20 20 0.5 2.5 0.3 180
MHz pF s s s
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R213-017,A
T2096
SWITCHING TIME TEST CIRCUIT
NPN SILICON TRANSISTOR
PW=20S D. C 1% INPUT 50 VR
IB1 IB2 RB
OUTPUT
RL + 100F + 470F VCC=200V
VBE= -5V
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R213-017,A
T2096
NPN SILICON TRANSISTOR
TYPICAL CHARACTERISTICS
Collector Current, IC (A)
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UT C products described or contained herein. UT C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably expected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
Collector Current, IC (A)
4 of 4
QW-R213-017,A


▲Up To Search▲   

 
Price & Availability of T2096L-TM3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X