Part Number Hot Search : 
2SJ316 TKP13A XE5224FD MUR1610 IS223 200G33 AN1215 SG2BC
Product Description
Full Text Search
 

To Download SY88343BLMG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SY88343BL
3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
General Description
The SY88343BL low-power limiting post amplifier is designed for use in fiber-optic receivers. The device connects to typical transimpedance amplifiers (TIAs) that are AC-coupled. The linear signal output from TIAs can contain significant amounts of noise and may vary in amplitude over time. The SY88343BL quantizes these signals and outputs CML-level waveforms. The SY88343BL operates from a single +3.3V power supply, over temperatures ranging from -40oC to +85oC. With its wide bandwidth and high gain, signals with data rates up to 3.2Gbps and as small as 5mVPP can be amplified to drive devices with CML inputs or ACcoupled CML/PECL inputs. The SY88343BL generates a high-gain loss-of-signal (LOS) open-collector TTL output. The LOS function has a high gain input stage for increased sensitivity. A programmable loss-of-signal level set pin (LOSLVL) sets the sensitivity of the input amplitude detection. LOS asserts high if the input amplitude falls below the threshold set by LOSLVL and de-asserts low otherwise. The enable bar input (/EN) de-asserts the true output signal without removing the input signal. The LOS output can be fed back to the /EN input to maintain output stability under a loss-of-signal condition. Typically, 3.5dB LOS hysteresis is provided to prevent chattering. Datasheet and support documentation can be found on Micrel's web site at: www.micrel.com.
Features
* * * * * * * * * Single 3.3V power supply DC to 3.2Gbps operation Low-noise CML data outputs High gain LOS Chatter-free Open-Collector TTL Loss-of-Signal (LOS) output with internal 4.75k pull-up resistor TTL /EN input Programmable LOS level set (LOSLVL) Ideal for multi-rate applications Available in a tiny 10-pin EPAD-MSOP and 16-pin MLF(R) package
Applications
* * * * * APON, BPON, EPON, and GPON Gigabit Ethernet Fibre Channel OC-3 and OC-12/24 SONET/SDH High-gain line driver and line receiver
Markets
* * * * * FTTP Optical transceivers Datacom/Telecom Low-gain TIA interface Long reach FOM
MLF and MicroLeadFrame are registered trademarks of Amkor Technology. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
February 2007
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
Typical Application
Pin Configuration
10-Pin EPAD-MSOP (K10-2)
16-Pin MLF(R) (MLF-16)
Ordering Information
Part Number SY88343BLEY SY88343BLEYTR SY88343BLMG SY88343BLMGTR(1) Note: 1. Tape and Reel.
(1)
Package Type K10-2 K10-2 MLF-16 MLF-16
Operating Range Industrial Industrial Industrial Industrial
Package Marking 343B with Pb-Free bar line indicator 343B with Pb-Free bar line indicator 343B with Pb-Free bar line indicator 343B with Pb-Free bar line indicator
Lead Finish Matte-Sn Matte-Sn NiPdAu Pb-Free NiPdAu Pb-Free
February 2007
2
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
Pin Description
Pin Number MSOP 1 2 3 4 5 Pin Number MLF(R) 15 1 4 6 14 2, 3, 10, 11 Pin Name Type TTL Input: Default is HIGH. Data Input Data Input Pin Function /Enable: This input enables the outputs when it is LOW. Note that this input is internally connected to a 25k pullup resistor and will default to logic HIGH state if left open. True data input. Complementary data input. Reference Voltage: Bypass with 0.01F low ESR capacitor from VREF to VCC to stabilize LOSLVL and VREF. Input Loss-of-Signal Level Set: a resistor from this pin to VCC sets the threshold for the data input amplitude at which LOS will be asserted. Device ground. GND and Exposed pad are to be tied to the same ground plane. Loss-of-Signal: asserts high when the data input amplitude falls below the threshold set by LOSLVL. Complementary data output. True data output. Positive power supply.
/EN DIN /DIN VREF LOSLVL GND, Exposed Pad LOS /DOUT DOUT VCC
6
Ground Open-collector TTL output w/internal 4.75k pull-down resistor CML Output CML Output Power Supply
7 8 9 10
7 9 12 5, 8, 13, 16
February 2007
3
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
Absolute Maximum Ratings(1)
Supply Voltage (VCC) .................................. 0V to +7.0V Input Voltage (DIN, /DIN) ................................... 0 to VCC Output Current (IOUT) Continuous.....................................................+50mA Surge ...........................................................+100mA /EN Voltage ........................................................ 0 to VCC VREF Current .......................................-800A to +500A LOSLVL Voltage.............................................. VREF to VCC Lead Temperature (soldering, 20sec.) .................. 260C Storage Temperature (Ts) .....................-65C to +150C
Operating Ratings(2)
Supply Voltage (VCC)............................+3.0V to +3.6V Ambient Temperature (TA) ..................-40C to +85C Junction Temperature (TJ) ................-40C to +120C Junction Thermal Resistance(3) MLF(R) ......................................................................... JA (Still-Air) ...............................................61oC/W JB ..............................................................38oC/W EPAD-MSOP JA (Still-Air) ..............................................38oC/W JB .............................................................22oC/W
DC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50 to VCC; TA = -40C to +85C; typical values at VCC = 3.3V, TA = 25oC.
Symbol ICC VLOSLVL VOH VOL VOFFSET ZO ZI VREF VIHCMR Parameter Power Supply Current LOSLVL Voltage CML Output HIGH Voltage CML Output LOW Voltage Differential Output Offset Single-Ended Output Impedance Single-Ended Input Impedance Reference Voltage Input Common Mode Range 40 40 VCC-1.48 GND+2.0 50 50 VCC-1.32 Condition No output load VREF VCC-0.020 VCC-0.005 Min Typ 45 Max 62 VCC VCC +80 60 60 VCC-1.16 VCC Units mA V V V mV V V
VCC-0.475 VCC-0.400 VCC-0.350
TTL DC Electrical Characteristics
VCC = 3.0V to 3.6V; TA = -40C to +85C.
Symbol VIH VIL IIH IIL VOH VOL
Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Thermal performance assumes the use of a 4-layer PCB. Exposed pad must be soldered (or equivalent) to the device's most negative potential on the PCB.
Parameter /EN Input HIGH Voltage /EN Input LOW Voltage /EN Input HIGH Current /EN Input LOW Current LOS Output HIGH Level LOS Output LOW Level
Condition
Min 2.0
Typ
Max 0.8
Units V V A A mA V V
VIN = 2.7V VIN = VCC VIN = 0.5V VCC > 3.3V, IOH-MAX < 160A VCC < 3.3V, IOH-MAX < 160A IOL = +2mA -0.3 2.4 2.0
20 100
0.5
V
February 2007
4
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50 to VCC; TA = -40C to +85C.
Symbol tr, tf tJITTER VID VOD TOFF TON LOSAL LOSDL HYSL LOSAM LOSDM HYSM LOSAH LOSDH HYSH B-3dB AV(Diff) S21 Parameter Output Rise/Fall Time (20% to 80%) Deterministic Random Differential Input Voltage Swing Differential Output Voltage Swing LOS Release Time LOS Assert Time Low LOS Assert Level Low LOS De-assert Level Low LOS Hysteresis Medium LOS Assert Level Medium LOS De-assert Level Medium LOS Hysteresis High LOS Assert Level High LOS De-assert Level High LOS Hysteresis 3dB Bandwidth Differential Voltage Gain Single-ended Small-Signal Gain 32 26 RLOSLVL = 15k, Note 8 RLOSLVL = 15k, Note 8 RLOSLVL = 15k, Note 7 RLOSLVL = 5k, Note 8 RLOSLVL = 5k, Note 8 RLOSLVL = 5k, Note 7 RLOSLVL = 100, Note 8 RLOSLVL = 100, Note 8 RLOSLVL = 100, Note 7 2 2 8 3 Condition Note 4 Note 5 Note 6 Figure 1 VID > 18mVPP, Figure 1 5 700 800 2 2 3.1 4.8 3.8 5.2 7.5 3.2 12 18 3.5 2 38 32 23 4.5 11 4.5 Min Typ 60 15 5 1800 950 10 10 Max 120 Units ps psPP psRMS mVPP mVPP s s mVPP mVPP dB mVPP mVPP dB mVPP mVPP dB GHz dB dB
Notes: 4. Amplifier in limiting mode. Input is a 200MHz square wave. 5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP. 6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP. 7. This specification defines electrical hysteresis as 20log (LOS De-assert/LOS Assert). The ratio between optical hysteresis and electrical hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA characteristics. Based upon that ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-4.5dB, shown in the AC characteristics table will be 1dB-3dB Optical Hysteresis. 8. See "Typical Operating Characteristics" for a graph showing how to choose a particular RLOSLVL for a particular LOS assert and its associated de-assert amplitude.
February 2007
5
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
Typical Characteristics
RLOSLVL (k)
RLOSLVL (k)
February 2007
6
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
Functional Block Diagram
Detailed Description
The SY88343BL low-power limiting post amplifier operates from a single +3.3V power supply, over temperatures from -40oC to +85oC. Signals with data rates up to 3.2Gbps and as small as 5mVPP can be amplified. Figure 1 shows the allowed input voltage swing. The SY88343BL generates a LOS output allowing feedback to /EN for output stability. LOSLVL sets the sensitivity of the input amplitude detection. Input Amplifier/Buffer Figure 2 shows a simplified schematic of the SY88343BL's input stage. The high-sensitivity of the input amplifier allows signals as small as 5mVPP to be detected and amplified. The input amplifier also allows input signals as large as 1800mVPP. Input signals are linearly amplified with a typical 38dB differential voltage gain. Since it is a limiting amplifier, the SY88343BL outputs typically 800mVPP voltage-limited waveforms for input signals that are greater than 12mVPP. Applications requiring the SY88343BL to operate with high-gain should have the upstream TIA placed as close as possible to the SY88343BL's input pins. This ensures the best performance of the device. Output Buffer The SY88343BL's CML output buffer is designed to drive 50 lines. The output buffer requires appropriate termination for proper operation. An external 50 resistor to VCC for each output pin provides this. Figure 3 shows a simplified schematic of the output stage.
Loss-of-Signal The SY88343BL generates a chatter-free LOS opencollector TTL output with an internal 4.75k pull-up resistor, as shown in Figure 4. LOS is used to determine that the input amplitude is large enough to be considered a valid input. LOS asserts high if the input amplitude falls below the threshold set by LOSLVL and de-asserts low otherwise. LOS can be fed back to the enable bar (/EN) input to maintain output stability under a loss of signal condition. /EN de-asserts the true output signal without removing the input signals. Typical, 3.5dB LOS hysteresis is provided to prevent chattering. Loss-of-Signal Level Set A programmable LOS level set pin (LOSLVL) sets the threshold of the input amplitude detection. Connecting an external resistor between VCC and LOSLVL sets the voltage at LOSLVL. This voltage ranges from VCC to VREF. The external resistor creates a voltage divider between VCC and VREF, as shown in Figure 5. Hysteresis The SY88343BL provides typically 3.5dB LOS electrical hysteresis. By definition, a power ratio measured in dB is 10log (power ratio). Power is calculated as V2IN/R for an electrical signal. Hence, the same ratio can be stated as 20log (voltage ratio). While in linear mode, the electrical voltage input changes linearly with the optical power and therefore the ratios change linearly. Thus, the optical hysteresis in dB is half the electrical hysteresis in dB given in the data sheet. Since the SY88343BL is an electrical device; this data sheet refers to hysteresis in electrical terms. With 3.5dB LOS hysteresis, a voltage factor of 1.5 is required to assert or de-assert LOS.
February 2007
7
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
Figure 1. VIS and VID
Figure 2. Input Structure
Figure 3. Output Structure
Figure 4. LOS Output Structure
Figure 5. LOSLVL Setting Circuit
February 2007
8
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
Package Information
10-Pin EPAD-MSOP (K10-1)
February 2007
9
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY88343BL
16-Pin (3mm x 3mm) MLF(R)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated.
February 2007
10
M9999-021707-B hbwhelp@micrel.com or (408) 955-1690


▲Up To Search▲   

 
Price & Availability of SY88343BLMG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X