Part Number Hot Search : 
CD1A30 BI400 MAX50 5KP170CA UESP05J FQH70N10 181KZF F2318
Product Description
Full Text Search
 

To Download STS8C5H30L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STS8C5H30L
N-CHANNEL 30V - 0.018 - 8A SO-8 P-CHANNEL 30V - 0.045 - 5A SO-8 LOW GATE CHARGE StripFETTM III MOSFET
Table 1: General Features
TYPE STS8C5H30L (N-Channel) STS8C5H30L (P-Channel)
s s s s s s
Figure 1: Package
RDS(on) < 0.022 < 0.055 ID 8A 5A
VDSS 30 V 30 V
TYPICAL RDS(on) (N-Channel) = 0.018 TYPICAL RDS(on) (P-Channel) = 0.045 CONDUCTION LOSSES REDUCED SWITCHING LOSSES REDUCED LOW THRESHOLD DRIVE STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY
SO-8
DESCRIPTION This MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.
Figure 2: Internal Schematic Diagram
APPLICATIONS s DC/DC CONVERTERS s BATTERY MANAGEMENT IN NOMADIC EQUIPMENT s POWER MANAGEMENT IN CELLULAR PHONES s DC MOTOR DRIVE
Table 2: Order Codes
PART NUMBER STS8C5H30L MARKING S8C5H30L PACKAGE SO-8 PACKAGING TAPE & REEL
Rev. 2 September 2004 1/11
STS8C5H30L
Table 3: Absolute Maximum ratings
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT Tj Tstg Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Single Operating Drain Current (continuous) at TC = 100C Single Operating Drain Current (pulsed) Total Dissipation at TC = 25C Dual Operating Total Dissipation at TC = 25C Single Operating Operating Junction Temperature Storage Temperature 16 8 6.4 32 1.6 2 150 -55 to 150 Value N-CHANNEL 30 30 16 4.2 3.1 16.8 P-CHANNEL V V V A A A W W C C Unit
( ) Pulse width limited by safe operating area Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
Table 4: Thermal Data
Rthj-case Thermal Resistance Junction-case Single Operating Dual Operating Tl Maximum Lead Temperature For Soldering Purpose 62.5 78 300 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) Table 5: On/Off
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 250 A, VGS = 0 VDS= Max Rating VDS= Max Rating, TC= 125C VGS= 16V VGS= 16V VDS = VGS, ID= 250 A VGS= VGS= VGS= VGS= 10 V, ID= 4 A 10 V, ID= 2.5 A 4.5 V, ID= 4 A 4.5 V, ID= 2.5 A n-ch p-ch n-ch p-ch n-ch p-ch n-ch p-ch n-ch p-ch n-ch p-ch 1 1 1.6 0.018 0.045 0.020 0.070 Min. 30 30 1 10 100 100 2.5 0.022 0.055 0.025 0.075 Typ. Max. Unit V A A nA nA V V
Table 6: Dynamic
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS = 15 V, ID= 4 A VDS = 15 V, ID= 2.5 A VDS = 25V, f = 1 MHz, VGS = 0 n-ch p-ch n-ch p-ch n-ch p-ch n-ch p-ch Min. Typ. 8.5 10 857 1350 147 490 20 130 Max. Unit S S pF pF pF pF pF pF
(1) Pulsed: Pulse duration = 300 s, duty cycle 1.5%
2/11
STS8C5H30L
ELECTRICAL CHARACTERISTICS(CONTINUED) Table 7: Switching On
Symbol td(on) tr Parameter Turn-on Delay Time Rise Time Test Conditions VDD = 15 V, ID = 4 A, RG= 4.7 , VGS = 4.5 V P-CHANNEL VDD = 15 V, ID = 2 A, RG= 4.7 , VGS = 4.5 V (Resistive Load see, Figure 28) Qg Qgs Qgd Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD= 24 V, ID= 8 A, VGS= 5 V P-CHANNEL VDD = 24 V, ID = 4 A, VGS = 5 V (see, Figure 31) n-ch p-ch Min. Typ. 12 25 Max. Unit ns ns
n-ch p-ch
14.5 35
ns ns
n-ch p-ch n-ch p-ch n-ch p-ch
7 12.5 2.5 5 2.3 3
10 16
nC nC nC nC nC nC
Table 8: Switching Off
Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions VDD = 15 V, ID = 4 A, RG= 4.7 , VGS = 4.5 V P-CHANNEL VDD = 15 V, ID = 2.5 A, RG= 4.7 , VGS = 4.5 V (Resistive Load see, Figure 28) n-ch p-ch Min. Typ. 23 125 Max. Unit ns ns
n-ch p-ch
8 35
ns ns
Table 9: Source-Drain Diodef
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 8 A, VGS = 0 ISD = 5 A, VGS = 0 ISD = 8 A, di/dt = 100 A/s VDD = 15V, Tj = 150C P-CHANNEL ISD = 5 A, di/dt = 100 A/s VDD = 15V, Tj = 150C (see test circuit, Figure 29) Test Conditions n-ch p-ch n-ch p-ch n-ch p-ch n-ch p-ch n-ch p-ch n-ch p-ch 15 45 5.7 36 0.76 1.6 Min. Typ. Max. 8 5 32 20 1.5 1.2 Unit A A A A V V ns ns nC nC A A
(1) Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (2) Pulse width limited by safe operating area. (3) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
3/11
STS8C5H30L
Figure 3: .Safe Operating n-channel Figure 6: Thermal Impedance For Complementary Pair
Figure 4: Output Characteristics n-channel
Figure 7: Transfer Characteristics n-channel
Figure 5: Transconductance n-channel
Figure 8: Static Drain-Source On Resistance nchannel
4/11
STS8C5H30L
Figure 9: Gate Charge vs Gate-Source Voltage n-channel Figure 12: Capacitance Variations n-channel
Figure 10: Normalized Gate Thereshold Voltage vs Temperature n-channel
Figure 13: Normalized On Resistance vs Temperature n-channel
Figure 11: Source-Drain Forward Characteristics n-channel
Figure 14: Normalized BVdss vs Temperature n-channel
5/11
STS8C5H30L
Figure 15: Safe Operating p-channel Figure 18: Thermal Impedance for Complementary Pair
Figure 16: Output Characteristics p-channel
Figure 19: Transfer Characteristics p-channel
Figure 17: Transconductance p-channel
Figure 20: Static Drain-Source On Resistance p-channel
6/11
STS8C5H30L
Figure 21: Gate Charge vs Gate-Source Voltage p-channel Figure 24: Capacitances Variations p-channel
Figure 22: Normalized Gate Thereshlod Voltage vs Temperature p-channel
Figure 25: Normalized On Resistance vs Temperature p-channel
Figure 23: Source-Drain Diode Forward Characteristics p-channel
Figure 26: Normalized BVdss vs Temperature p-channel
7/11
STS8C5H30L
Figure 27: Unclamped Inductive Load Test Circuit Figure 30: Unclamped Inductive Wafeform
Figure 28: Switching Times Test Circuit For Resistive Load
Figure 31: Gate Charge Test Circuit
Figure 29: Test Circuit For Inductive Load Switching and Diode Recovery Times
8/11
STS8C5H30L
SO-8 MECHANICAL DATA
DIM. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.14 0.015 5.0 6.2 0.65 0.35 0.19 0.25 0.1 mm. MIN. TYP MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 0.188 0.228 0.050 0.150 0.157 0.050 0.023 0.196 0.244 0.025 0.013 0.007 0.010 0.003 MIN. inch TYP. MAX. 0.068 0.009 0.064 0.033 0.018 0.010 0.019
9/11
STS8C5H30L
Table 10: Revision History
Date 10-Aug-2004 10-Sep-2004 Revision 1 2 First Revision Complete Version Description of Changes
10/11
STS8C5H30L
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
11/11


▲Up To Search▲   

 
Price & Availability of STS8C5H30L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X