Part Number Hot Search : 
KMI15 S1201 A3155 SAA7185B 2SD16 G12864 74F323PC F800B5
Product Description
Full Text Search
 

To Download STP11NM6007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP14NK50Z - STP14NK50ZFP STB14NK50Z-STB14NK50Z-1-STW14NK50Z
N-channel 500V - 0.34 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESHTM Power MOSFET
General features
Type STP14NK50Z STP14NK50ZFP STB14NK50Z STB14NK50Z-1 STW14NK50Z

VDSS 500V 500V 500V 500V 500V
RDS(on) <0.38 <0.38 <0.38 <0.38 <0.38
ID 14A 14A 14A 14A 14A
Pw 150W
1 3 2
3 1 2
35W 150W 150W 150W
TO-220
TO-220FP
TO-247
3 12 3 1
Extremely high dv/dt capability 100% avalanche tested Gate charge minimized Very low intrinsic capacitances Very good manufacturing repeatibility
I2PAK
D2PAK
Internal schematic diagram
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
Applications
Switching application
Order codes
Part number STP14NK50Z STP14NK50ZFP STB14NK50ZT4 STB14NK50Z-1 STW14NK50Z Marking P14NK50Z P14NK50ZFP B14NK50Z B14NK50Z W14NK50Z Package TO-220 TO-220FP D PAK I PAK TO-247
2 2
Packaging Tube Tube Tape & reel Tube Tube
July 2006
Rev 3
1/19
www.st.com 19
Contents
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 Electrical characteristics (curves) ............................. 7
3 4 5 6
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
2/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z Electrical ratings
1
Electrical ratings
Table 1. Absolute maximum ratings
Value Symbol Parameter TO-220 I2PAK/D2PAK VDS VDGR VGS ID ID IDM(2) PTOT Drain-source voltage (VGS = 0) Drain-gate voltage (RGS = 20K) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC=100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor Vesd(G-S) G-S ESD (HBM C=100pF, R=1.5k) dv/dt
(3)
Unit TO-220FP 500 500 30 TO-247 V V V 14 7.6 48 150 1.20 A A A W W/C KV V/ns V C
14 7.6 48 150 1.20
14(1) 7.6(1) 48(1) 35 0.28 4000 4.5
Peak diode recovery voltage slope Insulation withstand voltage (DC) Operating junction temperature Storage temperature --
VISO TJ Tstg
2500 -55 to 150
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 13A, di/dt 200A/s,VDD V(BR)DSS, Tj TJMAX
Table 2.
Thermal data
Value
Symbol
Parameter
TO-220 I2PAK
D2PAK
Unit TO-220FP TO-247 C/ W C/ W 50 300 C/ W C
Rthj-case Rthj-pcb Rthj-a Tl
Thermal resistance junction-case Max Thermal resistance junction-pcb Max
(1)
0.83 60 62.5
3.6
0.83
Thermal resistance junction-ambient Max Maximum lead temperature for soldering purpose
1. When mounted on minimum footprint
3/19
Electrical ratings STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting Tj=25C, Id=Iar, Vdd=50V) Value 12 400 Unit A mJ
Table 4.
Symbol BVGSO
Gate-source zener diode
Parameter Gate-source breakdown voltage Test conditions Igs=1mA (Open Drain) Min. 30 Typ. Max. Unit V
1.1
Protection features og gate-to-source zener diodes
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
4/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z Electrical charac-
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol V(BR)DSS
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 1mA, VGS= 0 VDS = Max rating, VDS = Max rating, TC =125C VGS = 20V VDS= VGS, ID = 100A VGS= 10V, ID= 6A 3 3.75 0.34 Min. 500 1 50
10
Typ.
Max.
Unit V A A nA V
IDSS
IGSS VGS(th) RDS(on)
4.5 0.38
Table 6.
Symbol gfs (1) Ciss Coss Crss
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Test conditions VDS =8V, ID = 6A Min. Typ. 12 2000 238 55 150 69 12 31 92 Max. Unit S pF pF pF pF nC nC nC
VDS =25V, f=1 MHz, VGS=0
Coss eq(2). Equivalent output capacitance Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge
VGS=0, VDS =0V to 400V VDD=400V, ID = 12A VGS =10V
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS inceases from 0 to 80% VDSS
Table 7.
Symbol td(on) tr
Switching times
Parameter Turn-on delay time Rise time Test conditions VDD=250 V, ID=6A, RG=4.7, VGS=10V (see Figure 19) Min. Typ. 24 16 Max. Unit ns ns
5/19
Electrical characteristics Table 7.
td(off) tf tr(Voff) tf tc
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 -
Switching times
Turn-off delay time Fall time Off-voltage rise time Fall time Cross-over time VDD=250V, ID=6A, RG=4.7, VGS=10V (see Figure 19) VDD=400 V, ID=12A, RG=4.7, VGS=10V (see Figure 21) 54 12 9.5 9 20 ns ns ns ns ns
Table 8.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD=12A, VGS=0 ISD=12A, di/dt = 100A/s, VDD=35V, Tj=150C (see Figure 21) 470 3.1 13.2 Test conditions Min Typ. Max 12 48 1.6 Unit A A V ns C A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5%
6/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z Electrical charac-
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area Figure 2. Thermal impedance
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Safe operating area for TO-247
Figure 6.
Thermal impedance for TO-247
7/19
Electrical characteristics Figure 7.
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 Figure 8. Transfer characteristics
Output characterisics
Figure 9.
Transconductance
Figure 10. Static drain-source on resistance
Figure 11. Gate charge vs gate-source voltage Figure 12. Capacitance variations
8/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z Electrical characFigure 13. Normalized gate threshold voltage vs temperature Figure 14. Normalized on resistance vs temperature
Figure 15. Source-drain diode forward characteristics
Figure 16. Normalized BVDSS vs temperature
Figure 17. Normalized BVgso vs temperature
Figure 18. Maximum avalanche energy vs temperature
9/19
Test circuit
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z
3
Test circuit
Figure 20. Gate charge test circuit
Figure 19. Switching times test circuit for resistive load
Figure 21. Test circuit for inductive load Figure 22. Unclamped Inductive load test switching and diode recovery times circuit
Figure 23. Unclamped inductive waveform
Figure 24. Switching time waveform
10/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z Package mechani-
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/19
Package mechanical data
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 -
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
12/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z Package mechani-
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
G
13/19
Package mechanical data
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 -
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
14/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z Package mechani-
TO-262 (I2PAK) MECHANICAL DATA
mm. DIM. MIN. A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 TYP MAX. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 MIN. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050 TYP. MAX. 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055 inch
15/19
Package mechanical data
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 -
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
16/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z
Packaging me-
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
17/19
Revision history
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z
6
Revision history
Table 9.
Date 21-Jun-2004 26-Jul-2006
Revision history
Revision 2 3 Changes Complete version with curves New template, no content change
18/19
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
19/19


▲Up To Search▲   

 
Price & Availability of STP11NM6007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X