Part Number Hot Search : 
20016 FM160 DAC10 MT5C1008 SMP92 16VWQ R1601 L5991D
Product Description
Full Text Search
 

To Download SPI5842-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SPI5842-H
Photo Diode
Features
* Peak sensitivity wavelength matching with infrared LED( P=950nm) * 4.8mm 5.5mm side view package * Black colored visible light cut-off lens
Application
* Infrared remote controllers for TVs, VCRs, Audio equipment etc
Outline Dimensions
unit : mm
PIN Connections 1. Anode 2.Cathode
KPE-0001-000
1
SPI5842-H
Absolute maximum ratings
Characteristic
Reverse Voltage Power Dissipation Operating Temperature Storage Temperature * Soldering Temperature
1
Symbol
VR PD Topr Tstg Tsol
Ratings
40 170 -20 -25 260 70 85 for 5 seconds
Unit
V mW
*1. Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
* Short Circuit Current Dark Current Capacitance Spectral Sensitivity Peak Sensitivity Wavelength Half angle
1 P 1
Symbol
ISC ID Ct
Test Condition
Ee=6mW/ VR=10V VR=10V, f=1MHz p
Min
-
Typ
45 50 10
Max
-
Unit
uA nA pF nm nm deg
840 ~ 1,050 940 55
/2
*1. Ee : Irradiance by infrared LED light source(
=940nm)
KPE-0001-000
2
Characteristic Diagrams
Fig. 1 ISC - Ee Fig. 2 ID - Ta
SPI5842-H
Short Current ISC [uA]
Light Source [mW/
]
Dark Current ID [nA]
Ambient Temperature Ta [
]
Fig. 3 Ct - VR
Fig.4 ID - VR
Dark Current ID [nA]
Capacitance [Pf]
Reverse Voltage [v]
Reverse Voltage [v]
Fig.5 Spectrum Sensitivity
Ambient Temperature Ta [ Relative Intensity [%] ]
Wavelength [nm]
KPE-0001-000
3


▲Up To Search▲   

 
Price & Availability of SPI5842-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X