Part Number Hot Search : 
CYG20XX 1205D BUK9107 FSA223 0N60B2 SSM3J 2SC2629 040010
Product Description
Full Text Search
 

To Download SNC10505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SNC105
One Channel Direct Drive Speech Controller
1 INTRODUCTION
SNC105 is a one-channel voice synthesizer IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit input port, two 4-bit I/O ports. By programming through the tiny controller in SNC105, user's varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.
2 FEATURES
Single power supply 2.4V - 5.1V 26 seconds voice capacity are provided(@6KHZ sample rate) Built in a 4-bit tiny controller One 4-bit input port, two 4-bit I/O ports are provided 64*4 bits RAM are provided 80K*10 ROM size are provided for voice data and program Maximum 16k program ROM is provided Built in a high quality speech synthesizer Adaptive playing speed from 2.5k-20kHz is provided One voice channel Built in a PWM Direct Drive circuit and a fixed current D/A output System clock : 2MHz Low Power Reset
Ver: 1.3
1
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
3 Block Diagram
ROM
Program/Speech 80Kx10 bits Address Pointers/ STACK SRAM (64 nibbles) Timer ALU Input port 1 Timing Generator
OSC
Sampling Rate Counter
PWM D/A IO port 3
Voice Synthesizer IO port 2
4 PIN ASSIGNMENT
Symbol P13 ~ P10 P23 ~ P20 P33 ~ P30 VDD GND RST OSC BUO1/VO BUO2 I/O I I/O I/O P P I I O O Function Description Bit3 ~ Bit0 of Input port 1 Bit3 ~ Bit0 of I/O port 2 Bit3 ~ Bit0 of I/O port 3 Positive power supply Negative power supply Reset pin (active high) Oscillator Input Positive Output of PWM or DA output Negative Output of PWM
Ver: 1.3
2
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
5 FUNCTION DESCRIPTIONS 5.1. Oscillator
SNC105 accepts RC type oscillator for system clock. The typical circuit diagram for oscillator is listed as follows.
VCC
RC Oscillator
5.2. ROM
SNC105 contains substantial 80K word (10-bit) internal ROM. Program, voices and other data are shared with this same 80K word ROM.
5.3. RAM
SNC105 contains 64 nibble RAM. The 64 nibble RAM is divided into four pages (page 0 to page 3, 16 nibble RAM on each page). In our programming structure, users can easily define and locate RAM page in the program. For instance, users can use the instructions, PAGEn (n=0 to 3) to switch and indicate the RAM page. Besides, users can use direct mode, M0 ~ M15 in the data transfer type instructions, to access all 16 nibbles of each page.
5.4. Power Down Mode
"End" instruction will power down SNC105 and enable IC to consume fewer current for power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when the power down mode is activated in SNC105, any valid data transition (L H or H L) occurring on any input port (P1) or IO ports (P2 and P3) will lead SNC105 back to normal operation mode.
5.5. Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play diverse voices at different sample playing rates. The playing rate can be adaptively set up among from the wide ranges of 2.5KHz to 20KHz. This feature makes voice close to its original source and yield the better voice quality.
Ver: 1.3
3
r
June 8, 2005
OSC
SNC105
One Channel Direct Drive Speech Controller
5.6. I/O Ports
P1 is a 4-bit input port, P2 and P3 are two 4-bit I/O ports. Any bit of P2 and P3 can be programmed as either input or output port individually. Any valid data transition (H L or L H) of P1, P2 and P3 can reactivate the chip when the chip is in power-down mode.
PAD
To Internal Data Bus
Read Control
Weak
Input Port Configuration (P10~P13)
Port Data PAD Port Status Weak
To Internal Data Bus
Read Control
I/O Port Configuration (P20~P23, P30~P33) Note: All weak N-MOS's can serve as pull-low resistors.
Ver: 1.3
4
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
5.7. DAC & PWM
SNC105 is an advanced chip to be designed having two optimal methods to play out the voices. One is DAC and the other is PWM. Upon user's applications, user can select either DAC or PWM in his design. Please be aware that only one method can be activated at a time. DAC: A 7-bit current type digital-to-analog converter is built-in SNC105. The relationship between input digital data and output analog current signal is listed in the following table. Also, the recommended application circuit is illustrated as follows. Input data 0 1 ... N ... 127 Typical value of output current (mA) 0 3/127 n*(3/127) 3
VCC
BUO1/VO 1K
DAC output
Ver: 1.3
5
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
PWM: A PWM (pulse width modulation) circuit is built-in SNC105. PWM can convert input digital data into pulse trains with suitable different pulse width. The maximum resolution of PWM is 7 bits. Two huge output stage circuits are designed in SNC105. With this advanced circuit, the chip is capable of driving speaker directly without external transistors. The recommended application circuit is illustrated as follows.
BUO1/VO BUO2
PWM Output
Ver: 1.3
6
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
6 ABSOLUTE MAXIMUM RATING
Items Supply Voltage Input Voltage Operating Temperature Storage Temperature Symbol VDD-V VIN TOP TSTG Min -0.3 VSS-0.3 0 -55.0 Max 6.0 VDD+0.3 55.0 125.0 Unit. V V o C o C
7 ELECTRICAL CHARACTERISTICS
Item Operating Voltage Standby current Operating Current Input current of P1, P2, P3 Drive current of P2, P3 Sink Current of P2, P3 Drive current of Buo1 Sink Current of Buo1 Drive Current of Buo2 Sink Current of Buo2 Oscillation Freq. Sym. Min. Typ. Max. Unit Condition VDD 2.4 3.0 5.5 V ISBY 3.0 uA VDD=3V, no load IOPR 300 uA VDD=3V, no load IIH 3.0 10.0 uA VDD=3V,VIN=3V IOD IOS IOD IOS IOD IOS FOSC 100 100 100 100 4 6 120 120 120 120 2.0 mA VDD=3V,VO=2.4V mA VDD=3V,VO=0.4V mA VDD=3V,Buo1=1.5V mA VDD=3V,Buo1=1.5V mA VDD=3V,Buo2=1.5V mA VDD=3V,Buo2=1.5V MHz VDD=3V
Ver: 1.3
7
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
VDD TR1 VDD P10 R OSC RST P11 TR2 TR6 TR5
TR10
TR14
TR3 P12 P13
TR7
TR11
TR15
SNC105
TR4
TR8
TR12
TR16
P30 P31 P32 P33
VDD
P20 P21 P22 P23
8 APPLICATION CIRCUIT
VO1
8050 1K
GND
D/A Speaker Output 16 Scan Keys
Ver: 1.3
8
June 8, 2005
TR9
TR13
SNC105
One Channel Direct Drive Speech Controller
9 BONDING PAD
(0,0)
19
P10 P11 P12 P13 P20
1 2 3 4 5
18 17 16 15 14 13 12
6
7
8
9
10
11
RST P33 P32 P31 P30 P23 P22 P21
BUO1
BUO2
OSC GND
VDD
Note: The substrate MUST be connected to Vss in PCB layout.
Ver: 1.3
9
GND
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
AMENDMENT HISTORY
Version Date Description
Ver 1.3
June 8,2005
Modify Application circuit, remove the capacitor between
RST and VDD
Ver: 1.3
10
June 8, 2005
SNC105
One Channel Direct Drive Speech Controller
DISCLAIMER
The information appearing in SONiX web pages ("this publication") is believed to be accurate. However, this publication could contain technical inaccuracies or typographical errors. The reader should not assume that this publication is error-free or that it will be suitable for any particular purpose. SONiX makes no warranty, express, statutory implied or by description in this publication or other documents which are referenced by or linked to this publication. In no event shall SONiX be liable for any special, incidental, indirect or consequential damages of any kind, or any damages whatsoever, including, without limitation, those resulting from loss of use, data or profits, whether or not advised of the possibility of damage, and on any theory of liability, arising out of or in connection with the use or performance of this publication or other documents which are referenced by or linked to this publication. This publication was developed for products offered in Taiwan. SONiX may not offer the products discussed in this document in other countries. Information is subject to change without notice. Please contact SONiX or its local representative for information on offerings available. Integrated circuits sold by SONiX are covered by the warranty and patent indemnification provisions stipulated in the terms of sale only. The application circuits illustrated in this document are for reference purposes only. SONIX DISCLAIMS ALL WARRANTIES, INCLUDING THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR ANY PURPOSE. SONIX reserves the right to halt production or alter the specifications and prices, and discontinue marketing the Products listed at any time without notice. Accordingly, the reader is cautioned to verify that the data sheets and other information in this publication are current before placing orders. Products described herein are intended for use in normal commercial applications. Applications involving unusual environmental or reliability requirements, e.g. military equipment or medical life support equipment, are specifically not recommended without additional processing by SONIX for such application.
Ver: 1.3
11
June 8, 2005


▲Up To Search▲   

 
Price & Availability of SNC10505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X