Part Number Hot Search : 
EB13C3 78M24 KBPC2504 DME1737 HRA140 LYH1025 XRT84L38 IDT74A
Product Description
Full Text Search
 

To Download SK1816-AE3-4-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD SK1816
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
DESCRIPTION
The UTC SK1816 is a semiconductor integrated circuit utilizing the Hall effect. It designed to operate in the alternating magnetic field especially at low supply voltage and operation over extended temperature ranges to +125. This Hall IC is suitable for application to various kinds of sensors, contact-less switches, such as Speed sensor, Position sensor, Rotation sensor, Contact-less sensor, and Motor control.
LINEAR INTEGRATED CIRCUIT
1
SIP-3
3
2
1 SOT-23
FEATURES
* Wide supply voltage range of 2.5V to 20V * Wide temperature operation range of -20~+125 * Alternating magnetic field operation * Built-in protection diode * TTL and MOS IC are directly drivable by the output * The life is semipermanent because it employs contact-less parts * SIP-3 and SOT-23 package are available. *Pb-free plating product number: SK1816L
ORDERING INFORMATION
Order Number Normal Lead Free Plating SK1816-AE3-4-R SK1816L-AE3-4-R SK1816-G03-D-K SK1816L-G03-D-K Package SOT-23 SIP-3 Pin Assignment 1 2 3 O I G I G O Packing Tape Reel Bulk
Note: Pin Assignment: I:VSS O:VOUT
SK1816L-AE3-4-R
G:GND
(1) K: Bulk, R: Tape Reel (2) refer to Pin Assignment (3) AE3: SOT-23, G03: SIP-3 (4) L: Lead Free Plating, Blank: Pb/Sn
(1)Packing Type (2)Pin Assignment (3)Package Type (4)Lead Plating
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 7
QW-R118-004,A
SK1816
MARKING INFORMATION
LINEAR INTEGRATED CIRCUIT
SIP-3 1816
L: Lead Free Plating Blank: Pb/Sn , Date Code
SOT-23 1816
L: Lead Free Plating, Blank: Pb/Sn
BLOCK DIAGRAM
REGULATOR
Vcc Output
GND
Hall element Amplifier Schmidt trigger Output stage
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 7
QW-R118-004,A
SK1816
ABSOLUTE MAXIMUM RATINGS (Ta = 25)
PARAMETER
LINEAR INTEGRATED CIRCUIT
SYMBOL VCC ICC IO
RATINGS UNIT Supply Voltage 2.5~20 V Supply Current 10 mA Circuit Current 20 mA SIP-3 400 Power Dissipation PD mW SOT-23 200 Operating Temperature TOPR -20 ~ +125 Storage Temperature TSTG -40 ~ +150 Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. The device is guaranteed to meet performance specification within 0~+70 operating temperature range and assured by design from -20~+125.
ELECTRICAL CHARACTERISTICS (Ta=25, unless otherwise specified.)
PARAMETER Low-Level Output Voltage Output Leakage Current Output Short Circuit Current Supply Current Output Switching Time SYMBOL VOL ILEAK -Ios ICC TR TF TEST CONDITIONS VCC =16V,IOUT=12mA,B=30 mT VCC =3.6V,IOUT=12mA,B=30 mT VCC =16V,B=-30 mT VCC =16V,VOUT=0V,B=-30 mT VCC =16V VCC =3.6V VCC =16V,RL=10K,CL=10PF VCC =16V,RL=10K,CL=10PF MIN TYP MAX UNIT 0.7 V 0.7 V 1 10 A 0.8 mA 6 mA 5.5 mA S 5 S 1
MAGNETIC CHARACTERISTICS Operate Point BOP At Ta = +25 5 mT Release Point BRP At Ta = +25 -5 mT Hysteresis BHYS At Ta = +25 5.5 mT NOTE: 1. BOP =operate point (output turns ON); BRP =release point (output turns OFF); BHYS =hysteresis(BOP - BRP). As used here, negative flux densities are defined as less than zero (algebraic convention). Typical values are at Ta = +25 and VCC = 12V. 2. 1mT=10 gauss
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 7
QW-R118-004,A
SK1816
PACKAGE INFORMATION
LINEAR INTEGRATED CIRCUIT
SIP-3
4.1 mm 0.95 mm
SOT-23
0.385 mm 2.01 mm 3.0 mm 1.00 mm
Fig. 1 SENSOR LOCATIONS
S
1 2 3
Marked face 1. Vcc 2. GND 3. Output
N
Marked face 1. Vcc 2. Output 3. GND
1
3
2
N SIP-3 Vout H Bh L Brp Bop 0 Magnetic flux density
S SOT-23
Fig.2 APPLYING DIRECTION OF MAGNETIC FLUX
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 7
QW-R118-004,A
SK1816
TYPICAL APPLICATION CIRCUIT
LINEAR INTEGRATED CIRCUIT
VIN
Coil 1 Coil 2
Vcc
SK1816 SIP-3
GND
Output
FOR DC FAN 1
Vin
3.5K
100 3K 8V
Vcc
Coil 1
1.5K
Coil 2
SK1816 SIP-3
1.5K
Output
GND
FOR DC FAN 2
TEST CIRCUIT
VIN
1816
10K
DO 10P
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 7
QW-R118-004,A
SK1816
TYPICAL CHARACTERISTICS
Temperature vs. Magnetic field 60 Magnetic field ( G ) 40 30 20 10 -6 -6 -6 -6 -6 -5 -5 -5 -5 -10 -20 0 10 25 55 75 95 115 125 Temperature ( C ) 0 42 36 43 37 44 39 46 41 Magnetic field ( G ) 50 35 29 37 31 38 32 47 42 49 44 Bop Brp BW
LINEAR INTEGRATED CIRCUIT
Voltage vs. Magnetic field 60 50 40 35 34 30 20 10 0 -1 -10 3 -20
37 34
43 37
45 37
48 38
53 40 Bop Brp BW
5
-3
-6 12
15-7
20-9
27-13
Voltage ( V )
Temperature vs. Icc 6.00 5.00 Current ( mA ) 4.00 3.00 2.00 1.00 0.00 -20 0 10 25 55 75 95 115 125 Temperature ( C ) Current ( mA ) 5.11 4.91 4.78 4.55 4.36 4.20 4.03 3.95 3.87 Icc 4.60 4.55 4.50 4.45 4.40 4.35 3 5 4.45 4.50
Voltage vs. Icc
4.55
4.56
4.56
4.57
Icc
12
15
20
27
Voltage ( V )
Temperature vs. Sink 31 30 30 29 29 28 28 27 27 29 29 29 28 28 28 28 28 27 3
Voltage vs. Sink
30
30
30
30 29 28 28 28 Sink Sink (mA) 29
Sink (mA)
29 28
29
29
29
Sink 28
-20
0
10
25
55
75
95 115 125
5
13
15
20
27
Temperature ( C )
Voltage ( V )
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 7
QW-R118-004,A
SK1816
TYPICAL CHARACTERISTICS(Cont.)
Switch Points 50 Hysteresis IN Gauss Switch Point IN Gauss 40 30 20 10 0 -10 -20 0 10 25 55 75 95 115 125 60 50 40 30 20 10 0 -20
LINEAR INTEGRATED CIRCUIT
Hysteresis
0
10
25
55
75
95
115
125
Ambient Temperature IN oC
Ambient Temperature IN oC
Output Sink Current 31 30 30 29 29 28 28 27 27 -20 0 10 25 55 75 95 115 125 Ambient Temperature IN oC 6.00 Supply Current IN mA 5.00 4.00 3.00 2.00 1.00 0.00 -20 0
Supply Current
Sink Current IN mA
10
25
55
75
95
115 125
Ambient Temperature IN oC
Output Sink Current 29 29 29 28 28 28 28 28 27 3 5 13 15 20 27 Voltage ( V ) 4.60 Input Current ( mA ) 4.55 4.50 4.45 4.40 4.35 3 5
Vin - Icc
Current ( mA )
12
15
20
27
Voltage ( V )
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
7 of 7
QW-R118-004,A


▲Up To Search▲   

 
Price & Availability of SK1816-AE3-4-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X