Part Number Hot Search : 
1N475 BC183B MP6KE43A D1120 LM8550 J10187 M9516008 DS033
Product Description
Full Text Search
 

To Download SIM5-1212S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3W DC/DC SIM MODUL 3 Watt Small-Input-Ranging Compact-Serie
SIM 5 DC Power Package
Besondere Merkmale
24-Pin DIL Gehause Hoher Wirkungsgrad PI-Filter Kurzschlufest (kurzzeitig) Metallgehause
Features
24-pin DIL package High efficiency PI filter Short circuit protection (short term) Metal case
Anwendung
Telekommunikation Rechnersysteme MSR Mikroprozessorsysteme
Application
Telecommunication Computer applications Control equipments Microprocessor systems
Technische Daten
(bei 25C Umgebungstemperatur)
Specification
(at 25C ambient temperature)
Eingangsdaten
Eingangsspannung Eingangsfilter
Input Specifications
Input voltages Input filter 5V / 12 / 24 / 48 VDC, 10% PI-Version
Ausgangsdaten
Leistung Wirkungsgrad Last Eingang Restwelligkeit
Output Specifications
Power Efficiency Load Line Ripple and noise 3 Watt typ. 65% 0.5% (1% Dual) 0.3% (1% Dual) 50mV max.
Allgemeine Daten
Betriebstemperatur Lagertemperatur Temperaturkoeffizient Isolationsspannung MTBF
General Specifications
Operating temp. Storage temperature Temp. coefficient Isolation voltage MTBF -20C...+71C -25C...+125C typ. 0,03% / K 500 VDC min. (3 kVDC auf Anfrage) >200,000h
1
HN Electronic Components GmbH * Birkenweiherstr. 16 * D-63505 Langenselbold Tel. (06184) 92780 * Fax (06184) 62316 * http://www.hn-electronic.de
SIM 5 DC Power Package
3 Watt Small-Input-Ranging Compact-Serie
Bestell-Information / Order Information Modell Eingang Input VDC
5 5 5 5 5 12 12 12 12 12 24 24 24 24 24 48 48 48 48 48
3W DC/DC SIM MODUL
Ausgang1 Output 1 V/mA
5/600 12/250 15/200 +12/125 +15/100 5/600 12/250 15/200 +12/125 +15/100 5/600 12/250 15/200 +12/125 +15/100 5/600 12/250 15/200 +12/125 +15/100
Ausgang 2 Output2 V/mA
SIM5-0505S SIM5-0512S SIM5-0515S SIM5-0512D SIM5-0515D SIM5-1205S SIM5-1212S SIM5-1215S SIM5-1212D SIM5-1215D SIM5-2405S SIM5-2412S SIM5-2415S SIM5-2412D SIM5-2415D SIM5-4805S SIM5-4812S SIM5-4815S SIM5-4812D SIM5-4815D
-12/125 -15/100
MEMO:
-12/125 -15/100
-12/125 -15/100
-12/125 -15/100
Andere Typen und Spannungen auf Anfrage * Other models and configurations on request.
PIN-Belegung und Zeichnung / Pin Assignments & Drawing, mm (inch)
Toleranzen ...,x = 0,5 mm Tolerances ...,xx = 0,20 mm
Pin 1 2 3 10 11 12 13 14 15 22 23 24
Pin Connection Single Output +V Input No Pin No Pin -V Output +V Output -V Input -V Input +V Output -V Output No Pin No Pin +V Input
Dual Output +V Input -V Output Common Common +V Output -V Input -V Input +V Output Common Common -V Output +V Input
HN Electronic Components GmbH * Birkenweiherstr. 16 * D-63505 Langenselbold Tel. (06184) 92780 * Fax (06184) 62316 * http://www.hn-electronic.de
Technische Anderungen vorbehalten. Technical specifications are subject to change without notice.
2


▲Up To Search▲   

 
Price & Availability of SIM5-1212S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X