Part Number Hot Search : 
EN3582 T74LS EXB18V US104S RP0009 FN3079 NCV427 OMH3150S
Product Description
Full Text Search
 

To Download RZ-1205S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

1kVDC Isolation SMD Package Styles 5V, 12V and 15V Output UL94V-0 Package Material No Heatsink Required No Extern. Components Toroidal Magnetics Efficiency to 62%
ECONOLINE
DC/DC-Converter
RZ Series
Selection Guide
Part Number SMD RZ-xx05S RZ-xx12S RZ-xx15S xx = Input Voltage Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 5 12 15 Output Current (mA) 100 42 33 Efficiency (%) 50 60 62
0.5 Watt SMD Isolated Single Output
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Reflow Temperature (for more details see Application Notes) Relative Humidity Package Weight MTBF (+25C) (+70C) 14 ROHS compliant MSL Level 1 using MIL-HDBK 217F using MIL-HDBK 217F (tested for 1 second) (long term isolation) 5% 5% 1% max. 1% max. 100mVp-p max. 50kHz min. / 100kHz typ. / 105kHz max. 50% min. / 60% typ. 127mW min. / 155mW typ. / 194mW max. 1.000VDC min. see Application Notes 25pF min. / 75pF max. 10 G min. 1 Second -40C to +70C (see Graph) -55C to +125C 245C (30 sec) max. 95% RH 1.9g
Detailed Information see Application Notes chapter "MTBF"
Derating-Graph
(Ambient Temperature)
100 80
Output Power (%)
60 40 20 0
Safe Operating Area
-40
0
50
70
85 100
150
Operating Temperature C
}
1632 x 10 hours
3
156 x 103 hours www.recom-international.com
26-October-2005
ECONOLINE
DC/DC-Converter
Typical Characteristics
RZ Series
RZ-xx05S
Efficiency / Load
100 80 60 40 100
RZ-xx12S
Efficiency / Load
100 80 60 40
RZ-xx15S
Efficiency / Load
80 60
0505 1205 2405 Efficiency %
2412
0515
Efficiency %
20 0
20 0
Efficiency %
0512 1212
0% 20% 40% 60% Total Output current (%) 80% 100%
40 20 0
1215 2415
0% 20% 40% 60% 80% 100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Package Style and Pinning (mm)
3rd angle projection
10 PIN SMD Package
15.24 14.70 5.35 1.65 2.54x4 7.30
8.15 7.90 10 7
RECOM RZ-xxxxS xxxx
7.40 9.00 11.10
12
45
Pin Connections Pin # Single -Vin +Vin -Vout -Vout +Vout NC
Recommended Footprint Details
0.55
Bottom View
1 2
12.00 1.20
10
Top View
7
4 5 7
12
45 1.80
2.54
1.20
10
NC= No Connection XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
26-October-2005
15


▲Up To Search▲   

 
Price & Availability of RZ-1205S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X