|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features Regulated Converters 2:1 Wide Range Voltage Input 1kVDC, 2kVDC and 3kVDC Isolation UL94V-0 Package Material Continuous Short Circuit Protection Low Ripple and Noise DIP16 and SMD Versions Available Efficiency to 83% ECONOLINE DC/DC-Converter RW2 Series Capacitive Load max. F 1000 1000 470 220 100 1000 1000 470 220 100 1000 1000 470 220 100 1000 1000 470 220 100 470 470 220 100 47 470 470 100 47 470 470 220 100 47 470 470 220 100 47 220 Selection Guide Part Number DIP16 RW2-053.3S (H2/H3) RW2-0505S (H2/H3) RW2-0509S (H2/H3) RW2-0512S (H2/H3) RW2-0515S (H2/H3) RW2-123.3S (H2/H3) RW2-1205S (H2/H3) RW2-1209S (H2/H3) RW2-1212S (H2/H3) RW2-1215S (H2/H3) RW2-243.3S (H2/H3) RW2-2405S (H2/H3) RW2-2409S (H2/H3) RW2-2412S (H2/H3) RW2-2415S (H2/H3) RW2-483.3S (H2/H3) RW2-4805S (H2/H3) RW2-4809S (H2/H3) RW2-4812S (H2/H3) RW2-4815S (H2/H3) RW2-053.3D (H2/H3) RW2-0505D (H2/H3) RW2-0509D (H2/H3) RW2-0512D (H2/H3) RW2-0515D (H2/H3) RW2-123.3D (H2/H3) RW2-1205D (H2/H3) RW2-1209D (H2/H3) RW2-1212D (H2/H3) RW2-1215D (H2/H3) RW2-243.3D (H2/H3) RW2-2405D (H2/H3) RW2-2409D (H2/H3) RW2-2412D (H2/H3) RW2-2415D (H2/H3) RW2-483.3D (H2/H3) RW2-4805D (H2/H3) RW2-4809D (H2/H3) RW2-4812D (H2/H3) Input Voltage Range (VDC) 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 36 - 72 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 Rated Output Voltage (VDC) 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 Output Current Full Load (mA) 500 400 222 166 134 500 400 222 166 134 500 400 222 166 134 500 400 222 166 134 250 200 111 83 67 250 200 111 83 67 250 200 111 83 67 250 200 111 83 Efficiency typ./nom Vin (%) 68 73 74 75 75 69 75 78 80 80 70 78 81 83 83 73 76 79 81 81 68 73 74 75 75 69 75 78 80 80 70 78 81 83 83 73 78 81 83 2 Watt DIP16 & SMD Single & Dual Output Output Power (%) 100 80 60 40 20 0 Derating-Graph (Ambient Temperature) Safe Operating Area RW2-4815D (H2/H3) 36 - 72 15 67 83 Standard Isolation is 1kVDC. Add suffix /H2 for 2kVDC Isolation, /H3 for 3kVDC Isolation. Add suffix "/SMD" for SMD Package e.g. RW2-0505S/H3/SMD www.recom-international.com 02-April-2007 -40 0 50 85 100 150 Operating Temperature C 1 ECONOLINE DC/DC-Converter Description RW2 Series 2:1 2% typ. 0.5% max. (20% to 100% full load) 0.5% typ. 50mVp-p max. 100kHz min. (tested for 1 second) H2 H3 (long term isolation) 70% min. / 80% typ. 1000VDC min. 2000VDC min. 3000VDC min. see Application Notes 30pF max. 1G min. Continuous -40C to +85C -55C to +125C 95% RH 6.4g 4366 x10 hours 658 x10 hours High power-density, 2:1 input voltage range and a wide temperature range of -40C to +85C are just some of the characteristics of this versatile surface mount converter, ideal for highly sophisticated industrial designs where space is at a premium. Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified) Input Voltage Range Output Accuracy Line Voltage Regulation Load Voltage Regulation Output Ripple and Noise (20MHz limited) Switching Frequency (at full Load) Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) . (+85C) } Detailed Information see Application Notes chapter "MTBF" using MIL-HDBK 217F using MIL-HDBK 217F Package Style and Pinning (mm) 16 Pin DIP Package 9.70 15.24 2.54 0.50 1 78 24.2 4.60 14.50 3rd angle projection 15.80 1.00 dia. 2.54 Pin Connections 2.54 14.50 Bottom View Pin # 1 7 Top View 8 9 10 16 Single -Vin NC NC +Vout -Vout +Vin Dual -Vin NC Com +Vout -Vout +Vin 16 10 9 7 x 2.54 Recommended Footprint Details 16 Pin SMD Package 10.20 24.2 9.70 2.54 Pin area 0.1 x 0.50 1 14.50 NC = No Connection XX.X 0.5 mm XX.XX 0.35 mm 18.55 0.50 78 2.54 1.54 2.03 16.0 Bottom View 16 10 9 19.27 17.24 1 Top View 7 x 2.54 17.78 2 02-April-2007 www.recom-international.com |
Price & Availability of RW2-0533DH3 |