Part Number Hot Search : 
BFP67 DFP85N06 IRM048U BA5104A KTY84 AN6656 NJW1141M XC2VPX20
Product Description
Full Text Search
 

To Download RUZ-053333P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters

Dual Output from a Single Input Rail Input/Output Isolation 1kVDC Output/Output Isolation 1kVDC Power Sharing on Outputs UL94V-0 Package Material Optional Continuous Short Circuit Protected No External Components Required Efficiency to 85%
ECONOLINE
DC/DC-Converter
RUZ Series
2 Watt SIP7 Isolated Dual Output
Selection Guide
Part Number SIP 7 RUZ-xx3.33.3 RUZ-xx0505 RUZ-xx0509 RUZ-xx0512 RUZ-xx0515 RUZ-xx0909 RUZ-xx1212 RUZ-xx1515 Input Voltage (VDC) 5, 9, 12, 24 5, 9, 12, 24 5, 9, 12, 24 5, 9, 12, 24 5, 9, 12, 24 5, 9, 12, 24 5, 9, 12, 24 5, 9, 12, 24 Output Voltage (V1VDC) 3.3 5 5 5 5 9 12 15 Output Voltage (V2VDC) 3.3 5 9 12 15 9 12 15 Output Current (mA) 303/303 200/200 200/111 200/84 200/66 111/111 84/84 66/66 Efficiency (%) 70 70-82 70-82 70-82 70-82 82-84 82-84 82-84 80-85
RUZ-xx2424 5, 9, 12, 24 24 24 42/42 xx = Input Voltage * add Suffix "P" for Continuous Short Circuit Protection, e.g. RUZ-050505S/P
Specifications (Core Operating Area)
nput Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) (+85C)
1) 1) 1)
10% 5% 1.2%/1% of Vin typ. .3V output types 5V output type 9V, 12V, 15V, 24V output types 20% max. 15% max. 10% max. 150mVp-p max. 35kHz min. / 50kHz typ. / 85kHz max. 70% min. / 80% typ. 163mW min. / 223mW typ. / 350mW max. (tested for 1 second) (long term isolation) 1000VDC min. see Application Notes 40pF min. / 120pF max. 10 G min.
Output Power (%)
100 80 60 40 20 0 -40 0 50 100 150
Derating-Graph
(Ambient Temperature)
1 Second Continuous -40C to +85C (see Graph) -55C to +125C 95% RH 2.8g using MIL-HDBK 217F using MIL-HDBK 217F 988 x 103 hours 135 x 103 hours
Safe Operating Area
85 Operating Temperature C
}
Detailed Information see Application Notes chapter "MTBF"
Input/Output and Output V1/Output V2
www.recom-international.com
July-2006
85
ECONOLINE
DC/DC-Converter
Typical Characteristics
RUZ Series
RUZ-xx0909
Efficiency / Load
100
RUZ-xx0505
Efficiency / Load
100 80 60 40
050505
050909
80 60
240505 120505 Efficiency %
40 20 0
120909 240909
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
050505
240505
15.000 10.000 5.000 0.000 -5.000 -10.000
120909
050909
120505
240909
0% 20% 40% 60% Total Output current (%) 80% 100%
0% 20% 40% 60% Total Output current (%)
80%
100%
RUZ-xx1212
Efficiency / Load
100 80 60 40
RUZ-xx1515
Efficiency / Load
100
241212
051515
80 60
121212 Efficiency % 051212
40 20 0
121515 241515
Efficiency %
20 0
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
051212
121212
15.000 10.000 5.000 0.000 -5.000 -10.000
051515
241515
241212
0% 20% 40% 60% Total Output current (%) 80% 100%
121515
0% 20% 40% 60% Total Output current (%)
80%
100%
86
July-2006
www.recom-international.com
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RUZ Series
3rd angle projection
7 PIN SIP Package
7.05 10.20
RECOM RUZ-xxxxD ****
Dual Output RECOM RUZ-xxxxD **** 12 45 6 7
0.51 typ.
4.10
0.51 typ.
Recommended Footprint Details
19.65 1.27 2.0
Bottom View
Pin Connections Pin # 1 2 4 5 Single +Vin -Vin +Vout 1 -Vout 1 +Vout 2 -Vout 2
0.25
1.00 o+0.15/0 2.54
5 x 2.54
2.54
Top View
6 7
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
July-2006
87


▲Up To Search▲   

 
Price & Availability of RUZ-053333P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X