Part Number Hot Search : 
SR30150 DTA115UE DR3103 OVLFG3C7 MO356C SG330 MO356C LB1689
Product Description
Full Text Search
 

To Download RP60-2433SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

60 Watts Regulated Output Power 2:1 Wide Input Voltage Range 1.6kVDC Isolation (Basic Insulation) Overload and Over Temperature Protection Six-Sided Shield No Derating to 40C Standard 2" x2" Package and Pinning Efficiency to 90%
POWERLINE
DC/DC-Converter
RP60SG Series
60 Watt 2" x 2" Single Output
Selection Guide 24V and 48V Wide Input Types
Part Number Input Range VDC 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 Output Current mA 14000 12000 5000 4000 14000 12000 5000 4000 Input (5,4) Current mA 100/2264 130/2941 150/2907 150/2907 80/1132 90/1453 100/1453 100/1453 Efficiency(5) Capacitive(6) Load max. % F 89 90 90 90 89 90 90 90 36000 20400 3550 2300 36000 20400 3550 2300
RP60-243.3SG RP60-2405SG RP60-2412SG RP60-2415SG RP60-483.3SG RP60-4805SG RP60-4812SG RP60-4815SG
* no suffix for CTRL function with Positive Logic (1=ON, 0=OFF), this is standard * add /N for CTRL function with Negative Logic (0=ON, 1=OFF)
Derating Graph (Ambient Temperature)
125 100 75 Output Power (%) 50
1=75Vin, 2=36Vin 12
RP60-4805SG
Natural Convection 25
0 -40 -25 -10 0 30 60 70 80 90 100 110 40 Ambient Temperature Range (C)
Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
www.recom-international.com January-2007 1
POWERLINE
DC/DC-Converter
Derating Graph (Ambient Temperature)
RP60-SG Series
RP60-4805SG
125 100 75 Output Power (%) 50 25
1=Natural Convection, 2=200LFM, 3=300LFM, 4=400LFM, 5=500LFM 1 2 3 45
Natural Convection
50 60 70 80 90 100 110 40 Ambient Temperature Range (C)
0 -40 -25 -10 0
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range Undervoltage Protection Input Filter Input Voltage Variation dv/dt Input Surge Voltage (100 ms max.) (Complies with ETS300 132 part 4.4) 24V Input 48V Input Input Reflected Ripple (nominal Vin and full load)(see Note 3) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see Note 7) Positive logic - Standard Negative logic - /N Option Remote Pin Drive Current Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin) DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Nominal Vin Nominal Vin 24V nominal input 48V nominal input 24V Input 48V Input 18-36VDC 36-75VDC DC-DC ON = 17VDC, DC-DC OFF = 15VDC DC-DC ON = 34VDC, DC-DC OFF = 32VDC Pi Type 5V/ms max 50VDC 100VDC 20mAp-p 20ms max. Open or 3V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3V < Vr < 12V -0.5 -1.0mA 4mA 60W max. 1% continued on next page
2
January-2007
www.recom-international.com
POWERLINE
DC/DC-Converter
Voltage Adjustability (see Note 1) Line Regulation Load Regulation (see Note 3) Temperature Coefficient Ripple and Noise (20MHz bandwith) Transient Response (25% load step change) Over Voltage Protection Zener diode clamp (only single) 3.3 Vout 5 Vout 12 Vout 15 Vout Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Designed to meet Safety Standards Operating Temperature Range Maximum Case Temperature Storage Temperature Range Over Temperature Protection Thermal Impedance (see Note 11) Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions (see Notes 9, 10) Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see Note 2) Bellcore TR-NWT-00332 MIL-STD-217F EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 LL to HL at Full Load 0% to 100% Load 3.3,5V 12,15V
RP60-SG Series
10% 0.2% 0.5% 0.02%/C max. 75mVp-p 100mVp-p 250s 3.7-5.4V 5.6-7.0V 13.7-17.5V 16.8-20.5V 150% max. Hiccup, automatic recovery see Selection Guide" table 1600VDC min. 1 G min. 1500pF max. 300kHz typ. IEC60950-1, UL60950-1, EN60950-1 -40C to +40C(without derating) +55C to +110C(with derating) 110C -55C to +125C 120C typ. 10.5C/Watt 8.4C/Watt MIL-STD-810D 10-55Hz, 10G, 30 Min. along X, Y and Z 5% to 95% RH Nickel plated copper Non-conductive black plastic FR4 Epoxy (UL94-V0) Class A Class A Perf. Criteria B Perf. Criteria A Perf. Criteria B Perf. Criteria B Perf. Criteria A 60g 50.8 x 50.8 x 10.2mm 1093 x 103 hours 1096 x 103 hours
Specifications, cont. (typical at nominal input and 25C unless otherwise noted)
Without Heat-Sink With Heat-Sink
www.recom-international.com
January-2007
3
POWERLINE
DC/DC-Converter
Notes :
RP60-SG Series
1. Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +sense should be connected to its corresponding +OUTPUT and likewise the -sense should be connected to its corresponding -OUTPUT. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. No minimum loading on the output is required to maintain specified regulation. Operation under no-load condition will not damage these devices 4. Maximum value at nominal input voltage and full load. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistive load. 7. The ON/OFF control pin voltage is referenced to the negative input (-Vin). To order negative logic ON/OFF control add the suffix-N (Ex: RP60-4805SG-N). 8. Heat sink is optional and P/N: 7G-0026A. 9. The RP60-SG series meets EN55022 Class A with an external capacitor across the input pins (24Vin:6.8F/50V MLCC, 48Vin:2x2,2F/100V MLCC) 1o. See also application notes for EMI-filtering. 11.Vertical orientation and natural convection.
Package Style and Pinning (mm)
3rd angle projection
50.8 10.20 dia. 1.0
50.8
0.70 5.6
Pin Connections
45.70
4
5.10 15.30 27.9
1 2
2.5 5.10 7.6 15.20 20.30
Pin # 1 2 3 4 5 6 7 8
Single +Vin -Vin CTRL -SENSE (Note 1) +SENSE(Note 1) +Vout -Vout TRIM
Pin Pitch Tolerance 0.35 mm
Bottom View
5 6 7 8
3
4
January 2007
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RP60-2433SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X