Part Number Hot Search : 
NJM2181M ON1342 OP727ARU 005036 TA0530A 1040C S251D 10U2P
Product Description
Full Text Search
 

To Download RP12-2433SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

2:1 Wide Input Voltage Range 12 Watts Output Power 1.6kVDC Isolation Over Current Protection Five-Sided Continuous Shield Standard DIP24 and SMD-Pinning Efficiency to 88%
POWERLINE
DC/DC-Converter
RP12S_DA Series
12 Watt DIP24, Single & Dual Output
Selection Guide 5V, 12V, 24V and 48V Input Types
Part Number DIP24 (SMD) RP12-122.5SA RP12-123.3SA RP12-1205SA RP12-1212SA RP12-1215SA RP12-242.5SA RP12-243.3SA RP12-2405SA RP12-2412SA RP12-2415SA RP12-482.5SA RP12-483.3SA RP12-4805SA RP12-4812SA RP12-4815SA RP12-1205DA RP12-1212DA RP12-1215DA RP12-2405DA RP12-2412DA RP12-2415DA RP12-4805DA RP12-4812DA RP12-4815DA Input Range VDC 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage VDC 2.5 3.3 5 12 15 2.5 3.3 5 12 15 2.5 3.3 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 3500 3500 2400 1000 800 3500 3500 2400 1000 800 3500 3500 2400 1000 800 1200 500 400 1200 500 400 1200 500 400 Input (4) Current mA 1687 1646 1606 1606 1606 843 823 803 803 803 422 411 401 401 401 1687 1626 1626 843 813 813 422 406 406 Efficiency(5) % 82 84 86 86 86 83 85 87 87 87 83 85 87 87 87 82 87 87 83 88 88 83 88 88 Capacitive(6) Load max. F 2000 2000 2000 430 300 2000 2000 2000 430 300 2000 2000 2000 430 300 1250 200 120 1250 200 120 1250 200 120
216
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP12-S_DA Series
RP12-4805SA
125 100 75 Output Power (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100
Derating-Graph (Ambient Temperature)
Natural Convection
Ambient Temperature Range (C) 63
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input 12V Input DC-DC ON DC-DC OFF 24V Input DC-DC ON DC-DC OFF 48V Input DC-DC ON DC-DC OFF 9-18VDC 18-36VDC 36-75VDC 9VDC 8VDC 18VDC 16VDC 36VDC 33VDC Pi Type (Complies with ETS300 132 part 4.4) 12V Input 24V Input 48V Input 5V/ms max. 36VDC 50VDC 100VDC 20mAp-p 600ms typ. DC-DC ON DC-DC OFF Nominal input Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V 2.5mA 12W max. 1.2% 10% of FL continued on next page
Under Voltage Lockout
Input Filter Input Voltage Variation dv/dt Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 8) Remote OFF input curren Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1)
www.recom-international.com
April-2005
217
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Line Regulation (LL-HL at full load) Single Dual Load Regulation (25% to 100% FL) Single Dual (only 2.5Vout)
RP12-S_DA Series
0.2% 0.5% 0.5% 1% 1.5% 5% 85mVp-p 0.02%/C, max. 300S 2.5V 3.3V 5V 12V 15V 3.9V 3.9V 6.2V 15V 18V 150% typ Continuous, automatic recovery see Selection Guide" table In to out I/O to case 1.600VDC min. 1.600VDC min. 109 min. 1200pF max. 400kHz typ. -40C to +85C(with derating) +100C -55C to +105C Natural convection 20C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Class A Class A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 18g 31.8 x 20.3 x 10.2mm 2.750 x 106 Hours
Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp (only single)
Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2)
218
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Notes :
RP12-S_DA Series
1. The RP12 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control pin voltage is referenced to negative input. 8. See application notes for EMI-filtering.
Package Style and Pinning (mm)
DIP24 Package Style
3rd angle projection
31.80
20.30
10.20 3.8 2 20.30 5.10 15.20
Pin Connections Pin # Single 1 ON/OFF 2 -Vin 3 -Vin 9 NC 11 NC 14 +Vout 16 -Vout 22 +Vin 23 +Vin NC = No Connection Dual ON/OFF -Vin -Vin Com -Vout +Vout Com +Vin +Vin
0.25 x 0.50 Rectangular Pin 123 Bottom View 23 22 16 14 9 11
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
April-2005
219


▲Up To Search▲   

 
Price & Availability of RP12-2433SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X