Part Number Hot Search : 
MBR20150 EC4A15 74ALS 10700 CT138 N4948 0805C M54HCT08
Product Description
Full Text Search
 

To Download RP100-482505DI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Single Output up to 25A Dual Outputs Total Power up to 100W Input/Output 1.6kVDC Isolation Adjustable Output Voltage Under-Voltage Lockout No Minimum Load Industry Standard Footprint Fixed Operating Frequency Halt Tested Compact 61.0 x 57.91 x 12.7mm Package High Efficiency to 90%
INNOLINE
DC/DC-Converter
RP100-S_DI Series
Selection Guide
Part Number Input Voltage (VDC) 36 - 75 36 - 75 36 - 75 36 - 75 36 - 75 Input Voltage (VDC) 36 - 75 36 - 75 36 - 75 Output Voltage (VDC) 1.8 2.5 3.3 5 15 Output Voltage V1 / V2 (VDC) 5 / 3.3 5 / 2.5 3.3 / 2.5 Output Current (A) 25 25 25 20 6.66 Output Current I1 / I2 (A) 20 / 25 20 / 25 25 / 25 Line Load Regulation Regulation (mV) (mV) 4 5 7 10 30 Line Regulation V1 / V2 (mV) 25 / 16.5 25 / 12.5 16.5 / 12.5 6 8 10 15 45 Load Regulation V1 / V2 (mV) 25 / 16.5 25 / 12.5 16.5 / 12.5 Input Efficiency (9) Current(8) (A) % 1.157 1.608 2.022 2.480 2.507 86 87 90 90 90
Single Output
RP100-481.8S RP100-482.5S RP100-483.3S RP100-4805S RP100-4815S Part Number
100 Watt Isolated Single & Dual Output
Input Efficiency Current(8) (9) (A) 2.39 2.45 2.44 % 87 85 85
Dual Output
RP100-483.305DI RP100-482.505DI RP100-482.53.3DI
Notes:
1. Maximum output deviation is 10% inclusive of remote sense. If remote sense is not being used, the +Vsense should be connected to its corresponding +Vout and likewise the -Vsense should be connected to its corresponding -Vout. 2. Single: Measured with a 1uF M/C and a 10uF T/C. Dual: For each outputs. 3. An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V models. RECOM suggest: Nippon chemi-con KMF series, 220F/100V, ESR 90m. 4. Single: The negative / positive logic and length are optional ( see table ). The pin voltage is referenced to negative input. Dual: The ON/OFF control function. There are positive logic ( standard ) and negative logic ( option ). The pin voltage is referenced to negative input. To order negative logic ON/OFF control add the suffix-N. ( Ex:RP100-483.305I/N ) 5. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. ( Ground fixed and controlled environment ) 6. Heat sink is optional and P/N: 7G-0021, 7G-0022, 7G-0023, 7G-0024. 7. The RP100 meets level A and level B conducted emissions only with external components connected before the input pin to the converter. 8. Maximum value at nominal input voltage and full load. 9. Typical value at nominal input voltage and full load. The dual efficiency test condition: RP100-483.305DI @ 5V/12A and 3.3V/12A RP100-482.505DI @ 5V/12A and 2.5V/16A RP100-482.53.3DI @ 3.3V/18A and 2.5V/16A 10. BASEPLATE GROUNDING: Base-plate should be grounded at one of four screw bolts prior to operation. 11. The converter is provided by basic insulation. N 12. "N" for Negative remote ON/OFF. P 13. "P" for Positive remote ON/OFF.
www.recom-international.com
April-2005
149
INNOLINE
DC/DC-Converter
Specifications (refer to the standard application circuit, Ta: 25C)
Input Voltage Range Over-Voltage Lockout Start-up Voltage Over-Voltage Lockout Shuntdown Voltage Unde-Voltage Lockout Start-up Voltage Unde-Voltage Lockout Shuntdown Voltage Input Filter (Note 3) Input voltage variation Input Surge Voltage 100mS max Start up time Input Reflected-Ripple Current (5Hz to 20Hz, 12uH Source inpedance) Remote ON/OFF (Note 4) Single (Positive logic) Single (Negative logic) Dual (Positive logic) Dual (Negative logic) Continuous Output Power Output Voltage Accuracy (Full load and nominal Vin) Output Voltage Adjustment (Note 1) Minimum Load Line Regulation Load Regulation LL to HL at FL Single 0% to 100% FL Dual 0% to 100% FL Dual for each Outputs 36-75VDC Dual Dual Single Dual Single Dual dv/dt Single
RP100-S_DI Series
48V nom. 76.5V typ. 78.5V typ. 34V typ. 35V typ. 32V typ. 33V typ. L-C type 5V/ms max (Complies with ETS300 132 part4.4) 100VDC 25mS typ. 20mAp-p
Nominal Vin and constant resistive load Single Single
ON=Open or 3.5V < Vr < 15V, OFF=Short or 0V < Vr < 1.2V, ON=Short or 0V < Vr < 1.2V, OFF=Open or 3.5V < Vr < 15V, ON=Open or 3.5V < Vr < +Vin, OFF=Short or Vr < 1.2V, ON=Short or 3.5V < Vr < +Vin, OFF=Open or Vr < 1.2V. Single Dual Single Dual
IIN=50A max. IIN=1mA max. IIN=1mA max. IIN=50A max.
100W max. 1.5% 1.0% +10%, -20% 10% 0% See table See table 10% of Vout 100mVp-p 0.02%/C 200us 115% ~ 130% of Vout 3.0V 3.9V 6.2V 110% ~ 140% of Iout Rated Hiccup, Automatic recovery up to 90% Continued next page
Remote Sense (Note 1) Ripple and Noise 20MHz bandwidth (Note 2) Temperature Coefficient Transient Response Recovery Time (25% load step change) Over Voltage Protection threshold (Hiccup) Single & Dual 2.5V 3.3V 5V Over Current Protection threshold Short Circuit Protection Efficiency (at nominal input voltage, full load)
150
April-2005
www.recom-international.com
INNOLINE
DC/DC-Converter
Specifications (refer to the standard application circuit, Ta: 25C)
Isolation Voltage Input to Output Input to Case Output to Case Single Dual Single Dual
RP100-S_DI Series
1.600VDC min. 1.000VDC min. 1.000VDC min. 7 10 ohms min. 9 10 ohms min 2.500pF max. 1.500pF max. 300KHz typ. Single Dual for Base-plate -40C to +100C 110C 105C -55C to +125C 95% MIL-STD-810D 10 ~ 55Hz 2G, 3minutes period, 30minutes analog EN55022 (Note 7) EN55022 (Note 7) EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Dual X, Y and Z Level A Level B Level A Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Non-conductive black plastic Aluminum base-plate Dual Single Dual Single Silicon (UL94-V0) 55g 105g 6 2 x 10 hrs 6 1.004 x 10 hrs
Isolation Resistance Isolation Capacitance Operating Frequency Operating Base-plate Temperature Range ( Note 6 ) Over Temperature Protection Storage Temperature Range Humidity max., Non-condensing Thermal Shock Vibration Conducted Emissions Radiated Emisssions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Case Material Base material Potting material Weight MTBF ( Note 6 )
www.recom-international.com
April-2005
151
INNOLINE
DC/DC-Converter
Characteristics
RP100-S_DI Series
Efficiency vs Output Load
100 90 80
Efficiency (%)
70 60 50 10 20 30 40 50 60 70 80 90 100
Output Power (%) Ta=25C
48V Input Without Heatsink
110 90 70 1.) LFM590 2.) LFM400 3.) LFM200 4.) LFM20
Output Power (%)
50 30 10 -40 -20 0 20 40 60
1 2 34
80
100
Ambient Temperature (C)
48V Input With Heatsink (7G-0022)
110 90 70 1.) LFM590 2.) LFM400 3.) LFM200 4.) LFM20
Output Power (%)
50 30 10 -40 -20 0 20 40 60
1 2 34
80
100
Ambient Temperature (C)
152
April-2005
www.recom-international.com
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RP100-S_DI Series
3rd angle projection
Single Output
57.91 60.96
12.70 5.08 48.26
Side View
50.80
4xM3 x 0.5 ( Note 10)
Pin Connections Pin # Function 1 -Vin 2 Case 3 Remote ON/OFF 4 +Vin 5 -Vout 6 -Vsense 7 Trim 8 +Vsense 9 +Vout XX.X 0.5 mm XX.XX 0.25 mm Pin pitch tolerance 0.35mm Pin O 1.016 mm 1.016 mm 1.016 mm 1.016 mm 2.032 mm 1.016 mm 1.016 mm 1.016 mm 2.032 mm
1 2 35.56 15.24 3 4
5 6 7 8 9 17.78 10.16 25.40
Bottom View
External Output Trimming
Output can be externally trimmed by using the method shown below. See application notes for values.
Product Options Table
Option
Negative remote ON/OFF logic, 0.20" pin length (standard) Negative remote ON/OFF logic, 0.145" pin length Negative remote ON/OFF logic, 0.11" pin length L K P S M
Suffix
7
Trim Up RU
6
Trim Down RD
Positive remote ON/OFF logic, 0.20" pin length Positive remote ON/OFF logic, 0.145" pin length Positive remote ON/OFF logic, 0.11" pin length
8
7
Example: RP100-483.3S/P
www.recom-international.com April-2005 153
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RP100-S_DI Series
3rd angle projection
Dual Output
57.91 5.08 60.96
12.70
Side View
48.26
50.80
4xM3 x 0.5 ( Note 10)
Pin Connections
1 35.56 15.24 3 4 2
5 6
Bottom View
7 8 9 10
25.40 10.16 40.64
Pin # Function 1 -Vin 2 Case 3 Remote ON/OFF 4 +Vin 5 +V2 6 -V2 (Com) 7 V2 Trim 8 +V1 9 +V1 (Com) 10 V1 Trim XX.X 0.5 mm XX.XX 0.25 mm Pin pitch tolerance 0.35mm
Pin O 1.016 mm 1.016 mm 1.016 mm 1.016 mm 2.032 mm 2.032 mm 1.016 mm 2.032 mm 2.032 mm 1.016 mm
External Output Trimming
Output can be externally trimmed by using the method shown below. See application notes for values. ( ) for V2 output trim
Product Options Table
Option
Negative remote ON/OFF logic, 0.20" pin length (standard) Negative remote ON/OFF logic, 0.145" pin length Negative remote ON/OFF logic, 0.11" pin length Positive remote ON/OFF logic, 0.20" pin length L K P S M
Suffix
9(6)
Trim Up RU
10(7)
Trim Down RD
Positive remote ON/OFF logic, 0.145" pin length Positive remote ON/OFF logic, 0.11" pin length
10(7)
8(5)
Example: RP100-483.305I/N
April-2005 www.recom-international.com
154


▲Up To Search▲   

 
Price & Availability of RP100-482505DI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X