Part Number Hot Search : 
C276KHN CD6322C FZTA14 UM7101 VT1060 XF4664S2 CEM3120 STTA3006
Product Description
Full Text Search
 

To Download RKZ-0933DHP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters

Safety standards and approvals: EN 60950, EN 60601 certified, rated for 250VAC Custom Solutions Available 3kVDC & 4kVDC Isolation UL94V-0 Package Material Optional Continuous Short Circuit Protected Efficiency to 84%
ECONOLINE
DC/DC-Converter
RKZ Series
2 Watt SIP7 Single & Dual Output
Selection Guide
Part Number SIP7 RKZ-xx05S RKZ-xx09S RKZ-xx12S RKZ-xx15S RKZ-xx24S RKZ-xx05D RKZ-xx09D RKZ-xx12D RKZ-xx15D 4kV (H) (H) (H) (H) (H) (H) (H) (H) (H) RKZ-xx3.3S (H) Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 9 12 15 24 3.3 5 9 12 15 Output Current (mA) 606 400 222 168 132 83 303 200 111 84 66 Efficiency (%) 70 82-84 78-84 82-84 82-84 82-84 70-82 70-82 82-84 82-84 82-84 82-84
RKZ-xx3.3D (H)
RKZ-xx24D (H) 5, 9, 12, 15, 24 24 42 xx = Input Voltage P * add Suffix "P" for Continuous Short Circuit Protection, e.g. RKZ-0524D/P, e.g. RKZ-0524D/HP has 4kV Isolation and is Short Circuit Protected.
EN-60950-1 Certified EN-60601-1 Certified
Description
The RKZ Series of DC/DC Converters are fully certified to EN 60950-1. This makes them ideal for all Telecom and safety applications where approved isolation is required. EN 60950 is derived from IEC 950 and is equivalent to UL 1950 and CSA 950 standards.
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air convection) H-Suffix H-Suffix (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) 3.3V output types 5V output type 12V, 15V, 24V output types 10% 5% 1.2%/1% of Vin typ. 20% max. 15% max. 10% max. 150mVp-p max. 35kHz min. / 50kHz typ. / 85kHz max. 70% min. / 80% typ. 134mW min. / 212mW typ. / 350mW max.
Output Power (%)
100 80 60 40 20 0 -40 0 50 100 150
Derating-Graph
(Ambient Temperature)
3000VDC min. see Application Notes 4000VDC min. see Application Notes 30pF min. / 110pF max. 15 G min. 1 Second Continuous -40C to +85C (see Graph) continued on next page
Safe Operating Area
85 Operating Temperature C
82
July-2006
www.recom-international.com
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) (+85C) -55C to +125C 95% RH 2.8g
Detailed Information see Application Notes chapter "MTBF"
RKZ Series
using MIL-HDBK 217F using MIL-HDBK 217F 988 x 103 hours 135 x 103 hours
}
Typical Characteristics
RKZ-xx05S
Efficiency / Load
100 80 60 40
RKZ-xx09S
Efficiency / Load
100 80 60 100
RKZ-xx12S
Efficiency / Load
80 60
0505
2405
0509
2412
1205 Efficiency %
40 20 0
1209 Efficiency % 2409
Efficiency %
40 20 0
1212 0512
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
1205
2405
15.000 10.000 5.000 0.000 -5.000 -10.000
2409
0509
15.000 10.000 5.000 0.000 -5.000 -10.000
2412
1212
0505
1209
0512
0% 20% 40% 60% Total Output current (%) 80% 100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
RKZ-xx15S
Efficiency / Load
100 80 60 40
RKZ-xx05D
Efficiency / Load
100 80 60 40 100
RKZ-xx09D
Efficiency / Load 0509
80 60 40
1215
0515
0505
2405 Efficiency % 1205
1209 2409
Efficiency %
20 0
2415
Efficiency %
20 0
20 0
0%
20%
40%
60%
80%
100%
Total Output current (%)
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
2415
0515
0505
2405
15.000 10.000 5.000 0.000 -5.000 -10.000
1209
0509
1215
1205
2409
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
www.recom-international.com
July-2006
83
ECONOLINE
DC/DC-Converter
Typical Characteristics
RKZ Series
RKZ-xx15D
Efficiency / Load
100
RKZ-xx12D
Efficiency / Load
100 80 60 40
2412
0515
80 60
1212 Efficiency % 0512
40 20 0
1215 2415
Efficiency %
20 0
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
0512
1212
15.000 10.000 5.000 0.000 -5.000 -10.000
0515
2415
2412
0% 20% 40% 60% Total Output current (%) 80% 100%
1215
0% 20% 40% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm)
3rd angle projection
7 PIN SIP Package
7.05 10.20
RECOM RKZ-xxxxD ****
Dual Output RECOM RKZ-xxxxD ****
Single Output RECOM RKZ-xxxxS ****
0.51 typ.
4.10
0.51 typ.
12
567
12
5
7
Recommended Footprint Details
19.65 1.27 2.0
Bottom View
Pin Connections Pin # 1 2 5 6 7 Single +Vin -Vin -Vout No Pin +Vout Dual +Vin -Vin -Vout Com +Vout
0.25
1.00 o+0.15/0 2.54
5 x 2.54
2.54
Top View
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
84
July-2006
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RKZ-0933DHP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X